Part Number Hot Search : 
ZTB506E KA75420Z 85042 JHD162 5KP78 LM290 LM258 ASPDF5T0
Product Description
Full Text Search
 

To Download IRAE500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SENSORS PYROELECTRIC INFRARED SENSORS IRA SERIES
Our pyroelectric infrared sensors exhibit high sensitivity and reliable performance made possible by Murata's ceramic technology.
APPLICATIONS
I I I I I I I I Burglar alarms Human detection devices Switches Lighting appliances Household appliances Toys Measure temperature Flame detection
FEATURES
I Precisely detects infrared emissions from the human body I Designed to prevent malfunction due to external light I E710 and 910 with immunity to RFI I New gold plated pins
DIMENSIONS: mm
IRA-E500SZ0/IRA-E500ST0/ IRA-E800STO
Window 5 3.6 5.5 0.45 11.0 0.45 4 8.2 9.2
IRA-E700ST0/IRA-E710ST0
4.7
2
IRA-E900ST1/IRA-E910ST1
4.7
2
IRA-E410
2
9.2 9.2
1 1
3.7 9.1
1
3.6
4.7 11.0 0.45
3.6
4.7 11.0 0.45
3.6
4.9 11.0
5. 0
* *
0 5.
5
08 5.
*
*
d
s g*
d
s g
d
s g
d
s g*
SPECIFICATIONS
IRA Family
E400
Part Number
IRA-E410QW1 IRA-E410ST1 IRA-E410S1 IRA-E500SZ0 IRA-E500ST0 IRA-E700ST0 IRA-E710ST0 IRA-E800ST0 IRA-E900ST1 IRA-E910ST1
Element Type
Optical Wavelength Range
4.3 m band pass 5 ~ 20 m high pass 1 ~ 20 m 7 ~ 14 m 5 ~ 14 m long pass 5m
Field of View
Operating Temperature Range
Applications
Flame detection Burglar alarms, light controls Temperature measurement Security, with RFI immunity, lighting appliances, toys Burglar alarms, appliances, Burglar alarms with RFI immunity Automatic light control Burglar alarms, light control appliances with RFI immunity
Single
17 x 17 -25 ~ +55C 57 x 57 45 x 45 40 x 40 41 x 41 -40 ~ +70C -40 ~ +70C -25 ~ +55C
E500 E700 E800 E900
Dual
Quad
5 ~ 14 m
DIAGRAM
DUAL SENSOR- E500
d
IRA-E710ST0
d
IRA-E910ST1
d s
s Rg g Rg
s Rg g g
PART NUMBERING SYSTEM
IRA
SERIES
-
E
S
FAMILY 710 and 910 families with RF immunity TYPE
For more detailed information regarding this product line in North America, contact us. To receive additional information on Murata Products call 1-800-831-9172.
578
CG01-J


▲Up To Search▲   

 
Price & Availability of IRAE500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X