Part Number Hot Search : 
01M16 D7840 20N6T P11NK50 S4F42Z1 00145 TP17LT 090327
Product Description
Full Text Search
 

To Download IL255-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IL255
Vishay Semiconductors
Optocoupler, Phototransistor Output, AC Input, With Base Connection
Features
* * * * * * * AC or Polarity Insensitive Inputs Continuous Forward Current, 130 mA Built-in Reverse Polarity Input Protection Improved CTR Symmetry Industry Standard DIP Package Lead-free component Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
i179010
A/C 1 C/A 2 NC 3
6B 5C 4E
e3
Pb
Pb-free
Agency Approvals
* UL1577, File No. E52744 System Code H or J, Double Protection * DIN EN 60747-5-2 (VDE0884) DIN EN 60747-5-5 pending Available with Option 1 * BSI IEC60950 IEC60065
This optocoupler is ideal for applications requiring AC signal detection and monitoring.
Order Information
Part IL255 IL255-1 IL255-2 IL255-X007 IL255-X009 Remarks CTR > 20 %, DIP-6 CTR 20 - 80 %, DIP-6 CTR > 50 %, DIP-6 CTR > 20 %, SMD-6 (option 7) CTR > 20 %, SMD-6 (option 9)
Applications
Telecommunications Ring Detection Loop Current Detector
For additional information on the available options refer to Option Information.
Description
The IL255 is a bidirectional input optically coupled isolator consisting of two high current GaAs infrared LEDs coupled to a silicon NPN phototransistor. The IL255 has a minimum CTR of 20 %
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Parameter Peak pulsed current Forward continuous current Power dissipation Derate linearly from 25 C Test condition 1.0 s, 300 pps Symbol IFP IF Pdiss Value 3.0 130 175 2.3 Unit A mA mW mW/C
Document Number 83619 Rev. 1.6, 26-Oct-04
www.vishay.com 1
IL255
Vishay Semiconductors Output
Parameter Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-base breakdown voltage Power dissipation Derate linearly from 25C Test condition Symbol BVCEO BVEBO BVCBO Pdiss Value 30 5.0 70 200 2.6 Unit V V V mW mW/C
Coupler
Parameter Isolation test voltage ( between emitter and detector, refer to standard climate 23 C/50 %RH, DIN 50014) Creepage Clearance Isolation resistance VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C Total dissipation Derate linearly from 25 C Storage temperature Operating temperature Lead soldering time at 260 C Tstg Tamb RIO RIO Ptot Test condition Symbol VISO Value 5300 Unit VRMS
7.0 7.0 1012 1011 250 3.3 - 55 to + 150 - 55 to + 100 10
mm mm mW mW/C C C sec.
Electrical Characteristics
Tamb = 25 C, unless otherwise specified Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Parameter Forward voltage Test condition IF = 100 mA Symbol VF Min Typ. 1.4 Max 1.7 Unit V
Output
Parameter Collector-emitter breakdown voltage Emitter-collector breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter leakage current Test condition IC = 10 mA IE = 10 A IC = 100 A IE = 100 A VCE = 10 V Symbol BVCEO BVECO BVCBO BVEBO ICEO Min 30 7.0 70 7.0 5.0 50 Typ. 50 10 Max Unit V V V V nA
www.vishay.com 2
Document Number 83619 Rev. 1.6, 26-Oct-04
IL255
Vishay Semiconductors Coupler
Parameter Collector-emitter saturation voltage Test condition IF = 10 mA, IC = 0.5 mA IF = 100 mA, IC = 1.0 mA IF = 16 mA, IC = 2.0 mA Part IL255 IL255-1 IL255-2 Symbol VCE(sat) VCE(sat) VCE(sat) 0.1 Min Typ. Max 0.4 0.2 0.4 Unit V V V
Current Transfer Ratio
Parameter Current Transfer Ratio Test condition IF = 10 mA, VCE = 10 V IF = 100 mA, VCE = 2.0 V IF = 10 mA, VCE = 10 V Current Transfer Ratio symmetry IF = 10 mA, VCE = 10 V Part IL255 IL255-1 IL255-2 IL255 IL255-1 IF = 10 mA, VCE = 10 V IL255-2 0.5 1.0 2.0 Symbol CTR CTR CTR Min 20 20 50 0.33 3.0 80 Typ. Max Unit % % %
Typical Characteristics (Tamb = 25 C unless otherwise specified)
PLED - LED Power - mW
IF - LED Current - mA
iil255_01
VF -LED Forward Voltage -V
iil255_03
Ta - Ambient Temperature - C
Figure 1. LED Forward Current vs.Forward Voltage
Figure 3. Maximum LED Power Dissipation
iil255_02
CTRce - Current Transfer Ratio - %
IF - LED Forward Current - mA
Ta - Ambient Temperature - C
iil255_04
IF -LED Current -mA
Figure 2. Maximum LED Current vs. Ambient Temperature
Figure 4. Current Transfer Ratio vs. LED Current and CollectorEmitter Voltage
Document Number 83619 Rev. 1.6, 26-Oct-04
www.vishay.com 3
IL255
Vishay Semiconductors
Ta = 25 C
Ice - Collector-emitter Current - mA
Vce = 10 V
- - Pulsed Operation -- DC Operation
Vce = 0.4 V
IF -LED Forward Current - mA
iil255_05
Figure 5. Non-Saturated and Saturated Collector Emitter Current vs. LED Current
Ice - Collector-emitter Current - mA
Vce = 10 V Vce = 0.4 V
iil255_06
Figure 6. Non-Saturated and Saturated Collector Emitter Current vs. LED Current
Ice - Collector Emitter Current - mA
IF=8 mA 12 10 8 6 4 2 0 0 0.2 0.4 0.6 1.0 1.4 IF=7 mA IF=6 mA IF=5 mA IF=4 mA IF=3 mA IF=2 mA IF=1 mA 1.8 2.2 Vce - Collector Emitter Voltage - V
iil255_07
Figure 7. Collector-Emitter Current vs. LED Collector-Emitter Voltage
www.vishay.com 4
Document Number 83619 Rev. 1.6, 26-Oct-04
IL255
Vishay Semiconductors Package Dimensions in Inches (mm)
pin one ID
3 .248 (6.30) .256 (6.50) 4
2
1
5
6
ISO Method A
.335 (8.50) .343 (8.70) .039 (1.00) Min. 4 typ. .018 (0.45) .022 (0.55)
i178004
.048 (0.45) .022 (0.55) .130 (3.30) .150 (3.81)
.300 (7.62) typ.
18 .031 (0.80) min. .031 (0.80) .035 (0.90) .100 (2.54) typ. 3-9 .010 (.25) typ. .300-.347 (7.62-8.81)
.114 (2.90) .130 (3.0)
Option 7
.300 (7.62) TYP .
Option 9
.375 (9.53) .395 (10.03) .300 (7.62) ref.
.028 (0.7) MIN.
.180 (4.6) .160 (4.1) .0040 (.102)
.0098 (.249)
.315 (8.0) MIN. .331 (8.4) MIN. .406 (10.3) MAX.
.012 (.30) typ.
.020 (.51) .040 (1.02)
.315 (8.00) min.
15 max.
18494
Document Number 83619 Rev. 1.6, 26-Oct-04
www.vishay.com 5
IL255
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
www.vishay.com 6
Document Number 83619 Rev. 1.6, 26-Oct-04


▲Up To Search▲   

 
Price & Availability of IL255-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X