Part Number Hot Search : 
P1N60 4N26SM LC4064 26100 HER806FT CWD4890E C4430 SMB2EZ91
Product Description
Full Text Search
 

To Download IDT74FCT574AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT54/74FCT574/A/C FAST CMOS OCTAL D REGISTER (3-STATE)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54/74FCT574/A/C
FEATURES:
- - - - - - - - - - IDT54/74FCT574 equivalent to FASTTM speed and drive IDT54/74FCT574A up to 30% faster than FAST IDT54/74FCT574C up to 50% faster than FAST IOL = 48mA (commercial) and 32mA (military) CMOS power levels (1mW typ. static) Edge triggered master/slave, D-type flip-flops Buffered common clock and buffered common three-state control Military product compliant to MIL-STD-883, Class B Meets or exceeds JEDEC Standard 18 specifications Available in the following packages: * Commercial: SOIC * Military: CERDIP, LCC, CERPACK
DESCRIPTION:
The FCT574 is an 8-bit register built using an advanced dual metal CMOS technology. These registers consist of eight D-type flip-flops with a buffered common clock and buffered 3-state output control. When the output enable (OE) is low, the eight outputs are enabled. When the OE input is high, the outputs are in the high-impedance state. Input data meeting the set-up and hold time requirements of the D inputs is transferred to the O outputs on the low-to-high transition of the clock input. The FCT574 has non-inverting outputs with respect to the data at the D inputs.
FUNCTIONAL BLOCK DIAGRAM
D0 CP CP D CP
D1
D2
D3
D4
D5
D6
D7
D
CP
D
CP
D
CP
D
CP
D
CP
D
CP
D
Q
Q
Q
Q
Q
Q
Q
Q
OE O0 O1 O2 O3 O4 O5 O6 O7
MILITARY AND COMMERCIAL TEMPERATURE RANGES
1
c 1999 Integrated Device Technology, Inc.
JUNE 2000
DSC-5428/-
IDT54/74FCT574/A/C FAST CMOS OCTAL D REGISTER (3-STATE)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATION
D1 D0 O0
19 18 17 L20-2 16 15 14 9 10 11 12 13
OE D0 D1 D2 D3 D4 D5 D6 D7 GND
INDEX
2 3 4 5 6 7 8 9 10
D20-1 SO 20-2 E20-1
19 18 17 16 15 14 13 12 11
O0 O1 O2 O3 O4 O5 O6 O7 D2 D3 D4 D5 D6
4 5 6 7 8 3 2 1 20
OE
1
20
VCC
VCC
O1 O2 O3 O4 O5
D7
GND
CP
O7
(1) Inputs
CP
CERDIP/ SOIC/ CERPACK TOP VIEW
LCC TOP VIEW
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM(2) VTERM(3) TA TBIAS TSTG PT IOUT Rating Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Operating Temperature Temperature Under Bias Storage Temperature Power Dissipation DC Output Current Commercial -0.5 to +7 -0.5 to VCC 0 to +70 -55 to +125 -55 to +125 0.5 120 Military -0.5 to +7 -0.5 to VCC -55 to +125 -65 to +135 -65 to +150 0.5 120 Unit V V C C C W mA
8-link
PIN DESCRIPTION
Pin Names DN CP ON OE Description D Flip-Flop Data Inputs Clock Pulse for the register. Enters data on LOW-to-HIGH transition. 3-State Outputs (true) Active LOW 3-state Output Enable Input
FUNCTION TABLE
Function Hi-Z Load Register OE H H L L H H
O6
Outputs Internal DN X X L H L H ON Z Z L H Z Z QN NC NC H L H L
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. No terminal voltage may exceed VCC by +.5V unless otherwise noted. 2. Input and VCC terminals only. 3. Outputs and I/O terminals only.
CP L H
CAPACITANCE (TA = +25OC, f = 1.0MHz)
Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 6 8 Max. 10 12 Unit pF pF
8-link
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Z = High-Impedance NC = No Change = LOW-to-HIGH transition
NOTE: 1. This parameter is measured at characterization but not tested.
2
IDT54/74FCT574/A/C FAST CMOS OCTAL D REGISTER (3-STATE)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: VLC = 0.2V; VHC = VCC - 0.2V Commercial: TA = 0C to +70C, VCC = 5.0V 5%; Military: TA = -55C to +125C, VCC = 5.0V 10% Symbol VIH VIL II H II L IOZH IOZL VIK IOS VOH Clamp Diode Voltage Short Circuit Current Output HIGH Voltage VCC = Min., IN = -18mA VCC = Max.(3), VO = GND VCC = 3V, VIN = VLC or VHC, IOH = -32 A VCC = Min. VIN = VIH or VIL VOL Output LOW Voltage IOH = -300 A IOH = -12mA MIL. IOH = -15mA COM'L. VCC = 3V, VIN = VLC or VHC, IOL = 300 A VCC = Min. VIN = VIH or VIL IOL = 300 A IOL = 32mA MIL. IOL = 48mA COM'L. Parameter Input HIGH Level Input LOW Level Input HIGH Current Input LOW Current Off State (High Impedance) Output Current VCC = Max. Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VI = VCC VI = 2.7V VI = 0.5V VI = GND VO = VCC VO = 2.7V VO = 0.5V VO = GND Min. 2 -- -- -- -- -- -- -- -- -- -- -60 VHC VHC 2.4 2.4 -- -- -- -- Typ.(2) -- -- -- -- -- -- -- -- -- -- -0.7 -120 VCC VCC 4.3 4.3 GND GND 0.3 0.3 Max. -- 0.8 5 5(4) -5(4) -5 10 10(4) -10(4) -10 -1.2 -- -- -- -- -- VLC VLC(4) 0.5 0.5 V V mA V A Unit V V A
NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient and maximum loading. 3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second. 4. This parameter is guaranteed but not tested.
3
IDT54/74FCT574/A/C FAST CMOS OCTAL D REGISTER (3-STATE)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
POWER SUPPLY CHARACTERISTICS
VLC = 0.2V; VHC = VCC - 0.2V Symbol ICC ICC ICCD Parameter Quiescent Power Supply Current Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) Test Conditions(1) VCC = Max. VIN VHC; VIN VLC VCC = Max. VIN = 3.4V(3) VCC = Max. Outputs Open OE = GND One Input Toggling 50% Duty Cycle VCC = Max. Outputs Open fCP = 10MHz 50% Duty Cycle OE = GND fi = 5MHz 50% Duty Cycle One Bit Toggling VCC = Max. Outputs Open fCP = 10MHz 50% Duty Cycle OE = GND Eight Bits Toggling fi = 2.5MHz 50% Duty Cycle VIN VHC VIN VLC Min. -- -- -- Typ.(2) 0.2 0.5 0.15 Max. 1.5 2 0.25 Unit mA mA mA/ MHz
IC
Total Power Supply Current(6)
VIN VHC VIN VLC (FCT) VIN = 3.4V VIN = GND
--
1.7
4
mA
--
2.2
6
VIN VHC VIN VLC (FCT) VIN = 3.4V VIN = GND
--
4
7.8(5)
--
6.2
16.8(5)
NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCP/2 + fiNi) ICC = Quiescent Current ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Output Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) fi = Input Frequency Ni = Number of Inputs at fi All currents are in milliamps and all frequencies are in megahertz.
4
IDT54/74FCT574/A/C FAST CMOS OCTAL D REGISTER (3-STATE)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
54/74FCT574 Com'l. Mil. Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tSU tH tW Parameter Propagation Delay CP to ON Output Enable Time Output Disable Time Set-up Time HIGH or LOW, DN to CP Hold Time HIGH or LOW, DN to CP CP Pulse Width HIGH or LOW Conditions(1) CL = 50pF RL = 500 54/74FCT574A Com'l. Mil. 54/74FCT574C Com'l. Mil.
Unit
Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. 2 1.5 1.5 2 1.5 7 10 12.5 8 -- -- -- 2 1.5 1.5 2 1.5 7 11 14 8 -- -- -- 2 1.5 1.5 2 1.5 5 6.5 6.5 5.5 -- -- -- 2 1.5 1.5 2 1.5 6 7.2 7.5 6.5 -- -- -- 2 1.5 1.5 2 1.5 5 5.2 5.5 5 -- -- -- 2 1.5 1.5 2 1.5 6 6.2 6.2 5.7 -- -- --
ns ns ns ns ns ns
NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays.
5
IDT54/74FCT574/A/C FAST CMOS OCTAL D REGISTER (3-STATE)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TEST CIRCUITS AND WAVEFORMS TEST CIRCUITS FOR ALL OUTPUTS
V CC 7.0V 500 V IN Pulse Generator D.U.T. 50pF R
T
SWITCH POSITION
Test Open Drain Disable Low Enable Low All Other Tests Open
8-link
Switch Closed
V OUT
500 C
L
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
O ctal lin k
SET-UP, HOLD, AND RELEASE TIMES
DATA INPUT tSU TIM ING INPUT ASYNCHRONOUS C ONTROL PRES ET CLEAR ETC. SYNCHRO NOUS CONTRO L PRES ET CLEAR CLOCK ENABLE ETC. tREM tH 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V
O ctal lin k
PULSE WIDTH
LO W -HIGH-LOW PULSE tW HIGH-LOW -HIGH PULSE
O ctal lin k
1.5V
1.5V
tSU
tH
PROPAGATION DELAY
SAM E PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE P HASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V
O ctal lin k
ENABLE AND DISABLE TIMES
ENAB LE DISA BLE 3V CO NTROL INPUT tPZL OUTPUT NO RM A LLY LO W SW ITCH CLOSE D tPZH OUTPUT NO RM A LLY HIGH SW ITCH OPEN 3.5V 1.5V 0.3V tPHZ 0.3V 1.5V 0V 0V
O ctal lin k
1.5V tPLZ 0V 3.5V VOL VOH
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; Zo 50; tF 2.5ns; tR 2.5ns.
6
IDT54/74FCT574/A/C FAST CMOS OCTAL D REGISTER (3-STATE)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ORDERING INFORMATION
IDT XX Temp. Range FCT XXXX Device Type XX Package X Process Blank B Comm ercial M IL-STD-883, Class B Comm ercial Options Sm all Outline IC (SO 20-2) Military O ptions CERDIP (D20-1) CERPACK (E20-1) Leadless Chip Carrier (L20-2)
SO
D E L
574 574A 574C
Fast CMOS Octal D Register (3-State)
54 74
- 55C to +125C - 40C to +85C
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com*
*To search for sales office near you, please click the sales button found on our home page or dial the 800# above and press 2. The IDT logo is a registered trademark of Integrated Device Technology, Inc.
7


▲Up To Search▲   

 
Price & Availability of IDT74FCT574AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X