Part Number Hot Search : 
304IM AME8805 ST8024T 740SED 1V330 AU6362 0103NN 74LS17
Product Description
Full Text Search
 

To Download GR2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GR2A - GR2M
PRV : 50 - 1000 Volts Io : 2.0 Amperes
FEATURES :
* * * * * * Glass passivated chip High current capability High reliability Low reverse current Low forward voltage drop Fast switching for high efficiency
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
SMB (DO-214AA)
1.1 0.3
5.4 0.15
4.8 0.15
2.0 0.1 3.6 0.15 2.3 0.2
0.22 0.07
MECHANICAL DATA :
* Case : SMB Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Lead Formed for Surface Mount * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.1079 gram
Dimensions in millimeter
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Ta = 75 C Peak Forward Surge Current, 8.3ms Single half sine wave superimposed on rated load (JEDEC Method) Maximum Peak Forward Voltage at IF = 2.0 A Maximum DC Reverse Current at Rated DC Blocking Voltage Ta = 25 C Ta = 100 C
SYMBOL
GR2A
GR2B
GR2D
GR2G
GR2J
GR2K GR2M
UNIT
VRRM VRMS VDC IF(AV)
50 35 50
100 70 100
200 140 200
400 280 400 2.0
600 420 600
800 560 800
1000 700 1000
V V V A
IFSM VF IR IR(H)
Trr
75 1.3 10 500 150 15 - 65 to + 150 - 65 to + 150 250 500
A V A A ns pf C C
Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Junction Temperature Range Storage Temperature Range
Notes :
CJ TJ TSTG
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A. ( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
Page 1 of 2
Rev. 01 : April 17, 2002
RATING AND CHARACTERISTIC CURVES ( GR2A - GR2M )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 10 + 0.5 D.U.T. 50 Vdc (approx) 1 PULSE GENERATOR ( NOTE 2 ) OSCILLOSCOPE ( NOTE 1 ) 0 - 0.25 Trr
+
- 1.0 A SET TIME BASE FOR 50-100 ns/cm
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF. 2. Rise time = 10 ns max., Source Impedance = 50 ohms. 3. All Resistors = Non-inductive Types.
1
FIG.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
2.0 75
FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
8.3 ms SINGLE HALF SINE WAVE 60 Ta = 55 C
1.6
1.2
45
0.8
30
0.4 60Hz RESISTIVE OR INDUCTIVE LOAD 0 0 25 50 75 100 125 150 175
15
0
1
2
4
6
10
20
40
60 100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
100
10
FORWARD CURRENT, AMPERES
TJ = 25 C 10
REVERSE CURRENT, MICROAMPERES
Pulse Width = 300 s 2% Duty Cycle
TJ = 100 C
1.0
1.0
0.1 TJ = 25 C
0.1
0.01
0
20
40
60
80
100
120
140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 01 : April 2, 2002


▲Up To Search▲   

 
Price & Availability of GR2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X