Part Number Hot Search : 
SI7148DP 01N100D 4840N GLZ8N 1N6164US T52C4V UPD72123 PST9136
Product Description
Full Text Search
 

To Download GJ221X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc. !Note *Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this PDF catalog to prevent smoking and/or burning, etc.
*This catalog has only typical specifications. Therefore, you are requested to approve our product specification please approve our product specification or transact the approval sheet for product specification before ordering. This catalog has only typical specifications because there is no space for detailed specifications. Therefore, or to transact the approval sheet for product specificaion before ordering.
C02E9.pdf 02.4.27
Chip Monolithic Ceramic Capacitors
for Smoothing
e g e
s Features
1. Heat generation is low at high frequency because of low dielectric loss. 2. Compared with aluminum electrolytic capacitors, capacitance can be lower to obtain the same smoothing performance. 3. Ceramic capacitor has no polarity and ensures long life time.
L
W
Part Number GJ221B GJ231M GJ232N GJ232C GJ232R GJ243R GJ243X
s Applications
7
* DC-DC converter * Noise elimination LCD bias circuit (Use for only alumina, paper or glass epoxy board)
Rated Voltage (Vdc) 6.3 6.3 6.3 6.3 10 10 50 50 100
Dimensions (mm) L W T e min. 2.0 0.1 1.25 0.1 1.25 0.1 0.2 to 0.7 3.2 0.15 1.6 0.15 1.15 0.1 0.3 to 0.8 1.35 0.15 3.2 0.3 2.5 0.2 1.6 0.15 0.3 1.8 0.2 1.8 0.2 4.5 0.4 3.2 0.3 0.3 2.2 0.3
g min. 0.7 1.5 1.0 2.0
Part Number GJ221BF50J106ZD01 GJ231MF50J226ZD01 GJ232CF50J476ZD01 GJ243RF50J107ZD11 GJ232NF51A226ZD01 GJ243RF51A107ZD11 GJ232RF51H475ZD01 GJ243XF51H106ZD12 GJ232RF52A105ZD01
TC Y5V Y5V Y5V Y5V Y5V Y5V Y5V Y5V Y5V
Capacitance (F) 10 +80.-20% 22 +80.-20% 47 +80.-20% 100 +80.-20% 22 +80.-20% 100 +80.-20% 4.7 +80.-20% 10 +80.-20% 1 +80.-20%
Length L (mm) 2.00 3.20 3.20 4.50 3.20 4.50 3.20 4.50 3.20
Width W (mm) 1.25 1.60 2.50 3.20 2.50 3.20 2.50 3.20 2.50
Thickness T (mm) 1.25 1.15 1.60 1.80 1.35 1.80 1.80 2.20 1.8
T
w
w
w
36
.d
sh ta a
4u et e
om .c
www..com
Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc. !Note *Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this PDF catalog to prevent smoking and/or burning, etc.
*This catalog has only typical specifications. Therefore, you are requested to approve our product specification please approve our product specification or transact the approval sheet for product specification before ordering. This catalog has only typical specifications because there is no space for detailed specifications. Therefore, or to transact the approval sheet for product specificaion before ordering.
C02E9.pdf 02.4.27
Specifications and Test Methods
No. 1 Item
Operating F5 : Y30C to 85C Temperature Range
Specifications and Test Methods
Test Method
Specification
2
Rated Voltage
See the previous pages.
The rated voltage is defined as the maximum voltage which may be applied continuously to the capacitor. When AC voltage is superimposed on DC voltage, VP-P or VO-P, whichever is larger, shall be maintained within the rated voltage range. Visual inspection. Using calipers. No failure shall be observed when 250% of the rated voltage is applied between the both terminations for 1 to 5 seconds, provided the charge/discharge current is less than 50mA. The insulation resistance shall be measured with a DC voltage not exceeding the rated voltage at normal temperature and humidity and within 2 minutes* of charging. *5minutes for c>47F. The capacitance/D.F. shall be measured at 25C at the frequency and voltage shown in the table. Capacitance CV10F CG10F Frequency 10.1kHz 12024Hz Voltage 10.2Vrms 0.50.1Vrms
3 4 5
Appearance Dimensions Dielectric Strength
No defects or abnormalities. Within the specified dimension. No defects or abnormalities.
6
Insulation Resistance Capacitance
More than 10,000M or 500 * F. (Whichever is smaller) Within the specified tolerance. 0.07 max. (50/100V) 0.09 max. (10/16/25V) 0.15 max. (6.3V)
7
7
8
Dissipation Factor (D.F.)
9
Capacitance Temperature Characteristics
Char. F5
Reference Cap. Change Temp. Rate Temp. Range 25C Within+22% -30 to +85C -82
The capacitance change shall be measured after 5 min. at each specified temperature stage. The ranges of capacitance change compared to 25C with the temperature ranges shown in the table shall be within the specified ranges. Solder the capacitor on the testing jig (glass epoxy board) shown in Fig.1 using a eutectic solder. Then apply 5N force in parallel with the test jig for 101 sec. The soldering shall be done either with an iron or using the reflow method and shall be conducted with care so that the soldering is uniform and free of defect such as heat shock. Type GJ218 GJ221 GJ231 GJ232 GJ243 a 1.0 1.2 2.2 2.2 3.5 b 3.0 4.0 5.0 5.0 7.0 c 1.2 1.65 2.0 2.9 3.7
No removal of the terminations or other defects shall occur.
c
10
Adhesive Strength of Termination
b
a
Solder resist Baked electrode or copper foil
Fig.1
(in mm)
11
Vibration Resistance
Item Appearance Capacitance Change D.F. Dielectric Strength
Frequency No defects or abnormalities. Within the specified tolerance. 50, 100V 10, 16, 25V 6.3V 0.07 max. 0.09 max. 0.15 max. No failure
Solder the capacitor on the testing jig (glass epoxy board) in the same manner and under the same conditions as (10). The capacitor shall be subjected to simple harmonic motion having a total amplitude of 1.5mm, the frequency being varied uniformly between the approximate limits of 10 and 55Hz. The frequency range, from 10 to 55Hz and return to 10Hz, shall be traversed in approximately 1 minute. This motion shall be applied for a period of 2 hours in each 3 mutually perpendicular directions (total of 6 hours).
Continued on the following page.
37
Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc. !Note *Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this PDF catalog to prevent smoking and/or burning, etc.
*This catalog has only typical specifications. Therefore, you are requested to approve our product specification please approve our product specification or transact the approval sheet for product specification before ordering. This catalog has only typical specifications because there is no space for detailed specifications. Therefore, or to transact the approval sheet for product specificaion before ordering.
C02E9.pdf 02.4.27
Specifications and Test Methods
Continued from the preceding page.
Specifications and Test Methods
Test Method Solder the capacitor to the test jig (glass epoxy boards) shown in Fig.2 using a eutectic solder. Then apply a force in the direction shown in Fig.3 for 51 sec. The soldering shall be done either with an iron or using the reflow method and shall be conducted with care so that the soldering is uniform and free of defects such as heat shock.
b o4.5
No.
Item
Specification No cracks or marking defects shall occur.
R230
12
Deflection
Capacitance meter 45 45
Fig.3
7
13
Solderability of Termination
75% of the terminations is to be soldered evenly and continuously.
The measured values shall satisfy the values in the following table. Item Appearance Capacitance Change I. R. D.F. Dielectric Strength No marking defects. Item Appearance Capacitance Change 15 Temperature Cycle I. R. D.F. Dielectric Strength Specification No marked defect Within T20% More than 10,000M or 500 * F (Whichever is smaller) 50, 100V 10, 16, 25V 6.3V 0.07 max. 0.09 max. 0.15 max. No failure Specification No marked defect Within T20% More than 10,000M or 500 * F (Whichever is smaller) 50, 100V 10, 16, 25V 6.3V 0.07 max. 0.09 max. 0.15 max. No failure
14
Resistance to Soldering Heat
No marking defects. Item Appearance Capacitance Change I. R. D.F. Dielectric Strength No marking defects. Item Appearance Capacitance Change I. R. D.F. Dielectric Strength Specification No marked defect Within T30% More than 500M or 25 * F (Whichever is smaller) 50, 100V 10, 16, 25V 6.3V 0.1 max. 0.125 max. 0.2 max. No failure Specification No marked defect Within T30% More than 1,000M or 50 * F (Whichever is smaller) 50, 100V 10, 16, 25V 6.3V 0.1 max. 0.125 max. 0.2 max. No failure
16
Humidity Steady State
17
Humidity Load
38
T , S TR R QS S Q ,
Flexure : V1 a 100
20 50 Pressurizing speed : 1.0mm/sec. Pressurize
Fig.2 b 3.0 4.0 5.0 5.0 7.0
Type GJ218 GJ221 GJ231 GJ232 GJ243
a 1.0 1.2 2.2 2.2 3.5
c 1.2 1.65 2.0 2.9 3.7
40
c
t=1.6mm
(in mm)
Immerse the capacitor first ethanol (JIS-K-8101)a solution of rosin (JIS-K-5902) (25% rosin in weight proportion), then in an eutectic solder solution for 20.5 seconds at 2305C after preheating in the following table. then set it for 484 hours at room temperature and measure. The capacitor shall be set for 484 hours at room temperature after one hour heat of treatment at 150.+0 C. -10 Immerse the capacitor in a eutectic solder solution at 270 5C for 100.5 seconds after preheating in the flowing table. Then set it for 48T4 hours at room temperature and measure.
The capacitor shall be set for 484 hours at room temperature after one hour heat of treatment at 150+0 C. -10 Then measure for the initial measurement. Fix capacitor to the supporting jig in the same manner and under the same conditions as in (10) and conduct the five cycles according to the temperature and time shown in the following table. Set it for 484 hours at room temperature, then measure.
1 Min. Operating +3 Temp.aaa -0 30T3 Time (min.) Step 2 Room Temp. 2 to 3 3 Max. Operating +3 Temp.aaa -0 30T3 4 Room Temp. 2 to 3
Temp. (C)
Set the capacitor for 50012 hours at 402C and 90 to 95% humidity. Take it out and set it for 48T4 hours at room temperature, then measure.
Apply the rated voltage for 50012 hours at 402C and 90 to 95% humidity and set it for 484 hours at room temperature, then measure. The charge/discharge current is less than 50mA.
Continued on the following page.
Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc. !Note *Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this PDF catalog to prevent smoking and/or burning, etc.
*This catalog has only typical specifications. Therefore, you are requested to approve our product specification please approve our product specification or transact the approval sheet for product specification before ordering. This catalog has only typical specifications because there is no space for detailed specifications. Therefore, or to transact the approval sheet for product specificaion before ordering.
C02E9.pdf 02.4.27
Specifications and Test Methods
Continued from the preceding page.
Specifications and Test Methods
Test Method The voltage treatment shall be given to the capacitor, in which a DC voltage of 200%* the rated voltage is applied for one hour at the maximum operating temperature 3C then it shall be set for 484 hours at room temperature and the measurement shall be conducted. Then apply the above mentioned voltage continuously for 100012 hours at the same temperature, remove it from the bath, and set it for 484 hours at room temperature, then measure. The charge/discharge current is less than 50mA. *150% for C>10F
No.
Item No marked defect. Item Appearance Capacitance Change I. R. D.F. Dielectric Strength
Specification
18
High Temperature Load
Specification No marked defect Within T30% More than 1,000M or 50 * F (Whichever is smaller) 50, 100V 10, 16, 25V 6.3V 0.1 max. 0.125 max. 0.2 max. No failure
7
39
Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc. !Note *Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this PDF catalog to prevent smoking and/or burning, etc.
*This catalog has only typical specifications. Therefore, you are requested to approve our product specification please approve our product specification or transact the approval sheet for product specification before ordering. This catalog has only typical specifications because there is no space for detailed specifications. Therefore, or to transact the approval sheet for product specificaion before ordering.
C02E9.pdf 02.4.27
Characteristics Data
s Capacitance-Temperature Characterstics s Capcitance-DC Voltage Characteristics
Samples : GJ231MF51A106Z Equipment : HP4284A Measuring conditions : 1kHz, 1Vrms
Samples : GJ231MF51A106Z Equipment : HP4284A Measuring conditions : 1kHz, 1Vrms, Applied AC voltage per 30 sec. 20 Capacitance Change (%) 0 -20 -40 -60 -80 -100
20 Capacitance Change (%) 0 -20 -40 -60 -80 -100 -40 -20 0 20 40 Temperature (C) 60 80 100
-2
0
2
4 6 DC voltage (VDC)
8
10
7
s Capcitance-AC Voltage Characteristics
s Impedance-Frequency Characteristics
Equipment : HP4192A
Samples : GJ231MF51A106Z Equipment : HP4284A Measuring conditions : 1kHz, 1Vrms, Applied AC voltage per 30 sec. 40 Capacitance Change (%) Impedance () 30 20 10 0
1k GJ231MF51C475Z GJ232NF51C685Z GJ232NF51C106Z
100
10
1
0.1 -10 -20 0 1 2 3 4 5 AC voltage (Vrms) 0.01 100
1k
10k
100k
1M
10M
Frequency (Hz)
40
Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc. !Note *Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this PDF catalog to prevent smoking and/or burning, etc.
*This catalog has only typical specifications. Therefore, you are requested to approve our product specification please approve our product specification or transact the approval sheet for product specification before ordering. This catalog has only typical specifications because there is no space for detailed specifications. Therefore, or to transact the approval sheet for product specificaion before ordering.
C02E9.pdf 02.4.27
Reference Data
s Allowable Ripple Current
Ripple current should be less than "Allowable ripple current value" shown in the following table. And temperature rise of the chip surface (T) should be below 20C. When AC and DC voltage are superimposed, keep the peak value of the voltage within the rated voltage.
Voltage (V) Rated Voltage Ripple Voltage DC Voltage
Time (sec.)
Allowable ripple current value
Series Rated Voltage Allowable ripple current value (r.m.s.) 100kHzV f F300kHz 300kHzV f F500kHz 500kHzV f F1MHz
GJ221 GJ231 GJ232 GJ243 GJ218 GJ231 GJ232 GJ243 GJ231 GJ232 GJ232 GJ243 GJ232 16V 25V / 35V / 50V 100V 10V 4V / 6.3V
1.4Ar.m.s. 1.5Ar.m.s. 1.7Ar.m.s. 1.4Ar.m.s. 1.4Ar.m.s. 1.5Ar.m.s. 1.7Ar.m.s. 1.4Ar.m.s. 1.5Ar.m.s. 1.7Ar.m.s. 2.0Ar.m.s. 2.0Ar.m.s. 1.6Ar.m.s.
1.5Ar.m.s. 1.6Ar.m.s. 1.8Ar.m.s. 1.3Ar.m.s. 1.5Ar.m.s. 1.6Ar.m.s. 1.8Ar.m.s. 1.3Ar.m.s. 1.6Ar.m.s. 1.8Ar.m.s. 2.2Ar.m.s. 2.2Ar.m.s. 1.7Ar.m.s.
1.6Ar.m.s. 1.6Ar.m.s. 2.0Ar.m.s. 1.2Ar.m.s. 1.6Ar.m.s. 1.6Ar.m.s. 2.0Ar.m.s. 1.2Ar.m.s. 1.6Ar.m.s. 2.0Ar.m.s. 2.2Ar.m.s. 2.2Ar.m.s. 1.8Ar.m.s.
7
41


▲Up To Search▲   

 
Price & Availability of GJ221X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X