Part Number Hot Search : 
PCK2002M 152M10 2650D05 YSS243B UM5080A 54001 5KP36 AD5336
Product Description
Full Text Search
 

To Download ES1990 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ESS Technology, Inc.
DESCRIPTION
The ES1990 Canyon3DTM2LE PCI audio accelerator combines advanced audio functionality in a highly integrated, single-chip, PCI solution for advanced multichannel PC audio. With key features, including hardware acceleration, 3D audio support, and integrated quad DAC AC`97 codec, the Canyon3D-2LE will engulf the user in a 3D world of sound when used with general applications, digital music, or games. The ES1990 combines the advantages of a highbandwidth PCI bus interface, proven Canyon3D digital signal processing (DSP) hardware architecture, highfidelity quad DAC AC`97 codec into a single-chip package with external AC-link for additional future functionality. The result is robust PC audio functionality, which features digital mixing, sample rate conversion, realtime effects processing, multistream DirectSound(R) hardware acceleration, and head-related transfer function (HRTF) filtering. The 3D audio support and HRTF filtering are licensed through SensauraTM Ltd. The HRTF filtering is supported for 2- and 4-speaker outputs, using MultiDriveTM technology. The 3D audio is supported through DirectSound 3D, A3D 1.0, EAX 1.0, EAX 2.0, and I3DL2 advanced programming interfaces (APIs). Additional 3D audio enhancements are available through MacroFXTM, EnvironmentalFXTM, and ZoomFXTM. The ES1990 meets PC99/PC2001 and Microsoft WHQL specifications. Device drivers for the ES1990 are optimized for use on the Microsoft Windows(R) operating systems and are designed specifically to take advantage of new features available through Microsoft's DirectX(R) 8. Operating at 3.3V digital and 5.0V analog, the ES1990 is compliant with the Advanced Power Management (APM) 1.2, Advanced Configuration and Power Interface (ACPI) 2.0, and PCI Power Management Interface (PPMI) 1.1 specifications. The ES1990 Canyon3D-2LE is available in an industrystandard 100-pin low-profile quad flat pack (LQFP) package.
ES1990 Canyon3DTM2LE PCI Audio Accelerator Product Brief
FEATURES
* * * * * * * * *
High-performance single-chip PCI audio acceleration Four-speaker analog output Integrated high-fidelity quad AC`97 codec High-quality sample rate conversion and digital mixing External AC-Link interface Multistream DirectSound(R)3D hardware acceleration Sensaura 3D positional audio Realtime effects processing Full legacy DOS game support, using TDMA, PC/PCI, or DDMA hardware implementation methods
Power Management * Compliance with APM 1.2, ACPI 2.0, and PPMI 1.1 * 3.3V digital operation with 5V-tolerant inputs * 5.0V analog operation Compatibility * Supports PC DOS games and applications for
SoundBlasterTM and SoundBlaster Pro
* Supports Microsoft Windows DirectSound * Meets PC99/PC2001 and Windows Hardware Quality
Laboratory (WHQL) specifications
* Supports A3D 1.0, EAX 1.0, EAX 2.0, and I3DL2 API
ESS Technology, Inc.
SAM0354-060801
1
ES1990 PRODUCT BRIEF BLOCK DIAGRAMS
BLOCK DIAGRAMS
Figure 1 shows the ES1990 Canyon3D-2LE device block diagram.
System DRAM Chipset PCI BUS Mic in Line in CD audio Phone Line out (front) Line out (surround) APM 1.2 ACPI 1.0 PPMI 1.0 Secondary AC-Link EEPROM interface Secondary codec support CPU
3.3V PCI master SB Pro legacy audio TDMA DDMA PC/PCI ASSP Sample Rate Converter and Mixer HRTF 3D positional audio Effects Processing RING BUS
Integrated Audio CODEC
SID/SVID customization
Game port MPU-401
Joystick MIDI device
Figure 1 ES1990 Canyon3D-2LE Device Block Diagram
PINOUT
Figure 2 shows the ES1990 Canyon3D-2LE pinout diagram.
AFILT1 VREF AVSS1 AVDD1 LINE_IN_R LINE_IN_L MIC CD_R CD_GND CD_L PHONE PC_BEEP LINE_OUT_R-R LINE_OUT_R-L PCGNT#/GPIO12 SDO2/GPIO11 SCLK2/GPIO10 SDFS2/GPIO9 SRESET2# OSCO OSCI SDI2/GPIO8 VCC NC PCREQ#/GPIO7
AFILT2 CAP1 CAP2 LINE_OUT_L LINE_OUT_R MONO_OUT AVSS2 AVDD2 RXD TXD RST# INT# PCICLK GND VCC GNT# REQ# AD31 AD30 AD29 AD28 AD27 AD26 AD25 AD24
75 74 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 1 2
73 72 71 70 69 68 67 66 65
64 63 62 61 60 59 58 57 56 55 54 53 52
51 50 49 48 47 46 45 44 43 42
ES1990S Canyon3D-2LE 100-Pin LQFP
41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26
EAPD GD7/GPIO15 GD6/GPIO14 GD5/GPIO13 GD4 GD3/ECLK GD2/EDIN GD1/EDOUT GD0 VCC GND ECS AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 C/BE0# AD8 AD9 AD10 AD11
3
4
5
6
7
8
9 10
11 12 13 14 15 16 17 18 19
20 21 22
23 24
25
Figure 2 ES1990 Canyon3D-2LE Device Pinout
2
SAM0354-060801
C/BE3# IDSEL GND AD23 AD22 AD21 AD20 AD19 AD18 AD17 AD16 VCC C/BE2# FRAME# IRDY# TRDY# DEVSEL# STOP# PAR C/BE1# GND AD15 AD14 AD13 AD12
ESS Technology, Inc.
ES1990 PRODUCT BRIEF PIN DESCRIPTION
PIN DESCRIPTION
The ES1990 Canyon3D-2LE pinouts are listed and described in Table 1. Table 1
Names C/BE[3:0]# IDSEL GND AD[31:0] VCC FRAME# IRDY# TRDY# DEVSEL# STOP# PAR ECS GD[0] GD[1] EDOUT GD[2] EDIN GD[3] ECLK GD[4] GD[5:7] 47:49 GPIO[15:13] EAPD PCREQ# 51 GPIO7 NC SDI2 54 GPIO8 OSCI OSCO SRESET2# SDFS2 58 GPIO9 SCLK2 59 GPIO10 I/O General-purpose input/output. I/O O 55 56 57 I/O I O I O General-purpose input/output. 49.152-MHz crystal input. 49.152-MHz crystal output. Resets output for AC-link interface. Select external codec by enabling Canyon3D_Base+38h [5]. Serial data frame sync output for AC-link interface. Select external codec by enabling Canyon3D_Base+38h [5]. General-purpose input/output. Serial clock for AC-link interface. Select external codec by enabling Canyon3D_Base+38h [5]. 52 I/O -- I General-purpose input/output. No connect. External AC-link serial data input. Select external codec by enabling Canyon3D_Base+38h [5]. 50 I/O O O General-purpose input/output. External amplifier power down (active high). PC/PCI request output. Enable PCREQ# by setting PCI 50h [10:8]. 45 44 43
ES1990 Canyon3D-2LE Pin Descriptions
Pin Numbers 1, 13, 20, 30 2 3, 21, 40, 89 4:11, 22:29, 31:38, 93:100 12, 41, 53, 90 14 15 16 17 18 19 39 42 I/O I/O I I I/O I I/O I/O I/O I/O I/O I/O O I/O I/O O I/O I I/O O I I Descriptions PCI command/byte enable. During address phase of a transaction, these pins define the bus command. During data phase, these pins define the byte enable. ID Select. Digital ground. Address and data lines from the PCI bus. Digital supply voltage, 3.3V. Cycle frame. Initiator ready. Target ready. Device select. Stop transaction. Parity. EEPROM chip select. Connects to EEPROM chip select input pin. ECS is active after power-on reset and goes inactive automatically after EEPROM cycle is complete. Game port data input/output. Game port data input/output. EEPROM data output. Connects to EEPROM data input. EDOUT goes active after power-on reset and goes inactive automatically after EEPROM cycle is complete. Game port data input/output. EEPROM data input. Connects to EEPROM data output. EDIN goes active after power-on reset and goes inactive automatically after EEPROM cycle is complete. Game port data input/output. EEPROM clock. Connects to EEPROM clock input. ECLK goes active after power-on reset and goes inactive automatically after EEPROM cycle is complete. Game port data input. Game port data input.
46
ESS Technology, Inc.
SAM0354-060801
3
ES1990 PRODUCT BRIEF ORDERING INFORMATION
Table 1
Names SDO2
ES1990 Canyon3D-2LE Pin Descriptions (Continued)
Pin Numbers 60 I/O O I/O I 61 I/O 62 63 64 65 66 67 68 69 70 71 72:83 73:82 74 75:76 77:78 79 80 81 84 85 86 87 88 91 92 O O I I I I I I I I I I O O O O O O I O I O I I O Descriptions External AC-link serial data output. Select external codec by enabling Canyon3D_Base+38h [5]. General-purpose input/output. PC/PCI grant input. Enable PC/PCI by setting PCI 50h [10:8]. General-purpose input/output. Line output: surround, left channel. Line output: surround, right channel. PC speaker input. Mono input. CD-audio input: left channel. CD-audio input: ground. CD-audio input: right channel. Microphone input. Line input: left channel. Line input: right channel. Analog supply voltage, 5V. Analog ground. Reference voltage. Antialiasing filter cap for the ADC channel. ADC and DAC reference caps. Line output: front, left channel. Line output: front, right channel. Mono output. MIDI receive data input. Enable MIDI I/O (MPU-401 I/O) by setting PCI 40h [3]. MIDI transmit data output. Enable MIDI I/O (MPU-401 I/O) by setting PCI 40h [3]. PCI reset input. Interrupt request output. PCI bus clock input. Bus master grant input. Bus master request output.
GPIO11 PCGNT GPIO12 LINE_OUT_R-L LINE_OUT_R-R PC_BEEP PHONE CD_L CD_GND CD_R MIC LINE_IN_L LINE_IN_R AVDD[2:1] AVSS[2:1] VREF AFILT[2:1] CAP[2:1] LINE_OUT_L LINE_OUT_R MONO_OUT RXD TXD RST# INT# PCICLK GNT# REQ#
ORDERING INFORMATION
Part Number ES1990S Description PCI Audio Accelerator Package 100-pin LQFP
ESS Technology, Inc. 48401 Fremont Blvd. Fremont, CA 94538 Tel: (510) 492-1088 Fax: (510) 492-1898
4
No part of this publication may be reproduced, stored in a retrieval system, transmitted, or translated in any form or by any means, electronic, mechanical, manual, optical, or otherwise, without the prior written permission of ESS Technology, Inc. ESS Technology, Inc. makes no representations or warranties regarding the content of this document. All specifications are subject to change without prior notice.
ESS Technology, Inc. assumes no responsibility for any errors contained herein. U.S. patents pending. Canyon3D is a registered trademark of ESS Technology, Inc. All other trademarks are owned by their respective holders and are used for identification purposes only.
(c) 2001 ESS Technology, Inc.
SAM0354-060801


▲Up To Search▲   

 
Price & Availability of ES1990

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X