Part Number Hot Search : 
MHF20SGS MB95D108 X7R1C SMAJ18 BL0305 MB95130M 2N4124 DA101
Product Description
Full Text Search
 

To Download EM61200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Specifications* for
EM61000 8-Channel Wave-Table Music Synthesizer
1. GENERAL DESCRIPTION
EM61000 series is an 8-bit micro-controller based music processor IC with audio function that delivers 8 channels instrument playback. The micro-controller includes a powerful 8-bit RISC CPU to handle most of the music functions, an 8K words program ROM, and a voice ROM that extends up to 512K bytes. There are eight melody channels that can be played back simultaneously. The micro-controller provides real instrument waveforms to obtain good quality audio melody. The EM61000 offers one 8-bit input port and one 8-bit I/O port with internal pull-low/wake-up functions for user's applications. In addition, up to three general I/O ports are provided. By programming the micro-controller, applications such as section combination, trigger mode, output control, keyboard matrix, and other logic functions can be easily implemented. Together, all these powerful features will inspire the user to realize a wide variety of ideas.
2. FEATURES
Operating voltage: 2.4 ~ 5.5V. 8-bit RISC CPU. Three general-purpose timers. 8K word program ROM access and 8-level stacks. Multi melody channels can be played simultaneously (8 channels for EM61100~ EM61400, 4 channels for EM61001 and EM61002). On chip voice ROM will extend up to 512K Bytes. Uses real instrument waveforms for good quality audio melody. Built-in 8-bit by 8-bit hardware multiplier with 16-bit result. One 8-bit input port and one 8-bit I/O port with pull-low/wake-up functions. Provides additional general-purpose I/O ports (up to 3 ports). Provides crystal oscillation or internal oscillator (by connecting a resistor). 8-bit current DAC output: two for EM61100~EM61400; one for EM61001 & EM61002. Built-in watchdog timer (WDT).
www..com
www..com
* This specification are subject to be changed without notice.
www..com
4.9.2003 (V1.3)
1
Specifications* for
EM61000 8-Channel Wave-Table Music Synthesizer
3. Parts List
The EM61000 series have 8Kx13 bit program ROM and 272 bytes RAM. Part Voice ROM Input pin I/O pin Output DAC Melody number pin EM61001 32K x 8 bits 8 (Port 1) 16 None 1 4 channel (Port 2, 3) EM61002 32K x 8 bits None 8 (Port 2) None 1 4 channel EM61100 64K x 8 bits 8 (Port 1) 24 None 2 8 channel (Port 2, 3, 4) EM61200 128K x 8 bits 8 (Port 1) 24 None 2 8 channel (Port 2, 3, 4) EM61300 256K x 8 bits 8 (Port 1) 24 None 2 8 channel (Port 2, 3, 4) EM61400 512K x 8 bits 8 (Port 1) 24 8 2 8 channel (Port 2, 3, 4) (Port 5)
4. PIN DESCRIPTIONS
Symbol OSCI OSCO P1.0~7 P2.0~7 P3.0~7 P4.0~7 P5.0~7 VO1 VO2 VDD VSS TEST RESET I/O I O I I/O I/O I/O O O O I I Function Crystal in/Resistor. Clock output. Bit 0~7 of port 1 (except EM61002). Bit 0~7 of port 2. Bit 0~7 of port 3 (except EM61002). Bit 0~7 of port 4 (except EM61001, EM61002). Bit 0~7 of port 5 (except EM61001, EM61002, EM61100, EM61200, EM61300). Current output of DAC 1. Current output of DAC 2(except EM61001, EM61002). Positive power supply. Negative power supply. For test only (normally floating). Reset pin (active low, internal pull-high)
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
2
Specifications* for
EM61000 8-Channel Wave-Table Music Synthesizer
5. ABSOLUTE MAXIMUM RATINGS
Parameter Supply voltage(VDD - VSS) Input voltage Operating Temperature Storage Temperature Specification -0.3V to +6.0V VSS -0.3V to VDD +0.3V -20C to 50C -55C to 125C
6. ELECTRICAL CHARACTERISTICS
(Temperature : 25C, VSS=0V) Items Sym Min. Typ. Max. Unit Condition 2.4 5.5 V Operating Voltage VDD ISB 1.0 5.0 A VDD=4.5V Standby Current Operating Current ISB IOP IOP Drive Current of Port 2, 3, 4, 5 Sink Current of Port 2, 3, 4, 5 IOH IOH IOL IOL IOL IOL VIH VIL VIH VIL Input Current II II 0.5 0.2 10 2 3.5 11 2.5 4.8 1.8 1.4 3 1.2 0.5 3 1.5 15 3.5 4.7 18 3.2 7.7 4.5 0 3 0 8 3 5.0 5 3 23 5.3 7.0 26 4.8 12 4.5 0.8 3 0.6 12 5 A VDD=3V mA VDD=4.5V, FOSC=6MHz, no load mA VDD=3V, FOSC=4MHz, no load mA VDD=4.5V, VOH=2V mA VDD=3V, VOH=2.4V mA VDD=4.5V, VOL=0.4V mA VDD=4.5V, VOL=3V mA VDD=3V, VOL=0.4V mA VDD=3V, VOL=1.5V VDD=4.5V (No internal Pull-low) V VDD=4.5V (No internal Pull-low) V VDD=3V (No internal Pull-low) V VDD=3V (No internal Pull-low) A VDD=4.5V (with Internal Pull-low) A VDD=3V (with Internal Pull-low) V
Input Voltage of All Input Ports
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
3
Specifications* for
EM61000 8-Channel Wave-Table Music Synthesizer
D/A Output Current Operating Frequency Frequency Deviation
IVO IVO FOSC FOSC
2.5 2.0 1 1 -
3.5 3.0 4 4 18
4.5 4.0 6 4 +7.5 +7.5 24
mA mA MHz MHz % % ms
Warm-up / Wake-up Time
Tw
12
VDD=4.5V, VO=0.7V VDD=3V, VO=0.7V VDD=4.5 V VDD=3 V VDD=2.0~5.5 V for FOSC =1~4 MHz VDD=3.0~5.5 V for FOSC =1~6 MHz VDD=4.5V
7. INTERNAL OSCILLATOR FREQUENCY
External Resistor (REXT) System Frequency (FOSC) 1MHz 200K 2MHz 100K 50K 33.3 K 4MHz 6MHz
8. WARM UP TIMING
RESET TRST Program counter TINIT 0000
TRST > 100ns : RESET pulse width TINIT = 18ms : CPU warm-up time @ VDD=4.5V
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
4
Specifications* for
EM61000 8-Channel Wave-Table Music Synthesizer
9. WAKE UP TIMING
System clock Input port CPU execution TOSC = 16 clock cycles. TINIT = 18ms : CPU warm-up time @ VDD=4.5V ...
TOS SLEP
TINI (next op)
10. WARM UP TIME VS. VDD
ms 120 100 80 60 40 20 0 0 1 2 3 4 5 6 7 VDD EM61001~300
ms 90 80 70 60 50 40 30 20 10 0 0 2 4 6 8 EM6140 0
VDD
Note: When VDD is greater than 3V, TINIT value will vary at +10%. Likewise, when VDD is smaller than 3V, TINIT value will vary at +30%.
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
5
Specifications* for
EM61000 8-Channel Wave-Table Music Synthesizer
11. APPLICATION CIRCUIT
EM61001 Application circuit
VCC
8x8 keyboard
P1.0 : : P1.7 P2.0 : : P2.7 P3.0 : : P3.7
VDD
OSCO
4MHz
40PF
OSCI RESET
0.1
VCC
VO1
820
8050
VSS
EM61002 Application circuit
VCC
VDD VCC
OSCO
4MHz
40PF
OSCI P2.0 : : : P2.7 RESET
0.1
VCC
VCC
VO1
820
8050
VSS
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
6
Specifications* for
EM61000 8-Channel Wave-Table Music Synthesizer
EM61100 Application circuit
VCC
8x8 keyboard
P1.0 : : P1.7 P2.0 : : P2.7 P3.0 : : P3.7 P4.0 : : P4.7
VDD
OSCO
4MHz
40PF
OSCI RESET
0.1
VCC
VO1
820
VCC
8050
VO2 VSS
820
8050
EM61200 Application circuit
VCC
8x8 keyboard
P1.0 : : P1.7 P2.0 : : P2.7 P3.0 : : P3.7 P4.0 : : P4.7
VDD
OSCO
4MHz
40PF
OSCI RESET
0.1
VCC
VO1
820
VCC
8050
VO2 VSS
820
8050
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
7
Specifications* for
EM61000 8-Channel Wave-Table Music Synthesizer
EM61300 Application circuit
VCC
8x8 keyboard
P1.0 : : P1.7 P2.0 : : P2.7 P3.0 : : P3.7 P4.0 : : P4.7
VDD
OSCO
4MHz
40PF
OSCI RESET
0.1
VCC
VO1
820
VCC
8050
VO2 VSS
820
8050
EM61400 Application circuit
VCC
8x8 keyboard
P1.0 : : P1.7 P2.0 : : P2.7 P3.0 : : P3.7 P4.0 : : P5.7
VDD
OSCO
4MHz
40PF
OSCI RESET
0.1
VCC
VO1
820
VCC
8050
VO2 VSS
820
8050
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
8
Specifications* for
EM61000 8-Channel Wave-Table Music Synthesizer
12. PAD DIAGRAM
37
VO1 VDD RESET P3.7 P3.6 P3.5 P3.4 P3.3 P3.2 P3.1
OSCO
6 (0,0)
36 35 34
OSCI VSS TEST P1.0 P1.1 P1.2
7 8 9 10 11 12 EM61001
33 32 31 30 29 28
14
P1.3
15
P1.4
16
P1.5
17
P1.6
18
P1.7
19
P2.0
20
P2.1
21
P2.2
22
P2.3
23
P2.4
24
P2.5
25
P2.6
26
P2.7
27
P3.0
Pin NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Symbol NC NC NC NC NC OSCO OSCI VSS TEST P1.0 P1.1 P1.2 NC P1.3 P1.4 P1.5 P1.6 P1.7 P2.0 P2.1
X
Y
-785.0 -785.0 -785.0 -785.0 -785.0 -785.0 -785.0 -780.0 -660.0 -540.0 -420.0 -300.0 -180.0 -60.0
266.1 -94.7 -214.7 -334.7 -454.7 -574.7 -694.7 -945.0 -945.0 -945.0 -945.0 -945.0 -945.0 -945.0
Pin NO. 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
Symbol P2.2 P2.3 P2.4 P2.5 P2.6 P2.7 P3.0 P3.1 P3.2 P3.3 P3.4 P3.5 P3.6 P3.7 RESET VDD VO1 NC NC NC
X 60.0 180.0 300.0 420.0 540.0 660.0 780.0 785.0 785.0 785.0 785.0 785.0 785.0 785.0 785.0 785.0 785.0
Y -945.0 -945.0 -945.0 -945.0 -945.0 -945.0 -945.0 -694.7 -574.7 -454.7 -334.7 -214.7 -94.7 25.3 145.3 265.5 395.3
Chip size : 1860 * 2180 um For PCB layout, IC substrate must be connected to Vss.
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
9
Specifications* for
EM61000 8-Channel Wave-Table Music Synthesizer
(0,0)
EM61002
OSCI
8
OSCO
9
24
VO1
11
VSS
12
TEST
13
P2.0
14
P2.1
15
P2.2
16
P2.3
17
P2.4
18
P2.5
19
P2.6
20
P2.7
21
RESET
22
VDD
Pin NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Symbol NC NC NC NC NC NC NC OSCI OSCO NC VSS TEST P2.0 P2.1 P2.2 P2.3
X
Y
-670.0 -670.0 -660.0 -540.0 -420.0 -300.0 -180.0 -60.0
-278.9 -639.7 -895.0 -895.0 -895.0 -895.0 -895.0 -895.0
Pin NO. 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Symbol P2.4 P2.5 P2.6 P2.7 RESET VDD NC VO1 NC NC NC NC NC NC NC NC
X 60.0 180.0 300.0 420.0 540.0 660.0 670.0
Y -895.0 -895.0 -895.0 -895.0 -895.0 -895.0 -639.7
Chip size : 1630 * 2090 um For PCB layout, IC substrate must be connected to Vss.
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
10
Specifications* for
EM61000 8-Channel Wave-Table Music Synthesizer
70
P4.7 P4.6 P4.5 P4.4 P4.3 P4.2 P4.1 P4.0 VO2
RESET VSS OSCI
9 69 10 11 68 67 66 (0,0)
OSCO P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7
12 13 14 15 16 17 18 19 20 EM61100
65 64 63
62
61
VO1
32
P2.0
33
P2.1
34
P2.2
35
P2.3
36
P2.4
37
P2.5
38
P2.6
39
P2.7
40
VDD
41
P3.0
42
P3.1
43
P3.2
44
P3.3
45
P3.4
46
P3.5
47
P3.6
48
P3.7
49
TEST
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
11
Specifications* for
EM61000 8-Channel Wave-Table Music Synthesizer
Pin NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
Symbol NC NC NC NC NC NC NC NC RESET VSS OSCI OSCO P1.0 P1.0 P1.0 P1.0 P1.0 P1.0 P1.0 P1.0 NC NC NC NC NC NC NC NC NC NC NC P2.0 P2.1 P2.2 P2.3 P2.4 P2.5 P2.6 P2.7 VDD P3.0 P3.1 P3.2 P3.3 P3.4 P3.5 P3.6 P3.7 TEST NC
X
Y
-1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0
701.0 581.0 461.0 100.2 -19.8 -139.8 -259.8 -379.8 -499.8 -619.8 -739.8 -859.8
-1025.0 -905.0 -785.0 -665.0 -545.0 -425.0 -305.0 -185.0 -65.0 55.0 175.0 295.0 415.0 535.0 655.0 775.0 895.0 1015.0
-1110.0 -1110.0 -1110.0 -1110.0 -1110.0 -1110.0 -1110.0 -1110.0 -1110.0 -1110.0 -1110.0 -1110.0 -1110.0 -1110.0 -1110.0 -1110.0 -1110.0 -1110.0
Pin NO. 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100
Symbol NC NC NC NC NC NC NC NC NC NC VO1 VO2 P4.0 P4.1 P4.2 P4.3 P4.4 P4.5 P4.6 P4.7 NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC
X
Y
1024.3 1024.3 1024.3 1024.3 1024.3 1024.3 1024.3 1024.3 1024.3 1024.3
-839.4 -274.0 -125.0 -5.0 115.0 235.0 355.0 475.0 595.0 715.0
Chip size : 2350 * 2520 um For PCB layout, IC substrate must be connected to Vss.
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
12
Specifications* for
EM61000 8-Channel Wave-Table Music Synthesizer
70
P4.7 P4.6 P4.5 P4.4 P4.3 P4.2 P4.1 P4.0 VO2
RESET VSS OSCI
9 69 10 11 (0,0) 66 68 67
OSCO P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7
12 13 14 15 16 17 18 19 20 EM61200
65 64 63
62
61
VO1
32
P2.0
33
P2.1
34
P2.2
35
P2.3
36
P2.4
37
P2.5
38
P2.6
39
P2.7
40
VDD
41
P3.0
42
P3.1
43
P3.2
44
P3.3
45
P3.4
46
P3.5
47
P3.6
48
P3.7
49
TEST
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
13
Specifications* for
EM61000 8-Channel Wave-Table Music Synthesizer
Pin NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
Symbol NC NC NC NC NC NC NC NC RESET VSS OSCI OSCO P1.0 P1.0 P1.0 P1.0 P1.0 P1.0 P1.0 P1.0 NC NC NC NC NC NC NC NC NC NC NC P2.0 P2.1 P2.2 P2.3 P2.4 P2.5 P2.6 P2.7 VDD P3.0 P3.1 P3.2 P3.3 P3.4 P3.5 P3.6 P3.7 TEST NC
X
Y
-1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0
566.0 446.0 326.0 -34.8 -154.8 -274.8 -394.8 -514.8 -634.8 -754.8 -874.8 -994.8
-1025.0 -905.0 -785.0 -665.0 -545.0 -425.0 -305.0 -185.0 -65.0 55.0 175.0 295.0 415.0 535.0 655.0 775.0 895.0 1015.0
-1245.0 -1245.0 -1245.0 -1245.0 -1245.0 -1245.0 -1245.0 -1245.0 -1245.0 -1245.0 -1245.0 -1245.0 -1245.0 -1245.0 -1245.0 -1245.0 -1245.0 -1245.0
Pin NO. 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100
Symbol NC NC NC NC NC NC NC NC NC NC VO1 VO2 P4.0 P4.1 P4.2 P4.3 P4.4 P4.5 P4.6 P4.7 NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC
X
Y
1024.3 1024.3 1024.3 1024.3 1024.3 1024.3 1024.3 1024.3 1024.3 1024.3
-794.4 -409.0 -260.0 -140.0 -20.0 100.0 220.0 340.0 460.0 580.0
Chip size : 2350 * 2790 um For PCB layout, IC substrate must be connected to Vss.
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
14
Specifications* for
EM61000 8-Channel Wave-Table Music Synthesizer
70
P4.7 P4.6 P4.5 P4.4 P4.3 P4.2 P4.1 P4.0 VO2
RESET VSS OSCI
9 69 10 11 (0,0) 68 67 EM61300 66 65 64 63
OSCO P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7
12 13 14 15 16 17 18 19 20
62
61
VO1
32
P2.0
33
P2.1
34
P2.2
35
P2.3
36
P2.4
37
P2.5
38
P2.6
39
P2.7
40
VDD
41
P3.0
42
P3.1
43
P3.2
44
P3.3
45
P3.4
46
P3.5
47
P3.6
48
P3.7
49
TEST
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
15
Specifications* for
EM61000 8-Channel Wave-Table Music Synthesizer
Pin NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
Symbol NC NC NC NC NC NC NC NC RESET VSS OSCI OSCO P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 NC NC NC NC NC NC NC NC NC NC NC P2.0 P2.1 P2.2 P2.3 P2.4 P2.5 P2.6 P2.7 VDD P3.0 P3.1 P3.2 P3.3 P3.4 P3.5 P3.6 P3.7 TEST NC
X
Y
-1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0 -1025.0
306.0 186.0 66.0 -294.8 -414.8 -534.8 -654.8 -774.8 -894.8 -1017.8 -1134.8 -1254.8
-1025.0 -905.0 -785.0 -665.0 -545.0 -425.0 -305.0 -185.0 -65.0 55.0 175.0 295.0 415.0 535.0 655.0 775.0 895.0 1015.0
-1505.0 -1505.0 -1505.0 -1505.0 -1505.0 -1505.0 -1505.0 -1505.0 -1505.0 -1505.0 -1505.0 -1505.0 -1505.0 -1505.0 -1505.0 -1505.0 -1505.0 -1505.0
Pin NO. 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100
Symbol NC NC NC NC NC NC NC NC NC NC VO1 VO2 P4.0 P4.1 P4.2 P4.3 P4.4 P4.5 P4.6 P4.7 NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC
X
Y
1024.3 1024.3 1024.3 1024.3 1024.3 1024.3 1024.3 1024.3 1024.3 1024.3
-1234.4 -669.0 -520.0 -400.0 -280.0 -160.0 -40.0 80.0 200.0 320.0
Chip size : 2390 * 3530 um For PCB layout, IC substrate must be connected to Vss.
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
16
Specifications* for
EM61000 8-Channel Wave-Table Music Synthesizer
OSCI
8
(0,0)
72
VO2
OSCO VSS TEST P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 P2.0 P2.1 P2.2 P2.3 P2.4 P2.5
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
EM61400 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57
VO1 VDD RESET P5.7 P5.6 P5.5 P5.4 P5.3 P5.2 P5.1 P5.0 P4.7 P4.6 P4.5 P4.4
34
P2.6
35
P2.7
36
P3.0
37
P3.1
38
P3.2
39
P3.3
40
P3.4
41
P3.5
42
P3.6
43
P3.7
44
P4.0
45
P4.1
46
P4.2
47
P4.3
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
17
Specifications* for
EM61000 8-Channel Wave-Table Music Synthesizer
Pin NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
Symbol NC NC NC NC NC NC NC OSCI OSCO VSS TEST P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 P2.0 P2.1 P2.2 P2.3 P2.4 P2.5 NC NC NC NC NC NC NC NC P2.6 P2.7 P3.0 P3.1 P3.2 P3.3 P3.4 P3.5 P3.6 P3.7 P4.0 P4.1 P4.2 P4.3 NC NC NC
X
Y
-745.0 -745.0 -745.0 -745.0 -745.0 -745.0 -745.0 -745.0 -745.0 -745.0 -745.0 -745.0 -745.0 -745.0 -745.0 -745.0 -745.0 -745.0
180.5 -205.0 -315.0 -425.0 -535.0 -645.0 -755.0 -865.0 -975.0 -1085.0 -1195.0 -1305.0 -1415.0 -1525.0 -1635.0 -1745.0 -1855.0 -1965.0
-690.0 -580.0 -470.0 -360.0 -250.0 -140.0 -30.0 80.0 190.0 300.0 410.0 520.0 630.0 740.0
-2235.0 -2235.0 -2235.0 -2235.0 -2235.0 -2235.0 -2235.0 -2235.0 -2235.0 -2235.0 -2235.0 -2235.0 -2235.0 -2235.0
Pin NO. 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100
Symbol NC NC NC NC NC NC P4.4 P4.5 P4.6 P4.7 P5.0 P5.1 P5.2 P5.3 P5.4 P5.5 P5.6 P5.7 RESET VDD VO1 VO2 NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC
X
Y
745.0 745.0 745.0 745.0 745.0 745.0 745.0 745.0 745.0 745.0 745.0 745.0 745.0 745.0 755.0 755.0
-1975.0 -1865.0 -1755.0 -1645.0 -1535.0 -1425.0 -1315.0 -1205.0 -1095.0 -985.0 -875.0 -765.0 -655.0 -545.0 -375.4 188.7
Chip size : 1780 * 4760 um For PCB layout, IC substrate must be connected to Vss.
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
18


▲Up To Search▲   

 
Price & Availability of EM61200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X