Part Number Hot Search : 
EM78P813 BA482AMO LVXT8051 DE7806A PIC16 SMBJ26A UM9607 M62713
Product Description
Full Text Search
 

To Download CD1005-Z24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IA
NT
Features

Applications

Lead free as standard RoHS compliant* Zener voltages 2.0 V to 39 V Fits SOD323 and SOD523
DC-DC converters Portable electronics Industrial controllers Desktop PCs and notebooks
*R
oH
S
CO
M
PL
CD0603/1005-Z Surface Mount Zener Diode Series
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. Bourns offers Zener Diodes for voltage reference applications, in compact chip package 0603 and 1005 size format, which offer PCB real estate savings and are considerably smaller than most competitive parts. The Zener Diodes have a zener voltage range between 2.0 V and 39 V. Bourns(R) Chip Diodes conform to JEDEC standards, are easy to handle on standard pick and place equipment and their flat configuration minimizes roll away. Electrical and Thermal Characteristics (@ TA = 25 C Unless Otherwise Noted) Parameter Symbol CD1005-Z CD0603-Z Unit
Power Dissipation @ T=75 C Peak Forward Surge Current 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC Method) Operating and Storage Temperature Range
PD IFSM TJ
200 2.0 -55 to +125
150 2.0 -55 to +125
mW A C
Notes: 1. Pulse test width PW=300 sec, 1 % duty cycle. 2. Mounted on P.C. board with 0.2 x 0.2 " (5.0 x 5.0 mm) copper pad areas.
How To Order
CD 0603 - Z 2V2
Common Code Chip Diode Package * 0603 * 1005 Model Z = Zener Diode Nominal Zener Voltage 2V2 = 2.2 Volts 39 = 39 Volts
Reliable Electronic Solutions
Asia-Pacific: Tel: +886-2 2562-4117 * Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 * Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 * Fax: +1-951 781-5700 www.bourns.com
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD0603/1005-Z Surface Mount Zener Diode Series
Electrical Characteristics (@ TA = 25 C Unless Otherwise Noted)
Zener Voltage Part Number CD0603 -Z2 -Z2V2 -Z2V4 -Z2V7 -Z3 -Z3V3 -Z3V6 -Z3V9 -Z4V3 -Z4V7 -Z5V1 -Z5V6 -Z6V2 -Z6V8 -Z7V5 -Z8V2 -Z9V1 -Z10 -Z11 -Z12 -Z13 -Z15 -Z16 -Z18 -Z20 -Z22 -Z24 -Z27 -Z30 -Z33 -Z36 -Z39 CD1005 -Z2 -Z2V2 -Z2V4 -Z2V7 -Z3 -Z3V3 -Z3V6 -Z3V9 -Z4V3 -Z4V7 -Z5V1 -Z5V6 -Z6V2 -Z6V8 -Z7V5 -Z8V2 -Z9V1 -Z10 -Z11 -Z12 -Z13 -Z15 -Z16 -Z18 -Z20 -Z22 -Z24 -Z27 -Z30 -Z33 -Z36 -Z39 Part Marking Z0 Z1 Z2 Z3 Z4 Z5 Z6 Z7 Z8 Z9 ZA ZB ZC ZE ZF ZG ZH ZJ ZK ZM ZN ZP ZQ ZR ZS ZT ZU ZV ZW ZX ZY ZZ VZ Min. V 1.90 2.09 2.28 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 28.50 31.35 34.20 37.05 Max. V 2.1 2.31 2.52 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 31.50 34.65 37.80 40.95 IZ (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 ZZT Ohms 100 100 85 83 95 95 95 95 95 78 60 40 10 8 7 7 10 15 20 20 25 30 40 50 50 55 80 80 80 80 90 90
Zener Impedance IZ mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 ZZK Ohms 600 600 600 500 500 500 500 500 500 500 480 400 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 250 250 250 250 300 IZ mA 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Reverse Current IR A 100 100 100 75 50 25 15 10 5 5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 VR 1 1 1 1 1 1 1 1 1 2 0.8 1 2 3 5 6 7 7.5 8.5 9 10 11 12 14 15 17 18 20 23 25 27 39
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD0603/1005-Z Surface Mount Zener Diode Series
Product Dimensions
A
Recommended Pad Layout
A
B B
C
D
Dimension A (Max.)
C
B (Min.)
F
C (Min.)
0603 1.70 (0.067) 0.80 (0.031) 0.60 (0.024)
MM (INCHES)
1005 2.10 (0.082) 1.20 (0.047) 1.20 (0.047)
DIMENSIONS: E
Dimension A B C D E F
0603 1.60 - 1.80 (0.063 - 0.071) 0.80 - 1.00 (0.031 - 0.039) 0.25 Typ. (0.010) 0.70 - 0.85 (0.027 - 0.033) 0.35 Typ. (0.014) 0.30 Typ. (0.012)
MM (INCHES)
1005 2.40 - 2.60 (0.095 - 0.102) 1.10 - 1.30 (0.043 - 0.051) 0.35 Typ. (0.014) 0.70 - 0.90 (0.027 - 0.035) 0.35 Typ. (0.014) 0.30 Typ. (0.012)
Physical Specifications Case ....................................0603(1608) / 1005(2512) Molded plastic Terminals ......................Solder plated, solderable per MIL-STD-750, Method 2026 Polarity ....................................................Indicated by cathode band Mounting Position ........................................................................Any
DIMENSIONS:
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD0603/1005-Z Surface Mount Zener Diode Series
Rating and Characteristic Curves Temperature Sensitivity
7 6 Temperature Coefficient, (mV/C) 4 3 2 1 0 -1 -2 -3 -4 2 3 4 5 6 7 8 9 10 11 12 Temperature Coefficient, (mV/C) 5 100
10
1 10 20 30 40 50
Nominal Zener Voltage, Volts
Nominal Zener Voltage, Volts
Zener Current vs. Zener Voltage Characteristics
100
2 2V2 2V4 2V7 3 3V3 3V6 3V9 4V3 4V7 5V1 5V6 6V2 6V8 7V5 8V2 9V1
TA = 25 C
10 11
100
12 13 15 16 18 20 22 24 27 30
TA = 25 C
33 38 39
10 Zener Current (mA) Zener Current (mA) 0 2 4 6 8 10 12
10
1
1
0.1
0.1
0.01
0.01 10 20 30 40 50
Reverse Voltage, Volts
Reverse Voltage, Volts
Derating Curve
0.6 0.5 0.4 0.3 0.2 0.1 0 0 25 50 75 100 125 150
Typical Junction Capacitance
400 350 Capacitance (pF) 300 250 200 150 100 50 0 0 10 Normal Zener Voltage (V) Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. 20 30 40 BIASAT 50 % OF V2NOM 0 V BIAS 1 V BIAS TA = 25 C
Power Dissipation (W)
Temperature (C)
CD0603/1005-Z Surface Mount Zener Diode Series
Rating and Characteristic Curves: Zener Impedance vs. Voltage
1000 TA = 25 C Iz (AC) 0.1 Iz (DC) F = 1 kHZ Forward Current (mA) 10 Normal Zener Voltage (V) 50
Forward Current vs. Voltage
1000
Dynamic Impedance (Ohms)
Iz = 1 mA 100 Iz = 5 mA Iz = 20 mA 10
100
10
1 1
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Forward Voltage (V)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD0603/1005-Z Surface Mount Zener Diode Series
Packaging Information
The product will be dispensed in Tape and Reel format (see diagram below).
P 0 P 1 E Index Hole 120 F W B D2 D1 D T
d
P Trailer
A Device
C Leader W1 Start DIMENSIONS: MM (INCHES)
End
....... ....... ....... ....... ....... ....... ....... .......
10 pitches (min.) 10 pitches (min.)
Direction of Feed
Devices are packed in accordance with EIA standard RS-481-A and specifications shown here. 0603 1.00 0.10 (0.039 - 0.004) 1.85 0.10 (0.073 - 0.004) 1.00 0.10 (0.039 - 0.004) 1.55 0.05 (0.061 - 0.002) 178 (7.008) 60.0 MIN. (2.362) 13.0 0.20 (0.512 - 0.008) 1.75 0.10 (0.069 - 0.004) 3.50 0.05 (0.138 - 0.002) 4.00 0.10 (0.157 - 0.004) 4.00 0.10 (0.157 - 0.004) 2.00 0.05 (0.079 - 0.002) 0.20 0.05 (0.008 - 0.002) 8.00 0.20 (0.315 - 0.008) 13.5 MAX. (0.531) 4,000 1005 1.55 0.10 (0.061 - 0.004) 2.65 0.10 (0.104 - 0.004) 1.05 0.10 (0.041 - 0.004) 1.55 0.10 (0.061 - 0.004) 178 (7.008) 60.0 MIN. (2.362) 13.0 0.20 (0.512 - 0.008) 1.75 0.10 (0.069 - 0.004) 3.50 0.05 (0.138 - 0.002) 4.00 0.10 (0.157 - 0.004) 4.00 0.10 (0.157 - 0.004) 2.00 0.05 (0.079 - 0.002) 0.25 0.05 (0.010 - 0.002) 8.00 0.20 (0.315 - 0.008) 13.5 MAX. (0.531) 4,000
Item Carrier Width Carrier Length Carrier Depth Sprocket Hole Reel Outside Diameter Reel Inner Diameter Feed Hole Diameter Sprocket Hole Position Punch Hole Position Punch Hole Pitch Sprocket Hole Pitch Embossment Center Overall Tape Thickness Tape Width Reel Width Quantity per Reel
Symbol A B C d D D1 D2 E F P P0 P1 T W W1 --
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
09/05 COPYRIGHT(c) 2005, BOURNS, INC. LITHO IN U.S.A. 09/05 e/IPA0524


▲Up To Search▲   

 
Price & Availability of CD1005-Z24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X