Part Number Hot Search : 
12120 VXZ22 ADG12 12120 12120 2SK334 EL2019CN CHM61A3
Product Description
Full Text Search
 

To Download CD1005-B00330R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IA
NT
Features

Applications

Lead free as standard RoHS compliant* Leadless Low stored charge
Cellular phones PDAs Desktop PCs and notebooks Digital cameras MP3 players
*R
oH
S
CO
M
PL
CD0603/1005 Schottky Barrier Chip Diode Series
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. Bourns offers small-signal high-speed Schottky Barrier Diodes for switching and rectification applications, in compact chip package 0603 and 1005 size format, which offer PCB real estate savings and are considerably smaller than most competitive parts. The Schottky Barrier Diodes offer a forward current of 30 mA, 100 mA or 200 mA, a reverse voltage of 30 V and 40 V and also have a low forward voltage option. The diodes are lead free with Cu/Ni/Au plated terminations and are compatible with lead free manufacturing processes, conforming to many industry and government regulations on lead free components. Bourns(R) Chip Diodes conform to JEDEC standards, easy to handle on standard pick and place equipment and their flat configuration makes roll away much more difficult.
Electrical Characteristics (@ TA = 25 C Unless Otherwise Noted) Parameter Symbol CDxxxxB00340 CDxxxxB0130L CDxxxxB0140L CDxxxxB0140R CDxxxxB0230 CDxxxxB0240 Unit
Forward Voltage (Max.) Capacitance Between Terminals (Max.) (f = 1 MHz) Reverse Current (Max.)
VF CT IR
0.37 (If = 1 mA) 1.5 (Vr = 1 V) 1 (Vr = 40 V)
0.44 (If = 0.1 A) 9 (Vr = 10 V) 30 (Vr = 30 V)
0.55 (If = 0.1 A) 9 (Vr = 10 V) 30 (Vr = 10 V)
0.45 (If = 0.01 A) 9 (Vr = 10 V) 1 (Vr = 10 V)
0.50 (If = 0.2 A) 12 (Vr = 10 V) 30 (Vr = 30 V)
0.55 (If = 0.2 A) 12 (Vr = 10 V) 10 (Vr = 30 V)
V pF A
How To Order
CD 0603 - B 01 30 L
Common Code Chip Diode Package * 0603 * 1005 Model B = Schottky Barrier Series Average Forward Current (Io) Code 003 = 30 mA 01 = 100 mA 02 = 200 mA (Code x 1000 mA = Average Forward Current) Reverse Voltage (VR) Code 30 = 30 V 40 = 40 V Forward Voltage Suffix L = Low Forward Voltage Vf (CDxxxx-B0130L) R = Low Reverse Current VR (CDxxxx-B0140R)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD0603/1005 Schottky Barrier Chip Diode Series
Absolute Ratings (@ TA = 25 C Unless Otherwise Noted)
Parameter Repetitive Peak Reverse Voltage Reverse Voltage Average Forward Current Forward Current, Surge Peak Power Dissipation Storage Temperature Junction Temperature Parameter Repetitive Peak Reverse Voltage Reverse Voltage Average Forward Current Forward Current, Surge Peak Power Dissipation Storage Temperature Junction Temperature
Symbol
CD0603B00340
CD0603B0130L
CD0603B0140L
CD0603B0140R
CD0603B0230
CD0603B0240
Unit
VRRM VR Io Isurge PD TSTG TJ
Symbol
45 40 30 500*
35 30 100 1000*
45 40 100 1000*
45 40 100 1000* 150 -40 to +125 -40 to +125
35 30 200 2000*
45 40 200 2000*
V V mA mA mW C C
CD1005B00340
CD1005B0130L
CD1005B0140L
CD1005B0140R
CD1005B0230
CD1005B0240
Unit
VRRM VR Io Isurge PD TSTG TJ
45 40 30 500* 200
35 30 100 1000* 250
45 40 100 1000* 250
45 40 100 1000* 250 -40 to +125 -40 to +125
35 30 200 3000* 250
45 40 200 3000* 250
V V mA mA mW C C
* Condition: 8.3 ms single half sine-wave superimposed on rate load (JEDEC method).
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD0603/1005 Schottky Barrier Chip Diode Series
Product Dimensions
A
Recommended Pad Layout
A
B B
C
D
Dimension A (Max.)
C
B (Min.)
F
C (Min.)
0603 1.70 (0.067) 0.80 (0.031) 0.60 (0.024)
MM (INCHES)
1005 2.10 (0.082) 1.20 (0.047) 1.20 (0.047)
DIMENSIONS: E
Dimension A B C D E F
0603 1.60 - 1.80 (0.063 - 0.071) 0.80 - 1.00 (0.031 - 0.039) 0.25 Typ. (0.010) 0.70 - 0.85 (0.027 - 0.033) 0.35 Typ. (0.014) 0.30 Typ. (0.012)
MM DIMENSIONS: (INCHES)
1005 2.40 - 2.60 (0.095 - 0.102) 1.10 - 1.30 (0.043 - 0.051) 0.35 Typ. (0.014) 0.70 - 0.90 (0.027 - 0.035) 0.35 Typ. (0.014) 0.30 Typ. (0.012)
Physical Specifications Case ....................................0603(1608) / 1005(2512) Molded plastic Terminals ......................Solder plated, solderable per MIL-STD-750, Method 2026 Polarity ....................................................Indicated by cathode band Mounting Position ........................................................................Any Weight ............................................0.000159 ounces / 0.0045 grams Typical Part Marking CDxxxx-B00340 ..............................................................................B2 CDxxxx-B0130L ..............................................................................B3 CDxxxx-B0140L ..............................................................................B7 CDxxxx-B0140R..............................................................................B8 CDxxxx-B0230 ................................................................................B5 CDxxxx-B0240 ................................................................................B9
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD0603/1005 Schottky Barrier Chip Diode Series
Rating and Characteristic Curves: CDxxxx-B00340 Forward Characteristics
10
Reverse Characteristics
1000000
100000
1 Forward Current (mAmps) 10000 Reverse Current (nA)
125 C
85 C
1000
0.1
125 C 85 C 25 C -25 C
100
25 C
0.01 0.0 0.1 0.2 0.3 0.4 0.5
10 0 10 20 Reverse Voltage (Volts) 30 40
Forward Voltage (Volts)
Derating Curve
120 Mounting on glass epoxy PCBs
Capacitance Between Terminals
16 F = 1 MHz Ta = 25 C
14 Capacitance Between Terminals (pF) 100
12
80 I0 Current (%)
10
60
8
6 4
40
20
2 0
0 0 25 50 75 100 125 150
0
5
10
15
20
25
30
Reverse Voltage (Volts) Ambient Temperature (C)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD0603/1005 Schottky Barrier Chip Diode Series
Rating and Characteristic Curves: CDxxxx-B0130L Forward Characteristics
1000
Reverse Characteristics
1000000
100000 Forward Current (mAmps) 125 C 100 10000 Reverse Current (nA) 85 C 1000
10
100 25 C 1 0.0 125 C 0.1 85 C 0.2 25 C 0.3 -25 C 0.4 0.5 0.6 10 0 5 10 15 20 25 30
Forward Voltage (Volts)
Reverse Voltage (Volts)
Derating Curve
120 Mounting on glass epoxy PCBs
Capacitance Between Terminals
16 F = 1 MHz Ta = 25 C
14 100 Capacitance Between Terminals (pF) 12
80 I0 Current (%)
10
60
8
6
40
4 20
2
0 0 25 50 75 100 125 150
0 0 5 10 15 20 25 30
Ambient Temperature (C)
Reverse Voltage (Volts)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD0603/1005 Schottky Barrier Chip Diode Series
Rating and Characteristic Curves: CDxxxx-B0140L Forward Characteristics
1000
Reverse Characteristics
10m
1m 75 C 100u 100 Reverse Current (A) 10u 25 C
Forward Current (mAmps)
1u
10
100n
-25 C
10n
125 C 75 C 1 0.0 0.1
25 C 0.2
-25 C 0.3 0.4 0.5 0.6 0.7
1n 0 10 20 Reverse Voltage (Volts) 30 40
Forward Voltage (Volts)
Derating Curve
120 Mounting on glass epoxy PCBs 100
Capacitance Between Terminals
20 18 16 Capacitance Between Terminals (pF) 14 12 10 8 6 4 F = 1 MHz Ta = 25 C
80 I0 Current (%)
60
40
20
2 0 0 5 10 15 20 25 30 35
0 0 25 50 75 100 125 150 Reverse Voltage (Volts)
Ambient Temperature (C)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD0603/1005 Schottky Barrier Chip Diode Series
Rating and Characteristic Curves: CDxxxx-B0140R Forward Characteristics
1000
Reverse Characteristics
1m
125 C 100u 100 10u Reverse Current (A) 75 C
Forward Current (mAmps)
10
1u
100n 1 10n
25 C
-25 C 75 C 125 C 0.1 0.0 0.2 0.4 0.6 0.8 1.0 Reverse Voltage (Volts) Forward Voltage (Volts) 25 C -25 C 1n 0 10 20 30 40
Derating Curve
120 Mounting on glass epoxy PCBs 100
Capacitance Between Terminals
20 18 16 Capacitance Between Terminals (pF) 14 12 10 8 6 4 F = 1 MHz Ta = 25 C
80 I0 Current (%)
60
40
20
2 0 0 5 10 15 20 25 30 35
0 0 25 50 75 100 125 150 Reverse Voltage (Volts)
Ambient Temperature (C)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD0603/1005 Schottky Barrier Chip Diode Series
Rating and Characteristic Curves: CDxxxx-B0230 Forward Characteristics
1000
Reverse Characteristics
10000000
1000000
100 Forward Current (mAmps)
Reverse Current (nA)
100000
125 C
85 C 10000
10
1000 25 C 100
125 C 1 0.0 0.1
85 C 0.2
25 C 0.3
-25 C 10 0.4 0.5 0 5 10 15 20 25 30 35
Forward Voltage (Volts)
Reverse Voltage (Volts)
Derating Curve
120 Mounting on glass epoxy PCBs 100
Capacitance Between Terminals
100.0 90.0 80.0 Capacitance Between Terminals (pF) 70.0 60.0 50.0 40.0 30.0 20.0 F = 1 MHz Ta = 25 C
80 I0 Current (%)
60
40
20
10.0 0.0
0 0 25 50 75 100 125 150
0
5
10
15
20
25
30
35
Reverse Voltage (Volts) Ambient Temperature (C)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD0603/1005 Schottky Barrier Chip Diode Series
Rating and Characteristic Curves: CDxxxx-B0240 Forward Characteristics
1000
Reverse Characteristics
10m
100
1m
125 C
100u Reverse Current (A)
10
75 C 10u
Forward Current (mAmps)
1
1u
25 C
0.1
125 C 75 C 25 C
100n -25 C
-25 C
0.01
10n
0.001 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7
1n 0 10 20 30 40
Forward Voltage (Volts)
Reverse Voltage (Volts)
Derating Curve
120 Mounting on glass epoxy PCBs 100
Capacitance Between Terminals
100 90 80 Capacitance Between Terminals (pF) 70 60 50 40 30 20 F = 1 MHz Ta = 25 C
80 I0 Current (%)
60
40
20 10 0 0 25 50 75 100 125 150 0 0 5 10 15 20 25 30 35
Ambient Temperature (C)
Reverse Voltage (Volts)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD0603/1005 Schottky Barrier Chip Diode Series
Packaging Information
The product will be dispensed in Tape and Reel format (see diagram below).
P 0 P 1 E Index Hole 120 F W B D2 D1 D T
d
P Trailer
A Device
C Leader W1 Start DIMENSIONS: MM (INCHES)
End
....... ....... ....... ....... ....... ....... ....... .......
10 pitches (min.) 10 pitches (min.)
Direction of Feed
Devices are packed in accordance with EIA standard RS-481-A and specifications shown here. 0603 1.00 0.10 (0.039 - 0.004) 1.85 0.10 (0.073 - 0.004) 1.00 0.10 (0.039 - 0.004) 1.55 0.05 (0.061 - 0.002) 178 (7.008) 60.0 MIN. (2.362) 13.0 0.20 (0.512 - 0.008) 1.75 0.10 (0.069 - 0.004) 3.50 0.05 (0.138 - 0.002) 4.00 0.10 (0.157 - 0.004) 4.00 0.10 (0.157 - 0.004) 2.00 0.05 (0.079 - 0.002) 0.20 0.05 (0.008 - 0.002) 8.00 0.20 (0.315 - 0.008) 13.5 MAX. (0.531) 4,000 1005 1.55 0.10 (0.061 - 0.004) 2.65 0.10 (0.104 - 0.004) 1.05 0.10 (0.041 - 0.004) 1.55 0.10 (0.061 - 0.004) 178 (7.008) 60.0 MIN. (2.362) 13.0 0.20 (0.512 - 0.008) 1.75 0.10 (0.069 - 0.004) 3.50 0.05 (0.138 - 0.002) 4.00 0.10 (0.157 - 0.004) 4.00 0.10 (0.157 - 0.004) 2.00 0.05 (0.079 - 0.002) 0.25 0.05 (0.010 - 0.002) 8.00 0.20 (0.315 - 0.008) 13.5 MAX. (0.531) 4,000
Item Carrier Width Carrier Length Carrier Depth Sprocket Hole Reel Outside Diameter Reel Inner Diameter Feed Hole Diameter Sprocket Hole Position Punch Hole Position Punch Hole Pitch Sprocket Hole Pitch Embossment Center Overall Tape Thickness Tape Width Reel Width Quantity per Reel
Symbol A B C d D D1 D2 E F P P0 P1 T W W1 --
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
REV. 07/05 COPYRIGHT(c) 2003, BOURNS, INC. LITHO IN U.S.A. 10/03 e/IPA0303


▲Up To Search▲   

 
Price & Availability of CD1005-B00330R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X