Part Number Hot Search : 
AN79N15 LL103A PD70F SP5521 APAMP WR303 1660C 00104
Product Description
Full Text Search
 

To Download BL-BEG204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Chip Package Part No. Material/ Emitted Color GaP/GaP /Bright Red GaP/GaP /Yellow Green GaAsP/GaP/Hi-Eff Red GaP/GaP /Yellow Green GaAsP/GaP Yellow GaP/GaP /Yellow Green GaP/GaP /Bright Red GaP/GaP /Yellow Green GaAsP/GaP/Hi-Eff Red GaP/GaP /Yellow Green GaAsP/GaP Yellow GaP/GaP /Yellow Green GaP/GaP /Bright Red GaP/GaP /Yellow Green GaAsP/GaP/Hi-Eff Red GaP/GaP /Yellow Green GaAsP/GaP Yellow GaP/GaP /Yellow Green GaP/GaP /Bright Red GaP/GaP /Yellow Green GaAsP/GaP/Hi-Eff Red GaP/GaP /Yellow Green GaAsP/GaP/ Yellow GaP/GaP /Yellow Green Peak Wave Length p (nm) 700 568 635 568 585 568 700 568 635 568 585 568 700 568 635 568 585 568 700 568 635 568 585 568 Lens Appearance
Electro-optical Data(At 20mA) Viewing Vf Iv Angle (V) (mcd) Pd If Peak 2 1/2 (deg) (nm) (mw) (mA) (mA) Typ Max Typ. 90 30 45 30 35 30 90 30 45 30 35 30 90 30 45 30 35 30 90 30 45 30 35 30 40 80 80 80 80 80 40 80 80 80 80 80 40 80 80 80 80 80 40 80 80 80 80 80 15 30 30 30 30 30 15 30 30 30 30 30 15 30 30 30 30 30 15 30 30 30 30 30 50 150 150 150 150 150 50 150 150 150 150 150 50 150 150 150 150 150 50 150 150 150 150 150 2.2 2.2 2.0 2.2 2.1 2.2 2.2 2.2 2.0 2.2 2.1 2.2 2.2 2.2 2.0 2.2 2.1 2.2 2.2 2.2 2.0 2.2 2.1 2.2 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 7.0 35.0 35.0 35.0 30.0 35.0 8.0 45.0 45.0 45.0 40.0 45.0 3.5 20.0 20.0 20.0 18.0 20.0 3.5 20.0 20.0 20.0 18.0 20.0
Absolute Maximum Ratings
Drawing No.
BL-BHG201 T-1 Standard 1.0" Lead 3 BL-BEG201 BL-BYG201 BL-BHG204 BL-BEG204 BL-BYG204 BL-BHG204-A BL-BEG204-A BL-BYG204-A BL-BHG204-B BL-BEG204-B BL-BYG204-B
White Diffused White Diffused White Diffused White Diffused White Diffused White Diffused White Diffused White Diffused White Diffused White Diffused White Diffused White Diffused
40
L-158
T-13/4 Standard 1.0" Lead 5
50
L-159
T-13/4 Standard 1.0" Lead 5
50
L-160
T-1 3/4Standard 1.0" Lead 5 Remark
50
L-161
1.Hi-Eff Red / High-Efficiency Red 2. Trans / Transparent 3. 2 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity
L-158
BL-Bxx201 Series
3.0(.118) CENTER LEADS COMMON CATHODE 5.3(.209) 0.81 (.03) SUPER BLUE ANODE 1.50(.059) MAX. 1.2A0.5 (.047) 21.0(.827) MIN. 2.0 (.08) MIN. 3.8(.15) HI-EFF RED ANODE
L-159
5.0(.197)
BL-Bxx204 Series
CENTER LEADS COMMON CATHODE 8.62(.339) 1.0(.039) 1.5(.059) MAX.
BRIGHT RED ANODE 1.5A0.5 (.059) 21.0(.827) MIN.
GREEN ANODE
0.5(.02) SQ. TYP.
0.5(.02) SQ. TYP.
5.7(.22) 2.0 (.08) MIN. 2.54 (.100) 2.54 (.100) NOM. NOM.
2.54 (.100) NOM.
2.54 (.100) NOM.
L-160
5.0(.197)
BL-Bxx204-A Series
L-161
5.00(.197)
BL-Bxx204-B Series
CENTER LEADS COMMON ANODE
8.6(.34) 1.0(.039) BRIGHT RED ANGLE LEADS COMMON ANODE CATHODE GREEN CATHODE
1.00(.039) 8.62(.339)
1.5(.059)
MAX.
0.5(.02)SQ.TYP.
1.4A0.5 (.055) 21.0(.827) MIN.
ULTRA RED CATHODE 1.4A0.5 (.055) 21.0(.827) MIN. 2.0(.097) MIN. 2.54 (.100) 2.54 (.100) NOM. NOM.
HI-EFF GREEN CATHODE
1.5(.059) MAX.
5.7(.22)
0.5(.02) SQ.
TYP.
2.0(.079) MIN.
5.70(.224)
2.54 (.100) 2.54 (.100) NOM. NOM.
Notes: 1.All Dimensions are millimeters (inches). 2.Tolerance is 0.25mm (.010").
Yellow Stone corp.
886-2-28221522 FAX:886-2-28202309
YELLOW STONE CORP. Specifications subject to change without notice.
www.ystone.com.tw


▲Up To Search▲   

 
Price & Availability of BL-BEG204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X