Part Number Hot Search : 
E28F400 CRBV5 PE3675LF CS98100 D6025 15GN03MA WSA460 S2055
Product Description
Full Text Search
 

To Download BD140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BD136 BD138/BD140
PNP SILICON TRANSISTORS
s s
SGS-THOMSON PREFERRED SALESTYPES PNP TRANSISTOR
DESCRIPTION The BD136, BD138 and BD140 are silicon epitaxial planar PNP transistors in Jedec SOT-32 plastic package, designed for audio amplifiers and drivers utilizing complementary or quasi compementary circuits. The complementary NPN types are the BD135 BD137 and BD139. SOT-32
3
2
1
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CBO V CEO V EBO IC I CM IB P t ot P t ot T stg Tj Parameter BD136 Collector-Base Voltage (IE = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current Base Current Total Dissipation at T c 25 C Total Dissipation at T amb 25 o C Storage Temperature Max. O perating Junction Temperature
o
Value BD138 -60 -60 -5 -1.5 -3 -0.5 12.5 1.25 -65 to 150 150 BD140 -80 -80 -45 -45
Uni t V V V A A A W W
o o
C C
June 1997
1/4
BD136/BD138/BD140
THERMAL DATA
R t hj-ca se Thermal Resistance Junction-case Max 10
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symb ol I CBO I EBO Parameter Collector Cut-off Current (IE = 0) Emitter Cut-off Current (I C = 0) Test Cond ition s V CB = -30 V V CB = -30 V V EB = -5 V I C = -30 mA for BD136 for BD138 for BD140 I C = -0.5 A I C = -0.5 A I C = -5 mA I C = -0.5 A I C = -150 mA IB = -0.05 A V CE = -2 V VCE = -2 V V CE = -2 V V CE = -2 V 25 25 40 63 TC = 125 C
o
Min.
Typ .
Max. -0.1 -10 -10
Un it A A A
V CEO(sus ) Collector-Emitter Sustaining Voltage
-45 -60 -80 -0.5 -1
V V V V V
V CE(sat ) V BE h FE
Collector-Emitter Saturation Voltage Base-Emitter Voltage DC Current G ain
250 160
h FE
h FE G roups
I C = -150 mA V CE = -2 V for BD140 group 10
Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
Safe Operating Areas
2/4
BD136/BD138/BD140
SOT-32 (TO-126) MECHANICAL DATA
mm MIN. A B b b1 C c1 D e e3 F G H H2 2.15 3 4.15 3.8 3.2 2.54 0.084 0.118 7.4 10.5 0.7 0.49 2.4 1.0 15.4 2.2 4.65 0.163 0.150 0.126 0.100 TYP. MAX. 7.8 10.8 0.9 0.75 2.7 1.3 16.0 MIN. 0.291 0.413 0.028 0.019 0.040 0.039 0.606 0.087 0.183 inch TYP. MAX. 0.307 0.445 0.035 0.030 0.106 0.050 0.629
DIM.
H2
0016114
3/4
BD136/BD138/BD140
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada- China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A . ..
4/4


▲Up To Search▲   

 
Price & Availability of BD140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X