Part Number Hot Search : 
12160 1060CT ST72T121 2SC162 1755606 RT9525 IC16F1 11007
Product Description
Full Text Search
 

To Download BC858B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC856A/B-BC857A/B/C BC858A/B/C-BC859B/C
General Purpose Transistor PNP Silicon
COLLECTOR 3
3 1 2 SOT-23
MARKING DIAGRAM 3
1 BASE
2 EMITTER
1
XX = Device Code (See 2 Table Below)
Maximum Ratings ( TA=25 C unless otherwise noted)
Rating Collector-Emitter Voltage BC856 BC857 BC858,BC859 BC856 BC857 BC858,BC859 Symbol VCEO Value -65 -45 -30 -80 -50 -30 -5.0 -100 Max 225 1.8 556 300 2.4 417 -55 to +150 Unit V
Collector-Base Voltage
VCBO VEBO IC Symbol PD R JA PD R JA TJ,Tstg
V V mAdc Unit mW mW/ C C/W mW mW/ C C/W C
Emitter-Base VOltage Collector Current-Continuous
Thermal Characteristics
Characteristics Total Device Dissipation FR-5 Board (1) (Note 1.)TA=25 C Derate above 25 C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (Note 2.) TA=25 C Derate above 25 C Thermal Resistance, Junction to Ambient Junction and Storage, Temperature
1.F R -5=1.0 x 0.75 x 0.062 in. 2.Alumina=0.4 x 0.3 x 0.024 in. 99.5% alumina.
Electrical Characteristics Off Characteristics
Collector-Emitter Breakdown Voltage (IC= -10mA) Collector-Emitter Breakdown Voltage (IC=-10 A ,VEB=0) Collector-Base Breakdown Voltage (IC=-10 A) Emitter-Base Breakdown Voltage (IE=-1.0 A)
(TA=25 C Unless Otherwise noted) Symbol Characteristics
Min
Typ
Max
Unit
BC856 Series BC857 Series BC858, BC859 Series BC856 Series BC857 Series BC858, BC859 Series BC856 Series BC857 Series BC858, BC859 Series BC856 Series BC857 Series BC858, BC859 Series
V(BR)CEO
-65 -45 -30 -80 -50 -30 -80 -50 -30 -5.0 -5.0 -5.0 -
-
-15 -4.0
V
V(BR)CES
V
V(BR)CBO
V
V(BR)EBO
V
Collector Cutoff Current (VCB=-30V) (VCB=-30V, TA=150 C)
ICBO
nA mA
WEITRON
http://www.weitron.com.tw
1/4
Rev A 12-Apr-05
BC856A/B-BC857A/B/C BC858A/B/C-BC859B/C
WE IT R ON
(TA=25 C Unless Otherwise noted) Symbol Min Typ Max Unit
Electrical Characteristics On Characteristics
DC Current Gain (IC= -10uA, VCE=-5.0V)
Characteristics
(IC= -2.0mA,VCE=-5.0V)
BC856A, BC857A, BC858A BC856B, BC857B, BC858B BC858C BC856A, BC857A, BC858A BC856B, BC857B, BC858B, BC859B BC857C, BC858C, BC859C
hFE
125 220 420 -0.6 -
90 150 270 180 290 520 -0.7 -0.9 -
250 475 800 -0.3 -0.65 -0.75 -0.82
-
Collector-Emitter Saturation Voltage (IC= -10mA, IB=-0.5mA) (IC= -100mA, IB=-5.0mA) Base-Emitter Saturation Voltage (IC= -10mA, IB=-0.5mA) (IC= -100mA, IB=-5.0mA) Base-Emitter On Voltage (IC= -10mA, IB=-0.5mA) (IC= -100mA, IB=-5.0mA)
VCE(sat)
V
VBE(sat)
V
VBE(on)
V
Small-signal Characteristics
Current-Gain-Bandwidth Product (IC= -10mA, VCE= -5.0VDC, f=100MHz) Output Capacitance (VCB= -10V, f=1.0MHz) Noise Figure (IC= -0.2mA, VCE= -5.0Vdc, Rs=2.0k , f=1.0kHz, BW=200Hz) BC856, BC857, BC858 Series BC859, Series fT Cobo NF 10 4.0 100 4.5 MHz pF dB
Device Marking
BC856A=3A; BC856B=3B; BC857A=3E; BC857B=3F; BC857C=3G BC858A=3J; C858B=3K; BC858C=3L; BC859B=4B; BC859C=4C
WEITRON
http://www.weitron.com.tw
2/4
Rev A 12-Apr-05
BC856A/B-BC857A/B/C BC858A/B/C-BC859B/C
WE IT R ON
BC857/BC858/BC859 Series
-1.0 -0.9 V, VOLTAGE (VOLTS) TA=25 C VBE(sat)@IC/BC=10
hFE,NORMALIZED DC CURRENT GAIN
2.0 1.5 1.0 0.7 0.5 VCE=10V TA=25 C
-0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2
VBE(ON)@VCE= -10V
0.3 0.2
-0.1 -0.2 -0.5 -1.0 -2.0 -5.0 -10 -20 -50 -100 -200 0 -0.1 -0.2
VCE(sat)@IC/BC=10 -0.5 -1.0 -2.0 -5.0 -10 -20 -50 -100
IC, COLLECTOR CURRENT (mAdc)
IC, COLLECTOR CURRENT (mAdc)
Figure1.Normalized DC Current Gain
Firure2. "Saturation" And "On" Voltage
VCE, COLLECTOR- EMITTER VOLTAGE (V)
qVB, TEMPERATURE COEFFICIENT (mV/ C)
-2.0 TA=25 C -1.6
1.0 -55 C to +125 C 1.2 1.6 2.0 2.4 2.8
-1.2 IC= -10mA IC= -20mA -0.4 IC= -50mA IC= -200mA
-0.8
IC= -100mA
0
-0.02
-0.1 -1.0 IB, BASE CURRENT (mA)
-10
-20
-0.2
-1.0 -10 IC, COLLECTOR CURRENT (mA)
-100
Figure 3. Collector Saturation Region
Figure 4. Base-Emitter Temperature Coefficient
10 Cib 7.0 C,CAPACITANCE (pF) 5.0 Cob TA=25 C
fT, CURRENT-GAIN-BANDWIDTH PRODUCT (MHz)
400 300 200 150 100 80 60 40 30 20 -0.5 VCE= -10V TA= 25 C
3.0
2.0
1.0 -0.4 -0.6
-1.0
-2.0
-4.0 -6.0
-10
-20
-30 -40
-1.0
-2.0 -3.0
-5.0
-10
-20
-30
-50
VR, REVERSE VOLTAGE (VOLTS)
IC, COLLECTOR CURRENT (mAdc)
Figure 5. Capacitances
Figure 6. Current-Gain- Bandwidth Product
WEITRON
http://www.weitron.com.tw
3/4
Rev A 12-Apr-05
BC856A/B-BC857A/B/C BC858A/B/C-BC859B/C
WE IT R ON
BC856 Series
-1.0
hFE,DC CURRENT GAIN (NORMALIZED)
VCE= -5.0V TA= 25 C V,Voltage (Volts) 2.0 1.0 0.5
TJ=25 C -0.8 VBE(sat)@IC/IB=10
-0.6 VBE@VCE=-5.0V -0.4
0.2
-0.2 VCE(sat)@IC/IB=10 -1.0 -2.0 -5.0 -10 -20 -50 -100 -200 0 -0.2 -0.5 -1.0 -2.0 -5.0 -10 -20 -50 -100 -200
-0.1 -0.2
IC, COLLECTOR CURRENT (AMP)
IC, COLLECTOR CURRENT(mA)
Figure 7. DC Current Gain
Figure 8. "ON" Voltage
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
-2.0
qVB TEMPERATURE COEFFICIENT (mV/= C)
-1.0
-1.6 IC= -10mA -20mA -50mA -100mA -200mA
-1.4
-1.2
-1.8
qVB for VBE -55 C to 125 C
-0.8
-2.2
-0.4 TJ=25 C 0 -0.02 -0.05 -0.1 -0.2 -0.5 -1.0 -2.0 -5.0 -10 -20
-2.6
-3.3 -0.2 -0.5 -1.0 -2.0 -5.0 -10 -20 -50 -100 -200 IC, COLLECTOR CURRENT (mA)
IB, BASE CURRENT (mA)
Figure 9. Collector Saturation Region
Figure 10. Base-Emitter Temperature Coefficient
40 TJ=25 C 20 Cib
fT, CURRENT-GAIN-BANDWIDTH PRODUCT
500
VCE=-5.0V
C. CAPACTIANCE (pF)
200 100 50
10 8.0 6.0 4.0 Cob
20
2.0 -0.1 -0.2
-0.5
-1.0
-2.0
-5.0
-10
-20
-50 -100
-1.0
-10
-100
VR, REVERSE VOLTAGE (VOLTS)
IC, COLLECTOR CURRENT (mA)
Figure 11. Capacitance
Figure 12.Current-Gain-Bandwidth Product
WEITRON
http://www.weitron.com.tw
4/4
Rev A 12-Apr-05


▲Up To Search▲   

 
Price & Availability of BC858B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X