Part Number Hot Search : 
CXP82300 RKL26 74LV573N AKBL409 STM1813 CP1500 00104 40175
Product Description
Full Text Search
 

To Download BC558CZL1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC556B, BC557A, B, C, BC558B, C Amplifier Transistors
PNP Silicon
Features http://onsemi.com
* Pb-Free Packages are Available*
COLLECTOR 1
MAXIMUM RATINGS
Rating Collector - Emitter Voltage BC556 BC557 BC558 Collector - Base Voltage BC556 BC557 BC558 Emitter - Base Voltage Collector Current - Continuous Collector Current - Peak Base Current - Peak Total Device Dissipation @ TA = 25C Derate above 25C Total Device Dissipation @ TC = 25C Derate above 25C Operating and Storage Junction Temperature Range VEBO IC ICM IBM PD PD TJ, Tstg VCBO -80 -50 -30 -5.0 -100 -200 -200 625 5.0 1.5 12 -55 to +150 Vdc mAdc 1 2 mAdc mW mW/C W mW/C C 3 Symbol VCEO -65 -45 -30 Vdc Value Unit Vdc
2 BASE 3 EMITTER
TO-92 CASE 29 STYLE 17
MARKING DIAGRAM
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case Symbol RqJA RqJC Max 200 83.3 Unit C/W C/W
BC 55xx AYWW G G
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
= Device Code x = 6, 7, or 8 A = Assembly Location Y = Year WW = Work Week G = Pb-Free Package (Note: Microdot may be in either location)
BC55x
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
1
September, 2005 - Rev. 2
Publication Order Number: BC556B/D
BC556B, BC557A, B, C, BC558B, C
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector -Emitter Breakdown Voltage (IC = -2.0 mAdc, IB = 0) V(BR)CEO BC556 BC557 BC558 V(BR)CBO BC556 BC557 BC558 V(BR)EBO BC556 BC557 BC558 ICES BC556 BC557 BC558 BC556 BC557 BC558 - - - - - - -2.0 -2.0 -2.0 - - - -100 -100 -100 -4.0 -4.0 -4.0 nA -5.0 -5.0 -5.0 - - - - - - -80 -50 -30 - - - - - - V -65 -45 -30 - - - - - - V V Symbol Min Typ Max Unit
Collector -Base Breakdown Voltage (IC = -100 mAdc)
Emitter -Base Breakdown Voltage (IE = -100 mAdc, IC = 0)
Collector-Emitter Leakage Current (VCES = -40 V) (VCES = -20 V) (VCES = -20 V, TA = 125C)
mA
ON CHARACTERISTICS DC Current Gain (IC = -10 mAdc, VCE = -5.0 V) hFE A Series Device B Series Devices C Series Devices BC557 A Series Device B Series Devices C Series Devices A Series Device B Series Devices C Series Devices VCE(sat) - - - VBE(sat) - - VBE(on) -0.55 - -0.62 -0.7 -0.7 -0.82 -0.7 -1.0 - - V -0.075 -0.3 -0.25 -0.3 -0.6 -0.65 V - - - 120 120 180 420 - - - 90 150 270 - 170 290 500 120 180 300 - - - 800 220 460 800 - - - V -
(IC = -2.0 mAdc, VCE = -5.0 V)
(IC = -100 mAdc, VCE = -5.0 V)
Collector -Emitter Saturation Voltage (IC = -10 mAdc, IB = -0.5 mAdc) (IC = -10 mAdc, IB = see Note 1) (IC = -100 mAdc, IB = -5.0 mAdc) Base -Emitter Saturation Voltage (IC = -10 mAdc, IB = -0.5 mAdc) (IC = -100 mAdc, IB = -5.0 mAdc) Base-Emitter On Voltage (IC = -2.0 mAdc, VCE = -5.0 Vdc) (IC = -10 mAdc, VCE = -5.0 Vdc) SMALL-SIGNAL CHARACTERISTICS Current -Gain - Bandwidth Product (IC = -10 mA, VCE = -5.0 V, f = 100 MHz)
fT BC556 BC557 BC558 Cob NF BC556 BC557 BC558 hfe BC557 A Series Device B Series Devices C Series Devices 125 125 240 450 - - - - 900 260 500 900 - - - 2.0 2.0 2.0 10 10 10 - - - - 280 320 360 3.0 - - - 6.0
MHz
Output Capacitance (VCB = -10 V, IC = 0, f = 1.0 MHz) Noise Figure (IC = -0.2 mAdc, VCE = -5.0 V, RS = 2.0 kW, f = 1.0 kHz, Df = 200 Hz) Small-Signal Current Gain (IC = -2.0 mAdc, VCE = 5.0 V, f = 1.0 kHz)
pF dB
-
1. IC = -10 mAdc on the constant base current characteristics, which yields the point IC = -11 mAdc, VCE = -1.0 V.
http://onsemi.com
2
BC556B, BC557A, B, C, BC558B, C
BC557/BC558
2.0 hFE , NORMALIZED DC CURRENT GAIN 1.5 1.0 0.7 0.5 VCE = -10 V TA = 25C V, VOLTAGE (VOLTS) -1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.2 -0.2 -0.5 -1.0 -2.0 -5.0 -10 -20 -50 IC, COLLECTOR CURRENT (mAdc) -100 -200 0 -0.1 -0.2 VCE(sat) @ IC/IB = 10 -0.5 -1.0 -2.0 -5.0 -10 -20 IC, COLLECTOR CURRENT (mAdc) -50 -100 VBE(on) @ VCE = -10 V TA = 25C VBE(sat) @ IC/IB = 10
0.3
Figure 1. Normalized DC Current Gain
Figure 2. "Saturation" and "On" Voltages
VB , TEMPERATURE COEFFICIENT (mV/ C)
VCE , COLLECTOR-EMITTER VOLTAGE (V)
-2.0 TA = 25C -1.6 -1.2 IC = -10 mA IC = -50 mA IC = -20 mA IC = -200 mA IC = -100 mA
1.0 -55C to +125C 1.2 1.6 2.0 2.4 2.8
-0.8
-0.4
0
-0.02
-0.1 -1.0 IB, BASE CURRENT (mA)
-10 -20
-0.2
-10 -1.0 IC, COLLECTOR CURRENT (mA)
-100
Figure 3. Collector Saturation Region
f T, CURRENT-GAIN - BANDWIDTH PRODUCT (MHz)
Figure 4. Base-Emitter Temperature Coefficient
10 7.0 C, CAPACITANCE (pF) 5.0 Cob Cib TA = 25C
400 300 200 150 100 80 60 40 30 20 -0.5 -1.0 -2.0 -3.0 -5.0 -10 -20 -30 -50 VCE = -10 V TA = 25C
3.0 2.0
1.0 -0.4 -0.6
-1.0
-2.0
-4.0 -6.0
-10
-20 -30 -40
VR, REVERSE VOLTAGE (VOLTS)
IC, COLLECTOR CURRENT (mAdc)
Figure 5. Capacitances
Figure 6. Current-Gain - Bandwidth Product
http://onsemi.com
3
BC556B, BC557A, B, C, BC558B, C
BC556
-1.0 hFE , DC CURRENT GAIN (NORMALIZED) VCE = -5.0 V TA = 25C 2.0 1.0 0.5 0.2 -0.1 -0.2 -1.0 -2.0 -5.0 -10 -20 -50 -100 -200 IC, COLLECTOR CURRENT (mA) V, VOLTAGE (VOLTS) TJ = 25C -0.8 VBE(sat) @ IC/IB = 10 -0.6 VBE @ VCE = -5.0 V
-0.4
-0.2 VCE(sat) @ IC/IB = 10 0 -0.2 -0.5 -50 -100 -200 -5.0 -10 -20 -1.0 -2.0 IC, COLLECTOR CURRENT (mA)
Figure 7. DC Current Gain
Figure 8. "On" Voltage
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
VB, TEMPERATURE COEFFICIENT (mV/ C)
-2.0
-1.0
-1.6 IC = -10 mA -20 mA -50 mA -100 mA -200 mA
-1.4
-1.2
-1.8
qVB for VBE
-55C to 125C
-0.8
-2.2
-0.4 TJ = 25C 0 -0.02 -0.05 -0.1 -0.2 -0.5 -1.0 -2.0 IB, BASE CURRENT (mA) -5.0 -10 -20
-2.6
-3.0 -0.2
-0.5 -1.0
-50 -5.0 -10 -20 -2.0 IC, COLLECTOR CURRENT (mA)
-100 -200
Figure 9. Collector Saturation Region
Figure 10. Base-Emitter Temperature Coefficient
f T, CURRENT-GAIN - BANDWIDTH PRODUCT
40 TJ = 25C C, CAPACITANCE (pF) 20 Cib
500
VCE = -5.0 V
200 100 50 20 -100 -1.0 -10 IC, COLLECTOR CURRENT (mA)
10 8.0 6.0 4.0 2.0 -0.1 -0.2 Cob
-0.5
-1.0 -2.0 -5.0 -10 -20 VR, REVERSE VOLTAGE (VOLTS)
-50 -100
Figure 11. Capacitance
Figure 12. Current-Gain - Bandwidth Product
http://onsemi.com
4
BC556B, BC557A, B, C, BC558B, C
1.0 0.7 0.5 0.3 0.2 0.1 0.1 0.07 0.05 0.03 0.02 0.01
D = 0.5 0.2 0.05 SINGLE PULSE SINGLE PULSE P(pk) t1 t2 DUTY CYCLE, D = t1/t2
r(t), TRANSIENT THERMAL RESISTANCE (NORMALIZED)
ZqJC(t) = (t) RqJC RqJC = 83.3C/W MAX ZqJA(t) = r(t) RqJA RqJA = 200C/W MAX D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) - TC = P(pk) RqJC(t)
0.1
0.2
0.5
1.0
2.0
5.0
10
20 50 t, TIME (ms)
100
200
500
1.0 k
2.0 k
5.0 k
10
Figure 13. Thermal Response
-200 1s IC, COLLECTOR CURRENT (mA) -100 -50 TA = 25C TJ = 25C 3 ms The safe operating area curves indicate IC-VCE limits of the transistor that must be observed for reliable operation. Collector load lines for specific circuits must fall below the limits indicated by the applicable curve. The data of Figure 14 is based upon TJ(pk) = 150C; TC or TA is variable depending upon conditions. Pulse curves are valid for duty cycles to 10% provided T J(pk) 150C. TJ(pk) may be calculated from the data in Figure 13. At high case or ambient temperatures, thermal limitations will reduce the power than can be handled to values less than the limitations imposed by second breakdown.
-10 -5.0 -2.0 -1.0
BC558 BC557 BC556 BONDING WIRE LIMIT THERMAL LIMIT SECOND BREAKDOWN LIMIT -5.0 -10 -30 -45 -65 -100 VCE, COLLECTOR-EMITTER VOLTAGE (V)
Figure 14. Active Region - Safe Operating Area
http://onsemi.com
5
BC556B, BC557A, B, C, BC558B, C
DEVICE ORDERING INFORMATION
Device BC556B BC556BG BC556BZL1 BC556BZL1G BC557AZL1 BC557AZL1G BC557B BC557BG BC557BRL1 BC557BRL1G BC557BZL1 BC557BZL1G BC557C BC557CG BC557CZL1 BC557CZL1G BC558BRL BC558BRLG BC558BRL1 BC558BRL1G BC558BZL1 BC558BZL1G BC558CZL1 BC558CZL1G Package TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) Shipping 5000 Units / Bulk 5000 Units / Bulk 2000 / Ammo Box 2000 / Ammo Box 2000 / Ammo Box 2000 / Ammo Box 5000 Units / Bulk 5000 Units / Bulk 2000 / Tape & Reel 2000 / Tape & Reel 2000 / Ammo Box 2000 / Ammo Box 5000 Units / Bulk 5000 Units / Bulk 2000 / Ammo Box 2000 / Ammo Box 2000 / Tape & Reel 2000 / Tape & Reel 2000 / Tape & Reel 2000 / Tape & Reel 2000 / Ammo Box 2000 / Ammo Box 2000 / Ammo Box 2000 / Ammo Box
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
6
BC556B, BC557A, B, C, BC558B, C
PACKAGE DIMENSIONS
TO-92 (TO-226) CASE 29-11 ISSUE AL
A R P L
SEATING PLANE
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. INCHES MIN MAX 0.175 0.205 0.170 0.210 0.125 0.165 0.016 0.021 0.045 0.055 0.095 0.105 0.015 0.020 0.500 --- 0.250 --- 0.080 0.105 --- 0.100 0.115 --- 0.135 --- MILLIMETERS MIN MAX 4.45 5.20 4.32 5.33 3.18 4.19 0.407 0.533 1.15 1.39 2.42 2.66 0.39 0.50 12.70 --- 6.35 --- 2.04 2.66 --- 2.54 2.93 --- 3.43 ---
K
XX G H V
1
D J C SECTION X-X N N
DIM A B C D G H J K L N P R V
STYLE 17: PIN 1. COLLECTOR 2. BASE 3. EMITTER
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
7
BC556B/D


▲Up To Search▲   

 
Price & Availability of BC558CZL1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X