Part Number Hot Search : 
919HD 2SC20 P1345 2SB926 FQU7N20 H1N60U SRF2020 UAA3540
Product Description
Full Text Search
 

To Download BC327-25RL1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC327, BC327-16, BC327-25, BC327-40 Amplifier Transistors
PNP Silicon
Features http://onsemi.com
COLLECTOR 1 2 BASE 3 EMITTER
* Pb-Free Packages are Available*
MAXIMUM RATINGS
Rating Collector -Emitter Voltage Collector -Base Voltage Collector -Emitter Voltage Collector Current - Continuous Total Power Dissipation @ TA = 25C Derate above TA = 25C Total Power Dissipation @ TA = 25C Derate above TA = 25C Operating and Storage Junction Temperature Range Symbol VCEO VCES VEBO IC PD PD TJ, Tstg Value -45 -50 -5.0 -800 625 5.0 1.5 12 -55 to +150 Unit Vdc Vdc Vdc mAdc mW mW/C W mW/C C 12 Symbol RqJA RqJC Max 200 83.3 Unit C/W C/W 3
1
TO-92 CASE 29 STYLE 17 2 3
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case
STRAIGHT LEAD BULK PACK
BENT LEAD TAPE & REEL AMMO PACK
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
MARKING DIAGRAM
BC xx AYWW G G
BCxx = Device Code A = Assembly Location Y = Year WW = Work Week G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
See detailed ordering, marking, and shipping information in the package dimensions section on page 4 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
December, 2006 - Rev. 4
1
Publication Order Number: BC327/D
BC327, BC327-16, BC327-25, BC327-40
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector -Emitter Breakdown Voltage (IC = -10 mA, IB = 0) Collector -Emitter Breakdown Voltage (IC = -100 mA, IE = 0) Emitter -Base Breakdown Voltage (IE = -10 mA, IC = 0) Collector Cutoff Current (VCB = -30 V, IE = 0) Collector Cutoff Current (VCE = -45 V, VBE = 0) Emitter Cutoff Current (VEB = -4.0 V, IC = 0) ON CHARACTERISTICS DC Current Gain (IC = -100 mA, VCE = -1.0 V) BC327 BC327-16 BC327-25 BC327-40 hFE 100 100 160 250 40 - - - - - - - - - 630 250 400 630 - -1.2 -0.7 - V(BR)CEO V(BR)CES V(BR)EBO ICBO ICES IEBO -45 -50 -5.0 - - - - - - Vdc Vdc Vdc nAdc nAdc nAdc Symbol Min Typ Max Unit
- - -
- - -
-100 -100 -100
(IC = -300 mA, VCE = -1.0 V) Base-Emitter On Voltage (IC = -300 mA, VCE = -1.0 V) Collector -Emitter Saturation Voltage (IC = -500 mA, IB = -50 mA) SMALL-SIGNAL CHARACTERISTICS Output Capacitance (VCB = -10 V, IE = 0, f = 1.0 MHz) Current -Gain - Bandwidth Product (IC = -10 mA, VCE = -5.0 V, f = 100 MHz)
VBE(on) VCE(sat)
Vdc Vdc
Cob fT
- -
11 260
- -
pF MHz
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
1.0 0.7 0.5 0.3 0.2
D = 0.5 0.2 0.1 P(pk) SINGLE PULSE 0.01 SINGLE PULSE t1 t2 DUTY CYCLE, D = t1/t2 0.002 0.005 0.01 0.02 0.05 0.1 0.2 0.5 t, TIME (SECONDS) 1.0 2.0 5.0
qJC(t) = (t) qJC qJC = 100C/W MAX qJA(t) = r(t) qJA qJA = 375C/W MAX D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) - TC = P(pk) qJC(t)
0.1 0.05 0.07 0.02 0.05 0.03 0.02 0.01 0.001
10
20
50
100
Figure 1. Thermal Response
http://onsemi.com
2
BC327, BC327-16, BC327-25, BC327-40
-1000 IC, COLLECTOR CURRENT (mA) 1.0 s 1.0 ms TJ = 135C hFE , DC CURRENT GAIN 100 ms dc TC = 25C dc TA = 25C 1000 VCE = -1.0 V TA = 25C
-100
100
-10 -1.0
CURRENT LIMIT THERMAL LIMIT SECOND BREAKDOWN LIMIT (APPLIES BELOW RATED VCEO) -3.0 -10 -30 VCE, COLLECTOR-EMITTER VOLTAGE -100
10 -0.1
-1.0 -10 -100 IC, COLLECTOR CURRENT (mA)
-1000
Figure 2. Active Region - Safe Operating Area
Figure 3. DC Current Gain
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS
-1.0 TJ = 25C -0.8 IC = -500 mA V, VOLTAGE (VOLTS)
-1.0 TA = 25C -0.8 VBE(sat) @ IC/IB = 10 VBE(on) @ VCE = -1.0 V -0.6
-0.6 -0.4 IC = -300 mA -0.2 0 -0.01 IC = -10 mA -0.1 -1.0 -10 IB, BASE CURRENT (mA) IC = -100 mA
-0.4
-0.2 VCE(sat) @ IC/IB = 10 -100 0 -1.0 -10 -100 IC, COLLECTOR CURRENT (mA) -1000
Figure 4. Saturation Region
Figure 5. "On" Voltages
V, TEMPERATURE COEFFICIENTS (mV/C)
+1.0 qVC for VCE(sat) 0
100
C, CAPACITANCE (pF)
Cib 10
-1.0 qVB for VBE
Cob
-2.0
-1.0
-10 -100 IC, COLLECTOR CURRENT
-1000
1.0 -0.1
-1.0 -10 VR, REVERSE VOLTAGE (VOLTS)
-100
Figure 6. Temperature Coefficients
Figure 7. Capacitances
http://onsemi.com
3
BC327, BC327-16, BC327-25, BC327-40
ORDERING INFORMATION
Device Order Number BC327G BC327RL1G BC327-016G BC327-025G BC327-25RL1G BC327-25ZL1G BC327-040G BC327-40ZL1 BC327-40ZL1G Specific Device Marking 7 327 327 327 7-25 32725 327 7-40 7-40 Package Type TO-92 Straight Lead (Pb-Free) TO-92 Bent Lead (Pb-Free) TO-92 Straight Lead (Pb-Free) TO-92 Straight Lead (Pb-Free) TO-92 Bent Lead (Pb-Free) TO-92 Bent Lead (Pb-Free) TO-92 Bent Lead (Pb-Free) TO-92 Bent Lead TO-92 Bent Lead (Pb-Free) Shipping 5000 Units / Bulk 2000 / Tape & Reel 5000 Units / Bulk 5000 Units / Bulk 2000 / Tape & Reel 2000 / Tape & Ammo Box 2000 / Tape & Reel 2000 / Tape & Ammo Box 2000 / Tape & Ammo Box
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
4
BC327, BC327-16, BC327-25, BC327-40
PACKAGE DIMENSIONS
TO-92 (TO-226) CASE 29-11 ISSUE AL
A R P L
SEATING PLANE
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. INCHES MIN MAX 0.175 0.205 0.170 0.210 0.125 0.165 0.016 0.021 0.045 0.055 0.095 0.105 0.015 0.020 0.500 --- 0.250 --- 0.080 0.105 --- 0.100 0.115 --- 0.135 --- MILLIMETERS MIN MAX 4.45 5.20 4.32 5.33 3.18 4.19 0.407 0.533 1.15 1.39 2.42 2.66 0.39 0.50 12.70 --- 6.35 --- 2.04 2.66 --- 2.54 2.93 --- 3.43 ---
K
XX H V
1
D G J C N N SECTION X-X
DIM A B C D G H J K L N P R V
STYLE 17: PIN 1. COLLECTOR 2. BASE 3. EMITTER
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
5
BC327/D


▲Up To Search▲   

 
Price & Availability of BC327-25RL1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X