Part Number Hot Search : 
74LVC1G1 SG2012 MFM65 GFKE1 MFM65 1062246 MN512K TSOP6156
Product Description
Full Text Search
 

To Download BAV99T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS16T/BAW56T BAV70T/BAV99T
Surface Mount Switching Diodes
P b Lead(Pb)-Free
SWITCHING DIODES 75 mAMPERES 85 VOLTS
Features:
* Ultra-Small Surface Mount Package * Fast switching Speed * For General Purpose Switching Applications * High Conductance
3 1 2
Mechanical Data:
* Terminals: Solderable per MIL-STD-202, Method 208 * Polarity: See Diagrams Page.2 * Marking: See Diagrams Page.2 * Weight: 0.002 grams (approx)
SOT-523(SC-75)
SOT-523 Outline Dimensions (SC-75)
SC-75
B C
Unit:mm
A
TOP VIEW D E G H
K J L M
Dim A B C D E G H J K L M
Min 0.30 0.70 1.45 0.15 0.80 1.40 0.00 0.70 0.37 0.10
Max 0.50 0.90 1.75 0.50 0.40 1.00 1.80 0.10 1.00 0.48 0.25
http://www.weitron.com.tw
WEITRON
1/3
16-Nov-05
BAS16T/BAW56T BAV70T/BAV99T
Maximum Ratings
Characteristic
(TA=25C Unless otherwise noted)
Symbol
VRRM VRRM VR IFM
Value
85
Unit
V
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current Single Diode Double Diode Non-Repetitive Peak Forward Surge Current @t=1.0S @t=1.0mS @t=1.0S Power Dissipation Thermal Resistance Storage Temperature Range
155 75 4.0 1.0 0.5 150 833 -55 to + 150
mA
IFSM Pd RJA Tj,T STG
A
mW C/W C
Electrical Characteristics
Characteristic
Reverse Breakdown Voltage IR=100A Forward Voltage IF=1.0mA IF=10mA IF=50mA IF=150mA Total Capacitance VR=0V, f=1.0MHz Reverse Current VR=75V VR=25V Reverse Recover Time IF=IR =10mA, Irr=0.1 x IR, RL=100
(TA=25C Unless otherwise noted)
Symbol
V(BR)R
Min
85
Max
715 855 1000 1250 1.5 2.0 0.03 4.0
Unit
V
VF
-
mV
CT IR Trr
-
PF A nS
Device Marking
Item
BAS16T BAV99T BAV70T BAW56T
Marking
A2 JE JJ JD
Eqivalent Circuit diagram
3 3 3 3 1 1 2 1 2 1 2
http://www.weitron.com.tw
WEITRON
2/3
16-Nov-05
BAS16T/BAW56T BAV70T/BAV99T
Electrical Characteristic curves(TA=25C)
IF, INSTANTANEOUS FORWARD CURRENT (A)
300 250
1000
IF, FORWARD CURRENT (mA)
200
Single diode loaded
100
T A = 150C TA = 125C TA = 75C TA = 25C TA = -25C
150 100
Double diode loaded
10
50 0 0 50 100 150 200
0.1 400
600
800
1000
1200
VF, INSTANTANEOUS FORWARD VOLTAGE (mV) Fig. 2 Forward Characteristics
IR, INSTANTANEOUS REVERSE CURRENT (A)
10
1
V R = 75V VR = 20V
0.1
0.01
0.001
0.0001 0
50
100
150
200
TR,JUNCTION TEMPERATURE(C) Fig. 3 Typical Reverse Characteristics
http://www.weitron.com.tw
WEITRON
3/3
16-Nov-05


▲Up To Search▲   

 
Price & Availability of BAV99T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X