Part Number Hot Search : 
C2120 1N5257 SM5028RF 856656 ECF45 ND487XX IEC384 AD9948
Product Description
Full Text Search
 

To Download ARD50012Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RD
26.5GHz, 18GHz COAXIAL SWITCH
RD COAXIAL SWITCHES
TYPICAL APPLICATIONS
-18 1.5 0.5 60 -26.5* 1.7 0.8 55
FEATURES
1. High frequency characteristics (Impedance 50)
Frequency -1 -4 -8 (GHz) V.S.W.R. 1.1 1.15 1.25 (max.) Insertion loss 0.2 0.3 (dB. max.) Isolation 85 80 70 (dB. min.)
-12.4 1.35 0.4 65
Wireless and mobile communication infrastructure * Cellular phone base stations * Amplifier switching Measurement instruments * All types of inspection equipment
ATTENTION
Transfer type is coming soon.
*: 18 to 26.5GHz characteristics can be applied 26.5GHz type only
Transfer type is coming soon.
2. SPDT and transfer type available 3. High sensitivity Nominal operating power: 840 mW (SPDT, Failsafe type) 1540 mW (Transfer, Failsafe type) 4. Long life: 5 x 106 (SPDT)
SPECIFICATIONS
Contact
Arrangement Contact material Initial contact resistance Rating Indicator rating Contact input power*1 Contact rating Initial contact resistance (Measured by 5V 100mA) V.S.W.R. (max.) Insertion loss (dB, max.) Isolation (dB, min.) Mechanical (at 180 cpm) Electrical (at 20 cpm) Transfer Gold plating Max. 100m 120W 3GHz (V.S.W.R 1.15 or less, no contact switching, ambient temperature 40C [SPDT], 25C [Transfer]) Max. 30V 100mA Max. 5V 100mA Max. 1 to 1 GHz 1.1 0.2 85 80 1 to 4 1.15 4 to 8 1.25 0.3 70 5 x 106 5 x 106 (5W, to 3GHz, impedance 50, V.S.W.R.; max. 1.2) 106 (5W, to 3GHz, impedance 50, V.S.W.R.; max. 1.2) 8 to12.4 1.35 0.4 65 12.4 to 18 1.5 0.5 60 18 to 26.5 1.7 0.8 55 SPDT
High frequency characteristics (Impedance 50) Expected life (min. operation)
Characteristics
SPDT Initial insulation resistance*2 Between open contacts Between contact and coil Initial breakdown voltage*3 Between contact and earth terminal Between coil and earth terminal Operate time*4 (at 20C) Functional*5 Shock resistance Destructive*6 Functional*7 Vibration resistance Destructive Ambient temp Conditions for operation, transport and storage*8 (Not freezing and condensing at low temperature) Humidity Unit weight (Approx.) Remarks
*1 Please verify the usability of input power under actual conditions because heat generated from connectors can influence connection. *2 Measurement at same location as "Initial breakdown voltage" section. *3 Detection current: 10mA *4 Nominal operating voltage applied to the coil, excluding contact bounce time. *5 *6 *7 *8
Transfer Min. 1,000 M 500 Vrms for 1 min. 500 Vrms for 1 min. 500 Vrms for 1 min. 500 Vrms for 1 min.
Max. 20ms 500 m/s2 1,000 m/s2 10 to 55 Hz at double amplitude of 3mm 10 to 55 Hz at double amplitude of 5mm -55C to +85C -67F to +185F 5 to 85% R.H. 50g 1.76oz 110g 3.88oz
Half-wave pulse of sine wave: 11ms, detection time: 10s. Half-wave pulse of sine wave: 11ms Detection time: 10s Refer to 4. Conditions for operation, transport and storage mentioned in NOTES.
Max. 15ms
1
RD
ORDERING INFORMATION
Ex. A RD
Product name RD
Nominal operating voltage, V DC 1: to 18GHz (SPDT) 00: Failsafe 4H: 4.5V (Failsafe, 2: to 18GHz (Transfer) 20: Latching Latching type only) 5: to 26.5GHz (SPDT) 51: Latching with TTL driver 05: 5V (Latching with 6: to 26.5GHz (Transfer) (with self cut-off function) TTL driver type only) 12: 12V 24: 24V Frequency Operating function
Operation terminal
HF data attached
Nil: Solder terminal Nil: No HF test data C: Connector cable attached (SPDT type only) Q: HF test data attached
Note: Sealed types are also available. (SPDT type only)
TYPES
1. SPDT 1) Solder terminal
Operating function Nominal operating voltage, V DC 4.5 12 24 4.5 12 24 5 12 24 18GHz type No HF datasheet HF datasheet attached attached ARD1004H ARD1004HQ ARD10012 ARD10012Q ARD10024 ARD10024Q ARD1204H ARD1204HQ ARD12012 ARD12012Q ARD12024 ARD12024Q ARD15105 ARD15105Q ARD15112 ARD15112Q ARD15124 ARD15124Q 26.5GHz type No HF datasheet HF datasheet attached attached ARD5004H ARD5004HQ ARD50012 ARD50012Q ARD50024 ARD50024Q ARD5204H ARD5204HQ ARD52012 ARD52012Q ARD52024 ARD52024Q ARD55105 ARD55105Q ARD55112 ARD55112Q ARD55124 ARD55124Q
Failsafe
Latching
Latching with TTL driver (with self cut-off function)
Note: Standard packing; Carton: 1 pc. Case: 20 pcs.
2) Connector cable
Operating function Nominal operating voltage, V DC 4.5 12 24 4.5 12 24 5 12 24 18GHz type No HF datasheet HF datasheet attached attached ARD1004HC ARD1004HCQ ARD10012C ARD10012CQ ARD10024C ARD1204HC ARD12012C ARD12024C ARD15105C ARD15112C ARD15124C ARD10024CQ ARD1204HCQ ARD12012CQ ARD12024CQ ARD15105CQ ARD15112CQ ARD15124CQ 26.5GHz type No HF datasheet HF datasheet attached attached ARD5004HC ARD5004HCQ ARD50012C ARD50012CQ ARD50024C ARD5204HC ARD52012C ARD52024C ARD55105C ARD55112C ARD55124C ARD50024CQ ARD5204HCQ ARD52012CQ ARD52024CQ ARD55105CQ ARD55112CQ ARD55124CQ
Failsafe
Latching
Latching with TTL driver (with self cut-off function)
Note: Standard packing; Carton: 1 pc. Case: 10 pcs.
2. Transfer 1) Solder terminal
Operating function Nominal operating voltage, V DC 4.5 12 24 4.5 12 24 5 12 24 18GHz type No HF datasheet HF datasheet attached attached ARD2004H ARD2004HQ ARD20012 ARD20012Q ARD20024 ARD20024Q ARD2204H ARD2204HQ ARD22012 ARD22012Q ARD22024 ARD22024Q ARD25105 ARD25105Q ARD25112 ARD25112Q ARD25124 ARD25124Q 26.5GHz type No HF datasheet HF datasheet attached attached ARD6004H ARD6004HQ ARD60012 ARD60012Q ARD60024 ARD60024Q ARD6204H ARD6204HQ ARD62012 ARD62012Q ARD62024 ARD62024Q ARD65105 ARD65105Q ARD65112 ARD65112Q ARD65124 ARD65124Q
Failsafe
Latching
Latching with TTL driver (with self cut-off function)
Note: Standard packing; Carton: 1 pc. Case: 10 pcs.
2
RD
COIL DATA (at 20C 68F)
1. SPDT 1) Failsafe type
Nominal operating voltage, V DC 4.5 12 24 Coil resistance, (:10%) 24.2 172 594 Nominal power consumption, mW 840 840 970
2) Latching type
Nominal operating voltage, V DC 4.5 12 24 Coil resistance, (:10%) 28.9 192 640 Nominal power consumption, mW 700 750 900
3) Latching with TTL driver type (with self cut-off function)
Nominal operating voltage, V DC 5 12 24 TTL logic level (see TTL logic level range) ON OFF 2.4 to 5.5V 0 to 0.5V Switching frequency Max. 180 cpm (ON time : OFF time = 1 : 1)
2. Transfer 1) Failsafe type
Nominal operating voltage, V DC 4.5 12 24 Coil resistance, (:10%) 13.2 93.6 345 Nominal power consumption, mW 1540 1540 1670
2) Latching type
Nominal operating voltage, V DC 4.5 12 24 Coil resistance, (:10%) 16.8 115 411 Nominal power consumption, mW 1200 1250 1400
3) Latching with TTL driver type (with self cut-off function)
Nominal operating voltage, V DC 5 12 24 TTL logic level (see TTL logic level range) ON OFF 2.4 to 5.5V 0 to 0.5V Switching frequency Max. 180 cpm (ON time : OFF time = 1 : 1)
* Operating voltage range 1) Failsafe type
4.5 12 24 VVV 6 16 32 5.25 14 28 4.5 12 24 3.75 10 20 Nominal voltage 3 2.25 1.5 0.75 0 8 16 6 12 48 24 00 -55-40 -20 0 Allowable range for use Recommended operation voltage range Recommended release voltage range 20 40 60 85
2) Latching type
4.5 12 24 VVV 6 16 32 5.25 14 28 4.5 12 24 3.75 10 20 Nominal voltage 3 2.25 1.5 0.75 0 8 16 6 12 48 24 00 -55-40 -20 Allowable range for use Recommended set/reset voltage range 0 20 40 60 Ambient temperature C 85
3) Latching with TTL driver type (with self cut-off function)
5 12 24 VVV 6.67 16 32 5.83 14 28 5 12 24 4.17 10 20 Nominal voltage 3.33 2.5 1.67 0.83 0 8 16 6 12 4 2 0 8 4 0 -55-40 -20 Allowable range for use Recommended set/reset voltage range 0 20 40 60 Ambient temperature C 85
Ambient temperature C
3
RD
4) TTL Logic level range
5.5 5
4
3 2.4 2 1 0.5 0 -55-40 -20 0 20 40 60 Ambient temperature C 85 ON OFF
DIMENSIONS
1. SPDT 1) Solder terminal
4.3 .169 3.5 .138 3.5 .138 2.0 .079 11.2 .441 3.5 .138 Solder terminal 7.0 .276 0.3 .012
mm inch
NC COM NO Indicator GND + Coil
39.0 1.535 4.5 .177 7.3 .287 2.1 .083 3-SMA connector
Serial No.
2-3.1 dia. 2-.122 dia. 2-2.4 dia. 2-.094 dia.
7.2 .283
11.2 .441 22.4 .882 30.0 1.181 34.0 1.339
13.2 .520
Tolerance: 0.3 .012
Failsafe
NC COM NO
Latching
1 COM 2
Latching with TTL driver (with self cut-off function)
1 COM 2 Indicator terminal Coil terminal
GND GND Coil 1 Coil 2 V GND Logic 1 Logic 2
NC COM NO Indicator GND + Coil
1 COM 2 GND 1 2
Indicator Coil
1 COM 2 V GND 1
Indicator 2 Coil
Serial No.
Serial No.
Serial No.
4
RD
2) Connector cable
Indicator 3 4 COM NO COM 2 COM 2 Coil 7 8 GND + GND 1 Logic GND 1 mm inch
Pin No. Fail safe Latching Latching with TTL driver
1 - - -
2 NC 1 1
5 - - -
6 - - V
9 - 2 Logic 2
Pin No. 12345 6789 12.55 .494
D-sub connector pin contact type
3.05 dia. .120 dia. 5.95 .234 25.0 .984 30.8 1.213
1.2 .047
PVC wires 110.010 4.331.394
NC COM NO GND +
Indicator Coil
39.0 1.535 4.5 .177 7.3 .287 2.1 .083
Serial No.
2-3.1 dia. 2-.122 dia. 2-2.4 dia. 2-.094 dia.
7.2 .283
3-SMA connector
11.2 .441 22.4 .882 30.0 1.181 34.0 1.339
13.2 .520
Tolerance: 0.3 .012
5
RD
2. Transfer
45.70 1.799 15.24 .600 0.30 .012 3-3.80 dia. 3-.150 dia. 10.15 .400 20.3 .799 9.65 39.0 .380 1.535
mm inch
Max. 5.0 .197
5.08 .200 2.00 .079
5.08 .200 5.08 .200 Solder terminal
9.65 .380 7.2 .283 32.0 1.260 16.2 .638 J1 J2
4-SMA connector
32.0 1.260
16.2 .638 1 to 1.5 .039 to .059
J3
J4
55.5 2.185
Tolerance: 0.3 .012
J1 J3
J2 J4
Fail safe Latching Latching with TTL driver
NC: J1-J2, J3-J4 NO: J1-J3, J2-J4 POS1: J1-J2, J3-J4 POS2: J1-J3, J2-J4 POS1: J1-J2, J3-J4 POS2: J1-J3, J2-J4
Failsafe
Latching
Latching with TTL driver (with self cut-off function)
Coil terminal V GND Logic 1 Logic 2 Indicator terminal 1 COM 2
Coil terminal GND
Indicator terminal NC COM NO
Coil terminal GND 1 2
Indicator terminal 1 COM 2
6
RD
REFERENCE DATA
1-(1). High frequency characteristics (SPDT)
Sample: ARD10012 Measuring method: Measured with HP network analyzer (HP8510).
* V.S.W.R.
1.9 1.8
* Insertion loss
0 0.1 Insertion loss, dB 0.2
* Isolation
0 10 20 Isolation, dB 30 40 50 60 70 80 90
1.7 V.S.W.R. 1.6 1.5 1.4 1.3 1.2 1.1 1.0 1GHz 4GHz 8GHz 12.4GHz 18GHz Frequency 26.5GHz
0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1GHz 4GHz 8GHz 12.4GHz 18GHz Frequency 26.5GHz
100
1GHz 4GHz 8GHz 12.4GHz 18GHz Frequency
26.5GHz
1-(2). High frequency characteristics (Transfer)
Sample: ARD60012 Measuring method: Measured with HP network analyzer (HP8510).
* V.S.W.R.
1.9 1.8
* Insertion loss
0 0.1 Insertion loss, dB 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
* Isolation
0 10 20 Isolation, dB 30 40 50 60 70 80 90
1.7 V.S.W.R. 1.6 1.5 1.4 1.3 1.2 1.1 1.0 1GHz 4GHz 8GHz 12.4GHz 18GHz Frequency 26.5GHz
1.0
1GHz 4GHz 8GHz 12.4GHz 18GHz Frequency
26.5GHz
100
1GHz 4GHz 8GHz 12.4GHz 18GHz Frequency
26.5GHz
7
RD
NOTES
1. Coil operating power Pure DC current should be applied to the coil. The wave form should be rectangular. If it includes ripple, the ripple factor should be less than 5%. However, check it with the actual circuit since the characteristics may be slightly different. The nominal operating voltage should be applied to the coil for more than 50 ms to set/reset the latching type relay. Please use the latching type for circuits that are continually powered for long periods of time. 2. Coil connection When connecting coils, refer to the wiring diagram to prevent mis-operation or malfunction. 3. Connection of coil indicator and washing conditions 1) The connection of coil indicator terminal shall be done by soldering. Soldering conditions Max. 260C 500F (solder temp) within 10sec (soldering time) Max. 350C 662F (solder temp) within 3sec (soldering time) 2) This product is not sealed type, therefore washing is not allowed. 4. Usage, transport and storage conditions 1) Ambient temperature, humidity, and atmospheric pressure during usage, transport, and storage of the relay: (1) Temperature: -55 to +85C -67 to +185F (2) Humidity: 5 to 85% RH (Avoid freezing and condensation.) The humidity range varies with the temperature. Use within the range indicated in the graph below. (3) Atmospheric pressure: 86 to 106 kPa Temperature and humidity range for usage, transport, and storage:
Humidity, %RH
85
Tolerance range
(Avoid freezing when (Avoid used at temperatures condensation when lower than 0C 32F) used at temperatures higher than 0C 32F) 5 -55 -67 0 +32 Temperature, C F
+85 +185
2) Condensation Condensation forms when there is a sudden change in temperature under high temperature and high humidity conditions. Condensation will cause deterioration of the relay insulation. 3) Freezing Condensation or other moisture may freeze on the relay when the temperature is lower than 0C 32F. This causes problems such as sticking of movable parts or operational time lags. 4) Low temperature, low humidity environments. The plastic becomes brittle if the relay is exposed to a low temperature, low humidity environment for long periods of time. 5) Low-temperature and low-humidity atmosphere. When exposed to low temperature and low humidity for a long time, the relay's plastic casing may become breakable. 5. Other handling precautions. 1) The relay's on/off service life is based on standard test conditions (temperature: 15 to 35C 59 to 95F, humidity: 25 to 75%) specified in JIS C5442-1996. Life will depend on many factors of your
system: coil drive circuit, type of load, switching intervals, switching phase, ambient conditions, to name a few. 2) Use the relay within specifications such as coil rating, contact rating and on/off service life. If used beyond limits, the relay may overheat, generate smoke or catch fire. 3) Be careful not to drop the relay. If accidentally dropped, carefully check its appearance and characteristics before use. 4) Be careful to wire the relay correctly. Otherwise, malfunction, overheat, fire or other trouble may occur. 5) The latching type relay is shipped in the reset position. But jolts during transport or impacts during installation can move it to the set position. It is, therefore, advisable to build a circuit in which the relay can be initialized (set and reset) just after turning on the power. 6) If a relay stays on in a circuit for many months or years at a time without being activated, circuit design should be reviewed so that the relay can remain non-excited. A coil that receives current all the time heats, which degrades insulation earlier than expected. A latching type relay is recommended for such circuits. 7) For SMA connectors, we recommend a torque of 0.900.1 N*m for installation, which falls within the prescribed torque of MIL-C-39012. Please be aware that conditions might be different depending on the connector materials and how it interacts with surrounding materials. 8) Please do not use silicon based substances such as silicon rubber, silicon oil, silicon coatings and silicon fillings, in the vicinity of the relay. Doing so may cause volatile silicon gas to form which may lead to contact failure due to the adherence of silicon on the contacts when they open and close in this atmosphere.
Please contact ..........
,, , ,, ,,,
Specifications are subject to change without notice.
These materials are printed on ECF pulp. These materials are printed with earth-friendly vegetable-based (soybean oil) ink.
Matsushita Electric Works, Ltd.
Automation Controls Company Head Office: 1048, Kadoma, Kadoma-shi, Osaka 571-8686, Japan Telephone: Japan (81) Osaka (06) 6908-1050 Facsimile: Japan (81) Osaka (06) 6908-5781 http://www.nais-e.com/ COPYRIGHT (c) 2003 All Rights Reserved
200303 8 Printed in Japan.


▲Up To Search▲   

 
Price & Availability of ARD50012Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X