Part Number Hot Search : 
TPW4671 E13003 MAX16903 GLFR1608 SR220 TC7MA B8247 KBK25M
Product Description
Full Text Search
 

To Download AM2520ZGC03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE SOLID STATE LAMP PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: AM2520ZGC03
Green
Features
SUBMINIA TURE PACKAGE. WIDE VIEWING ANGLE. GULL WING LEAD. LONG LIFE - SOLID STATE RELIABILITY. LOW PACKAGE PROFILE. MOISTURE SENSITIVITY LEVEL : LEVEL 3. PACKAGE : 1000PCS / REEL. RoHS COMPLIANT.
Description
The Green source color devices are made with AlInGaN on Sapphire Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice. 5. The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAH3716 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/26/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1202001192
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. AM2520ZGC03 Green (AlInGaN) WATER CLEAR 1800 Typ. 3300 Viewing Angle [1] 21/2 20
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 515 525 30 45 3.3 4.1 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Green 102.5 25 150 5 -40C To +85C -40C To +85C
Units mW mA mA V
SPEC NO: DSAH3716 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/26/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1202001192
Green
AM2520ZGC03
SPEC NO: DSAH3716 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/26/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1202001192
AM2520ZGC03
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAH3716 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/26/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1202001192
PACKING & LABEL SPECIFICATIONS
AM2520ZGC03
SPEC NO: DSAH3716 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/26/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1202001192


▲Up To Search▲   

 
Price & Availability of AM2520ZGC03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X