Part Number Hot Search : 
BU1850 AEE02F24 3VK7M BD741 2N167A 10012 XF4018 128Y1
Product Description
Full Text Search
 

To Download AD5227BUJ100-RL7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 64-Position Up/Down Control Digital Potentiometer AD5227
FEATURES
64-position digital potentiometer 10 k, 50 k, 100 k end-to-end terminal resistance Simple up/down digital or manual configurable control Midscale preset Low potentiometer mode tempco = 10 ppm/C Low rheostat mode tempco = 35 ppm/C Ultralow power, IDD = 0.4 A typ and 3 A max Fast adjustment time, ts = 1 s Chip select enable multiple device operation Low operating voltage, 2.7 V to 5.5 V Automotive temperature range, -40C to +105C Compact thin SOT-23-8 (2.9 mm x 3 mm) Pb-free package
FUNCTIONAL BLOCK DIAGRAM
VDD
AD5227
CS U/D CLK A 6-BIT UP/DOWN CONTROL LOGIC W B
GND
04419-0-001
POR MIDSCALE
WIPER REGISTER
Figure 1.
APPLICATIONS
Mechanical potentiometer and trimmer replacements LCD backlight, contrast, and brightness controls Portable electronics level adjustment Programmable power supply Digital trimmer replacements Automatic closed-loop control
GENERAL DESCRIPTION
The AD5227 is Analog Devices' latest 64-step up/down control digital potentiometer1. This device performs the same electronic adjustment function as a 5 V potentiometer or variable resistor. Its simple 3-wire up/down interface allows manual switching or high speed digital control. The AD5227 presets to midscale at power-up. When CS is enabled, the devices changes step at every clock pulse. The direction is determined by the state of the U/D pin (see Table 1). The interface is simple to activate by any host controller, discrete logic, or manually with a rotary encoder or pushbuttons. The AD5227's 64-step resolution, small footprint, and simple interface enable it to replace mechanical potentiometers and trimmers with typically 6x improved resolution, solid-state reliability, and design layout flexibility, resulting in a considerable cost savings in end users' systems. The AD5227 is available in a compact thin SOT-23-8 (TSOT-8) Pb-free package. The part is guaranteed to operate over the automotive temperature range of -40C to +105C. Users who consider EEMEM potentiometers should refer to some recommendations in the Applications section. Table 1. Truth Table
CS 0 0 1 CLK X U/D 0 1 X Operation1 RWB Decrement RWB Increment No Operation
1
RWA increments if RWB decrements and vice versa.
1
The terms digital potentiometer and RDAC are used interchangeably.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.326.8703 (c) 2004 Analog Devices, Inc. All rights reserved.
AD5227 TABLE OF CONTENTS
Electrical Characteristics ................................................................. 3 Interface Timing Diagrams ......................................................... 4 Absolute Maximum Ratings............................................................ 5 ESD Caution.................................................................................. 5 Pin Configuration and Function Descriptions............................. 6 Typical Performance Characteristics ............................................. 7 Theory of Operation ...................................................................... 10 Programming the Digital Potentiometers............................... 10 Digital Interface .......................................................................... 11 Terminal Voltage Operation Range.......................................... 11 Power-Up and Power-Down Sequences.................................. 11 Layout and Power Supply Biasing ............................................ 11 Applications..................................................................................... 12 Manual Control with Toggle and Pushbutton Switches........ 12 Manual Control with Rotary Encoder..................................... 12 Adjustable LED Driver .............................................................. 12 Adjustable Current Source for LED Driver ............................ 12 Automatic LCD Panel Backlight Control................................ 13 6-Bit Controller .......................................................................... 13 Constant Bias with Supply to Retain Resistance Setting...... 14 Outline Dimensions ....................................................................... 15 Ordering Guide .......................................................................... 15
REVISION HISTORY
Revision 0: Initial Version
Rev. 0 | Page 2 of 16
AD5227 ELECTRICAL CHARACTERISTICS
10 k, 50 k, 100 k versions: VDD = 3 V 10% or 5 V 10%, VA = VDD, VB = 0 V, -40C < TA < +105C, unless otherwise noted. Table 2.
Parameter DC CHARACTERISTICS RHEOSTAT MODE Resistor Differential Nonlinearity2 Resistor Integral Nonlinearity2 Nominal Resistor Tolerance3 Resistance Temperature Coefficient Wiper Resistance Symbol R-DNL R-INL RAB/RAB (RAB/RAB)/T x 106 RW Conditions RWB, A = no connect RWB, A = no connect Min -0.5 -1 -20 Typ1 0.15 0.3 35 100 50 Max +0.5 +1 +20 200 Unit LSB LSB % ppm/C Bits LSB LSB ppm/C LSB LSB V pF pF nA 5.5 0.8 1 5 2.7 VIH = 5 V or VIL = 0 V, VDD = 5 V VIH = 5 V or VIL = 0 V, VDD = 5 V VDD = 5 V 10% RAB = 10 k, midscale RAB = 50 k, midscale RAB = 100 k, midscale VA = 1 V rms, RAB = 10 k, VB = 0 V dc, f = 1 kHz VA = 5 V 1 LSB error band, VB = 0, measured at VW RWB = 5 k, f = 1 kHz 0.4 5.5 3 17 0.01 460 100 50 0.05 1 0.05 V V A pF V A W %/% kHz kHz kHz % s
VDD = 2.7 V VDD = 5.5 V
DC CHARACTERISTICS POTENTIOMETER DIVIDER MODE Resolution N Integral Nonlinearity3 INL Differential Nonlinearity3, 4 DNL Voltage Divider Temperature Coefficient (VW/VW)/T x 106 Full-Scale Error VWFSE Zero-Scale Error VWZSE RESISTOR TERMINALS Voltage Range5 VA, B, W Capacitance A, B6 CA, B Capacitance W6 Common-Mode Leakage DIGITAL INPUTS (CS, CLK, U/D) Input Logic High Input Logic Low Input Current Input Capacitance6 POWER SUPPLIES Power Supply Range Supply Current Power Dissipation7 Power Supply Sensitivity DYNAMIC CHARACTERISTICS6, 8, 9 Bandwidth -3 dB CW ICM VIH VIL II CI VDD IDD PDISS PSSR BW_10 k BW_50 k BW_100 k THD tS
-1 -0.5 Midscale +31 steps from midscale -32 steps from midscale With respect to GND f = 1 MHz, measured to GND f = 1 MHz, measured to GND VA = VB = VW -1 0 0
0.1 0.1 5 -0.5 0.5
6 +1 +0.5 0 +1 VDD
140 150 1 2.4 0
VIN = 0 V or 5 V
Total Harmonic Distortion Adjustment Settling Time
Resistor Noise Voltage
Footnotes on the next page.
eN_WB
14
nV/Hz
Rev. 0 | Page 3 of 16
AD5227
Parameter Symbol INTERFACE TIMING CHARACTERISTICS (applies to all parts6, 10) Clock Frequency fCLK Input Clock Pulse Width tCH, tCL tCSS CS to CLK Setup Time tCSH CS Rise to CLK Hold Time tUDS U/D to Clock Fall Setup Time Conditions Min Typ1 50 Clock level high or low 10 10 10 10 Max Unit MHz ns ns ns ns
1 2
Typicals represent average readings at 25C, VDD = 5 V. Resistor position nonlinearity error, R-INL, is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic. 3 NL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter. VA = VDD and VB = 0 V. 4 DNL specification limits of 1 LSB maximum are guaranteed monotonic operating conditions. 5 Resistor Terminals A, B, W have no limitations on polarity with respect to each other. 6 Guaranteed by design and not subject to production test. 7 PDISS is calculated from (IDD x VDD). CMOS logic level inputs result in minimum power dissipation. 8 Bandwidth, noise, and settling time are dependent on the terminal resistance value chosen. The lowest R value results in the fastest settling time and highest bandwidth. The highest R value results in the minimum overall power consumption. 9 All dynamic characteristics use VDD = V. 10 All input control voltages are specified with tR = tF = 1 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V. Switching characteristics are measured using VDD = 5 V.
INTERFACE TIMING DIAGRAMS
CS = LOW U/D = HIGH
CLK
RWB
Figure 2. Increment RWB
CS = LOW U/D = 0
CLK
Figure 3. Decrement RWB
1 CS 0
tCSS tCL
tCH
tCSH
1 CLK 0
tUDS
1 U/D 0
tS
RWB
04419-0-006
Figure 4. Detailed Timing Diagram(Only RWB Decrement Shown)
Rev. 0 | Page 4 of 16
04419-0-005
RWB
04419-0-004
AD5227 ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter VDD to GND VA, VB, VW to GND Digital Input Voltage to GND (CS, CLK, U/D) Maximum Current IWB, IWA Pulsed IWB Continuous (RWB 5 k, A open)1 IWA Continuous (RWA 5 k, B open)1 IAB Continuous (RAB = 10 k/50 k/100 k)1 Operating Temperature Range Maximum Junction Temperature (TJmax) Storage Temperature Lead Temperature (Soldering, 10 s - 30 s) Thermal Resistance2 JA Rating -0.3 V, +7 V 0 V, VDD 0 V, VDD 20 mA 1 mA 1 mA 500 A/ 100 A/50 A -40C to +105C 150C -65C to +150C 245C 230C/W
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
1
Maximum terminal current is bounded by the maximum applied voltage across any two of the A, B, and W terminals at a given resistance, the maximum current handling of the switches, and the maximum power dissipation of the package. VDD = 5 V. 2 Package power dissipation = (TJmax - TA) / JA.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. 0 | Page 5 of 16
AD5227 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
CLK 1 U/D 2
8
VDD CS
04419-0-003
AD5227
7 6 5
TOP VIEW A 3 (Not to Scale) GND 4
B W
Figure 5. SOT-23-8 Pin Configuration
Table 4. Pin Function Descriptions
Pin No. 1 Mnemonic CLK Description Clock Input. Each clock pulse executes the step-up or step-down of the resistance. The direction is determined by the state of the U/D pin. CLK is a negative-edge trigger. Logic high signal can be higher than VDD, but lower than 5.5 V. Up/Down Selections. Logic 1 selects up and Logic 0 selects down. U can be higher than VDD, but lower than 5.5 V. Resistor Terminal A. GND VA VDD. Common Ground. Wiper Terminal W. GND VW VDD. Resistor Terminal B. GND VB VDD. Chip Select. Active Low. Logic high signal can be higher than VDD, but lower than 5.5 V. Positive Power Supply, 2.7 V to 5.5 V.
2 3 4 5 6 7 8
U/D A GND W B CS VDD
Rev. 0 | Page 6 of 16
AD5227 TYPICAL PERFORMANCE CHARACTERISTICS
0.25 0.20 0.15
RHEOSTAT MODE INL (LSB)
0.25
POTENTIOMETER MODE DNL (LSB)
-40C +25C +85C +105C VDD = 5.5V
0.20 0.15 0.10 0.05 0 -0.05 -0.10 -0.15 -0.20 -0.25 0 8 16 24 32 40 CODE (Decimal) 48
-40C +25C +85C +105C VDD = 5.5V
0.10 0.05 0 -0.05 -0.10 -0.15
04419-0-007
-0.20 -0.25 0 8 16 24 32 40 CODE (Decimal) 48 56 64
56
64
Figure 6. R-INL vs. Code vs. Temperature, VDD = 5 V
Figure 9. DNL vs. Code vs. Temperature, VDD = 5 V
0.25 0.20
RHEOSTAT MODE DNL (LSB)
0
0.15 0.10
-40C +25C +85C +105C VDD = 5.5V
-0.1 -0.2 -0.3
FSE (LSB)
0.05 0 -0.05 -0.10 -0.15
04419-0-008
-0.4 -0.5 -0.6
VDD = 5.5V
VDD = 2.7V -0.7 -0.8 -0.9 -40
04419-0-013
-0.20 -0.25 0 8 16 24 32 40 CODE (Decimal) 48 56 64
-20
0
20 40 60 TEMPERATURE (C)
80
100
Figure 7. R-DNL vs. Code vs. Temperature, VDD = 5 V
Figure 10. Full-Scale Error vs. Temperature
0.25 0.20 -40C +25C +85C +105C VDD = 5.5V
1.0 0.9 0.8 VDD = 2.7V 0.7
POTENTIOMETER MODE INL (LSB)
0.15 0.10
0 -0.05 -0.10 -0.15
04419-0-010
ZSE (LSB)
0.05
0.6 0.5 0.4 0.3 0.2 0.1 0 -40 -20 0 20 40 60 TEMPERATURE (C) 80 100
04419-0-014
VDD = 5.5V
-0.20 -0.25 0 8 16 24 32 40 CODE (Decimal) 48 56 64
Figure 8. INL vs. Code, VDD = 5 V
Figure 11. Zero-Scale Error vs. Temperature
Rev. 0 | Page 7 of 16
04419-0-012
AD5227
1 VDD = 5.5V 20 15 10 5 0 -5 -10 -15 -20
04419-0-018
0.1 -40
-20
0
20 40 60 TEMPERATURE (C)
80
100
04419-0-015
RHEOSTAT MODE TEMPCO (ppm/C)
10k 50k 100k VDD = 5.5V
SUPPLY CURRENT (A)
0
8
16
24 32 40 CODE (Decimal)
48
56
64
Figure 12. Supply Current vs. Temperature
Figure 15. Rheostat Mode Tempco RWB/T vs. Code
1
20
POTENTIOMETER MODE TEMPCO (ppm/C)
VDD = 5.5V RAB = 100k
15 10 5 0 -5 -10 -15 -20
NOMINAL RESISTANCE, RAB (k)
10k 50k 100k VDD = 5.5V
RAB = 50k
04419-0-016
RAB = 10k 0.1 -40
-20
0
20 40 60 TEMPERATURE (C)
80
100
0
8
16
24 32 40 CODE (Decimal)
48
56
64
Figure 13. Nominal Resistance vs. Temperature
Figure 16. Potentiometer Mode Tempco RWB/T vs. Code
120
6
VDD = 2.7V 100
REF LEVEL 0dB
/DIV 6.0dB
MARKER 461 441.868Hz MAG (A/R) -8.957dB
0 -6
32 STEPS 16 STEPS
WIPER RESISTANCE, RW ()
TA = 25C VDD = 5.5V VA = 50mV rms
80
-12
8 STEPS
60 VDD = 5.5V 40
-18
4 STEPS
dB
-24 -30 -36
2 STEPS 1 STEP
04419-0-017
20
-42 -48 -54 1k
START 1 000.000Hz
04419-0-042
0 -40
-20
0
20 40 60 TEMPERATURE (C)
80
100
10k
100k
1M
STOP 1 000 000.000Hz
Figure 14. Wiper Resistance vs. Temperature Figure 17. Gain vs. Frequency vs. Code, RAB = 10 k
Rev. 0 | Page 8 of 16
04419-0-019
AD5227
6 0 -6 -12 -18
dB
32 STEPS 16 STEPS REF LEVEL 0dB /DIV 6.0dB MARKER 100 885.289Hz MAG (A/R) -9.060dB
200
TA = 25C VDD = 5.5V VA = 50mV rms 150
IDD (A)
8 STEPS 4 STEPS
100
-24
2 STEPS
-30
1 STEP
VDD = 5V 50
04419-0-024
-36 -42
04419-0-043
-48 -54 1k
START 1 000.000Hz
VDD = 3V 0 10k 100k 1M FREQUENCY (Hz)
10M
10k
100k
1M
STOP 1 000 000.000Hz
Figure 18. Gain vs. Frequency vs. Code, RAB = 50 k
Figure 21. IDD vs. CLK Frequency
6 0 -6 -12 -18
dB
REF LEVEL 0dB
/DIV 6.0dB
MARKER 52 246.435Hz MAG (A/R) -9.139dB
1.2
THEORETICAL IWB_MAX (mA)
32 STEPS 16 STEPS 8 STEPS 4 STEPS
TA = 25C VDD = 5.5V VA = 50mV rms
A = OPEN TA = 25C
1.0 RAB = 10k
0.8
0.6
-24
2 STEPS
-30
1 STEP
0.4 RAB = 50k 0.2
-36 -42 -48 -54 1k
START 1 000.000Hz
04419-0-044
RAB = 100k 0
0
8
16
10k
100k
1M
STOP 1 000 000.000Hz
24 32 40 CODE (Decimal)
48
56
64
Figure 19. Gain vs. Frequency vs. Code, RAB = 100 k
Figure 22. Maximum IWB vs. Code
0 STEP = MIDSCALE, VA = VDD, VB = 0V
VB = 0V VA
1
-20
PSRR (dB) STEP N+1 STEP N VW
VDD = 3V DC 10% p-p AC -40
2
VDD = 5V VA = 5V VB = 0V
04419-0-022
VDD = 5V DC 10% p-p AC -60 100 1k 10k FREQUENCY (Hz) 100k
04419-0-023
1M
CH1 2.00V
CH2 50.0mV
M 400ns A CH2 T 0.00000s
60.0mV
Figure 20. PSRR
Figure 23. Step Change Settling Time
Rev. 0 | Page 9 of 16
04419-0-025
AD5227 THEORY OF OPERATION
The AD5227 is a 64-position 3-terminal digitally controlled potentiometer device. It presets to a midscale at system poweron. When CS is enabled, changing the resistance settings is achieved by clocking the CLK pin. It is negative-edge triggered, and the direction of stepping is determined by the state of the U/D input. When the wiper reaches the maximum or the minimum setting, additional CLK pulses do not change the wiper setting.
VDD
The end-to-end resistance, RAB, has 64 contact points accessed by the wiper terminal, plus the B terminal contact, assuming that RWB is used (see Figure 25). Clocking the CLK input steps, RWB by one step. The direction is determined by the state of U/D pin. The change of RWB can be determined by the number of clock pulses, provided that the AD5227 has not reached its maximum or minimum scale. RWB can, therefore, be approximated as
R RWB = CP x AB + RW 64
(1)
AD5227
CS U/D CLK A 6-BIT UP/DOWN CONTROL LOGIC W B
where: CP is the number of clock pulses. RAB is the end-to-end resistance. RW is the wiper resistance contributed by the on-resistance of the internal switch. Since in the lowest end of the resistor string a finite wiper resistance is present, care should be taken to limit the current flow between W and B in this state to a maximum pulse current of no more than 20 mA. Otherwise, degradation or possible destruction of the internal switches can occur. Similar to the mechanical potentiometer, the resistance of the RDAC between the Wiper W and Terminal A also produces a digitally controlled complementary resistance, RWA. When these terminals are used, the B terminal can be opened or shorted to W. Similarly, RWA can be approximated as
GND
04419-0-026
POR MIDSCALE
WIPER REGISTER
Figure 24. Functional Block Diagram
A RS
D0 D1 D2 D3 D4 D5 RDAC UP/DOWN CTRL AND DECODE
RS RS W RW
R RWA = (64 - CP ) AB + RW 64
04419-0-027
(2)
RS RS = RAB/64
B
Equations 1 and 2 do not apply when CP = 0. The typical distribution of the resistance tolerance from device to device is process lot dependent. It is possible to have 20% tolerance.
Figure 25. AD5227 Equivalent RDAC Circuit
PROGRAMMING THE DIGITAL POTENTIOMETERS
Rheostat Operation
If only the W-to-B or W-to-A terminals are used as variable resistors, the unused terminal can be opened or shorted with W. This operation is called rheostat mode and is shown in Figure 26.
A W B B A W B A
04419-0-028
Potentiometer Mode Operation
If all three terminals are used, the operation is called potentiometer mode. The most common configuration is the voltage divider operation as shown in Figure 27.
VI A VC
04419-0-029
W
W B
Figure 26. Rheostat Mode Configuration
Figure 27. Potentiometer Mode Configuration
Rev. 0 | Page 10 of 16
AD5227
The change of VWB is known provided that the AD5227 has not reached the maximum or minimum scale. If one ignores the effect of the wiper resistance, the transfer functions can be simplified as
VWB = + VWB = - CP V A U/D = 1 64 CP V A U/D = 0 64
TERMINAL VOLTAGE OPERATION RANGE
The AD5227 is designed with internal ESD protection diodes (Figure 29), but the diodes also set the boundary of the terminal operating voltages. Voltage present on Terminal A, B, or W that exceeds VDD by more than 0.5 V is clamped by the diode and, therefore, elevates VDD. There is no polarity constraint between VAB, VWA, and VWB, but they cannot be higher than VDD-to-GND.
(3) (4)
POWER-UP AND POWER-DOWN SEQUENCES
Because of the ESD protection diodes, it is important to power on VDD before applying any voltage to Terminals A, B, and W. Otherwise, the diodes are forward-biased such that VDD can be powered unintentionally and can affect the rest of the system circuit. Similarly, VDD should be powered down last. The ideal power-on sequence is in the following order: GND, VDD, VA/B/W, and digital inputs.
VDD A W
04419-0-031
Unlike rheostat mode operation where the absolute tolerance is high, potentiometer mode operation yields an almost ratiometric function of CP/64 with a relatively small error contributed by the RW term. The tolerance effect is, therefore, almost canceled. Although the thin film step resistor, RS, and CMOS switches resistance, RW, have very different temperature coefficients, the ratiometric adjustment also reduces the overall temperature coefficient to 5 ppm/C except at low value codes where RW dominates. Potentiometer mode operation includes an op amp gain configuration among others. The A, W, and B terminals can be input or output terminals and have no polarity constraint provided that |VAB|, |VWA|, and |VWB| do not exceed VDD-to-GND.
B
GND
Figure 29. Maximum Terminal Voltages Set by VDD and GND
DIGITAL INTERFACE
The AD5227 contains a 3-wire serial input interface. The three inputs are clock (CLK), chip select (CS), and up/down control (U/D). These inputs can be controlled digitally for optimum speed and flexibility When CS is pulled low, a clock pulse increments or decrements the up/down counter. The direction is determined by the state of the U/D pin. When a specific state of the U/D remains, the device continues to change in the same direction under consecutive clocks until it comes to the end of the resistance setting. All digital inputs, CS, CLK, and U/D pins, are protected with a series input resistor and a parallel Zener ESD structure as shown in Figure 28.
1k LOGIC
04419-0-030
LAYOUT AND POWER SUPPLY BIASING
It is a good practice to use compact, minimum lead length layout design. The leads to the input should be as direct as possible with a minimum conductor length. Ground paths should have low resistance and low inductance. It is also good practice to bypass the power supplies with quality capacitors. Low ESR (equivalent series resistance) 1 F to 10 F tantalum or electrolytic capacitors should be applied at the supplies to minimize any transient disturbance and filter low frequency ripple. Figure 30 illustrates the basic supply bypassing configuration for the AD5227. The ground pin of the AD5227 is a digital ground reference that should be joined to the common ground at a single point to minimize the digital ground bounce.
AD5227
VDD + C2 10F C1 0.1F VDD
Figure 28. Equivalent ESD Protection Digital Pins
GND
04419-0-032
Figure 30. Power Supply Bypassing
Rev. 0 | Page 11 of 16
AD5227 APPLICATIONS
MANUAL CONTROL WITH TOGGLE AND PUSHBUTTON SWITCHES
The AD5227's simple interface allows it to be used with mechanical switches for simple manual operation. The states of the CS and U/D can be selected by toggle switches and the CLK input can be controlled by a pushbutton switch. Because of the numerous bounces due to contact closure, the pushbutton switch should be debounced by flip-flops or by the ADM812 as shown in Figure 31.
5V UP/DOWN
ADJUSTABLE LED DRIVER
The AD5227 can be used in many electronics-level adjustments such as LED drivers for LCD panel backlight control. Figure 33 shows an adjustable LED driver. The AD5227 sets the voltage across the white LED D1 for the brightness control. Since U2 handles up to 250 mA, a typical white LED with VF of 3.5 V requires a resistor, R1, to limit the U2 current. This circuit is simple but not power-efficient, therefore the U2 shutdown pin can be toggled with a PWM signal to conserve power.
5V 5V C3 0.1F
AD5227
CS U/D VCC
04419-0-033
C1 1F
C2 0.1F VDD
AD5227
A W
U1
V+ - U2
AD8591
+ V- R1 SD 6 WHITE LED D1
04419-0-035
MR INCREMENT
RESET GND
CLK
ADM812
CS CLK U/D
10k B GND
Figure 31. Manual Push Button Up/Down Control
PWM
MANUAL CONTROL WITH ROTARY ENCODER
Figure 32 shows another way of using AD5227 to emulate mechanical potentiometer in a rotary knob operation. The rotary encoder U1 has a C ground terminal and two out-ofphase signals, A and B. When U1 is turned clockwise, a pulse generated from the B terminal leads a pulse generated from the A terminal and vice versa. Signals A and B of U1 pass through a quadrature decoder U2 that translates the phase difference between A and B of U1 into compatible inputs for U3 AD5227. Therefore, when B leads A (clockwise), U2 provides the AD5227 with a logic high U/D signal, and vice versa. U2 also filters noise, jitter, and other transients as well as debouncing the contact bounces generated by U1.
5V
Figure 33. Low Cost Adjustable LED Driver
ADJUSTABLE CURRENT SOURCE FOR LED DRIVER
Since LED brightness is a function of current rather than forward voltage, an adjustable current source is preferred over a voltage source as shown in Figure 34.
5V VIN VOUT U1
ADP3333
ARM-1.5 SD GND PWM 5V VDD CS CLK U/D GND
AD5227
B W 10k A R1 418k RSET 0.1
U2
R1 10k
R2 10k R3 10k 1
QUADRATURE DECODER U2
A1
DIGITAL POTENTIOMETER
5V V+ - U3
U3
CLK U/D X4/X1 B 8 7 6 5 1 2
LS7084
RBIAS VDD VSS A
AD5227
CLK U/D VDD CS
8 7 B1 W1
04419-0-034
B C A RE11CT-V1Y12-EF2CS
3 4
3 A1 4 GND
B1 6 W1 5
V-
D1
ID
Figure 34. Adjustable Current Source for LED Driver
Figure 32. Manual Rotary Control
The load current can be found as the VWB of the AD5227 divided by RSET.
ID =
VWB RSET
04419-0-036
U1 ROTARY ENCODER
2
AD8591
+ VL
(5)
Rev. 0 | Page 12 of 16
AD5227
The U1 ADP3333ARM-1.5 is a 1.5 V LDO that is lifted above or lowered below 0 V. When VWB of the AD5227 is at minimum, there is no current through D1, so the GND pin of U1 would be at -1.5 V if U3 were biased with the dual supplies. As a result, some of the U2 low resistance steps have no effect on the output until the U1 GND pin is lifted above 0 V. When VWB of the AD5227 is at its maximum, VOUT becomes VL + VAB, so the U1 supply voltage must be biased with adequate headroom. Similarly, a PWM signal can be applied at the U1 shutdown pin for power efficiency. This circuit works well for a single LED.
AUTOMATIC LCD PANEL BACKLIGHT CONTROL
With the addition of a photocell sensor, an automatic brightness control can be achieved. As shown in Figure 36, the resistance of the photocell changes linearly but inversely with the light output. The brighter the light output, the lower the photocell resistance and vice versa. The AD5227 sets the voltage level that is gained up by U2 to drive N1 to a desirable brightness. With the photocell acting as the variable feedback resistor, the change in the light output changes the R2 resistance, therefore causing U2 to drive N1 accordingly to regulate the output. This simple low cost implementation of the LED controller can compensate for the temperature and aging effects typically found in high power LEDs. Similarly, for power efficiency, a PWM signal can be applied at the gate of N2 to switch the LED on and off without any noticeable effect.
5V R2 R1 1k 5V D1 PHOTOCELL 5V C3 0.1F WHITE LED 5V
ADJUSTABLE HIGH POWER LED DRIVER
Figure 35 shows a circuit that can drive three to four high power LEDs. ADP1610 is an adjustable boost regulator that provides the voltage headroom and current for the LEDs. The AD5227 and the op amp form an average gain of 12 feedback network that servos the RSET voltage and ADP1610's FB pin 1.2 V band gap reference voltage. As the loop is set, the voltage across RSET is regulated around 0.1 V and adjusted by the digital potentiometer.
I LED =
VRSET RSET
(6)
C1 1F
C2 0.1F VDD CS CLK U/D
AD5227
A W
U1
V+ - U2 N1
AD8591
2N7002 + V- SD
RSET should be small enough to conserve power but large enough to limit maximum LED current. R3 should also be used in parallel with AD5227 to limit the LED current within an achievable range. A wider current adjustment range is possible by lowering the R2 to R1 ratio, as well as changing R3 accordingly.
5V C2 10F R4 13.5k PWM 1.2V RC 100k CC 390pF U2 IN L1 10F VOUT D1 RT GND D2 CSS 10nF C8 5V 0.1F U3 V+ + D3 D4 C3 10F
10k B GND
PWM
Figure 36. Automatic LCD Panel Backlight Control
6-BIT CONTROLLER
ADP1610
SD FB COMP SS SW
The AD5227 can form a simple 6-bit controller with a clock generator, a comparator, and some output components. Figure 37 shows a generic 6-bit controller with a comparator that first compares the sampling output with the reference level and outputs either a high or low level to the AD5227 U/D pin. The AD5227 then changes step at every clock cycle in the direction indicated by the U/D state. Although this circuit is not as elegant as the one shown in Figure 36, it is self-contained, very easy to design, and can adapt to various applications.
5V VDD
AD5227
RSET 0.25 U1 AD5227 W B 10k
04419-0-037
U1
AD8541
U1 L1-SLF6025-100M1R0 D1-MBR0520LT1 R2 1.1k - V-
CLK U/D B CS GND
- U3
AD8531
+ OP AMP
OUTPUT
A
R1 100
- U2 COMPARATOR +
SAMPLING_OUTPUT
R3 200
Figure 35. Adjustable Current Source for LEDs in Series
REF
Figure 37. 6-Bit Controller
Rev. 0 | Page 13 of 16
04419-0-039
04419-0-038
AD5227
CONSTANT BIAS WITH SUPPLY TO RETAIN RESISTANCE SETTING
Users who consider EEMEM potentiometers but cannot justify the additional cost and programming for their designs can consider constantly biasing the AD5227 with the supply to retain the resistance setting as shown in Figure 38. The AD5227 is designed specifically with low power to allow power conservation even in battery-operated systems. As shown in Figure 39, a similar low power digital potentiometer is biased with a 3.4 V 450 mA/hour Li-Ion cell phone battery. The measurement shows that the device drains negligible power. Constantly biasing the potentiometer is a practical approach because most portable devices do not require detachable batteries for charging. Although the resistance setting of the AD5227 is lost when the battery needs to be replaced, this event occurs so infrequently that the inconvenience is minimal for most applications.
VDD SW1 U1 U2 U3 VDD VDD
3.50 TA = 25C 3.49 3.48
BATTERY VOLTAGE (V)
3.47 3.46 3.45 3.44 3.43 3.42 3.41 3.40 0 2 4 6 DAYS 8 10 12
04419-0-041
Figure 39. Battery Consumption Measurement
AD5227
VDD
BATTERY OR SYSTEM POWER
+ COMPONENT X COMPONENT Y
-
GND
Figure 38. Constant Bias AD5227 for Resistance Retention
Rev. 0 | Page 14 of 16
04419-0-040
GND
GND
GND
AD5227 OUTLINE DIMENSIONS
2.90 BSC
8 7 6 5
1.60 BSC
1 2 3 4
2.80 BSC
PIN 1 0.65 BSC 0.90 0.87 0.84 1.95 BSC
1.00 MAX 0.38 0.22
0.20 0.08 8 4 0
0.10 MAX
SEATING PLANE
0.60 0.45 0.30
COMPLIANT TO JEDEC STANDARDS MO-193BA
Figure 40. 8-Lead Small Outline Transistor Package TSOT-8 [Thin SOT-23-8] (UJ-8) Dimensions shown in millimeters
ORDERING GUIDE
Model AD5227BUJZ10-RL72 AD5227BUJZ10-R22 AD5227BUJZ50-RL72 AD5227BUJZ50-R22 AD5227BUJZ100-RL72 AD5227BUJZ100-R22 AD5227EVAL RAB 1k) 10 10 50 50 100 100 10 Temperature Range -40C to +105C -40C to +105C -40C to +105C -40C to +105C -40C to +105C -40C to +105C Package Code UJ UJ UJ UJ UJ UJ Package Description TSOT-8 TSOT-8 TSOT-8 TSOT-8 TSOT-8 TSOT-8 Evaluation Board Full Container Quantity 3000 250 3000 250 3000 250 1 Branding D3G D3G D3H D3H D3J D3J
1
The end-to-end resistance RAB is available in 10 k, 50 k, and 100 k versions. The final three characters of the part number determine the nominal resistance value, for example, 10 k = 10. 2 Z = Pb-free part.
Rev. 0 | Page 15 of 16
AD5227 NOTES
(c) 2004 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D04419-0-3/04(0)
Rev. 0 | Page 16 of 16
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of AD5227BUJ100-RL7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X