Part Number Hot Search : 
364102 WP711 KP4010S 1N2441 KP4010S AWT6168R 307014 H2N4124
Product Description
Full Text Search
 

To Download 79L12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 79L12
D D D D D D
3-Terminal Regulators Output Current Up to 100 mA No External Components Required Internal Thermal-Overload Protection Internal Short-Circuit Current Limiting Direct Replacement for Motorola MC79L12 Series
Negative-Voltage Regulators
OUTPUT INPUT COMMON
C I
O
TO-92
79L12ACZ
description
This series of fixed negative-voltage integrated-circuit SOT-89 voltage regulators is designed for a wide range of applications. These include on-card regulation for 79L12CPK COMMON INPUT OUTPUT elimination of noise and distribution problems associated with single-point regulation. In addition, they can be used to control series pass elements to make high-current voltage-regulator circuits. One of these regulators can deliver up to 100 mA of output current. The internal current-limiting and thermal-shutdown features make them essentially immune to overload. When used as a replacement for a zener-diode and resistor combination, these devices can provide ef fective improvement in output impedance of two orders of magnitude, with lower bias current.
electrical characteristics at specified virtual junction temperature, VI = -19V, IO =40mA (unless otherwise noted)
PARAMETER TEST CONDITIONS TJ MIN 25C Output voltage V 7 V t 20 V to I 1 mA to 40 mA At A I o=1mA to 40mA,VI =-14.5V to -27V IO = 1 mA to 70 mA VI = -14.5 to -27V VI = -16V to -27V VI = -15V to -25V f = 120 Hz IO = 1 mA to 100 mA IO = 1 mA to 40 mA f = 10 Hz to 100 kHz Full range Full range 25C 25C 25 C 25C 25C 25 C 25C 25C 25C 125C VI = -16V to -27V IO = 1 mA to 40 mA F ll Full Full range
79L12
TYP MAX
UNIT
-11.5 -11.4 -11.4
-5
-12.5 -12.5 -12.5
V
Input voltage regulation Ripple rejection Output voltage regulation Output noise voltage Dropout voltage
50
40
250
200
mV mV dB
37
42
24
15
80
1.7
60 30
mV V V
mV
Biasccurrent Bias current rrent
Bias current change
6.5
6
1.5 0.1
mA
mA
mA
mA
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33-F capacitor across the input and a 0.1-F capacitor across the output. Full range for the 79L12 is T J = 0C to 70C
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com
3-1
WS 79L12
equivalent schematic
COMMON
OUTPUT
INPUT
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Input voltage: 79L12 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -35V
150 C Operating free-air, case, or virtual junction temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260C Storage temperature range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65C to 150C
recommended operating conditions
79L12 Input voltage, VI Output current, IO Operating virtual junction temperature, TJ 0 MIN MAX UNIT V mA C
-14.5
-27
100
70
3-2
WS 79L12
Pad Location WS79L00
3
2
90m
1
90m
chip size 1.15 x 1.35mm
Pad Location Coordinates
Pad N 1 2 3 Pad Name Ground Input Output X(m) 1150 115 115 Y(m) 115 690 950
3-3


▲Up To Search▲   

 
Price & Availability of 79L12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X