Part Number Hot Search : 
KNB1530 CD4017 10700 0509S SERIE BD9300FV S0120 FR20D02
Product Description
Full Text Search
 

To Download 74F579 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74F579 8-bit bidirectional binary counter (3-State)
Product specification IC15 Data Handbook 1992 May 04
Philips Semiconductors
Philips Semiconductors
Product specification
8-bit bidirectional binary counter (3-State)
74F579
FEATURES
* Fully synchronous operation * Multiplexed 3-State I/O ports for bus oriented applications * Built in cascading carry capability * U/D pin to control direction of counting * Separate pins for Master reset and Synchronous operation * Center power pins to reduce effects of package inductance * Count frequency 115MHz Typ * Supply current 100mA Typ * See 74F269 for 24-pin separate I/O port version * See 74F779 for 16-pin version
DESCRIPTION
The 74F579 is a fully synchronous 8-stage Up/Down Counter with multiplexed 3-State I/O ports for bus-oriented applications. It features a preset capability for programmable operation, carry look-ahead for easy cascading and a U/D input to control the direction of counting. All state changes, except for the case of asynchronous reset, are initiated by the rising edge of the clock. TC output is not recommended for use as a clock or asynchronous reset due to the possibility of decoding spikes.
PIN CONFIGURATION
CP I/O0 I/O1 I/O2 I/O3 GND I/O4 I/O5 I/O6 I/O7 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 MR SR CEP CET VCC TC U/D PE CS OE
SF01085
ORDERING INFORMATION
TYPE 74F579 TYPICAL fMAX 115MHz TYPICAL SUPPLY CURRENT (TOTAL) 100mA
ORDERING INFORMATION
DESCRIPTION 20-Pin Plastic DIP 20-Pin Plastic SOL COMMERCIAL RANGE VCC = 5V 10%, Tamb = 0C to +70C N74F579N N74F579D PKG DWG # SOT146-1 SOT163-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS Data Inputs I/On PE U/D MR SR CEP CET CS OE CP TC Data Outputs Parallel Enable input (active Low) Up/Down count control input Master Reset input (active Low) Synchronous Reset input (active Low) Count Enable Parallel input (active Low) Count Enable Trickle input (active Low) Chip Select input (active Low) Output Enable input (active Low) Clock input (active Rising Edge) Terminal Count Output (active Low) DESCRIPTION 74F(U.L.) HIGH/LOW 3.5/1.0 150/40 1.0/1.0 1.0/1.0 1.0/1.0 1.0/1.0 1.0/1.0 1.0/1.0 1.0/1.0 1.0/1.0 1.0/1.0 50/33 LOAD VALUE HIGH/LOW 70A/0.6mA 3.0mA/24mA 20A/0.6mA 20A/0.6mA 20A/0.6mA 20A/0.6mA 20A/0.6mA 20A/0.6mA 20A/0.6mA 20A/0.6mA 20A/0.6mA 1.0mA/20mA
NOTE: One (1.0) FAST Unit Load (U.L.) is defined as: 20A in the High state and 0.6mA in the Low state.
1992 May 04
2
853-0377 06639
Philips Semiconductors
Product specification
8-bit bidirectional binary counter (3-State)
74F579
LOGIC SYMBOL
13 12 20 19 14
LOGIC SYMBOL (IEEE/IEC)
CTR DIV 256 19 12 1 1 13 11 TC 15 14 1 1 1 R1 u1 & & EN3 M4[DOWN] 1 17 1 M5[UP] M2[LOAD]
1 18 17 11
CP CEP CET OE I/O0
PE
CS
MR
SR
U/D
I/O1
I/O2
I/O3
I/O4
I/O5 I/O6
I/O7
EN6 & G7
2 VCC = Pin 16 GND = Pin 6
3
4
5
7
8
9
10
18
1 2,5,7, +/C8 2,4,7- R9 [1] [2] [4] [8] [16] [32] [64] [128] 3,5,6,8 CT=256 3,4,6,8 CT=0 1,2,3,4, 5,6,7,8 2 3 4 5 6 8 9 10 15
SF01086
1
20
SF01087
FUNCTION TABLE
INPUTS MR X X X L H H H H H H H L X (not LL) = = = = = SR X X X X L H H H H H CS H L L X X L (not LL) (not LL) (not LL) (not LL) PE X H H X X L CEP X X X X X X H X L L CET X X X X X X X H L L U/D X X X X X X X X H L OE X H L X X X X X X X CP X X X X I/O0 to I/O7 in high impedance (PE disabled) I/O0 to I/O7 in high impedance Flip-flop output appears on I/On lines Asynchronous reset for all flip-flops Synchronous reset for all flip-flops Parallel load all flip-flops Hold Hold (TC held High) Count up Count down OPERATING MODE
High voltage level Low voltage level Don't care Low-to-High clock transition CS and PE should never be Low voltage level at the same time.
1992 May 04
3
Philips Semiconductors
Product specification
8-bit bidirectional binary counter (3-State)
74F579
LOGIC DIAGRAM
SR PE 19 13 CP 1 MR 20
CS 12
OE
11
I/O0 2
DETAIL A
I/O1
3
DETAIL A
I/O2 4
DETAIL A
I/O3 5
DETAIL A
I/O4
7
DETAIL A
I/O5 8
DETAIL A
I/O6 9
DETAIL A
I/O7 10 14 18 17 DATA LOAD TC 15
DETAIL A
U/D CEP CET
TOGGLE
CP
MR
D CP
Q Q
Q Q DETAIL A For pinouts refer to Package Pin Configurations
VCC=pin 16 GND=pin 6
SF01088
1992 May 04
4
Philips Semiconductors
Product specification
8-bit bidirectional binary counter (3-State)
74F579
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the operating free-air temperature range.) SYMBOL VCC VIN IIN VO IO Tamb Tstg Supply voltage Input voltage Input current Voltage applied to output in High output state Current applied to output in Low output state Operating free-air temperature range Storage temperature TC I/O0 PARAMETER RATING -0.5 to +7.0 -0.5 to +7.0 -30 to +5 -0.5 to +VCC 40 48 0 to +70 -65 to +150 UNIT V V mA V mA mA C C
RECOMMENDED OPERATING CONDITIONS
SYMBOL VCC VIH VIL IIK IO OH Supply voltage High-level input voltage Low-level input voltage Input clamp current High-level High level output current TC I/On Low-level Low level output current Operating free-air temperature range TC I/On 0 PARAMETER MIN 4.5 2.0 0.8 -18 -1 -3 20 24 70 LIMITS NOM 5.0 MAX 5.5 V V V mA mA mA mA mA C UNIT
IO OL Tamb
1992 May 04
5
Philips Semiconductors
Product specification
8-bit bidirectional binary counter (3-State)
74F579
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.) SYMBOL PARAMETER TEST CONDITIONS1 VCC = MIN, VIL = MAX MAX, VIH = MIN (VIL = 0.0V, VIH = 4 5V 4.5V for MR, CP inputs) VCC = MIN, VIL = MAX, MAX VIH = MIN 10%VCC 5%VCC 10%VCC 5%VCC 10%VCC 5%VCC LIMITS MIN 2.5 2.7 2.4 2.7 3.4 3.3 3.3 0.35 0.35 -0.73 0.50 0.50 -1.2 1 100 20 -0.6 70 -600 -60 95 VCC = MAX 105 -150 135 145 TYP2 MAX UNIT V V V V V V V mA A A mA A A mA mA mA
TC VO OH High-level High level output voltage I/On
IO = -1mA 1mA OH
IO = -3mA 3mA OH
VO OL VIK II IIH IIL IOZH+ IIH IOZL+ IIL IOS ICC
Low-level Low level output voltage Input clamp voltage Input current at maximum input voltage High-level input current Low-level input current Off-state output current High-level voltage applied Off-state output current Low-level voltage applied Short-circuit output current3 ICCH Supply current (total) ICCL I/On others except I/On
IO = MAX OL MAX,
VCC = MIN, II = IIK VCC = MAX, VI = 5.5V VCC = MAX, VI = 7.0V VCC = MAX, VI = 2.7V VCC = MAX, VI = 0.5V VCC = MAX, VO = 2.7V I/On VCC = MAX, VO = 0.5V VCC = MAX
ICCZ 105 150 mA NOTES: 1. For conditions shown as MIN or MAX, use the appropriate value specified under Recommended Operating Conditions for the applicable type. 2. All typical values are at VCC = 5V, Tamb = 25C. 3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any sequence of parameter test, IOS tests should be performed last.
1992 May 04
6
Philips Semiconductors
Product specification
8-bit bidirectional binary counter (3-State)
74F579
AC ELECTRICAL CHARACTERISTICS
LIMITS SYMBOL PARAMETER TEST CONDITIONS Tamb = +25C VCC = +5.0V CL = 50pF, RL = 500 MIN fMAX tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ tPZH tPZL tPHZ tPLZ tPZH tPZL tPHZ tPLZ Maximum clock frequency Propagation delay CP to I/On Propagation delay CP to TC Propagation delay U/D to TC Propagation delay CET to TC Propagation delay MR to I/On Propagation delay MR to TC Output Enable time CS to I/On Output Disable time CS to I/On Output Enable time PE to I/On Output Disable time PE to I/On Output Disable time OE to I/On Output Enable time OE to I/On Waveform 1 Waveform 1 Waveform 1 Waveform 4 Waveform 3 Waveform 2 Waveform 4 Waveform 6 Waveform 7 Waveform 6 Waveform 7 Waveform 6 Waveform 7 Waveform 6 Waveform 7 Waveform 6 Waveform 7 Waveform 6 Waveform 7 100 5.0 5.0 5.5 5.5 3.5 4.5 3.5 3.5 5.0 4.0 6.0 4.0 5.5 3.0 5.0 3.0 5.0 3.0 2.5 2.5 4.5 1.0 2.0 TYP 115 7.5 7.5 7.5 7.5 5.5 6.5 5.5 6.0 7.0 6.5 8.0 5.0 7.0 5.0 7.5 4.5 6.5 4.0 4.0 4.0 5.5 2.5 4.0 10.5 10.5 10.0 10.0 8.0 8.0 7.0 8.0 9.0 9.0 10.5 8.5 10.5 7.5 9.5 8.0 10.0 7.5 7.5 7.0 9.0 4.0 7.0 MAX Tamb = 0C to +70C VCC = +5.0V 10% CL = 50pF, RL = 500 MIN 80 4.5 5.0 5.0 5.0 3.5 4.5 3.5 3.5 5.0 4.0 6.0 3.5 5.0 3.0 4.5 3.0 4.5 3.0 2.0 2.5 4.0 1.0 2.0 11.5 11.5 11.0 11.0 9.0 9.0 8.5 8.5 10.0 10.5 12.5 10.0 11.5 9.0 11.0 9.0 11.0 9.0 8.5 8.5 10.5 5.5 8.0 MAX MHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns UNIT
1992 May 04
7
Philips Semiconductors
Product specification
8-bit bidirectional binary counter (3-State)
74F579
AC SETUP REQUIREMENTS
LIMITS SYMBOL PARAMETER TEST CONDITIONS Tamb = +25C VCC = +5.0V CL = 50pF, RL = 500 MIN ts(H) ts(L) th(H) th(L) ts(H) ts(L) th(H) th(L) ts(H) ts(L) th(H) th(L) ts(H) ts(L) th(H) th(L) tw(H) tw(L) tw(L) trec Setup time, High or Low I/On to CP Hold time, High or Low I/On to CP Setup time, High or Low U/D to CP Hold time, High or Low U/D to CP Setup time, High or Low PE, SR or CS to CP Hold time, High or Low PE, SR or CS to CP Setup time, High or Low CEP or CET to CP Hold time, High or Low CEP or CET to CP CP Pulse width, High or Low MR Pulse width, Low Recovery time, MR to CP Waveform 5 Waveform 5 Waveform 5 Waveform 5 Waveform 5 Waveform 5 Waveform 5 Waveform 5 Waveform 1 Waveform 2 Waveform 2 3.0 3.0 0 0 8.0 8.0 0 0 9.5 9.5 0 0 5.0 9.0 0 0 4.5 4.5 3.0 4.0 TYP MAX Tamb = 0C to +70C VCC = +5.0V 10% CL = 50pF, RL = 500 MIN 4.0 4.0 0 0 9.0 9.0 0 0 10.0 10.0 0 0 5.5 10.5 0 0 4.5 4.5 3.0 4.5 MAX ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns UNIT
1992 May 04
8
Philips Semiconductors
Product specification
8-bit bidirectional binary counter (3-State)
74F579
AC WAVEFORMS
NOTE: For all waveforms VM = 1.5V. The shaded areas indicate when the input is permitted to change for predictable output performance.
1/fMAX MR CP VM tW(H) tPLH I/On tPHL VM tPLH I/On TC VM VM VM tW(L) tPHL VM CP VM tPHL VM tW(L) trec VM VM
SF01089
SF01090
Waveform 1. Propagation Delay, Clock Input to Output, Clock Pulse Width and Maximum Clock Frequency
Waveform 2. Master Reset Pulse Width, Master Reset to Output Delay and Master Reset to Clock Recovery Time
CET
VM tPHL
VM tPLH VM VM
MR, U/D
VM tPHL
VM tPLH VM
TC
TC
SF01091
SF01092
Waveform 3. Propagation Delay, CET Input to Terminal Count Output
Waveform 4. Propagation Delay, U/D and MR Inputs to Terminal Count Output
PE, CS, U/D, SR, I/On, CEP, CET
VM ts(H)
VM th(L)
VM ts(L)
VM th(L)
PE, OE, CS
VM tPZH
VM tPHZ VM VOH -0.3V
I/On CP VM VM
SF01093
SF01094
Waveform 5. Setup and Hold Times
Waveform 6. 3-State Output Enable Time to High Level and Output Disable Time from High Level
PE, OE, CS
VM tPZL
VM tPLZ VM
I/On
VOL +0.3V
SF01095
Waveform 7. 3-State Output Enable Time to Low Level and Output Disable Time from Low Level
1992 May 04
9
Philips Semiconductors
Product specification
8-bit bidirectional binary counter (3-State)
74F579
TEST CIRCUIT AND WAVEFORMS
VCC 7.0V VIN PULSE GENERATOR RT D.U.T. VOUT RL NEGATIVE PULSE 90% VM 10% tTHL (tf ) CL RL tTLH (tr ) 90% POSITIVE PULSE 10% tTHL (tf ) AMP (V) 90% VM tw 10% 0V tw VM 10% tTLH (tr ) 0V AMP (V)
90%
Test Circuit for 3-State Outputs SWITCH POSITION TEST tPLZ tPZL All other SWITCH closed closed open
VM
Input Pulse Definition
DEFINITIONS: RL = Load resistor; see AC electrical characteristics for value. CL = Load capacitance includes jig and probe capacitance; see AC electrical characteristics for value. RT = Termination resistance should be equal to ZOUT of pulse generators.
INPUT PULSE REQUIREMENTS family amplitude VM 74F 3.0V 1.5V rep. rate 1MHz tw 500ns tTLH 2.5ns tTHL 2.5ns
SF00777
1992 May 04
10
Philips Semiconductors
Product specification
8-bit bidirectional binary counter (3-State)
74F579
DIP20: plastic dual in-line package; 20 leads (300 mil)
SOT146-1
1992 May 04
11
Philips Semiconductors
Product specification
8-bit bidirectional binary counter (3-State)
74F579
SO20: plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
1992 May 04
12
Philips Semiconductors
Product specification
8-bit bidirectional binary counter (3-State)
74F579
NOTES
1992 May 04
13
Philips Semiconductors
Product specification
8-bit bidirectional binary counter (3-State)
74F579
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 10-98 9397-750-05142
Philips Semiconductors
yyyy mmm dd 14


▲Up To Search▲   

 
Price & Availability of 74F579

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X