Part Number Hot Search : 
L8XPREL TDA7266 F1628 13036 254273 MH1383P LZ951600 SI7401DN
Product Description
Full Text Search
 

To Download 3210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 200 V - 1,000 V Three Phase Bridge
4.0 A - 5.0 A Forward Current 70 ns - 3000 ns Recovery Time
3202 - 3210 3202F - 3210F 3202UF - 3210UF
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Part Number Working Reverse Voltage (Vrwm) Average Rectified Current @TC (Io) 55C Volts 3202 3206 3210 3202F 3206F 3210F 3202UF 3206UF 3210UF Amps 100C Amps Reverse Current @ Vrwm (Ir) 25C A 100C A 25C Volts Amps Forward Voltage 1 Cycle Surge Current tp=8.3ms (Ifsm) 25C Amps Repetitive Surge Current (Ifrm) 25C Amps Reverse Recovery Time (1) (Trr) 25C ns C / W Thermal Impd.
(Vf)
uJ-C
200 600 1000 200 600 1000 200 600 1000
5.0 5.0 5.0 5.0 5.0 5.0 4.0 4.0 4.0
3.0 3.0 3.0 3.0 3.0 3.0 2.5 2.5 2.5
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
25 25 25 25 25 25 25 25 25
1.3 1.3 1.3 1.6 1.6 1.6 2.0 2.0 2.0
3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0
30 30 30 25 25 25 25 25 25
10 10 10 6 6 6 5 5 5
3000 3000 3000 150 150 150 70 70 70
5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5
(1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp. & Stg. Temp. = -55C to +150C Isolation Voltage: 1500V
Aluminum Case .450 (11.43) .225 (5.71) .297(7.54) .250(6.35) .094 .010 (2.39 .25)
1.250(31.75)
AC AC AC
.225(5.71) + .112(2.84) .101(2.56) .185(4.70) (3 PL) .45(11.43) MAX.
11
AC AC AC _
_
+
4-40 Thru (2 PL)
1.062 .010 (27.0 .25)
Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice.
VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291
TEL 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com
253
3202 - 3210 * 3202F - 3210F * 3202UF - 3210UF
6 5 Maximum Current (I) 4 3
3200UF
MAXIMUM FORWARD CURRENT VS. TEMPERATURE
2.5
TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C
2.0 Forward Voltage (V)
3200-F 3200UF 3200F
1.5
3200
1.0
2 1 0 25 50 75 100 125 Ambient Temperature (C) Temperature (C) 150
0.5
0.0 0 1 2 3 4 5 6 Forward Current (A) 7 8 9
1000
REVERSE CURRENT VS. TEMPERATURE AT Vrwm
Reverse Current (uA)
100
10
1 25 50 75 100 Temperature (C) Temperature (C) 125 150
254


▲Up To Search▲   

 
Price & Availability of 3210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X