Part Number Hot Search : 
MUR1030D MMBT2907 SSD2025 MAX85 0F1TR P6KE22CA SC101 AD8618AR
Product Description
Full Text Search
 

To Download 2SD1802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SD1802
NPN PLASTIC ENCAPSULATE TRANSISTORS
P b Lead(Pb)-Free
1.BASE 2.COLLECTOR 3.EMITTER 1 2 3
D-PAK(TO-252) ABSOLUTE MAXIMUM RATINGS (TA=25C) Rating Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Junction Temperature Storage Temperature Range Symbol VCBO VCEO VEBO IC PD Tj Tstg Limits 60 50 6.0 3.0 1.0 -55 to +150 -55 to +150 Unit V V V A W C C
ELECTRICAL CHARACTERISTICS(TA=25Cunless otherwise noted) Parameter Collector-Base Breakdown Voltage IC=10A Symbol BVCBO BVCEO BVEBO ICBO IEBO Min 60 50 6.0 Typ Max 1.0 1.0 Unit V V V A A
Collector-Emitter Breakdown Voltage IC=1.0mA Emitter-Base Breakdown Voltage IE=10A
Collector Cutoff Current VCB=40V Collector Cutoff Current VEB =4.0V
WEITRON
http://www.weitron.com.tw
1/4
14-Jul-06
2SD1802
ON CHARACTERISTICS DC Current Gain VCE=2V, IC=0.1A VCE=2V, IC=3.0A Collector-Emitter Saturation Voltage IC =2A, IB =0.1A Base-Emitter Saturation Voltage IC =2A, IB =0.1A hFE(1) hFE(2) VCE(sat) VBE(sat) 100 35 560 0.5 1.2 V V
DYNAMIC CHARACTERISTICS Transition Frequency VCE=10V, I C=50mA Output Capacitance VCB=10V, IE=0, f=1.0MHz Turn-off time VCC=25V, IC=1A, IB1=-IB2=0.1A Fall time VCC=25V, IC=1A, IB1=-IB2=0.1A Storage time VCC=25V, IC=1A, IB1=-IB2=0.1A fT Cob ton tf ts 150 25 70 650 35 nS MHz pF
CLASSIFICATION OF hFE(1) Rank Range R 100 - 200 S 140 - 280 T 200 - 400 U 280 - 560
WEITRON
http://www.weitron.com.tw
2/4
14-Jul-06
2SD1802
Typical Characteristics
-5
m 200 A
A
5 Collector Current, IC(A) 4 3 2 1 0
Collector Current, IC(A)
-4 -3 -2 -1 0
-100m
100mA 80mA 60mA
A -50m
40mA
20mA
10mA
5mA
-20mA
-10mA
-5mA IB=0
IB=0
0
-0.8 -1.2 -1.6 -2.0 IC - VCE Collector to Emitter Voltage, VCE(V)
-0.4
0
0.8 1.2 1.6 2.0 IC - VCE Collector to Emitter Voltage, VCE(V)
0.4
-2.0 Collector Current, IC(A) -1.6 -1.2 -0.8 -0.4 0
m -14
A
Collector Current, IC(A)
-12mA A -10m
-8mA
2.0 1.6 1.2 0.8 0.4 0
8mA 7mA
6mA
5mA
-6mA
-4mA
-2mA
4mA
3mA
2mA
1mA
IB=0
IB=0
0
-0.8 -1.2 -1.6 -2.0 IC - VCE Collector to Emitter Voltage, VCE(V)
-0.4
0
12 16 IC - VCE Collector to Emitter Voltage, VCE(V)
4
8
20
WEITRON
http://www.weitron.com.tw
3/4
14-Jul-06
2SD1802
TO-252 Outline Dimensions
unit:mm
E A 4 G H J 1 2 3
B
TO-252
Dim A B C D E G H J K L M
M D C L K
Min 6.40 9.00 0.50 2.20 0.45 1.00 5.40 0.30 0.70 0.90
Max 6.80 10.00 0.80 2.30 2.50 0.55 1.60 5.80 0.64 1.70 1.50
WEITRON
http://www.weitron.com.tw
4/4
14-Jul-06


▲Up To Search▲   

 
Price & Availability of 2SD1802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X