Part Number Hot Search : 
BF494 IZ0065 TPV693 C7001 ER50004 WB91SL K3109 BAS116
Product Description
Full Text Search
 

To Download 2SA1664 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
SOT-89 Plastic-Encapsulated Transistors
2SA1664
FEATURES Power dissipation PCM : 0.5 W (Tamb=25) 3. EMITTER
TRANSISTOR (PNP)
SOT-89
1. BASE 2. COLLECTOR 1 2 3
Collector current : -0.8 A ICM Collector-base voltage V V(BR)CBO : -35 Operating and storage junction temperature range TJ, Tstg: -55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) DC current gain hFE(2) Collector-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance VCE(sat) VBE
unless otherwise specified)
Test conditions MIN TYP MAX UNIT V V V
Ic=-1mA, IE=0 Ic=-10mA, IB=0 IE=-1mA, IC=0 VCB=-35V, IE=0 VEB=-5V, IC=0 VCE=-1V, IC=-100mA VCE=-1V, IC=-700mA IC=-500mA, IB=-20mA VCE=-1V, IC=-10mA VCE=-5V, IC=-10mA VCB=-10V, IE=0, f=1MHz
-35 -30 -5 -0.1 -0.1 100 35 -0.7
-0.5
A A
320
V V MHz pF
-0.8 120 19
fT
Cob
CLASSIFICATION OF hFE(1) Rank Range Marking O 100-200 RO Y 160-320 RY


▲Up To Search▲   

 
Price & Availability of 2SA1664

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X