Part Number Hot Search : 
TDA21201 10A01 54ACS M6218N 1N2246A BUL52B 74AC2 MP101
Product Description
Full Text Search
 

To Download TNR15G221K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 G
w w
ta a D Metal Oxide . w Varistor
om Series .c 4U et he S
General Purpose UL 1414 and 1449 Approved CSA 097864 Approved 85 C Maximum Temperature
Actual Size
The G series is the standard metal oxide varistor series from UCC/NCC. These MOVs are available in a wide variety of voltages and sizes, which will make them ideal in most applications where a surge protector is needed. The G series is also ideal because of the variety of UL and CSA approvals. The varistors with a 5mm or 7.5mm lead spacing are available with ammo pack taping. Refer to the Mini -Glossary at the end of the metal oxide varistors section for additional technical information and specifications.
METAL OXIDE VARISTOR
Radial lead terminals. Operating temperature range: 40 C to 85 C. Maximum voltage range: 8 to 625VAC or 12 to 825VDC. Standard varistor voltage tolerance: 10% Maximum energy: 0.4 to 230 J depending on case size. Maximum surge current: 100 to 6,500A. Maximum case size (D H T ): 8.0 11.0 5.0mm to 25.0
w
w
.D w
t a
S a
e h
t e
U 4
.c
m o
Summary of Specifications
28.0 9.5mm.
w
122
w
w
.D
G
a
aS t
ee h
4U t
om .c
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
G Series
G Specifications
Item Operating Temperature Range Storage Temperature Range Maximum Voltage Range Varistor Voltage Varistor Voltage Tolerance Maximum Energy Maximum Surge Current Maximum Case Size ( D H T ) Agency Approvals 40 to 85 C Characteristics
50 to 125 C 8 to 625VAC or 12 to 825VDC 22 to 470V at 0.1mA DC for O7mm; 15 to 1,000V at 1mA DC for O9mm to O23mm. 10% ( K ) 0.4 to 230 Joules at 2ms 100 to 6,500A at 8 /20 s 8.0 11.0 5.0mm to 25.0 28.0 9.5mm
UL1414 and 1449; CSA 097864
Diagram of Dimensions
Metal Oxide Varistor/Radial Lead
Dimensions (mm)
Nom. Dia. 7mm 9mm OD
Max.
Unit: mm and inches
Varistor Voltage 270 330 270 330 270 330-680 820 270 330-680 820 270 330-680 820
OD
max. 8 8 10 10 13.5 14 14 16 17 17 24 25 25
H max. 11 11 13 13 16.5 17 17 19 20 20 27 28 28
T max. 5 7 5 7 5 7.5 9 5 7.5 9 5 8 9.5
L min. 25 25 25 25 25 25 25 25 25 25 25 25 25
Od
0.05 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8
F 1.0 5 5 5 5 7.5 7.5 7.5 7.5 7.5 7.5 10 10 10
T
Max.
12mm
15mm
H
Max.
23mm
Dimensions (inches)
L
Min.
Nom. Dia. Od 7mm 9mm
Varistor Voltage 270 330 270 330 270 330-680 820 270 330-680 820 270 330-680 820
OD
max. 0.315 0.315 0.394 0.394 0.531 0.551 0.551 0.630 0.669 0.669 0.945 0.984 0.984
H max. 0.433 0.433 0.512 0.512 0.650 0.669 0.669 0.748 0.787 0.787 1.063 1.102 1.102
T max. 0.197 0.276 0.197 0.276 0.197 0.295 0.354 0.197 0.295 0.354 0.197 0.315 0.374
L min. 0.984 0.984 0.984 0.984 0.984 0.984 0.984 0.984 0.984 0.984 0.984 0.984 0.984
Od
0.002 0.024 0.024 0.024 0.024 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031
F 0.039 0.197 0.197 0.197 0.197 0.295 0.295 0.295 0.295 0.295 0.295 0.394 0.394 0.394
F
12mm
15mm
23mm
Part Numbering System for G Series
TNR 9 G 271 K
When ordering, always specify complete catalog number for G Series.
METAL OXIDE VARISTOR
Varistor Voltage Tolerance: K = 10% Nominal Varistor Voltage: Expressed in volts. The first two digits are significant figures, and the third digit indicates the number of zeros following these figures ( e.g. 270 = 27 V; 271 = 270V ). Series Name: Indicates Basic Varistor Style. Nominal Case Diameter: 7 = O7mm; 9 = O9mm; 12 = O12mm; 15 = O15mm; 23 = O23mm. TNR: Alpha Prefix for Varistors.
G
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
123
G Series
Varistor Standard Ratings - Radial Lead
Nom. Case Dia. Catalog Part Number Maximum Applied Voltage (Continuous) VACrms VDC
14 17 20 25 30 35 40 50 60 75 95 110 130 140 150 175 210 250 275 300 18 22 26 30 37 44 55 65 85 100 125 145 170 180 200 225 270 320 350 385
Maximum Peak Current (8/20sec.) (A)
100 100 100 100 100 100 100 400 400 400 400 400 400 400 400 400 400 400 400 400
Maximum Energy (2msec.) (J )
0.4 0.5 0.6 0.8 1.0 1.1 1.3 2.0 2.0 3.0 3.0 4.0 5.0 5.0 5.0 6.0 8.0 9.0 10.0 10.0
Rated Wattage (W)
0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
Maximum Clamping Voltage (A) (V)
1 1 1 1 1 1 1 5 5 5 5 5 5 5 5 5 5 5 5 5 48 60 73 86 104 123 150 145 175 210 260 325 355 380 415 475 600 675 745 810
Capacitance (typical) at 1kHz ( pF )
1,800 1,500 1,300 1,150 980 840 720 260 200 170 140 120 110 105 98 88 76 67 60 57
Varistor Voltage at 0.1mA DC ( V 10%)
22 27 33 39 47 56 68 82 100 120 150 180 200 220 240 270 330 390 430 470
O7 mm
TNR7G220K TNR7G270K TNR7G330K TNR7G390K TNR7G470K TNR7G560K TNR7G680K TNR7G820K TNR7G101K TNR7G121K TNR7G151K TNR7G181K TNR7G201K TNR7G221K TNR7G241K TNR7G271K TNR7G331K TNR7G391K TNR7G431K TNR7G471K
Nom. Case Dia.
Catalog Part Number
Maximum Applied Voltage (Continuous) VACrms VDC
10 14 17 20 25 30 35 40 50 60 75 95 110 130 140 150 175 210 250 275 300 10 14 17 20 25 30 35 40 50 60 75 95 110 14 18 22 26 30 37 44 55 65 85 100 125 145 170 180 200 225 270 320 350 385 14 18 22 26 30 37 44 55 65 85 100 125 145
Maximum Peak Current (8/20sec.) (A)
250 250 250 250 250 250 250 250 1,200 1,200 1,200 1,200 1,200 1,200 1,200 1,200 1,200 1,200 1,200 1,200 1,200 500 500 500 500 500 500 500 500 2,500 2,500 2,500 2,500 2,500
Maximum Energy (2msec.) (J )
0.8 1.0 1.0 1.2 1.5 1.8 2.2 2.5 4.0 4.0 5.0 6.0 8.0 10.0 10.0 10.0 12.0 15.0 17.0 20.0 20.0 1.5 2.0 2.5 3.0 3.5 4.5 5.5 6.5 8.0 10.0 12.0 16.0 18.0
Rated Wattage (W)
0.02 0.02 0.02 0.02 0.02 0.02 0.02 0.02 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.4 0.4 0.4 0.4 0.4
Maximum Clamping Voltage (A) (V)
2 2 2 2 2 2 2 2 10 10 10 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5 5 5 5 25 25 25 25 25 35 43 53 65 77 93 110 135 135 165 195 245 295 330 360 390 440 540 640 700 765 35 43 53 65 77 93 110 135 135 165 195 245 295
Capacitance (typical) at 1kHz ( pF )
5,400 4,900 4,200 3,500 3,100 2,600 2,300 1,900 620 530 460 380 335 310 280 270 245 210 185 170 160 9,000 8,200 6,900 5,900 5,100 4,400 3,800 3,200 1,200 1,050 910 770 670
Varistor Voltage at 1mA DC ( V 10%)
18 22 27 33 39 47 56 68 82 100 120 150 180 200 220 240 270 330 390 430 470 18 22 27 33 39 47 56 68 82 100 120 150 180
O9 mm
TNR9G180K TNR9G220K TNR9G270K TNR9G330K TNR9G390K TNR9G470K TNR9G560K TNR9G680K TNR9G820K TNR9G101K TNR9G121K TNR9G151K TNR9G181K TNR9G201K TNR9G221K TNR9G241K TNR9G271K TNR9G331K TNR9G391K TNR9G431K TNR9G471K TNR12G180K TNR12G220K TNR12G270K TNR12G330K TNR12G390K TNR12G470K TNR12G560K TNR12G680K TNR12G820K TNR12G101K TNR12G121K TNR12G151K TNR12G181K
METAL OXIDE VARISTOR
O12 mm
G
124
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
G Series
Varistor Standard Ratings - Radial Lead
Nom. Case Dia. Catalog Part Number Maximum Applied Voltage (Continuous) VACrms VDC
130 140 150 175 210 250 275 300 350 420 510 625 8 10 14 17 20 25 30 35 40 50 60 75 95 110 130 140 150 175 210 250 275 300 350 420 510 625 110 130 140 150 175 210 250 275 300 350 420 510 625 170 180 200 225 270 320 350 385 460 560 670 825 12 14 18 22 26 30 37 44 55 65 85 100 125 145 170 180 200 225 270 320 350 385 460 560 670 825 145 170 180 200 225 270 320 350 385 460 560 670 825
Maximum Peak Current (8/20sec.) (A)
2,500 2,500 2,500 2,500 2,500 2,500 2,500 2,500 2,500 2,500 2,500 2,500 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 4,500 4,500 4,500 4,500 4,500 4,500 4,500 4,500 4,500 4,500 4,500 4,500 4,500 4,500 4,500 4,500 4,500 6,500 6,500 6,500 6,500 6,500 6,500 6,500 6,500 6,500 6,500 6,500 6,500 6,500
Maximum Energy (2msec.) (J )
20.0 25.0 25.0 30.0 35.0 40.0 45.0 45.0 45.0 45.0 55.0 65.0 5.0 5.0 5.0 5.0 6.0 10.0 10.0 10.0 12.0 15.0 20.0 20.0 25.0 30.0 35.0 40.0 40.0 50.0 60.0 70.0 75.0 80.0 85.0 90.0 110.0 130.0 60.0 70.0 75.0 80.0 90.0 110.0 130.0 140.0 150.0 150.0 160.0 190.0 230.0
Rated Wattage (W)
0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 1.5 1.5 1.5
Maximum Clamping Voltage (A) (V)
25 25 25 25 25 25 25 25 25 25 25 25 10 10 10 10 10 10 10 10 10 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 100 100 100 100 100 100 100 100 100 100 100 100 100 330 360 390 440 540 640 700 765 910 1,110 1,340 1,630 30 35 43 53 65 77 93 110 135 135 165 195 245 295 330 360 390 440 540 640 700 765 910 1,110 1,340 1,630 295 330 360 390 440 540 640 700 765 910 1,110 1,340 1,630
Capacitance (typical) at 1kHz ( pF )
620 570 530 490 420 370 340 320 280 240 210 180 12,000 11,500 11,000 10,000 8,500 7,500 6,500 5,600 4,800 1,700 1,470 1,280 1,070 930 850 800 740 680 590 510 480 450 390 340 280 250 2,500 2,300 2,150 2,000 1,850 1,600 1,400 1,300 1,200 1,050 900 800 680
Varistor Voltage at 1mA DC ( V 10%)
200 220 240 270 330 390 430 470 560 680 820 1,000 15 18 22 27 33 39 47 56 68 82 100 120 150 180 200 220 240 270 330 390 430 470 560 680 820 1,000 180 200 220 240 270 330 390 430 470 560 680 820 1,000
O12 mm
TNR12G201K TNR12G221K TNR12G241K TNR12G271K TNR12G331K TNR12G391K TNR12G431K TNR12G471K TNR12G561K TNR12G681K TNR12G821K TNR12G102K TNR15G150K TNR15G180K TNR15G220K TNR15G270K TNR15G330K TNR15G390K TNR15G470K TNR15G560K TNR15G680K TNR15G820K TNR15G101K TNR15G121K TNR15G151K TNR15G181K TNR15G201K TNR15G221K TNR15G241K TNR15G271K TNR15G331K TNR15G391K TNR15G431K TNR15G471K TNR15G561K TNR15G681K TNR15G821K TNR15G102K TNR23G181K TNR23G201K TNR23G221K TNR23G241K TNR23G271K TNR23G331K TNR23G391K TNR23G431K TNR23G471K TNR23G561K TNR23G681K TNR23G821K TNR23G102K
O15 mm
O 23 mm
METAL OXIDE VARISTOR
G
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
125
G Series
Varistor Volt - Ampere and Pulse Lifetime Characteristics
V- I Curve-7mm Nominal Diameter
TNR7G220K~TNR7G680K
Max. L. C. Voltage (V) 500 400 300 200 150 100 70 60 50 40 30 20 15 10 7 6 5 4 3 10
7
Pulse Lifetime Ratings-7mm Nominal Diameter
at +20C
TNR7G220K~TNR7G680K
Peak Pulse Current (A) 500 300 200 100 70 50 30 20 10 7 5 3 2 1 Time 2 101 10 2 10 3 10 4 10 5 10 6 Test Condition Interval: 1~101 times: 2 min. 10 2 ~10 6 times: 10 sec.
Max. Clamping Voltage
7G680K 7G560K 7G470K 7G390K 7G330K 7G270K 7G220K
60A Max.
1 0.7 0.5 0.3 0.2 0.1 10 3 20 100 200 1k 2k 10k
10
6
10
5
10
4
10
3
10
2
10
1
10 0
101
10 2
Direct Current (A)
8/20 sec. Impulse Current (A)
Impulse Duration (s)
V- I Curve-7mm Nominal Diameter
TNR7G820K~TNR7G471K
Max. L. C. Voltage (V) 2000 1500 1000 800 700 600 500 400 300 200 150 100 80 70 60 50 40 30 10
7
Pulse Lifetime Ratings-7mm Nominal Diameter
at +20C
TNR7G820K~TNR7G471K
Peak Pulse Current (A) 1000 700 500 300 200 100 70 50 30 20 10 7 5 3 2 1 0.7 0.5 0.3 0.2
Max. Clamping Voltage Test Condition Interval: 1~101 times: 2 min. 10 2 ~10 6 times: 10 sec.
1 Time 2 101 10 2 10 3 10 4 10 5 10 6
7G471K 7G431K 7G391K 7G331K 7G271K 7G241K 7G221K 7G201K 7G181K 7G151K 7G121K 7G101K 7G820K
10
6
10
5
10
4
10
3
10
2
10
1
10 0
101
10 2
250A Max. 10 3
20
100
200
1k
2k
10k
Direct Current (A)
8/20 sec. Impulse Current (A)
Impulse Duration (s)
METAL OXIDE VARISTOR
G
126
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
G Series
Varistor Volt - Ampere and Pulse Lifetime Characteristics
V- I Curve- 9mm Nominal Diameter
TNR9G180K~TNR9G680K
Max. Leakage Current Voltage (V) 500 400 300 200 150 100 70 60 50 40 30 20 15 125A Max. 10 7 6 5 4 3 10
6
Pulse Lifetime Ratings- 9mm Nominal Diameter
at +20C
TNR9G180K~TNR9G680K
Peak Pulse Current (A) 500 300 200 2 100 70 50 30 20 10 7 5 3 2 1 0.7 0.5 0.3 0.2 0.1 101 10 2 10 3 10 4 10 5 10 6 1 Time Test Condition Interval: 1~101 times: 2 min. 10 2 ~10 6 times: 10 sec.
Max. Clamping Voltage
9G680K 9G560K 9G470K 9G390K 9G330K 9G270K 9G220K 9G180K
10
5
10
4
10
3
10
2
10
1
10 0
101
10 2
10 3
10 4
20
100
200
1k
2k
10k
Direct Current (A)
8/20 sec. Impulse Current (A)
Impulse Duration (s)
V- I Curve- 9mm Nominal Diameter
TNR9G820K~TNR9G471K
Max. Leakage Current Voltage (V) 2000 1500 1000 800 700 600 500 400 300 200 150 100 80 70 60 50 40 30 10
6
Pulse Lifetime Ratings- 9mm Nominal Diameter
at +20C
TNR9G820K~TNR9G471K
Peak Pulse Current (A) 2000 1000 700 500 300 200 100 70 50 30 20 10 7 5 1 2 101 Time Test Condition Interval: 1~101 times: 2 min. 10 2 ~10 6 times: 10 sec.
Max. Clamping Voltage
9G471K 9G431K 9G391K 9G361K 9G331K 9G271K 9G241K 9G221K 9G201K 9G151K 9G121K 9G101K 9G820K
10 2 10 3 10 4 10 5 10 6
600A Max.
3 2 1 0.7 0.5 10 4 20 100 200 1k 2k 10k
10
5
10
4
10
3
10
2
10
1
10 0
101
10 2
10 3
Direct Current (A)
8/20 sec. Impulse Current (A)
Impulse Duration (s)
METAL OXIDE VARISTOR
G
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
127
G Series
Varistor Volt - Ampere and Pulse Lifetime Characteristics
V- I Curve-12mm Nominal Diameter
TNR12G180K~TNR12G680K
Max. Leakage Current Voltage (V) 500 400 300 200 150 100 70 60 50 40 30 20 15 250A Max. 10 7 6 5 4 3 10
6
Pulse Lifetime Ratings-12mm Nominal Diameter
at +20C
TNR12G180K~TNR12G680K
Peak Pulse Current (A) 500 300 200 100 70 50 30 20 10 7 5 3 2 1 0.7 0.5 0.3 0.2 0.1 2 101 10 2 10 3 10 4 10 5 10 6
Max. Clamping Voltage 1 Time Test Condition Interval: 1~101 times: 2 min. 10 2 ~10 6 times: 10 sec.
12G680K 12G560K 12G470K 12G390K 12G330K 12G270K 12G220K 12G180K
10
5
10
4
10
3
10
2
10
1
10 0
101
10 2
10 3
10 4
20
100
200
1k
2k
10k
Direct Current (A)
8/20 sec. Impulse Current (A)
Impulse Duration (s)
V- I Curve-12mm Nominal Diameter
TNR12G820K~TNR12G102K
Max. Leakage Current Voltage (V) 5000 4000 3000 2000 1500 1000 800 700 600 500 400 300 200 150 100 80 70 60 50 40 30 10
6
Pulse Lifetime Ratings-12mm Nominal Diameter
at +20C Max. Clamping Voltage Peak Pulse Current (A) 4000 3000 2000 1000 700 500 300 200 100 70 50 30 20 10 7 5 3 2 1 101 10 2 10 3 10 4 10 5 10 6 1 2 Time Test Condition Interval: 1~101 times: 2 min. 10 2 ~10 6 times: 10 sec.
TNR12G820K~TNR12G102K
12G102K 12G821K 12G681K 12G561K 12G471K 12G431K 12G391K 12G331K 12G271K 12G241K 12G221K 12G201K 12G181K 12G151K 12G121K 12G101K 12G820K
10
5
10
4
10
3
10
2
10
1
10 0
101
10 2
10 3
1,300A Max. 10 4
20
100
Direct Current (A)
8/20 sec. Impulse Current (A)
200 1k Impulse Duration (s)
2k
10k
METAL OXIDE VARISTOR
G
128
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
G Series
Varistor Volt - Ampere and Pulse Lifetime Characteristics
V- I Curve-15mm Nominal Diameter
TNR15G150K~TNR15G680K
Max. Leakage Current Voltage (V) 500 400 300 200 150 100 70 60 50 40 30 20 15 10 7 6 5 4 3 10
6
Pulse Lifetime Ratings-15mm Nominal Diameter
at +20C
TNR15G150K~TNR15G680K
Peak Pulse Current (A) 1000 700 500 300 200 100 70 50 30 20 10 7 5 1 2 101 10 2 10 3 10 4 10 5 10 6 Time Test Condition Interval: 1~101 times: 2 min. 10 2 ~10 6 times: 10 sec.
Max. Clamping Voltage
15G680K 15G560K 15G470K 15G390K 15G330K 15G270K 15G220K 15G180K 15G150K
500A Max.
3 2 1 0.7 0.5 0.3 0.2
10
5
10
4
10
3
10
2
10
1
10 0
101
10 2
10 3
10 4
20
100
200
1k
2k
10k
Direct Current (A)
8/20 sec. Impulse Current (A)
Impulse Duration (s)
V- I Curve-15mm Nominal Diameter
TNR15G820K~TNR15G102K
Max. Leakage Current Voltage (V) 5000 4000 3000 2000 1500 1000 800 700 600 500 400 300 200 150 100 80 70 60 50 40 30 10
6
Pulse Lifetime Ratings-15mm Nominal Diameter
at +20C
TNR15G820K~TNR15G102K
Peak Pulse Current (A) 7000 5000 3000 2000 1000 700 500 300 200 100 70 50 30 20 101 10 2 10 3 10 4 10 5 10 6
Max. Clamping Voltage 1 Time 2 Test Condition Interval: 1~101 times: 2 min. 10 2 ~10 6 times: 10 sec.
15G102K 15G821K 15G681K 15G561K 15G471K 15G431K 15G391K 15G331K 15G271K 15G241K 15G221K 15G201K 15G181K 15G151K 15G121K 15G101K 15G820K
2,500A Max.
10 7 5 3 2
10
5
10
4
10
3
10
2
10
1
10 0
101
10 2
10 3
10 4
20
100
Direct Current (A)
8/20 sec. Impulse Current (A)
200 1k Impulse Duration (s)
2k
10k
METAL OXIDE VARISTOR
G
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
129
G Series
Varistor Volt - Ampere and Pulse Lifetime Characteristics
V- I Curve- 23mm Nominal Diameter
TNR23G181K~TNR23G102K
Max. Leakage Current Voltage (V) 5000 4000 3000 2000 1500 1000 800 700 600 500 400 300 200 150 100 80 70 60 50 40 30 10
6
Pulse Lifetime Ratings-23mm Nominal Diameter
at +20C
TNR23G181K~TNR23G102K
Peak Pulse Current (A) 7000 5000 3000 2000 1000 700 500 300 200 100 70 50 30 20 10 7 5 3 2 101 10 2 10 3 10 4 10 5 10 6
Max. Clamping Voltage 1 Time 2 Test Condition Interval: 1~101 times: 2 min. 10 2 ~10 6 times: 10 sec.
23G102K 23G821K 23G681K 23G561K 23G471K 23G431K 23G391K 23G331K 23G271K 23G241K 23G221K 23G201K 23G181K
10
5
10
4
10
3
10
2
10
1
10 0
101
10 2
10 3
4,000A Max. 10 4
20
100
Direct Current (A)
8/20 sec. Impulse Current (A)
200 1k Impulse Duration (s)
2k
10k
METAL OXIDE VARISTOR
G
130
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com


▲Up To Search▲   

 
Price & Availability of TNR15G221K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X