Part Number Hot Search : 
C702707 ADP3170 BU4328G SI2312DS AN7256 115AE SR706 HFM201
Product Description
Full Text Search
 

To Download TM10064ACIWG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 w
w
4U et he
aS at D . w




om .c






w
w
w
t a .D
S a

e h


U t4 e

.c
m o


S
w
w
w
.D
ta a
ee h
4U t
om .c



!
" #
$% #



! " # $ % $ &' () * ++ ,$- %*,
%. * /
0
" $$ 1# 2 23 " +4,+ " ,4*+ .3 " 5 # ( 6 +-6 ++7*&3 +! +7+8""9 +*7+*8""9 ,

&' # (



)* +'# '! !

















, ' -#!

.#' +/!'!
: " (
'
"0 ' '
'
- + + +
-6 *+ + 4,+
; '
5 "

, 4*+
/
0# # ' *= : "
"0 -
-6 ;
' 8<9
' 8 ' '
' ' '?+ ' '?+ & + , '
1,
.+
+,
'
: '
+1'
'4+ +'
'
<(
+
'
8<9

: ' '
?+
,+
++
)

*: #
"0 & , * 1 2 . + & , * 1 2 . + & , * 1 / 5= )+ %5 %5 + & , * 1 ' ' '3; /4 / /4 /4 / '5 ' ' ' '& '+ < $ >%< >%< >%< >%< >%< >%< >%< >%< >%< >%< >%< >%< >%< +' +' >%< 2&$ 1&$ $ $ .,$ / 5 0 5 0 0+ 0 0 0 0& 0, 0* 01 (
$ # @ ' $ :%3 /#$ $ /#$ $ /#$ $ /#$ $ /#$ $ ' (
$ #$ #$ #$ #$ #: # 8 9
"0 2 . + /2* % %> - < $ >%< >%< >%< - ; # ( " % ( " ( "
*: # "/ AC Characteristics (1)System buses Read/Write characteristics 1 (For the 8080 Series MPU) A0 CS1 (CS2="1") WR,RD D0~D7 (WRITE) D0~D7 (READ) Symbol Parameter Min. Typ. Max. Unit 0 ns TAH8 Address hold time 0 ns TAS8 Address setup time TCYC8 System cycle time 300 ns TCCLW Control L pulse width (WR) 60 ns TCCLR Control L pulse width (RD) 120 ns TCCHW Control H pulse width (WR) 60 ns TCCHR Control H pulse width (RD) 60 ns 40 ns TDS8 Data setup time 15 ns 7TDH8 Data hold time 140 ns TACC8 RD access time TCH8 Output disable time 10 100 ns
tAS8 tAH8 tCYC8 tCCLW tCCLR tDS8 tDS8 tACC8 tCH8
tCCHW tCCHR
(VDD=2.7 - 3.3V, TA = -40 - 85C) Condition
CL=100pF CL=100pF
(2) System buses Read/Write Characteristics 2 (6800 Series MPU) A0 R/W tAS6 tAH6 CS (CS2="1") tCYC6 tEWHW tEWHR E tEWLW tEWLR tDS6 tDH6 D0~D7 (WRITE) tOH6 tACC6 D0~D7 (READ) Symbol Parameter Min. Typ. Max. TCYC6 System cycle time 300 TAS6 Address setup time 0 TAH6 Address hold time 0 TDS6 Data setup time 40 TDH6 Data hold time 15 TOH6 Output disable time 10 100 TACC6 Access time 140 TEWHR Enable H pulse width (Read) 120 TEWHW Enable H pulse width (Write) 60 TEWLR Enable L pulse width (Read) 60 TEWLW Enable L pulse width (Write) 60
(VDD=2.7 - 3.3V, TA = -40 - 85C) Unit nS nS nS nS nS nS nS nS nS nS nS CL=100pF CL=100pF Condition
*&:/
Code Command A0 RD WR D7 D6 D5 D4 D3 D2 D1 D0 (1) Display ON/OFF 0 1 0 1 0 1 0 1 1 1 D (2) Set Display Start 0 1 0 0 1 Display start address Line (3) Set Page Address 0 1 0 1 0 1 1 Page address (4) Set Column Address 0 1 0 0 0 0 1 Higher column address 4 higher bits (4) Set column Address 0 1 0 0 0 0 0 Lower column address 4 lower bits (5) Read Status 0 0 1 Status 0 0 0 0 (6) Write Display Data 1 1 0 Write data (7) Read Display Data 1 0 1 Read data (8) ADC select 0 1 0 1 0 1 0 0 0 0 D (9) Normal/Reverse 0 1 0 1 0 1 0 0 1 1 D Display 0 (10) Entire Display 0 1 0 1 0 1 0 0 1 0 ON/OFF 1 (11) Set LCD Bias 0 1 0 1 0 1 0 0 0 1 D (12) Read-Modify-Write 0 1 0 1 1 1 0 0 0 0 0 (13) End 0 1 0 1 1 1 0 1 1 1 0 (14) Reset 0 1 0 1 1 1 0 0 0 1 0 (15) Common output 0 1 0 1 1 0 0 D * * * mode select (16) Set Power Control 0 1 0 0 0 1 0 1 Operation status (17) V0 voltage regulator internal resistor ratio 0 1 0 0 0 1 0 0 Resistor ratio set (18) Electronic volume 0 1 0 1 0 0 0 0 0 0 1 mode set Electronic Volume 0 1 0 * * Electronic control value Register set (19) Set static indicator 0 1 0 1 0 1 0 1 1 0 D On/Off Set Static indicator 0 1 0 * * * * * * Mode register (20) Power Save (21) NOP 0 1 0 1 1 1 0 0 0 1 1 (22) Test Command 0 1 0 1 1 1 1 * * * * (23) Test Mode Reset 0 1 0 1 1 1 1 0 0 0 0 Note: Do not use any other command, or the system malfunction may result.
Function Turns on LCD panel when goes high, and turns off when goes low Specifies RAM display line for COM0 Sets the display RAM page in Page Address register Sets 4 higher bits of column address of display RAM in register Sets 4 lower bits of column address of display RAM in register Reads the status information Writes data in display RAM Reads data from display RAM Sets the display RAM address SEG output correspondence Normal indication when low, but full indication when high Selects normal display (0) or Entire Display ON (1) Sets LCD drive voltage bias ratio Increments Column Address counter during each write Releases the Read-ModifyWrite Resets internal functions Selects COM output scan direction. * Invalid data Selects the power circuit operation mode Select internal resistor ratio (Rb / Ra) mode
Set the V0 output voltage electronic volume register Set static indicator On/Off 0: OFF 1: ON Set the flashing mode Compound command of display OFF and entire display ON Command for non-operation IC Test command. Do not use! Command of test mode reset
1 # 13/ ?, : "
"0

/
-
-6
;
?+
+ + + + ++ " ++
' ()

/A
?+
/5 ##
/
?+ ?+
5 "
?+
?+

1 ##3/ 1 ##' ()
" " 1 ##/5






- / 9B" # C
+++>! 1 ##5 "
" ? 4 ##" ? 4 - / 93 ' .+' 9B" # C
+++>!
2## 2/ #5 0
?, : " / # > " =
*+ " #" &+> <( " =
( , " #" &+> > " =
3 ,+ 8$ 9 " &+> " #" <( " =
+ & 3 ( &+> " #" > " =
&+ , %>"
" "
.,D5> #" .*> " =
( , %*+ /
"
+
, , *+ , * +" ," +" ,"
1 2 .

'0 8 9 8 9 )"
=
$0 =
=
" 0
+>!E,++>!F ++"%F +" ># ($ F ++"%F 2" , *>
2B G" /
/ : " # = # - # 3 / 5 "

: " & , * 1 2 .
B G " /
3# 0 # 3# # 3# " # 3# #

B " # 2 # ? 3 # 4 - #
345*67** =6" )?, 8 ( 9 : - -6 ; :< )H<
-I + :: - , -I + :: - , -I # 3 " ""FF " F< - # 3 "#"@22 ; " " =6
F 6) ' 0 (
: F
6
#

$8' 5* +'# +> +
" # 0I " 0
#" F +:#
" C
0 F0
"F# 0 " (
F"
(## ( +
6 $ #
# I "
$
+& ! $
# # > ! #
+,:#
# " F0 #
( (#
:#"
F" ( # #($ :
=
$ " 0$ "
" ! =
F #( J )"$ +* " "0 +2 $ # " 0

F0 # """( $" 0
( F F"0
" #
F "0
(
# ( ## $ #"
"
0

+ + "
2+D +
/

: " # # : " / ! " 00 0 ( ! # ! # /$ # " " ) " " " K+"" -6 # ( +"" +,"" /
$ @ /$ < 50( !
8$ ( 9
) " " -6( 7K++"" ++"" 7 +,"" -6 7?8409% 8 9 -6 ( ( K++"" " ++"" ++,"" 0 +""
8$ ( 9
$
/ : " # # 8 9
: "
/
/
/ 0 -6 "" %, / ( "" %, %K/K / 0 "" %K0K "" -6, /0 -6 ( @ ( / / 0 "" %K0K "" / +,"" % / K+"" -6 #K+"" (
/-
: " #
# / / " " " ) " " ) " " 7K+"" 7?8409% )K+"" -6( +"" ) +"" K+,"" -6 8 9 ( -6( +"" 7 +"" -6 (
: "
3 " "" $ ( / $ /
" 839
8$ ( 9
-6( 7K+"" 7?8409% +"" 7 +""
8$ ( 9
-6 ( K++"" ++"" ++,""
/- : " #
# 8 9
: " # " # "
/
/ 6 +"" -6 # ( +"" 6 +"" -6 # (
6?8409% -6 # ( +2 ?" $ #( ?"$ #( +"" -6 # ( +"" +"" L+


▲Up To Search▲   

 
Price & Availability of TM10064ACIWG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X