Part Number Hot Search : 
A155M RT9718 21000 C0603 R5F2L36 WJ152 EVALZ 2060CT
Product Description
Full Text Search
 

To Download STV80NE03L-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STV80NE03L-06
N - CHANNEL 30V - 0.005 - 80A - PowerSO-10 STripFETTM MOSFET
T YPE STV80NE03L-06
s s s s s
V DSS 30 V
R DS(on) < 0.006
ID 80 A
TYPICAL RDS(on) = 0.005 EXCEPTIONAL dv/dt CAPABILITY 100% AVALANCHE TESTED LOW GATE CHARGE 100 oC APPLICATION ORIENTED CHARACTERIZATION
10
DESCRIPTION This Power Mosfet is the latest development of STMicroelectronics unique "Single Feature SizeTM" strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalance characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SOLENOID AND RELAY DRIVERS s MOTOR CONTROL, AUDIO AMPLIFIERS s DC-DC & DC-AC CONVERTERS s AUTOMOTIVE ENVIRONMENT (INJECTION, ABS, AIR-BAG, LAMPDRIVERS, Etc. )
1
PowerSO-10
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DS V DGR V GS ID ID I DM (*) P tot dv/dt Ts tg Tj May 2000 Parameter Drain-source Voltage (VGS = 0) Drain- gate Voltage (R GS = 20 k) G ate-source Voltage Drain Current (continuous) at Tc = 25 C Drain Current (continuous) at Tc = 100 C Drain Current (pulsed) T otal Dissipation at Tc = 25 C Derating Factor Peak Diode Recovery voltage slope Storage Temperature Max. Operating Junction Temperature
o o o
Value 30 30 20 80 60 320 150 1 7 -65 to 175 175
( 1) ISD 80 A, di/dt 300 A/s, VDD V(BR)DSS, Tj TJMAX
Un it V V V A A A W W /o C V/ns
o o
C C 1/8
(*) Pulse width limited by safe operating area
STV80NE03L-06
THERMAL DATA
R thj -case
Rthj -amb
R thc-sink Tl
Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature F or Soldering Purpose
1 62.5 0.5 300
C/W oC/W o C/W o C
o
AVALANCHE CHARACTERISTICS
Symbo l IAR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max, < 1%) Single Pulse Avalanche Energy (starting Tj = 25 o C, ID = IAR , V DD = 15 V) Max Value 80 600 Unit A mJ
ELECTRICAL CHARACTERISTICS (TJ = - 40 to 150 oC unless otherwise specified) OFF
Symbo l V (BR)DSS I DSS IGSS Parameter Drain-source Breakdown Voltage Test Con ditions I D = 250 A I D = 250 A V GS = 0 V GS = 0 Tc =25 C T c =25 oC
o
Min. 27 30
Typ.
Max.
Unit V
V DS = Max Rating Zero Gate Voltage Drain Current (V GS = 0) V DS = Max Rating Gate-body Leakage Current (VDS = 0) V GS = 20 V
1 50 100
A A nA
ON ()
Symbo l V GS(th) R DS(on) Parameter Gate Threshold Voltage V DS = V GS V DS = V GS Static Drain-source On Resistance V GS V GS V GS V GS = = = = 10V 5V 10V 5V Test Con ditions ID = 250 A ID = 250 A ID = ID = ID = ID = 40 40 40 40 A A A A T J =25 oC Min. 0.6 1.7 Typ. Max. 3.0 2.5 0.012 0.018 0.006 0.009 Unit V A
T J =25 oC o T J =25 C 40
0.005
I D(o n)
On State Drain Current
V DS > ID(o n) x R DS(on )ma x V GS = 10 V
DYNAMIC
Symbo l g f s () C iss C os s C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Con ditions V DS > ID(o n) x R DS(on )ma x V DS = 25 V f = 1 MHz I D =40 A V GS = 0 Min. 20 6500 1500 500 8700 2000 700 Typ. Max. Unit S pF pF pF
2/8
STV80NE03L-06
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbo l t d(on) tr Qg Q gs Q gd Parameter Turn-on Time Rise Time Total G ate Charge Gate-Source Charge Gate-Drain Charge Test Con ditions V DD = 15 V I D = 40 A R G =4.7 V GS = 5 V (see test circuit, figure 3) V DD = 24 V I D = 80 A V GS = 5 V Min. Typ. 40 260 95 30 44 Max. 55 350 130 Unit ns ns nC nC nC
SWITCHING OFF
Symbo l tr (Voff) tf tc Parameter Off-voltage Rise T ime Fall T ime Cross-over Time Test Con ditions V DD = 24 V I D = 80 A R G =4.7 V GS = 5 V (see test circuit, figure 5) Min. Typ. 70 165 250 Max. 95 220 340 Unit ns ns ns
SOURCE DRAIN DIODE
Symbo l ISD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 80 A V GS = 0 75 0.14 4 I SD = 80 A di/dt = 100 A/s o Tj = 150 C V DD = 15 V (see test circuit, figure 5) Test Con ditions Min. Typ. Max. 80 320 1.5 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
Safe Operating Area for
Thermal Impedance
3/8
STV80NE03L-06
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/8
STV80NE03L-06
Normalized Gate Threshold Voltage vs Temperature Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
5/8
STV80NE03L-06
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/8
STV80NE03L-06
PowerSO-10 MECHANICAL DATA
DIM. MIN. A A1 B c D D1 E E1 E2 E3 E4 e F H h L q 0
o
mm TYP. MAX. 3.65 0.10 0.60 0.55 9.60 7.60 9.50 7.40 7.60 6.35 6.10 1.27 1.25 13.80 0.50 1.20 1.70 8
o
inch MIN. 0.132 0.000 0.016 0.013 0.370 0.291 0.366 0.283 0.283 0.240 0.232 0.050 1.35 14.40 1.80 0.049 0.543 0.002 0.047 0.067 0.071 0.053 0.567 TYP. MAX. 0.144 0.004 0.024 0.022 0.378 0.300 0.374 0.291 0.300 0.250 0.240
3.35 0.00 0.40 0.35 9.40 7.40 9.30 7.20 7.20 6.10 5.90
B
0.10 A B
10 = H = A F A1 =
6
=
=
=
E = 1 5
=
E2
E3
E1
E4
=
=
A
=
SEATING PLANE DETAIL "A"
e
0.25
M
B
C Q
h
D = D1 = = = SEATING PLANE
= A1 L
DETAIL "A"
0068039-C
7/8
STV80NE03L-06
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of STV80NE03L-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X