Part Number Hot Search : 
1N445 MAX68 TJ49150 LOGIC G4PH30K GB4600 FA5109P D1755
Product Description
Full Text Search
 

To Download SN54LS42J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SN54/74LS42 ONE-OF-TEN DECODER
The LSTTL / MSI SN54 / 74LS42 is a Multipurpose Decoder designed to accept four BCD inputs and provide ten mutually exclusive outputs. The LS42 is fabricated with the Schottky barrier diode process for high speed and is completely compatible with all Motorola TTL families.
ONE-OF-TEN DECODER
LOW POWER SCHOTTKY
* * * *
Multifunction Capability Mutually Exclusive Outputs Demultiplexing Capability Input Clamp Diodes Limit High Speed Termination Effects
CONNECTION DIAGRAM DIP (TOP VIEW)
VCC 16 A0 15 A1 14 A2 13 A3 12 9 11 8 10 7 9
NOTE: The Flatpak version has the same pinouts (Connection Diagram) as the Dual In-Line Package. 16 1
J SUFFIX CERAMIC CASE 620-09
1 0
2 1
3 2
4 3
5 4
6 5
7 6
8 GND
16 1
N SUFFIX PLASTIC CASE 648-08
PIN NAMES
LOADING (Note a) HIGH LOW 0.25 U.L. 5(2.5) U.L.
16 1
A0 - A3 0 to 9
Address Inputs Outputs, Active LOW (Note b)
0.5 U.L. 10 U.L.
D SUFFIX SOIC CASE 751B-03
NOTES: a) 1 TTL Unit Load (U.L.) = 40 A HIGH/1.6 mA LOW. b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74) Temperature Ranges.
ORDERING INFORMATION
SN54LSXXJ SN74LSXXN SN74LSXXD Ceramic Plastic SOIC
LOGIC DIAGRAM
A0
15
A1
14
A2
13
A3
12
LOGIC SYMBOL
15 14 13 12
A0
A1
A2
A3
012345 6789
1
2
3
4
5
6
7
9
10
11
1 2 3 4 5 6 7 9 10 11 VCC = PIN 16 GND = PIN 8
0
1
2
3
4
5
6
7
8
9
VCC = PIN 16 GND = PIN 8 = PIN NUMBERS
FAST AND LS TTL DATA 5-53
SN54/74LS42
FUNCTIONAL DESCRIPTION
The LS42 decoder accepts four active HIGH BCD inputs and provides ten mutually exclusive active LOW outputs, as shown by logic symbol or diagram. The active LOW outputs facilitate addressing other MSI units with LOW input enables. The logic design of the LS42 ensures that all outputs are HIGH when binary codes greater than nine are applied to the inputs. The most significant input A3 produces a useful inhibit function when the LS42 is used as a one-of-eight decoder. The A3 input can also be used as the Data input in an 8-output demultiplexer application.
TRUTH TABLE
A0 L H L H L H L H L H L H L H L H A1 L L H H L L H H L L H H L L H H A2 L L L L H H H H L L L L H H H H A3 L L L L L L L L H H H H H H H H 0 L H H H H H H H H H H H H H H H 1 H L H H H H H H H H H H H H H H 2 H H L H H H H H H H H H H H H H 3 H H H L H H H H H H H H H H H H 4 H H H H L H H H H H H H H H H H 5 H H H H H L H H H H H H H H H H 6 H H H H H H L H H H H H H H H H 7 H H H H H H H L H H H H H H H H 8 H H H H H H H H L H H H H H H H 9 H H H H H H H H H L H H H H H H
H = HIGH Voltage Level L = LOW Voltage Level
GUARANTEED OPERATING RANGES
Symbol VCC TA IOH IOL Supply Voltage Operating Ambient Temperature Range Output Current -- High Output Current -- Low Parameter 54 74 54 74 54, 74 54 74 Min 4.5 4.75 - 55 0 Typ 5.0 5.0 25 25 Max 5.5 5.25 125 70 - 0.4 4.0 8.0 Unit V C mA mA
FAST AND LS TTL DATA 5-54
SN54/74LS42
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol VIH VIL VIK VOH Parameter Input HIGH Voltage 54 Input LOW Voltage 74 Input Clamp Diode Voltage 54 Output HIGH Voltage 74 54, 74 VOL Output LOW Voltage 74 Input HIGH Current 0.1 Input LOW Current Short Circuit Current (Note 1) Power Supply Current - 20 - 0.4 -100 13 0.35 0.5 20 IIH IIL IOS ICC V A mA mA mA mA 2.7 3.5 0.25 0.4 V V 2.5 - 0.65 3.5 0.8 - 1.5 V V Min 2.0 0.7 V Typ Max Unit V Test Conditions Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for All Inputs VCC = MIN, IIN = - 18 mA VCC = MIN, IOH = MAX, VIN = VIH or VIL per Truth Table IOL = 4.0 mA IOL = 8.0 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table
VCC = MAX, VIN = 2.7 V VCC = MAX, VIN = 7.0 V VCC = MAX, VIN = 0.4 V VCC = MAX VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25C)
Limits Symbol tPLH tPHL tPLH tPHL Parameter Propagation Delay (2 Levels) Propagation Delay (3 Levels) Min Typ 15 15 20 20 Max 25 25 30 30 Unit ns ns Figure 2 Figure 1 VCC = 5.0 V CL = 15 pF Test Conditions
AC WAVEFORMS
VIN
1.3 V tPHL
1.3 V tPLH 1.3 V 1.3 V
VIN
1.3 V tPHL
1.3 V tPLH 1.3 V
VOUT
VOUT
1.3 V
Figure 1
Figure 2
FAST AND LS TTL DATA 5-55


▲Up To Search▲   

 
Price & Availability of SN54LS42J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X