Part Number Hot Search : 
6204B322 C30662E MM74C923 00130 N3055 MCF527 PCJR0705 0459703
Product Description
Full Text Search
 

To Download SN54LS145J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SN54/74LS145 1-OF-10 DECODER/DRIVER OPEN-COLLECTOR
The SN54 / 74LS145, 1-of-10 Decoder/Driver, is designed to accept BCD inputs and provide appropriate outputs to drive 10-digit incandescent displays. All outputs remain off for all invalid binary input conditions. It is designed for use as indicator/relay drivers or as an open-collector logic circuit driver. Each of the high breakdown output transistors will sink up to 80 mA of current. Typical power dissipation is 35 mW. This device is fully compatible with all TTL families. * Low Power Version of 54 / 74145 * Input Clamp Diodes Limit High Speed Termination Effects
1-OF-10 DECODER/ DRIVER OPEN-COLLECTOR
LOW POWER SCHOTTKY
CONNECTION DIAGRAM DIP (TOP VIEW)
V CC 16 P 0 15 P 1 14 P 2 13 P 3 12 Q 9 11 Q 8 10 Q 7
J SUFFIX CERAMIC CASE 620-09
16 1
9
16
1 Q 0 2 Q 1 3 Q 2 4 Q 3 5 Q 4 6 Q 5 7 Q 6 8 GND
N SUFFIX PLASTIC CASE 648-08
1
PIN NAMES P0, P1, P2, P3 Q0 to Q9 BCD Inputs Outputs (Note b)
LOADING (Note a) HIGH 0.5 U.L. Open Collector LOW 0.25 U.L. 15 (7.5) U.L.
16 1
D SUFFIX SOIC CASE 751B-03
NOTES: a) 1 TTL Unit Load (U.L.) = 40 A HIGH/1.6 mA LOW. b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 15 U.L. for Commercial (74) Temperature Ranges.
ORDERING INFORMATION
SN54LSXXXJ SN74LSXXXN SN74LSXXXD Ceramic Plastic SOIC
LOGIC DIAGRAM
P 0
INPUTS
P 1
P 2
P 3
LOGIC SYMBOL
15 14 INPUT INVERTERS P 0
13
12
0
0
1
1
2
2
3
3
P P 1 2
P 3
Q Q Q Q Q Q Q Q Q Q 0 1 2 3 4 5 6 7 8 9
1
2
3
4
5
6
7
9
10
11
DECODE/DRIVER GATES V = PIN 16 CC GND = PIN 8 Q 0 Q 1 Q 2 Q 3 Q 4 Q 5 Q 6 Q 7 Q 8 Q 9
OUTPUTS
FAST AND LS TTL DATA 5-240
SN54/74LS145
TRUTH TABLE
INPUTS P3 L L L L L L L L H H H H H H H H P2 L L L L H H H H L L L L H H H H P1 L L H H L L H H L L H H L L H H P0 L H L H L H L H L H L H L H L H Q0 L H H H H H H H H H H H H H H H Q1 H L H H H H H H H H H H H H H H Q2 H H L H H H H H H H H H H H H H Q3 H H H L H H H H H H H H H H H H OUTPUTS Q4 H H H H L H H H H H H H H H H H Q5 H H H H H L H H H H H H H H H H Q6 H H H H H H L H H H H H H H H H Q7 H H H H H H H L H H H H H H H H Q8 H H H H H H H H L H H H H H H H Q9 H H H H H H H H H L H H H H H H
H = HIGH Voltage Level L = LOW Voltage Level
GUARANTEED OPERATING RANGES
Symbol VCC TA VOH IOL Supply Voltage Operating Ambient Temperature Range Output Voltage -- High Output Current -- Low Parameter 54 74 54 74 54, 74 54 74 Min 4.5 4.75 - 55 0 Typ 5.0 5.0 25 25 Max 5.5 5.25 125 70 15 12 24 Unit V C V mA
FAST AND LS TTL DATA 5-241
SN54/74LS145
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol VIH VIL VIK IOH VOL Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Current 54, 74 54, 74 Output LOW Voltage 74 54, 74 IIH IIL ICC Input HIGH Current Input LOW Current Power Supply Current 0.25 0.35 2.3 54 74 - 0.65 Min 2.0 0.7 0.8 - 1.5 250 0.4 0.5 3.0 20 0.1 - 0.4 13 V A V V V A mA mA mA Typ Max Unit V V Test Conditions Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for All Inputs VCC = MIN, IIN = - 18 mA VCC = MIN, VOH = MAX IOL = 12 mA IOL = 24 mA IOL = 80 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table
VCC = MAX, VIN = 2.7 V VCC = MAX, VIN = 7.0 V VCC = MAX, VIN = 0.4 V VCC = MAX, VIN = GND
AC CHARACTERISTICS (TA = 25C)
Limits Symbol tPHL tPLH Propagation Delay Pn Input to Qn Output Parameter Min Typ Max 50 50 Unit ns Test Conditions VCC = 5.0 V CL = 45 pF
AC WAVEFORMS
V IN
1.3 V
1.3 V
V IN
1.3 V
1.3 V
t PHL
t PLH
t PHL
t PLH
V OUT
1.3 V
1.3 V
V OUT
1.3 V
1.3 V
Figure 1
Figure 2
FAST AND LS TTL DATA 5-242
-A-
Case 751B-03 D Suffix 16-Pin Plastic SO-16
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. 3. CONTROLLING DIMENSION: MILLIMETER. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. 751B 01 IS OBSOLETE, NEW STANDARD 751B 03.
16
9
-B1 8
P
8 PL
0.25 (0.010)
M
B
M
R X 45 G -TD 16 PL
0.25 (0.010)
M
C
SEATING PLANE
K
T B
S
M
F
J
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX
9.80 3.80 1.35 0.35 0.40 10.00 4.00 1.75 0.49 1.25
INCHES MIN MAX
0.386 0.150 0.054 0.014 0.016 0.393 0.157 0.068 0.019 0.049
1.27 BSC 0.19 0.10 0 5.80 0.25 0.25 0.25 7 6.20 0.50
0.050 BSC 0.008 0.004 0 0.229 0.010 0.009 0.009 7 0.244 0.019
Case 648-08 N Suffix 16-Pin Plastic -A16 9
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. 3. CONTROLLING DIMENSION: INCH. DIMENSION L" TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B" DOES NOT INCLUDE MOLD FLASH. 5. 6. ROUNDED CORNERS OPTIONAL. 648 01 THRU 07 OBSOLETE, NEW STANDARD 648 08.
B
1 8
F S
C -TK
SEATING PLANE
L
H G D 16 PL
0.25 (0.010)
M
J
M
T
A
M
DIM A B C D F G H J K L M S
MILLIMETERS MIN MAX
18.80 6.35 3.69 0.39 1.02 19.55 6.85 4.44 0.53 1.77
INCHES MIN MAX
0.740 0.250 0.145 0.015 0.040 0.770 0.270 0.175 0.021 0.070
2.54 BSC 1.27 BSC 0.21 2.80 7.50 0 0.51 0.38 3.30 7.74 10 1.01
0.100 BSC 0.050 BSC 0.008 0.110 0.295 0 0.020 0.015 0.130 0.305 10 0.040
-A16 9
Case 620-09 J Suffix 16-Pin Ceramic Dual In-Line
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
-B1 8
3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIM F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY.
C
L
5. 620 01 THRU 08 OBSOLETE, NEW STANDARD 620 09.
-TSEATING PLANE
K E F D 16 PL
0.25 (0.010)
M
N G
T A
S
M J 16 PL
0.25 (0.010)
M
T
B
S
DIM A B C D E F G J K L M N
MILLIMETERS MIN MAX
19.05 6.10 19.55 7.36 4.19 0.39 0.53
INCHES MIN MAX
0.750 0.240 0.770 0.290 0.165 0.015 0.021
1.27 BSC 1.40 1.77
0.050 BSC 0.055 0.070
2.54 BSC 0.23 0.27 5.08 7.62 BSC 0 0.39 15 0.88
0.100 BSC 0.009 0.011 0.200 0.300 BSC 0 0.015 15 0.035
FAST AND LS TTL DATA 5-243
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
FAST AND LS TTL DATA 5-244
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of SN54LS145J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X