Part Number Hot Search : 
29F16 ZMC91 ECCM1 MAA4868K KIA2078 BD63874 0100D ECCM1
Product Description
Full Text Search
 

To Download RC2211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Electronics
Semiconductor Division
RC2211
FSK Demodulator/Tone Decoder
Features
Wide frequency range 0.01 Hz to 300 kHz Wide supply voltage range 4.5V to 20V DTL/TTL/ECL logic compatibility FSK demodulation with carrier-detector Wide dynamic range 2 mV to 3 VRMS Adjustable tracking range 1% to 80% Excellent temperature stability 20 ppm/C typical
Applications
FSK demodulation Data synchronization Tone decoding FM detection Carrier detection
Description
The RC2211 is a monolithic phase-locked loop (PLL) system especially designed for data communications. It is particularly well-suited for FSK modem applications, and operates over a wide frequency range of 0.01 Hz to 300 kHz. It can accommodate analog signals between 2 mV and 3V, and can interface with conventional DTL, TTL and ECL logic families. The circuit consists of a basic PLL for tracking an input signal frequency within the passband, a quadrature phase detector which provides carrier detection, and an FSK voltage comparator which provides FSK demodulation. External components are used to independently set carrier frequency, bandwidth and output delay.
Block Diagram
Loop Filter f-Detector FSK Comparator VCO f Preamp Lock Detector Outputs Lock Detector Filter Lock Detector Comparator
65-2211-01
Data Filter FSK Data Output
f FSK Input
f-Detector
Rev. 1.0.1
This document was created with FrameMaker 4 0 4
PRODUCT SPECIFICATION
RC2211
Description of Circuit Controls
Signal Input (Pin 2)
The input signal is AC coupled to this terminal. The internal impedance at pin 2 is 20 kW. Recommended input signal level is in the range of 10 mVRMS to 3 VRMS.
FSK Data Output (Pin 7)
This output is an open collector stage which requires a pull-up resistor, RL, to +VS for proper operation. It can sink 5 mA of load current. When decoding FSK signals the FSK data output will switch to a OhighO or off state for low input frequency, and will switch to a OlowO or on state for high input frequency. If no input signal is present, the logic state at pin 7 is indeterminate.
Quadrature Phase Detector Output, Q (Pin 3)
This is the high impedance output of the quadrature phase detector, and is internally connected to the input of lock detector voltage comparator. In tone detection applications, pin 3 is connected to ground through a parallel combination of RD and CD (see Figure 1) to eliminate chatter at the lock detector outputs. If this tone detector section is not used, pin 3 can be left open circuited.
FSK Comparator Input (Pin 8)
This is the high impedance input to the FSK voltage comparator. Normally, an FSK post detection or data lter is connected between this terminal and the PLL phase detector output (pin 11). This data lter is formed by RF and CF of Figure 1. The threshold voltage of the comparator is set by the internal reference voltage, VR, available at pin 10.
Lock Detector Output, Q (Pin 5)
The output at pin 5 is at a OhighO state when the PLL is out of lock and goes to a OlowO or conducting state when the PLL is locked. It is an open collector output and requires a pull-up resistor, RL, to +VS for proper operation. In the OlowO state it can sink up to 5 mA of load current.
Reference Bypass (Pin 9)
This pin can have an optional 0.1, mF capacitor connected to the ground.
Reference Voltage, VR (Pin 10)
This pin is internally biased at the reference voltage level, VR; VR = +VS/2 650 mV. The DC voltage level at this pin forms an internal reference for the voltage levels at pin 3, 8, 11 and 12. Pin 10 must be bypassed to ground with a 0.1 mF capacitor.
Lock Detector Complement, Q (Pin 6)
The output at pin 6 is the logic complement of the lock detector output at pin 5. This output is also an open collector type stage which can sink 5 mA of load current in the low or OonO state.
RB 510K (11) C1 Input Preamp (2) VCO 0.1 F Input Signal Quad f-Detector (3) RD 100K to 470K Lock Detector Comparator f (14) C0 (13) R0 0.1 F f (12) (10) Internal Reference RF 100K (8)
RL
(1) +VS (7)
Loop f-Detector
R1
CF
FSK Comparator
FSK Output
Q (6) Lock Detector Outputs (5) Q
CD
65-2211-02
Figure 1. Generalized Circuit Connection for FSK and Tone Detection
2
RC2211
PRODUCT SPECIFICATION
Loop Phase Detector Output (Pin 11)
This terminal provides a high impedance output for the loop phase detector. The PLL loop lter is formed by R1 and C1 connected to pin 11 (see Figure 1). With no input signal, or with no phase error within the PLL, the DC level at pin 11 is very nearly equal to VR. The peak voltage swing available at the phase detector output is equal to VR.
2.
Internal Reference Voltage, VR (measured at pin 10) ae +V S o V R = e ---------- o -650 mV 2
3.
Loop Lowpass Filter Time Constant, t t = R1C1
VCO Control Input (Pin 12)
VCO free running frequency is determined by external timing resistor, R0, connected from this terminal to ground. The VCO free running frequency, F0 is given by: 1 F 0 ( Hz ) = -----------R0 C0 where C0 is the timing capacitor across pins 13 and 14. For optimum temperature stability R0 must be in the range of 10 kW to 100 kW (see Typical Performance Characteristics). This terminal is a low impedance point, and is internally biased at a DC level equal to VR. The maximum timing current drawn from pin 12 must be limited to 3 mA for proper operation of the circuit.
4.
Loop Dampening, z: ae C0 o 1 z = c ----- / ae -- o -e C1 o e 4 o
5.
Loop Tracking Bandwidth, DF/F0:
Df/FO = R0/R1 Tracking Bandwidth Df Df
FLL
F1
F0
F2
FLH
65-2211-03
VCO Timing Capacitor (Pins 13 and 14)
VCO frequency is inversely proportional to the external timing capacitor, C0, connected across these terminals. C0 must be non-polarized, and in the range of 200 pF to 10 mF.
6.
FSK Data Filter Time Constant, tF: tF = RFCF
7.
VCO Frequency Adjustment
VCO can be ne tuned by connecting a potentiometer, Rx, in series with R0 at pin 12 (see Figure 2).
Loop Phase Detector Conversion Gain, Kf (Kf is the differential DC voltage across pins 10 and 11, per unit of phase error at phase-detector input): ( 2) ( VR) kf ( in volts per radian ) = --------------------------p
VCO Free-Running Frequency, F0
The RC2211 does not have a separate VCO output terminal. Instead, the VCO outputs are internally connected to the phase detector sections of the circuit. However, for set-up or adjustment purposes, the VCO freerunning frequency can be measured at pin 3 (with CD disconnected) with no input and with pin 2 shorted to pin 10. 8.
VCO Conversion Gain, K0 is the amount of change in VCO frequency per unit of DC voltage change at pin 11: 1 K0 ( in Hertz per volt ) = -------------------C0 R1 VR
9.
Total Loop Gain, KT: KT (in radians per second per volt)= 2 pKfK0 = 4 -----------C0 R1
Design Equations
See Figure 1 for Denitions of Components. 1. VCO Center Frequency, F0: 1 F 0 ( Hz ) = -----------R0 C0
10. Peak Phase Detector Current, IA: VR I A ( mA ) = -----25
3
PRODUCT SPECIFICATION
RC2211
Pin Assignments
+VS Input Lock Detector Filter GND Q Q FSK Data Output 1 2 3 4 5 6 7 14 13 12 11 10 9 8 Timing Capacitor Timing Capacitor Timing Resistor Loop f-Detector Reference Voltage Output Reference Bypass FSK Comparator Input
65-2211-04
Absolute Maximum Ratings
Parameter Supply Voltage Input Signal Level Storage Temperature Range Operating Temperature Range RM2211D RV2211N RC2211N Junction Temperature Lead Soldering Temperature (60 sec.) Max. PD TA<50C PDIP CerDIP PDIP CerDIP -65 -55 -25 -0 Min -20 Max +20 3 +150 +125 +85 +70 +125 +175 +300 468 1042 Unit V VRMS C C C C C C C mW mW
Thermal Characteristics
Parameter Therm. Res qJC Therm. Res. qJA For TA > 50C Derate at 14 Lead Plastic DIP -- 160C/W 6.5 mW/C 14 Lead Ceramic DIP 60C/W 120C/W 8.33 mW/C
4
RC2211
PRODUCT SPECIFICATION
Electrical Characteristics
(Test Conditions +VS = +12V, TA +25C, R0 = 30 kW, C0 = 0.033 mF. See Figure 1 for component designations.) RV/RM2211 Parameters General Supply Voltage2 Supply Current Oscillator Frequency Accuracy Frequency Stability
1
RC2211 Min 4.5 5.0 1.0 20 0.05 0.2 300 Typ Max 20 11 Units V mA % ppm/C %/V %/V kHz Hz
Test Conditlons
Min 4.5
Typ
Max 20
R0 10 kW Deviation from f0 = 1/R0C0 R1 = +VS = 12 1V +VS = 5 0.5V R0 = 8.2 kW, C0 = 400 pF R0 = 2 MW, C0 = 50 mF 100
4.0 1.0 20 0.05 0.2 300
9.0 3.0 50 0.5
Temperature Coefficient Power Supply Rejection Upper Frequency Limit Lowest Practical Operating Frequency1 Timing Resistor, R0 Operating Range Recommended Range Loop Phase Detector Peak Output Current Output Offset Current Output Impedance Maximum Swing Quadrature Phase Detector Peak Output Current3 Output Impedance Maximum Swing Input Preamp Input Impedance Input Signal Voltage Required to Cause Limiting3 Voltage Comparator Input Impedance Input Bias Current Voltage Gain1 Output Voltage Low Output Leakage Current Internal Reference Voltage Level Output Impedance
0.01
0.01
5.0 15 Measured at pin 11
2000 100
5.0 15
2000 100
kW kW mA mA MW V mA MW VP-P kW mVRMS
150 200 300 1.0 1.0
100 200 300 2.0 1.0 4.0 5.0 150 1.0 11 20
Ref. to pin 10 Measured at pin 3
4.0 100
5.0 150 1.0 11
Measured at pin 2
20 2.0 10
2.0
Measured at pins 3 & 8 RL = 5.1 kW IC = 3mA V0 = 12V Measured at pin 10 4.9 55
2.0 100 70 300 0.01 5.3 100 5.7 4.75 55
2.0 100 70 300 0.01 5.3 100 5.85
MW nA dB mV mA V W
Notes: 1. Guaranteed by design. 2. Individual applications may need special circuitry to function at <12V. 3. Sample tested.
5
PRODUCT SPECIFICATION
RC2211
Applications
FSK Decoding
Figure 2 shows the basic circuit connection for FSK decoding. With reference to Figures 1 and 2, the functions of external components are dened as follows: R0 and C0 set the PLL center frequency, R1 sets the system bandwidth, and C1 sets the loop lter time constant and the loop damping factor. CF and RF form a one pole post-detection lter for the FSK data output. The resistor RB (510 kW) from pin 7 to pin 8 introduces positive feedback across FSK comparator to facilitate rapid transition between output logic states. Recommended component values for some of the most commonly used FSK bauds are given in Table 1.
+VS 0.1 F C0 FSK Input 0.1 F 1 2 3 RL 5.1K 4 5 6 7 14 13 12 R0 R1 C1 RF 100K
65-2211-05
1.
Calculate PLL center frequency, F0
F1 + F2 fF 0 = ----------------2
2.
Choose a value of timing resistor R0 to be in the range of 10 kW to 100 kW. This choice is arbitrary. The recommended value is R0 = 20 kW. The nal value of R0 ios normally netuned with the series potentiometer, RX. Calculate value of C0 from Design Equation No. 1 or from Typical Performance Characteristics: C0 = 1/R0F0
3.
4.
Calculate R1 to give a Df equal to the markspace deviation: R1 = R0 [F0/(F1 - F2)]
5.
VCO Fine Tune
Calculate C1 to set loop damping. (See Design Equation No. 4) Normally, z 1/2 is recommended Then: C1 = C0/4 for z = 1/2
RC2211
11 0.1 F 9 8
RX 5K
+VS FSK Data Output
10
6.
Calculate Data Filter Capacitance, CF: For RF = 100 kW, RB = 510 kW, the recommended value of CF is: 3 C F ( in mF ) = -----------------------Baud Rate
RB 510K
CF
Figure 2. Circuit Connectbn for FSK Decoding
Table 1. Recommended Component Values for Commonly Used FSK Bands (see Circuit of Figure 2)
FSK Band 300 Baud F1 = 1070 Hz F2 = 1270 Hz 300 Baud F1 = 2025 Hz F2 = 2225 Hz 1200 Baud F1 = 1200 Hz F2 = 2200 Hz Component Values C0 = 0.039 mF, CF = 0.005 mF C1 = 0.01 mF, R0 = 18 kW R1 = 100 kW C0 = 0.022 mF, CF = 0.005 mF C1 = 0.0047 mF, R0 = 18 kW R1 = 200 kW C0 = 0.027 mF, CF = 0.0022 mF C1 = 0.01 mF, R0 = 18 kW R1 = 30 kW
Note: All calculated component values except RO can be rounded off to the nearest standard value, and R0 can be varied to fine-tune center frequency through a series potentiometer, RX (see Figure 2).
Design Example
75 Baud FSK demodulator with mark space frequencies of 1110/1170 Hz: Step 1: Calculate F0: F0=(1110+1170)(1/2)= 1140Hz Step 2: Choose R0 = 20 kW (18 kW xed resistor in series with 5 kW potentiometer) Step 3: Calculate C0 from VCO Frequency vs. Timing Capacitor: C9 = 0.044mF Step 4: Calculate R1: R1 = R0 (1140/60) = 380 kW Step 5: Calculate C1: C1 = C0/4 = 0.011 mF
Design Instructions
The circuit of Figure 2 can be tailored for any FSK decoding application by the choice of ve key circuit components: R0, R1, C0, C1 and CF. For a given set of FSK mark and space frequencies, F1 and F2, these parameters can be calculated as follows:
Note: All values except R0 can be rounded off to nearest standard value.
6
RC2211
PRODUCT SPECIFICATION
FSK Decoding with Carrier Detector
The lock detector section of the RC2211 can be used as a carrier detector option for FSK decoding. The recommended circuit connection for this application is shown in Figure 3. The open-collector lock detector output, pin 6, is shorted to the data output (pin 7). Thus, the data output will be disabled at OlowO state, until there is a carrier within the detection band of the PLL, and the pin 6 output goes OhighO to enable the data output.
+VS 0.1 F C0 FSK Inputs CO 0.1 F 1 2 3 470K 4 5 6 5.1K Data Output 7 14 13 12 R0 R1 C1 RF 100K 510K CF
65-2211-06
+VS 0.1 F C0 FSK Inputs CO 0.1 F 1 2 3 470K 4 5 6 RL1 Logic Output 7 14 13 12 R0 0.1 F R1 C1 +VS RL2 Q Q Logic Outputs
65-2211-07
VCO Fine Tune
RC2211
11
RX 5K
10 9 8
+VS
VCO Fine Tune
RC2211
11 0.1 F 9 8
RX 5K
Figure 4. Circuit Connection for Tone Detection
10
Both logic outputs at pins 5 and 6 are open-collector type stages, and require external pull-up resistors RL1 and RL2 as shown in Figure 4. With reference to Figures 1 and 4, the function of the external circuit components can be explained as follows: R0 and C0 set VCO center frequency, R1 sets the detection bandwidth, C1 sets the lowpass-loop lter time constant and the loop dampening factor, and RL1 and RL2 are the respective pull-up resistors for the Q and Q logic outputs.
+VS
Note: Data output is "low" when no carrier is present.
Figure 3. External Connections for FSK Demodulation with Carrier Detector Capability
The minimum value of the lock detector lter capacitance CD is inversely proportional to the capture range, DfC. This is the range of incoming frequencies over which the loop can acquire lock and is always less than the tracking range. It is further limited by C1. For most applications, DFC< DF/2. For RD = 470 kW, the approximate minimum value of CD can be determined by: CD(mF) 16/capture range in Hz With values of CD that are too small, chatter can be observed on the lock detector output as an incoming signal frequency approaches the capture bandwidth. Excessively large values of CD will slow the response time of the lock detector output.
Design Instructions
The circuit of Figure 4 can be optimized for any tone-detection application by the choice of ve key circuit components: R0, R1, C0, C1 and CD. For a given input tone frequency, FS, these parameters are calculated as follows: 1. 2. 3. Choose R0 to be in the range of 15 kW to 100 kW. This choice is arbitrary. Calculate C0 to set center frequency, f0 equal to FS: C0 = 1/R0FS. Calculate R1 to set bandwidth DF (see Design Equation No. 5): R1 = R0(F0/DF). Note: The total detection bandwidth covers the frequency range of F0 DF. Calculate value of C1 for a given loop damping factor: C1 =C0/16z2 Normally z = 1/2 is optimum for most tone detector applications, giving C1 = 0.25 C0. Increasing C1 improves the out-of-band signal rejection, but increases the PLL capture time. 5. Calculate value of lter capacitor CD. To avoid chatter at the logic output, with RD = 470W, CD must be: CD(mF) (16/capture range in Hz) Increasing CD slows the logic output response time.
4.
Tone Detection
Figure 4 shows the generalized circuit connection for tone detection. The logic outputs, Q and Q at pins 5 and 6 are normally at OhighO and OlowO logic states, respectively. When a tone is present within the detection band of the PLL, the logic state at these outputs becomes reversed to the duration of the input tone. Each logic output can sink 5 mA of load current.
7
PRODUCT SPECIFICATION
RC2211
Design Examples
Tone detector with a detection band of 1 kHz 20 Hz: Step 1: Choose R0 = 20 kW (18 kW in series with 5 kW potentiometer) . Step 2: Choose C0 for F0 = 1 kHz: C0 = 0.05 mF. Step 3: Calculate R1: R1 = (R0) (1000/20) = 1 MW. Step 4: Calculate C1: for z = 1/2, C1 = 0.25 mF, C0 = 0.013 mF. Step 5: Calculate CD: CD = 16/38 = 0.42 mF. Step 6: Fine tune the center frequency with the 5 kW potentiometer. RX.
Linear FM Detection
The RC2211 can be used as a linear FM detector for a wide range of analog communications and telemetry applications. The recommended circuit connection for the application is shown in Figure 5. The demodulated output is taken from the loop phase detector output (pin 11), through a post detection lter made up of RF and CF, and an external buffer amplier. This buffer amplier is necessary because of the high impedance output at pin 11. Normally, a non-inverting unity gain op amp can be used as a buffer amplier, as shown in Figure 5. The FM detector gain, i.e., the output voltage change per unit of FM deviation, can be given as: VOUT = R1 VR/100 R0 Volts/% deviation where VR is the internal reference voltage. For the choice of external components R1, R0, C0, C1 and CF, see the section on Design Instructions.
0.1 F (2) (13) CO CK (14) (12) R0 RF 100K CF +VS (11) (1) (10) 0.1 F +VS
(8)
FM Input
RC2211
(4)
0.1 F
R1 C1
Demodulated Ouput
65-2211-08
Figure 5. Linear FM Detector Using RC2211 and an External Op Amp
8
RC2211
PRODUCT SPECIFICATION
Typical Performance Characteristics
20 10
15 R0 = 5 kW IS (mA) 10 R0 = 10 kW C0 (F) 1.0
R0 = 5 kWY R0 = 10 kWY R0 = 20 kWY R0 = 40 kWY R0 = 80 kWY R0 = 160 kW
0
4
6
8
10
12 14 16 +VS (V)
18
20 22
24
0.1 100 1K FO (Hz) Figure 7. Timing Resistor with Timing Capacitor vs. VCO Frequency
10K
Figure 6. Supply Current vs. Supply Voltage (Logic Outputs Open Circuited)
1K
1.0
100
65-2211-11
10 0 1 FO (Hz) 10
-1.0 -50
-25
0
+25
+50
+75
+100
+125
Temperature (C)
Figure 8. Timing Capacitor with Timing Resistor vs. VCO Frequency
Figure 9. Center Frequency Drift vs. Temperature
1.02 Normalized Frequency 1.01 1.00 0.99
65-2211-13
Curve 1 2 3 4 5 FO = 1 kHz R 10 R0 4 6 8 10 12 14 -VS (V) Figure 10. VCO Frequency vs. Supply Voltage 16 18 20 22
R0 5K 10K 30K 100K 300K
0.98 0.97
24
9
65-2211-12
C 0= 0.0 01 C 0= F 0.0 03 C 3 0= F 0.0 1 C 0= F C 0.0 0= 33 0.1 C F F 0= 0.3 3 F
Normalized Center Frequency Drift (% of FO)
0.5
R0 = 10 kWY Y R0 = 50 kWY Y
1 MW
R0 (kW)
500 kW
0
50 kW
-0.5
R0 = 1 MWY YR = 500 kWY 0 Y
10 kW
65-2211-10
R0 > 100 kW
65-2211-09
5
10
Q4 B Q17 Q18 R12 18K R11 18K B Q79 D56 D57 D87 Q80 Q88 From VCO Q83 Q84 Q42 Q38 Q47 Q48 Q81 Q82 Q83 Q84 Reference Voltage Input (2) Output D85 Q85 Lock Detector Q86 Filter (3) D86 (5) Lock Detector Outputs (6) Input Pramplifier and Limitter Quadature Phase Detector Lock Detector Comparator D96 D108 D111 D72 D73 A A From VCO A Q60 Q61 Q68 Q62 Q65 Q64 Q71 Q74 (11) Loop f-Detector Output Q97 Q109 A Q95 C0 Timing Capacitor (13) B Q92 D89 D101 D67 Q68 D24 (12) R0 R37 Timing Resistor 8K Voltage Controlled Oscillator Q25 R19 2K (8) Q20 (7) Q23 FSK Comparator Input (14) B Q103 Q27 FSK Data Output Loop Phase Detector FSK Comparator
65-2211-14
PRODUCT SPECIFICATION
Schematic Diagram
+VS (1)
R2 20K
R3 20K
Intenal Voltage Reference
R18 2K
(4) GND
RC2211
RC2211
PRODUCT SPECIFICATION
Notes:
11
PRODUCT SPECIFICATION
RC2211
Notes:
12
RC2211
PRODUCT SPECIFICATION
Notes:
13
PRODUCT SPECIFICATION
RC2211
Mechanical Dimensions
14-Lead Ceramic DIP Package
Inches Min. A b1 b2 c1 D E e eA L Q s1 a Max. Millimeters Min. Max. 8 2 8 4 4 5, 9 7 3 6 Notes: Notes 1. Index area: a notch or a pin one identification mark shall be located adjacent to pin one. The manufacturer's identification shall not be used as pin one identification mark. 2. The minimum limit for dimension "b2" may be .023 (.58mm) for leads number 1, 7, 8 and 14 only. 3. Dimension "Q" shall be measured from the seating plane to the base plane. 4. This dimension allows for off-center lid, meniscus and glass overrun. 5. The basic pin spacing is .100 (2.54mm) between centerlines. Each pin centerline shall be located within .010 (.25mm) of its exact longitudinal position relative to pins 1 and 14. 6. Applies to all four corners (leads number 1, 7, 8, and 14). 7. "eA" shall be measured at the center of the lead bends or at the centerline of the leads when "a" is 90. 8. All leads - Increase maximum limit by .003 (.08mm) measured at the center of the flat, when lead finish applied. 9. Twelve spaces. D
7 1
Symbol
-- .200 .014 .023 .045 .065 .008 .015 -- .785 .220 .310 .100 BSC .300 BSC .125 .200 .015 .060 .005 -- 90 105
-- 5.08 .36 .58 1.14 1.65 .20 .38 -- 19.94 5.59 7.87 2.54 BSC 7.62 BSC 3.18 5.08 .38 1.52 .13 -- 90 105
NOTE 1
E
8
14
s1 eA
e
A Q L b2 b1 a c1
14
RC2211
PRODUCT SPECIFICATION
Mechanical Dimensions (continued)
14-Lead Plastic DIP Package
Inches Min. A A1 A2 B B1 C D D1 E E1 e eB L N Max. Millimeters Min. Max. Notes: Notes 1. Dimensioning and tolerancing per ANSI Y14.5M-1982. 2. "D" and "E1" do not include mold flashing. Mold flash or protrusions shall not exceed .010 inch (0.25mm). 3. Terminal numbers are shown for reference only. 4. "C" dimension does not include solder finish thickness. 5. Symbol "N" is the maximum number of terminals. 4 2
Symbol
-- .210 .015 -- .115 .195 .014 .022 .045 .070 .008 .015 .725 .795 .005 -- .300 .325 .240 .280 .100 BSC -- .430 .115 .200 14
-- 5.33 .38 -- 2.93 4.95 .36 .56 1.14 1.78 .20 .38 18.42 20.19 .13 -- 7.62 8.26 6.10 7.11 2.54 BSC -- 10.92 2.92 5.08 14
2
5
D 7 1
E1
D1
8
14
E e A A1 L B1 B eB C
15
PRODUCT SPECIFICATION
RC2211
Ordering Information
Part Number RC2211N RV2211N RM2211D RM2211D/883B Package N N D D Operating Temperature Range 0C to +70C -25C to +85C -55C to +125C -55C to +125C
Notes: /883B suffix denotes MIL-STD-883, Par 1.2.1 Compliant Devices N = 14-Lead Plastic DIP D = 14-Lead Ceramic DIP
The information contained in this data sheet has been carefully compiled; however, it shall not by implication or otherwise become part of the terms and conditions of any subsequent sale. RaytheonOs liability shall be determined solely by its standard terms and conditions of sale. No representation as to application or use or that the circuits are either licensed or free from patent infringement is intended or implied. Raytheon reserves the right to change the circuitry and any other data at any time without notice and assumes no liability for errors.
LIFE SUPPORT POLICY:
RaytheonOs products are not designed for use in life support applications, wherein a failure or malfunction of the component can reasonably be expected to result in personal injury. The user of Raytheon components in life support applications assumes all risk of such use and indemnies Raytheon Company against all damages Raytheon Electronics Semiconductor Division 350 Ellis Street Mountain View CA 94043 415 968 9211 FAX 415 966 7742
12/95 0.0m Stock#DS20002211 O Raytheon Company 1995


▲Up To Search▲   

 
Price & Availability of RC2211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X