|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MIG50J7CSB1W TOSHIBA Intelligent Power Module Silicon N Channel IGBT MIG50J7CSB1W (600V/50A 7in1) High Power Switching Applications Motor Control Applications * * * * * * Integrates inverter, brake power circuit and control circuits (IGBT drive units, and units for protection against short-circuit current, over-current, under-voltage and over-temperature) into a single package. The electrodes are isolated from the case Low thermal resistance VCE (sat) = 1.8 V (typ.) UL recognized: File No.E87989 Weight: 278 g (typ.) Equivalent Circuit 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 FO IN VD GND FO IN VD GND FO IN VD GND FO IN VD GND GND IN FO VD GND IN FO VD GND IN FO VD GND VS OUT GND VS OUT GND VS OUT GND VS OUT GND VS OUT GND VS OUT GND VS OUT W 1. 8. 15. VD (U) GND (V) Open 2. 9. 16. V FO (U) VD (W) IN (B) 3. 10. 17. IN (U) FO (W) IN (X) U 4. 11. 18. GND (U) IN (W) IN (Y) B 5. 12. 19. VD (V) GND (W) IN (Z) 6. 13. 20. FO (V) VD (L) GND (L) N 7. 14. IN (V) FO (L) P 1 2002-09-25 MIG50J7CSB1W Package Dimensions: TOSHIBA 2-108G1A Unit: mm 1. 7. 13. 19. VD (U) IN (V) VD (L) IN (Z) 2. 8. 14. 20. FO (U) GND (V) FO (L) GND (L) 3. 9. 15. IN (U) VD (W) Open 4. 10. 16. GND (U) FO (W) IN (B) 5. 11. 17. VD (V) IN (W) IN (X) 6. 12. 18. FO (V) GND (W) IN (Y) 2 2002-09-25 MIG50J7CSB1W Signal Terminal Layout Unit: mm 1. 7. 13. 19. VD (U) IN (V) VD (L) IN (Z) 2. 8. 14. 20. FO (U) GND (V) FO (L) GND (L) 3. 9. 15. IN (U) VD (W) Open 4. 10. 16. GND (U) FO (W) IN (B) 5. 11. 17. VD (V) IN (W) IN (X) 6. 12. 18. FO (V) GND (W) IN (Y) 3 2002-09-25 MIG50J7CSB1W Maximum Ratings (Tj = 25C) Stage Supply voltage Collector-emitter voltage Inverter Collector current Forward current Collector power dissipation Junction temperature Supply voltage Collector-emitter voltage Collector current Brake Reverse voltage Forward current Collector power dissipation Junction temperature Control supply voltage Input voltage Control Fault output voltage Fault output current Operating temperature Storage temperature range Module Isolation voltage Screw torque (Terminal) Screw torque (Mounting) AC 1 min M4 M5 FO-GND Terminal FO sink current Tc = 25C, DC Tc = 25C 3/4 VD-GND Terminal IN-GND Terminal Tc = 25C, DC 3/4 Tc = 25C, DC Tc = 25C, DC Tc = 25C, DC 3/4 P-N Power terminal 3/4 Characteristic Condition P-N Power terminal 3/4 Symbol VCC VCES IC IF PC Tj VCC VCES IC VR IF PC Tj VD VIN VFO IFO Rating 450 600 50 50 340 150 450 600 50 600 50 340 150 20 20 20 14 -20~ + 100 -40~ + 125 2500 2 Nm 3 Unit V V A A W C V V A V A W C V V V mA C C V 3/4 3/4 Tc Tstg VISO 3/4 3/4 Electrical Characteristics 1. Inverter stage Characteristics Collector cut-off current Symbol ICEX Test Condition VCE = 600 V VD = 15 V IC = 50 A VIN = 15 V (R) 0 V IF = 50 A, Tj = 25C VCC = 300 V, IC = 50 A VD = 15 V, VIN = 15 V 0 V Tj = 25C, Inductive load (Note 1) Tj = 25C Tj = 125C Tj = 25C Tj = 125C Min 3/4 3/4 1.5 3/4 3/4 3/4 3/4 3/4 3/4 3/4 Typ. 3/4 3/4 1.8 2.0 2.0 1.3 0.25 0.2 1.1 0.2 Max 1 10 2.2 3/4 2.5 2.2 3/4 3/4 2.1 3/4 ms V V Unit mA Collector-emitter saturation voltage Forward voltage VCE (sat) VF ton tc (on) Switching time trr toff tc (off) Note 1: Switching time test circuit & timing chart 4 2002-09-25 MIG50J7CSB1W 2. Brake stage Characteristics Collector cut-off current Symbol ICEX Test Condition VCE = 600 V VD = 15 V IC = 50 A VIN = 15 V (R) 0 V VR = 600 V IF = 50 A, Tj = 25C VCC = 300 V, IC = 50 A VD = 15 V, VIN = 15 V 0 V Tj = 25C, Inductive load (Note 1) Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Min 3/4 3/4 3/4 3/4 3/4 3/4 1.5 3/4 3/4 3/4 3/4 3/4 Typ. 3/4 3/4 1.8 2.0 3/4 3/4 1.9 1.3 0.65 0.8 1.1 0.2 Max 1 10 2.2 3/4 1 mA 10 2.3 1.8 3/4 3/4 2.1 3/4 ms V V Unit mA Collector-emitter saturation voltage VCE (sat) Reverse current Forward voltage IR VF ton tc (on) Switching time trr toff tc (off) Note 1: Switching time test circuit & timing chart 3. Control stage (Tj = 25C) Characteristics Control circuit current Input on signal voltage Input off signal voltage Fault output current Over current protection trip level Protection Normal Inverter Brake SC toff (OC) Trip level Reset level Trip level Reset level OT OTr UV UVr tFO VD = 15 V 3/4 High side Low side Symbol ID (H) ID (L) VIN (on) VIN (off) IFO (on) IFO (off) OC VD = 15 V VD = 15 V VD = 15 V VD = 15 V, Tj < 125C = VD = 15 V, Tj < 125C = VD = 15 V Case temperature Test Condition Min 3/4 3/4 1.4 2.2 3/4 3/4 80 80 80 80 3/4 110 3/4 11.0 12.0 1 Typ. 13 52 1.6 2.5 10 3/4 3/4 3/4 3/4 3/4 5 118 98 12.0 12.5 2 Max 17 68 1.8 2.8 12 0.1 3/4 3/4 3/4 3/4 3/4 125 3/4 12.5 13.0 3 ms A mA V Unit mA Short circuit protection trip Inverter level Brake Over cuttent cut-off time Over temperature protection Control supply under voltage protection Fault output pulse width A ms C V 4. Thermal resistance (Tc= 25C) = Characteristics Symbol Test Condition Inverter IGBT Junction to case thermal resistance Rth (j-c) Inverter FRD Brake IGBT Brake FRD Case to fin thermal resistance Rth (c-f) Compound is applied Min 3/4 3/4 3/4 3/4 3/4 Typ. 3/4 3/4 3/4 3/4 0.017 Max 0.360 0.550 0.360 0.600 3/4 C/W C/W Unit 5 2002-09-25 MIG50J7CSB1W Switching Time Test Circuit Intelligent power module TLP559 VD 0.1 mF 15 kW OUT IN 15 V 10 mF GND VS P GND U (V, W, B) VCC VD IF = 16mA PG 15 V 10 mF GND 0.1 mF 15 kW OUT IN VS N GND Timing Chart Input pulse 15 V VIN Waveform 0 2.5 V 1.6 V 90% Irr IC Waveform Irr 90% trr 20% Irr VCE Waveform 10% toff 10% tc (off) 10% ton 10% tc (on) 6 2002-09-25 MIG50J7CSB1W 5. Recommended conditions for application Characteristics Supply voltage Control supply voltage Carrier frequency Dead time Symbol VCC VD fc tdead Test Condition P-N Power terminal VD-GND Signal terminal PWM Control Switching time test circuit (See page.6) (Note 2) Min 3/4 13.5 3/4 3 Typ. 300 15 3/4 3/4 Max 400 16.5 20 3/4 Unit V V kHz ms Note 2: The table lists Dead time requirements for the module input, excluding photocoupler delays. When specifying dead time requirements for the photocoupler input, please add photocoupler delays to the dead time given above. Dead Time Timing Chart 15 V VIN Waveform 0 15 V VIN Waveform 0 tdead tdead 7 2002-09-25 MIG50J7CSB1W IC - VCE 100 VD = 17 V 80 15 V 60 13 V 100 IC - VCE VD = 17 V 13 V (A) (A) 80 15 V 60 IC Collector current 40 Collector current Common emitter Tj = 25C IC 40 20 20 Common emitter Tj = 125C 4 0 0 1 2 3 4 0 0 1 2 3 Collector-emitter voltage VCE (V) Collector-emitter voltage VCE (V) Switching time - IC 10 5 3 10 Switching time - IC ton (ms) (ms) 1 0.5 0.3 ton toff toff 1 tc (on) tc (off) 0.1 Tj = 125C VCC = 300 V VD = 15 V L-Load Switching time tc (on) tc (off) 0.1 0.05 0.03 Tj = 25C VCC = 300 V VD = 15 V L-Load 10 20 30 40 50 60 0.01 0 Switching time 0.01 0 10 20 30 40 50 60 Collector current IC (A) Collector current IC (A) IF - VF 100 100 trr, Irr - IF Peak reverse recovery current Irr (A) Peak reverse recovery time trr (10ns) 80 (A) 30 Forward current IF 60 10 trr Irr 40 20 Common cathode :Tj = 25C :Tj = 125C 3 Common cathode :Tj = 25C :Tj = 125C 0 0 1 2 3 4 1 0 10 20 30 40 50 60 Forward voltage VF (V) Forward current IF (A) 8 2002-09-25 MIG50J7CSB1W OC - TC (mA) 200 30 ID (H) - fc Over current protection trip level OC (A) 150 High side control circuit current ID (H) 25 20 100 Inverter stage Brake stage 15 10 50 5 VD = 15 Tj = 25C 0 0 5 10 15 20 25 VD = 15 V 0 0 25 50 75 100 125 150 Case temperature TC (C) Carrier frequency fc (kHz) ID (L) - fc (mA) 100 90 100 Reverse bias SOA Low side control circuit current ID (L) OC 70 60 50 40 30 20 10 0 0 VD = 15 V Tj = 25C 5 10 15 20 25 0 0 IC 60 Collector current (A) 80 80 40 20 Tj < 125C = VD = 15 V 100 200 300 400 500 600 700 Carrier frequency fc (kHz) Collector-emitter voltage VCE (V) Rth (t) - tw Inverter stage (C/W) Tc = 25C Rth (t) - tw Brake stage (C/W) 1 0.5 0.3 Transistor 0.1 0.05 0.03 Tc = 25C Diode 1 0.5 0.3 Diode Transient thermal resistance Rth (t) 0.1 0.05 0.03 0.01 0.005 0.003 Transient thermal resistance Rth (t) 10 Transistor 0.01 0.005 0.003 0.001 0.001 0.01 0.1 1 0.001 0.001 0.01 0.1 1 10 Pulse width tw (s) Pulse width tw (s) 9 2002-09-25 MIG50J7CSB1W Turn on loss - IC 10 5 3 10 5 3 Turn off loss - IC (mJ) 1 0.5 0.3 (mJ) 1 0.5 0.3 Turn on loss Eon 0.1 0.05 0.03 VCC = 300 V VD = 15 V L-LOAD : Tj = 25C : Tj = 125C 10 20 30 40 50 60 Turn off loss Eoff 0.1 0.05 0.03 VCC = 300 V VD = 15 V L-LOAD : Tj = 25C : Tj = 125C 10 20 30 40 50 60 0.01 0 0.01 0 Collector current IC (A) Collector current IC (A) 10 2002-09-25 MIG50J7CSB1W RESTRICTIONS ON PRODUCT USE 000707EAA * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice. 11 2002-09-25 |
Price & Availability of MIG50J7CSB1W |