Part Number Hot Search : 
SN54L MAX15012 D2030 LM4040 166TQC W83977EF IRFP260P V603ME19
Product Description
Full Text Search
 

To Download MBR16100FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
MBR1620FCT THRU MBR16100FCT
16 Amp Schottky Rectifier 20-100 Volts ITO-220AB
* *
*
* *
Features
High Surge Capability Low Forward Voltage Drop
Marking : type number
Low Power Loss, High Efficiency
Case Material: Molded Plastic. Classification Rating 94V-0
UL Flammability
Maximum Ratings
* * * Operating Temperature: -50 to +125 Storage Temperature: -50 to +125 Maximum Thermal Resistance: RJC = 2.0/W MCC Part Number Maximum Recurrent Peak Reverse Voltage 20V 30V 40V 50V 60V 80V 100V Maximum RMS Voltage 14V 21V 28V 35V 42V 56V 70V Maximum DC Blocking Voltage
C K
B
L M D A
MBR1620FCT MBR1630FCT MBR1640FCT MBR1650FCT MBR1660FCT MBR1680FCT MBR16100FCT
20V 30V 40V 50V 60V 80V 100V
PIN 1 2 3
E F O I J N G
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage MBR1620FCT-1640FCT MBR1650FCT-1660FCT MBR1680FCT16100FCT Maximum DC Reverse Current At Rated DC Blocking Voltage IF(AV) IFSM 16 A 150A TC = 90 8.3ms, half sine
HH PIN 1 PIN 3 PIN 2
VF
.55V .75V .85V 0.5mA 100mA
IFM = 8.0A per leg
A B C D E F G H I J K L M N O
MM 14.80 --2.55 6.30 ----13.00 2.55 ----3.00 ----2.50 --0.90 0.80 3.40 4.80 3.30 2.90 1.40 15.40 10.30 2.85 6.90 4.10 1.80 13.80
IR
TC = 25 TC = 100
INCHES .583 .606 --.406 .100 .112 .248 .272 --.161 --.071 .512 .543 .100 --.035 --.032 .118 .134 --.189 --.130 .098 .114 --.055
www.mccsemi.com
Revision: 2
1 of 3
2006/05/29
MBR1620FCT thru MBR16100FCT
Figure 1 Typical Reverse Characteristics 10 6 4
INSTANTANEOUS FORWARD CURRENT AMPERES
MCC
TM
Micro Commercial Components
Fig. 2-TYPICAL INSTNATANEOUS FORWARD CHARACTERISTIC
40 20 20. 30. 40V 10 8 6 4 2 1.0 .8 . .6 .4 .2 .1 .4 .5 .6 .7 .8 9 1.0 1.1 50. 60V 80. 100V
2 1 .6 .4 .2 TJ=25C mAmps .1 .06 .04 .02 .01 .006 .004 4 .002 .001 0 20 40 60 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts Figure 3 Forward Derating Curve 80 120 140
T J = 25J PULSE WIDTH = 200gs
INSTANTANEOUS FORWARD CHARACTERISTIC
Figure 4 Peak Forward Surge Current 150 16 125 100 75 Amps 8 Amps 50 25 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 90 125 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100
2
www.mccsemi.com
Revision: 2
2 of 3
2006/05/29
MCC
Micro Commercial Components
TM
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 2
3 of 3
2006/05/29


▲Up To Search▲   

 
Price & Availability of MBR16100FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X