Part Number Hot Search : 
28F128 BX0026 SB4045PT 1ACSD HD66206 BU2727 TDA4817G MJE13003
Product Description
Full Text Search
 

To Download MBR16100CTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRD8045/D Rev. 2, Sep-2006
-48 V Telecom Power Conversion Solution
Daughter Card
FETs NTMFS4836N NTMFS4834N -48 V (a) -48 V (b) ORing Diodes MBR16100 3.3 V @ 10 A
Presenting
SMART HotPlugTM NIS5101
PWM Controller NCP1562
+12 V
Dual Buck Controller NCP5425
Base Board
FETs NTMFS4836N NTMFS4834N
2.5 V @ 10 A
Expanded POL Support
Dual Buck Controller NCP5425 with FETs Additional POL Voltages
Complies with
(R)
Specifications
A comprehensive power conversion solution for routers, switches and base stations
Highly integrated devices reduce part count Robust hot swap protection includes innovative MOSFET temperature sensing shutdown State-of-the-art approach to DC-DC conversion
www.onsemi.com
(c) 2006, SCILLC. ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC. AdvancedTCA and the AdvancedTCA logo are registered trademarks of the PCI Industrial Computers Manufacturers Group.
-48 V Telecom Power Conversion Solution
NIS5101 SMART HotPlugTM - a highly integrated hot swap protection circuit designed to enable the safe insertion and removal of electronic equipment to -48 V backplanes. This device offers an adjustable current limit with no external shunt required, features undervoltage and overvoltage lockouts and includes an integrated power MOSFET switch. A unique temperature-sensing capability makes this the most robust hot swap IC available. NCP1562 Active Clamp/Reset PWM Controller is a voltage mode controller designed for dc-dc converters requiring high efficiency and low parts count. This controller incorporates two in phase outputs with an overlap delay to prevent simultaneous conduction and facilitate soft switching. The device includes soft-stop circuitry to power down the converter in a controlled manner if a severe fault is detected, and a cycle skip detector which enables a soft-stop sequence if a continuous overcurrent condition is present. NCP5425 Dual Synchronous Buck Controller is a highly flexible device with internal gate drivers that can provide two independent outputs or one high current output. This feature-rich controller offers adjustable switching frequency up to 750 kHz and a 1% 0.8 V reference. NTMFS4834N and NTMFS4836N MOSFETs offer high power efficiency and low RDS(on). Additionally, they are offered in SO-8 Flat Lead packages with enhanced thermal performance.
Presenting
BILL OF MATERIALS ON SEMICONDUCTOR DEVICE MBR16100CTG NIS5101E1T1G NCP1562BDTBR2G NCP5425DBG NTMFS4836NT1G NTMFS4834NT1G
PACKAGE TO-220 SPAK TSSOP-16 TSSOP-20 SO-8FL SO-8FL
EACH 2 1 1 1 2 2
AVAILABILITY Production Production Sampling Production Production Production
www.onsemi.com


▲Up To Search▲   

 
Price & Availability of MBR16100CTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X