Part Number Hot Search : 
4082013 MAX7490 42S16 12D05 P0438T LA6544H 2PG352 MTPH8
Product Description
Full Text Search
 

To Download M74HCT245RM13TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M74HCT245
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
s
s
s
s
s
s
HIGH SPEED: tPD = 13ns (TYP.) at VCC = 4.5V LOW POWER DISSIPATION: ICC = 4A(MAX.) at TA=25C COMPATIBLE WITH TTL OUTPUTS : VIH = 2V (MIN.) VIL = 0.8V (MAX) SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 6mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 245
DIP
SOP
TSSOP
ORDER CODES
PACKAGE DIP SOP TSSOP TUBE M74HCT245B1R M74HCT245M1R T&R M74HCT245RM13TR M74HCT245TTR
DESCRIPTION The M74HCT245 is an advanced high-speed CMOS OCTAL BUS TRANSCEIVER (3-STATE) fabricated with silicon gate C2MOS technology. This IC is intended for two-way asynchronous communication between data buses, and the direction of data transmission is determined by DIR input. The enable input G can be used to disable the device so that the buses are effectively isolated.
All inputs are equipped with protection circuits against static discharge and transient excess voltage. All floating bus terminals during High Z State must be held HIGH or LOW.
PIN CONNECTION AND IEC LOGIC SYMBOLS
August 2001
1/9
M74HCT245
INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1 2, 3, 4, 5, 6, 7, 8, 9 18, 17, 16, 15, 14, 13, 12, 11 19 10 20 SYMBOL DIR A1 to A8 B1 to B8 NAME AND FUNCTION Directional Control Data Inputs/Outputs Data Inputs/Outputs
G GND VCC
Output Enable Input Ground (0V) Positive Supply Voltage
TRUTH TABLE
INPUTS G L L H
X : Don't Care Z : High Impedance
FUNCTION DIR L H X A BUS OUTPUT INPUT Z B BUS INPUT OUTPUT Z
OUTPUT Yn A=B B=A Z
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 35 70 500(*) -65 to +150 300 Unit V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied (*) 500mW at 65 C; derate to 300mW by 10mW/C from 65C to 85C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time (VCC = 4.5 to 5.5V) Parameter Value 4.5 to 5.5 0 to VCC 0 to VCC -55 to 125 0 to 500 Unit V V V C ns
2/9
M74HCT245
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 4.5 to 5.5 4.5 to 5.5 4.5 4.5 5.5 5.5 5.5 5.5 IO=-20 A IO=-6.0 mA IO=20 A IO=6.0 mA VI = VCC or GND VI = VIH or VIL VO = VCC or GND VI = VCC or GND Per Input pin VI = 0.5V or VI = 2.4V Other Inputs at VCC or GND IO = 0 TA = 25C Min. 2.0 Typ. Max. Value -40 to 85C Min. 2.0 Max. -55 to 125C Min. 2.0 Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage Low Level Output Voltage Input Leakage Current High Impedance Output Leakage Current Quiescent Supply Current Additional Worst Case Supply Current
VIL
0.8 4.4 4.18 4.5 4.31 0.0 0.17 0.1 0.26 0.1 0.5 4 2.0 4.4 4.13
0.8 4.4 4.10 0.1 0.33 1 5 40 2.9
0.8
V
VOH VOL II IOZ
V 0.1 0.40 1 10 80 3.0 V A A A mA
ICC ICC
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Test Condition Symbol Parameter VCC (V) 4.5 4.5 4.5 CL (pF) 50 50 150 50 150 50 RL = 1 K RL = 1 K RL = 1 K TA = 25C Min. Typ. 7 13 18 19 24 17 Max. 12 22 30 30 38 30 Value -40 to 85C Min. Max. 15 28 38 38 48 38 -55 to 125C Min. Max. 18 33 45 45 57 45 ns ns ns Unit
tTLH tTHL Output Transition Time tPLH tPHL Propagation Delay Time tPZL tPZH High Impedance Output Enable Time tPLZ tPHZ High Impedance Output Disable Time
4.5
ns
3/9
M74HCT245
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) DIR, G An, Bn TA = 25C Min. Typ. 5 13 41 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF pF Unit
CIN CI/OUT CPD
Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = C PD x VCC x fIN + ICC/8 (per circuit)
TEST CIRCUIT
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
CL = 50pF/150pF or equivalent (includes jig and probe capacitance) R1 = 1K or equivalent RT = ZOUT of pulse generator (typically 50)
SWITCH Open VCC GND
4/9
M74HCT245
WAVEFORM 1 : PROPAGATION DELAY TIME (f=1MHz; 50% duty cycle)
WAVEFORM 2 : OUTPUT ENABLE AND DISABLE TIME (f=1MHz; 50% duty cycle)
5/9
M74HCT245
Plastic DIP-20 (0.25) MECHANICAL DATA
mm. DIM. MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.34 8.5 2.54 22.86 7.1 3.93 0.130 0.053 0.254 1.39 0.45 0.25 25.4 0.335 0.100 0.900 0.280 0.155 1.65 TYP MAX. MIN. 0.010 0.055 0.018 0.010 1.000 0.065 TYP. MAX. inch
P001J
6/9
M74HCT245
SO-20 MECHANICAL DATA
mm. DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F L M S 7.40 0.50 12.60 10.00 1.27 11.43 7.60 1.27 0.75 8 (max.) 0.291 0.020 13.00 10.65 0.35 0.23 0.5 45 (typ.) 0.496 0.393 0.050 0.450 0.300 0.050 0.029 0.512 0.419 0.1 TYP MAX. 2.65 0.2 2.45 0.49 0.32 0.014 0.009 0.020 0.004 MIN. TYP. MAX. 0.104 0.008 0.096 0.019 0.012 inch
PO13L
7/9
M74HCT245
TSSOP20 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 6.4 6.2 4.3 6.5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 6.6 6.6 4.48 0.002 0.031 0.007 0.004 0.252 0.244 0.169 0.256 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0089 0.260 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0087225C
8/9
M74HCT245
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom (c) http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of M74HCT245RM13TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X