![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KYZ 25A05 ... KYZ 25A6 KYZ 25K05 ... KYZ 25K6 Silicon Press-Fit-Diodes Silizium-Einpredioden Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Metal press-fit case with glass seal Metall-Einpregehause mit Glasdurchfuhrung Weight approx. - Gewicht ca. Dimensions / Mae in mm 25 A 50...600 V 10 g Standard packaging: bulk Standard Lieferform: lose im Karton Maximum ratings Type / Typ Wire to / Draht an Anode Cathode KYZ 25A05 KYZ 25A1 KYZ 25A2 KYZ 25A3 KYZ 25A4 KYZ 25A6 KYZ 25K05 KYZ 25K1 KYZ 25K2 KYZ 25K3 KYZ 25K4 KYZ 25K6 Repetitive peak reverse voltage Periodische Spitzensperrspanng. VRRM [V] 50 100 200 300 400 600 Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 60 120 240 360 480 700 Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 / 60 Hz half sine-wave Stostrom fur eine 50 / 60 Hz Sinus-Halbwelle Rating for fusing - Grenzlastintegral, t <10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Maximum pressure - Maximaler Einpredruck TC = 100/C f > 15 Hz TA = 25/C TA = 25/C IFAV IFRM IFSM i2t Tj TS 25 A 80 A 1) 270 / 300 A 375 A2s - 50...+175 /C - 50...+175 /C 7 kN 1 86 ) Max. case temperature TC = 150/C - Max. Gehausetemperatur TC = 150 28.02.2002 KYZ 25A05 ... KYZ 25A6 KYZ 25K05 ... KYZ 25K6 Characteristics Forward voltage - Durchlaspannung Leakage current - Sperrstrom Thermal resistance junction to case Warmewiderstand Sperrschicht - Gehause Tj = 25/C Tj = 25/C IF = 25 A VR = VRRM VF IR RthC Kennwerte < 1.1 V < 100 :A < 1 K/W New - Neu KYZ 25K05 KYZ 25K1 KYZ 25K2 KYZ 25K3 KYZ 25K4 Replacements / Ersatztypen Old - Alt New - Neu KYZ70 Pin KYZ 25A05 KYZ71 Pin KYZ 25A1 KYZ72 Pin KYZ 25A2 KYZ73 Pin KYZ 25A3 KYZ74 Pin KYZ 25A4 Old - Alt KYZ 75 Pin KYZ 76 Pin KYZ 77 Pin KYZ 78 Pin KYZ 79 Pin 28.02.2002 87 |
Price & Availability of KYZ25A6
![]() |