Part Number Hot Search : 
SK2139 TS9511SF IRFD11 3223C 2SC39 WE331 2SD19 10QTV
Product Description
Full Text Search
 

To Download KDV262 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
CATV TUNING. FEATURES
High Capacitance Ratio : C2V/C25V=12.5(Typ.) Low Series Resistance : rS=0.6 (Typ.) Excellent C-V Characteristics, and Small Tracking Error. Useful for Small Size Tuner.
KDV262
VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE
CATHODE MARK
B 1 K
G
A
H F
2 D
E
J C I
MAXIMUM RATING (Ta=25
CHARACTERISTIC Reverse Voltage Peak Reverse Voltage Junction Temperature Storage Temperature Range
)
SYMBOL VR VRM Tj Tstg RATING 34 36 (RL=10k ) 125 -55 125 UNIT V V
M M
DIM A B C D E F G H I J K L M
MILLIMETERS _ 2.50 + 0.1 _ 1.25 + 0.05 _ 0.90 + 0.05 0.30+0.06/-0.04 _ 1.70 + 0.05 MIN 0.17 _ 0.126 + 0.03 0~0.1 1.0 MAX _ 0.15 + 0.05 _ 0.4 + 0.05 2 +4/-2 4~6
1. ANODE 2. CATHODE
USC
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Reverse Voltage Reverse Current Capacitance Capacitance Capacitance Ratio Series Resistance C(Max.)-C(Min.) C(Min.) (VR=2~25V) SYMBOL VR IR C2V C25V C2V/C25V C25V/C28V rS VR=5V, f=470MHz IR=1 A VR=28V VR=2V, f=1MHz VR=25V, f=1MHz TEST CONDITION MIN. 34 33 2.6 12.0 1.03 TYP. 35.5 2.85 12.5 0.6 MAX. 10 38 3.0 0.8 UNIT V nA pF pF -
Note : Available in matched group for capacitance to 2.0%. 0.02
Marking
Type Name
UQ
2001. 6. 11
Revision No : 1
L
1/2
KDV262
C V - VR
500 REVERSE CURRENT I R (A)
f=1MHz Ta=25 C
I R - VR
1000p
Ta=7 5C
0C
CAPACITANCE CV (pF)
100p
Ta=5
100 50
10p
Ta=
25
C
1p
10 0 10 20 30 REVERSE VOLTAGE V R (V)
0.1p 0 8 16 24 32 REVERSE VOLTAGE VR (V)
r s - VR
1.0 SERIES RESISTANCE rs () 0.8 0.6 0.4 0.2 0 1 3 5 10 30
f=470MHz Ta=25 C
rs - f
1.0 SERIES RESISTANCE r s () 0.8 0.6 0.4 0.2 0 50 100 FREQUENCY f (MHz) 300 500
VR=5V Ta=25 C
REVERSE VOLTAGE VR (V)
C - Ta
C (%) 3 2 1 0 -1 -2 -40 -20 0 20 40 60 80
f=1MHz VR =2V 10V 20V
CAPACITANCE CHANGE RATIO
25V
AMBIENT TEMPERATURE Ta ( C)
2001. 6. 11
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of KDV262

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X