Part Number Hot Search : 
5HF125 2SD27021 1N6408 P0080E FR9886 2SC5539A SW12280E RS1GG
Product Description
Full Text Search
 

To Download KDV245 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
VCO FOR UHF Band Radio.
KDV245
VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE
CATHODE MARK
B 1
G
FEATURES
High Capacitance Ratio : C0.5V/C2.5V =2.5(Typ.) Low Series Resistance : rs=0.35 Useful for Small Size Tuner. (Typ.)
K
A
H
E
2 D
J C I
MAXIMUM RATING (Ta=25
CHARACTERISTIC Reverse Voltage Junction Temperature Storage Temperature Range
)
SYMBOL VR Tj Tstg RATING 10 150 -55 150 UNIT V
M M
DIM A B C D E F G H I J K L M
MILLIMETERS _ 2.50 + 0.1 _ 1.25 + 0.05 _ 0.90 + 0.05 0.30+0.06/-0.04 _ 1.70 + 0.05 MIN 0.17 _ 0.126 + 0.03 0~0.1 1.0 MAX _ 0.15 + 0.05 _ 0.4 + 0.05 2 +4/-2 4~6
1. ANODE 2. CATHODE
USC
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Reverse Voltage Reverse Current Capacitance Capacitance Ratio Series Resistance SYMBOL VR IR C0.5V C2.5V K rS IR=1 A VR=10V VR=0.5V, f=1MHz VR=2.5V, f=1MHz C0.5V/C2.5V, f=1MHz VR=1V, f=470MHz TEST CONDITION MIN. 10 7.3 2.75 2.4 TYP. 2.5 0.35 MAX. 3 8.4 3.4 UNIT V nA pF
Marking
Type Name
ED
2003. 1. 27
Revision No : 0
F
L
1/2
KDV245
C T - VR
30 CAPACITANCE CT (pF) SERIES RESISTANCE r s ()
f=1MHz Ta=25 C
r s - VR
0.6 0.5 0.4 0.3 0.2 0.1 0
f=470MHz Ta=25 C
10 5 3
1 0 1 2 3 4 5 6
0.1
0.3 0.5
1
3
5
10
REVERSE VOLTAGE VR (V)
REVERSE VOLTAGE VR (V)
2003. 1. 27
Revision No : 0
2/2


▲Up To Search▲   

 
Price & Availability of KDV245

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X