Part Number Hot Search : 
D0827 300R1 300R1 ME20N03 MC14422 CO4802 259613 D0827
Product Description
Full Text Search
 

To Download KA8501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KA8501A
SPEECH NETWORK WITH DIALER INTERFACE
INTRODUCTION
16-DIP-300A The KA8501A is a telephone speech network integrated circuit which includes transmit amp, receive amp, DTMF amp, voltage regulator, line equalizer, voltage comparator. It handles the voice signal, performing the 2/4 wires interface and changing the gain on both sending and receiving amplifiers to compensate the line current. The KA8501A can work in fixed gain mode.
FEATURES
* Adjusts sending and receiving attenuation length * Regulated voltage for dialer * Linear interface for DTMF * Suitable for ceramic transducers * Mute function
ORDERING INFORMATION
Device KA8501A Package 16-DIP-300A Operating Temperature - 45C ~ + 70C
PIN CONFIGURATION
MIC1
1 2 3 4 KA8501A 5 6 7 8
16 15 14 13 12 11 10 9
MIC2
V+
VDD
MUTING
MF
BIAS ADJ.
RXO2
REGULATOR
RXO1 RXI +
REGULATOR
LINE CURRENT
RXI -
ZBAL SWITCH
V-
Fig. 1
KA8501A
SPEECH NETWORK WITH DIALER INTERFACE
ABSOLUTE MAXIMUM RATINGS
Characteristic Line Voltage (3msec max) Forward Line Current Reverse Line Current Power Dissipation (Ta = 70C) Operating Temperature Storage Temperature Symbol VL ILF ILR PD T OPR T STG Value 22 150 -150 1 - 45 ~ + 70 - 65 ~ + 150 Unit V mA mA W C C
ELECTRICAL CHARACTERISTICS (Ta = 25C)
Characteristic Symbol Test Conditions IL = 12mA Line Voltage Common Mode Rejection Ratio Line Matching Impedance VL CMRR ZL Ta = 25C IL = 20mA IL = 80mA f = 1KHz, IL = 12 ~ 80mA VRI = 0.3V, IL = 12 ~ 80mA f = 1KHz Ta = 25C f = 1KHz VMI = 2mV IL = 25 ~ 52mA T X Gain Flatness T X Distortion T X Noise Side Tone MIC Input Impedance T x Loss in MF Operation GV (TX) THD TX VNO (TX) GV (ST) ZI (MIC) GV (LOSS) VMI = 2mV, fref = 1KHz IL = 12 ~ 80mA f = 1KHz IL = 16 ~ 80mA VMI = 0V, IL = 40mA Ta = 25C, f= 1KHz IL = 25 ~ 52mA VMI = 2mV, IL = 12 ~ 80mA VMI = 2mV Ta = 25C VRI = 0.3V f = 1KHz IL = 25 ~ 52mA IL = 25mA IL = 52mA IL = 25mA IL = 52mA 40 - 30 - 30 7 2.5 7 8 3.5 8 VSO = 1V VSO = 1.3V IL = 25mA IL = 52mA Min 3.9 50 500 48 44 48 Typ 600 49 45 49 Max 4.7 5.5 12.2 700 50 46 50 1 2 10 -70 36 9 4.5 9 dB dB % dBmp dB K dB dB dB V Unit
T X Gain
GV (TX)
RX Gain
GV (RX)
KA8501A
SPEECH NETWORK WITH DIALER INTERFACE
(Continued) Test Conditions VRI = 0.3V, fref = 1KHz IL = VRO = 1.6V VRO = 1.9V VRO = 1.8V VRO = 2.1V Min 2.4 0.5 2 15 40 1.6 IL = 12 ~ 80mA IL = 12 ~ 80mA Typ 2.5 0.3VDD -10 +10 Max 1 2 10 2 10 100 100 17 2 5 1 V A dB V K % mS V V mA % Unit dB
ELECTRICAL CHARACTERISTICS
Characteristic RX Gain Flatness
Symbol GV (RX)
IL = 12 ~ 80mA f= 1KHz 12mA IL = 50mA
RX Distortion
THDRX
RX Noise RX Output Impedance MF Supply Voltage MF Supply Current Stand by Operation MF Amplifier Gain DC Input Voltage Level (pin 14) Input Impedance (pin 14) Distortion Starting Delay Time Muting Threshold Voltage (pin 3) Stand by Operation
VNO (RX) RO (RX) VDD (MF) ISB (MF) IDD (MF) GV (MF) VI (MF) ZI (MF) THD MF tD (ST) VTH(MUTE) ISB (MUTE) IDD (MUTE)
VRI = 0V, IL = 12 ~ 80mA VRO = 50mV, IL = 40mA IL = 12 ~ 80mA IL = 12 ~ 80mA IL = 12 ~ 80mA fMF = 1KHz VMF = 80mV VMF = 80mV VMF = 80mV VMF = 110mV IL = 12 ~ 80mA IL = 12 ~ 80mA
Muting Current
SPEECH NETWORK WITH DIALER INTERFACE
68 1uF 330
6
11
Rx Amp
2
Io 1.8K
12
Output Amp
10
1K AGC 7.5K
13
Tx Amp Mic Amp
15V SPEAKER
+
1.8K
8 4
Reg.
1 16
MF Amp
Tip
5K 13K
9
10uF
5
7
30
15
to Dialer
3
14
MUTE MF Signal
APPLICATION CIRCUIT
KA8501A
_
Ring
3.6K
MIC
Fig. 2


▲Up To Search▲   

 
Price & Availability of KA8501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X