Part Number Hot Search : 
QPF8N60C AN6096 BA6893AK LQ057 S355C 2SC43 ELM307SM LB5410
Product Description
Full Text Search
 

To Download JM3851010701BYA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MILITARY DATA SHEET MNLM109-H REV 0AL
5 VOLT REGULATOR
Original Creation Date: 06/29/95 Last Update Date: 12/10/96 Last Major Revision Date: 06/29/95
Industry Part Number
LM109
NS Part Numbers
LM109H/883
Prime Die
LM109
Processing
MIL-STD-883, Method 5004
Subgrp Description
1 2 3 4 5 6 7 8A 8B 9 10 11 Static tests at Static tests at Static tests at Dynamic tests at Dynamic tests at Dynamic tests at Functional tests at Functional tests at Functional tests at Switching tests at Switching tests at Switching tests at
Temp ( oC)
+25 +125 -55 +25 +125 -55 +25 +125 -55 +25 +125 -55
Quality Conformance Inspection
MIL-STD-883, Method 5005
1
MNLM109-H REV 0AL
MILITARY DATA SHEET
Electrical Characteristics
DC/AC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.) DC: Il = 5mA. Pre-Burn-In Stress Test per (SG) RPI-3-371. AC: Il = 5mA. Pre-Burn-In Stress Test per (SG) RPI-3-371. SYMBOL Vstart Iq PARAMETER Start Up Input Voltage Quiescent Current CONDITIONS Vout > 4.706V, Rl = 5 Ohms Vin = 7V Vin = 7.2V, Il = 500mA Vin = 25V Vin = 25V, Il = 500mA Vin = 35V Delta Iq Quiescent Current Change 7V < Vin < 25 V Vin = 7.2V, 5mA < Il < 500mA Vrline Line Regulation 7V < Vin < 25V 7V < Vin < 25V Vrload Load Regulation Vin = 7.2V, 5mA < Il < 500mA Vin = 7.2V, 5mA < Il < 500mA Vin = 10V, 5mA < Il < 500 mA Vin = 10V, 5mA < Il < 500 mA Vin = 25V, 20mA < Il < 500 mA Vin = 25V, 500mA > Il > 20 mA, (tpw < 10mS) Vout Output Voltage Vin = 7V, P1 < 2W Vin = 7.2V, Il = 500mA, P < 2W 2 2 2 2 2 2 2 NOTES 1 -10 -10 -10 -10 -10 -0.5 -0.8 -50 -100 -50 -100 -50 -100 -150 -50 4.6 4.6 4.7 4.6 4.6 2 4.6 0.5 0.8 50 100 50 -100 50 100 150 50 5.4 5.4 5.3 5.4 5.4 5.4 2 5 50 PINNAME MIN 9 MAX UNIT V mA mA mA mA mA mA mA mV mV mV mV mV mV mV mV V V V V V V A dB SUBGROUPS 1 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1 1, 2, 3 1, 2, 3 1 2, 3 1 2, 3 1 2, 3 1 1 1, 2, 3 1, 2, 3 1 1 1, 2, 3 1, 2, 3 1 4
Vin = 10V, Il = 100mA, P < 2W Vin = 25V, Il = 20mA, P < 2W Vin = 25V, Il = 500mA, P < 2W, (tpw < 10mS) Vin = 25V, P < 2W Ios Rr Short Circuit Current Ripple Rejection Vin = 35V f < 120Hz, ein=1V(rms), Il=125mA
2
MNLM109-H REV 0AL
MILITARY DATA SHEET
Note 1: Note Note Note Note 2: 3: 4: 5:
This test is performed by shifting the input voltage in 50 mV increments until output reaches 4.706V. At -55 C & 125 C, Il = 200mA rather than 500mA. Guaranteed parameter not tested. Pre-Burn-In Stress Test per (SG) RPI-3-371. Bench test, use 70256655.
3
MNLM109-H REV 0AL
MILITARY DATA SHEET
Graphics and Diagrams
GRAPHICS# 08346HR MKT-H03RB (blank) (blank) DESCRIPTION
See attached graphics following this page.
4
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of JM3851010701BYA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X