Part Number Hot Search : 
HD74LS77 MF432 2SJ10607 0000MH TEA2026 SMCJ28 IRACS201 PE4105
Product Description
Full Text Search
 

To Download ICS8705BYLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
FEATURES
* 8 LVCMOS/LVTTL outputs, 7 typical output impedance * Selectable CLK1, nCLK1 or LVCMOS/LVTTL clock inputs * CLK1, nCLK1 pair can accept the following differential input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL * CLK0 input accepts LVCMOS or LVTTL input levels * Output frequency range: 15.625MHz to 250MHz * Input frequency range: 15.625MHz to 250MHz * VCO range: 250MHz to 500MHz * External feedback for "zero delay" clock regeneration with configurable frequencies * Programmable dividers allow for the following output-to-input frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8 * Fully integrated PLL * Cycle-to-cycle jitter: 45ps (maximum) * Output skew: CLK0, 65ps (maximum) CLK1, nCLK1, 55ps (maximum) * Static Phase Offset: 25 125ps (maximum), CLK0 * Full 3.3V or 2.5V operating supply * Lead-Free package available * Industrial temperature information available upon request
GENERAL DESCRIPTION
The ICS8705 is a highly versatile 1:8 Differential-to-LVCMOS/LVTTL Clock Generator and a HiPerClockSTM member of the HiPerClockSTMfamily of High Performance Clock Solutions from ICS. The ICS8705 has two selectable clock inputs. The CLK1, nCLK1 pair can accept most standard differential input levels. The single ended CLK0 input accepts LVCMOS or LVTTL input levels.The ICS8705 has a fully integrated PLL and can be configured as zero delay buffer, multiplier or divider and has an input and output frequency range of 15.625MHz to 250MHz. The reference divider, feedback divider and output divider are each programmable, thereby allowing for the following output-to-input frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8. The external feedback allows the device to achieve "zero delay" between the input clock and the output clocks. The PLL_SEL pin can be used to bypass the PLL for system test and debug purposes. In bypass mode, the reference clock is routed around the PLL and into the internal output dividers.
ICS
BLOCK DIAGRAM
PLL_SEL
Q0
/2, /4, /8, /16, /32, /64, /128
0
PIN ASSIGNMENT
PLL_SEL SEL3 VDDO GND VDDA VDD Q7 Q6
Q1 Q2
CLK0 CLK1 nCLK1 CLK_SEL FB_IN
0
1
32 31 30 29 28 27 26 25 SEL0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 24 23 22 VDDO Q5 GND Q4 VDDO Q3 GND Q2
1
PLL
Q3 Q4 Q5 Q6 Q7
SEL1 CLK0 nc CLK1 nCLK1 CLK_SEL MR
8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
ICS8705
21 20 19 18 17
SEL0
VDD FB_IN SEL2 VDDO Q0 GND Q1 VDDO
SEL1 SEL2 SEL3 MR
8705BY
32-Lead LQFP 7mm x 7mm x 1.4 mm Y Package Top View
www.icst.com/products/hiperclocks.html
1
REV. G JUNE 16, 2004
Integrated Circuit Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
Type Input Input Input Input Input Description Determines output divider values in Table 3. Pulldown LVCMOS/LVTTL interface levels. Pulldown Clock input. LVCMOS/LVTTL interface levels. No connect. Pulldown Non-inver ting differential clock input. Inver ting differential clock input. Clock select input. When HIGH, selects differential CLK1, nCLK1. Pulldown When LOW, selects LVCMOS CLK0. LVCMOS/LVTTL interface levels. Active HIGH Master Reset. When logic HIGH, the internal dividers are Pulldown reset causing the outputs to go low. When logic LOW, the internal dividers and the outputs are enabled. LVCMOS/LVTTL interface levels. Core supply pins. LVCMOS/LVTTL feedback input to phase detector for regenerating Pulldown clocks with "zero delay". Connect to one of the outputs. LVCMOS/LVTTL interface levels. Output supply pins. Clock output. 7 typical output impedance. LVCMOS/LVTTL interface levels. Pullup
TABLE 1. PIN DESCRIPTIONS
Number 1, 2, 11 3 4 5 6 7 Name SEL0, SEL1, SEL2 CLK0 nc CLK1 nCLK1 CLK_SEL
8 9, 32 10 12, 16, 20, 24, 28 13, 15, 17, 19, 21, 23, 25, 27 14, 18, 22, 26
MR VDD FB_IN VDDO Q0, Q1, Q2, Q3, Q4, Q5, Q6, Q7 GND
Input Power Input Power Output Power
Power supply ground. Determines output divider values in Table 3. 29 SEL3 Input Pulldown LVCMOS/LVTTL interface levels. 30 VDDA Power Analog supply pin. Selects between the PLL and reference clock as input to the dividers. 31 PLL_SEL Input Pullup When LOW, selects the reference clock (PLL Bypass). When HIGH, selects PLL (PLL Enabled). LVCMOS/LVTTL interface levels. NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
TABLE 2. PIN CHARACTERISTICS
Symbol CIN RPULLUP RPULLDOWN CPD ROUT Parameter Input Capacitance Input Pullup Resistor Input Pulldown Resistor Power Dissipation Capacitance (per output) Output Impedance Test Conditions Minimum Typical 4 51 51 VDD, VDDO, VDDA = 3.465V 23 7 Maximum Units pF K K pF
8705BY
www.icst.com/products/hiperclocks.html
2
REV. G JUNE 16, 2004
Integrated Circuit Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
Outputs PLL_SEL = 1 PLL Enable Mode Q0:Q7 /1 /1 /1 /1 /2 /2 /2 /4 /4 /8 x2 x2 x2 x4 x4 x8
TABLE 3A. PLL ENABLE FUNCTION TABLE
Inputs SEL3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 SEL2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 SEL1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 SEL0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Reference Frequency Range (MHz) 125 - 250 62.5 - 125 31.25 - 62.5 15.625 -31.25 125 - 250 62.5 - 125 31.25 - 62.5 125 - 250 62.5 - 125 125 - 250 62.5 - 125 31.25 - 62.5 15.625 - 31.25 31.25 - 62.5 15.625 - 31.25 15.625 - 31.25
TABLE 3B. PLL BYPASS FUNCTION TABLE
Inputs SEL3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1
8705BY
SEL2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1
SEL1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
S E L0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
Outputs PLL_SEL = 0 PLL Bypass Mode Q0:Q7 /8 /8 /8 / 16 / 16 / 16 / 32 / 32 / 64 / 128 /4 /4 /8 /2 /4 /2
REV. G JUNE 16, 2004
www.icst.com/products/hiperclocks.html
3
Integrated Circuit Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
4.6V -0.5V to VDD + 0.5 V -0.5V to VDDO + 0.5V 47.9C/W (0 lfpm) -65C to 150C NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VDD Inputs, VI Outputs, VO Package Thermal Impedance, JA Storage Temperature, TSTG
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, VDD = VDDA = VDDO = 3.3V5%, TA = 0C TO 70C
Symbol VDD VDDA VDDO IDD IDDA IDDO Parameter Core Supply Voltage Analog Supply Voltage Output Supply Voltage Power Supply Current Analog Supply Current Output Supply Current Test Conditions Minimum 3.135 3.135 3.135 Typical 3.3 3.3 3.3 Maximum 3.465 3.465 3.465 96 15 20 Units V V V mA mA mA
TABLE 4B. LVCMOS / LVTTL DC CHARACTERISTICS, VDD = VDDA = VDDO = 3.3V5%, TA = 0C TO 70C
Symbol VIH Parameter Input High Voltage PLL_SEL, CLK_SEL, SEL0, SEL1, SEL2, SEL3, FB_IN, MR CLK0 PLL_SEL, CLK_SEL, SEL0, SEL1, SEL2, SEL3, FB_IN, MR CLK0 CLK0, CLK_SEL MR, FB_IN, SEL0, SEL1, SEL2, SEL3 PLL_SEL CLK0, CLK_SEL MR, FB_IN, SEL0, SEL1, SEL2, SEL3 PLL_SEL Test Conditions Minimum Typical 2 2 -0.3 -0.3 VDD = VIN = 3.465V VDD = VIN = 3.465V VDD = 3.465V, VIN = 0V VDD = 3.465V, VIN = 0V -5 -150 2.6 0.5 Maximum VDD + 0.3 VDD + 0.3 0.8 1.3 150 5 Units V V V V A A A A V V
VIL
Input Low Voltage
IIH
Input High Current
IIL VOH
Input Low Current
Output High Voltage; NOTE 1
Output Low Voltage; NOTE 1 VOL NOTE 1: Outputs terminated with 50 to VDDO/2. In the Parameter Measurement Information Section, see "3.3V Output Load Test Circuit".
8705BY
www.icst.com/products/hiperclocks.html
4
REV. G JUNE 16, 2004
Integrated Circuit Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
Test Conditions CLK1 nCLK1 CLK1 nCLK1 VDD = VIN = 3.465V VDD = VIN = 3.465V VDD = 3.465V, VIN = 0V VDD = 3.465V, VIN = 0V -5 -150 1.3 VDD - 0.85 Minimum Typical Maximum 150 5 Units A A A A V V
TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, VDD = VDDA = VDDO = 3.3V5%, TA = 0C TO 70C
Symbol Parameter IIH IIL VPP Input High Current Input Low Current
Peak-to-Peak Input Voltage 0.15 Common Mode Input Voltage; GND + 0.5 VCMR NOTE 1, 2 NOTE 1: Common mode voltage is defined as VIH. NOTE 2: For single ended applications, the maximum input voltage for CLK1, nCLK1 is VDD + 0.3V.
TABLE 5A. AC CHARACTERISTICS, VDD = VDDA = VDDO = 3.3V5%, TA = 0C TO 70C
Symbol fMAX tpLH Parameter Output Frequency Propagation Delay, Low-to-High; NOTE 1 CLK0 CLK1, nCLK1 CLK0 PLL_SEL = 0V, f 250MHz, Qx / 2 PLL_SEL = 0V, f 250MHz, Qx / 2 PLL_SEL = 3.3V, fREF 200MHz, Qx / 1 PLL_SEL = 3.3V, fREF 167MHz, Qx / 1 PLL_SEL = 3.3V, fREF = 200MHz, Qx / 1 PLL_SEL = 3.3V, fREF = 66MHz, Qx * 2 PLL_SEL = 3.3V, fREF = 66MHz, Qx * 2 PLL_SEL = 0V PLL_SEL = 0V fOUT > 40MHz 400 Test Conditions Minimum 15.625 5 5 -100 -15 -50 -150 0 25 + 135 +100 -25 150 Typical Maximum 250 7 7.3 150 285 250 100 300 65 55 45 1 950 Units MHz ns ns ps ps ps ps ps ps ps ps mS ps % %
t(O)
Static Phase Offset; NOTE 2, 4
CLK1, nCLK1
CLK0 CLK1, nCLK1
tsk(o) tjit(cc)
tL tR / tF odc
Output Skew; NOTE 3, 4 PLL Lock Time Output Rise/Fall Time Output Duty Cycle
CLK0 CLK1, nCLK1
Cycle-to-Cycle Jitter; NOTE 4
43 57 PLL x 4 mode, fin = 45MHz, 47 53 fOUT = 180MHz All parameters measured at fMAX unless noted otherwise. NOTE 1: Measured from the differential input crossing point to the output at VDDO/2. NOTE 2: Defined as the time difference between the input reference clock and the average feedback input signal when the PLL is locked and the input reference frequency is stable. NOTE 3: Defined as skew between outputs at the same supply voltages and with equal load conditions. Measured at VDDO/2. NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
8705BY
www.icst.com/products/hiperclocks.html
5
REV. G JUNE 16, 2004
Integrated Circuit Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
Test Conditions Minimum 2.375 2.375 2.375 Typical 2.5 2.5 2.5 Maximum 2.625 2.625 2.625 90 15 20 Units V V V mA mA mA
TABLE 4D. POWER SUPPLY DC CHARACTERISTICS, VDD = VDDA = VDDO = 2.5V5%, TA = 0C TO 70C
Symbol VDD VDDA VDDO IDD IDDA IDDO Parameter Core Supply Voltage Analog Supply Voltage Output Supply Voltage Power Supply Current Analog Supply Current Output Supply Current
TABLE 4E. LVCMOS / LVTTL DC CHARACTERISTICS, VDD = VDDA = VDDO = 2.5V5%, TA = 0C TO 70C
Symbol VIH Parameter Input High Voltage PLL_SEL, CLK_SEL, SEL0, SEL1, SEL2, SEL3, FB_IN, MR CLK0 PLL_SEL, CLK_SEL, SEL0, SEL1, SEL2, SEL3, FB_IN, MR CLK0 CLK0, CLK_SEL MR, FB_IN, SEL0, SEL1, SEL2, SEL3 PLL_SEL CLK0, CLK_SEL MR, FB_IN, SEL0, SEL1, SEL2, SEL3 PLL_SEL Test Conditions Minimum Typical 2 2 -0.3 -0.3 VDD = VIN = 2.625V VDD = VIN = 2.625V VDD = 2.625V, VIN = 0V VDD = 2.625V, VIN = 0V -5 -150 1.8 0.5 Maximum VDD + 0.3 VDD + 0.3 0.8 1.3 150 5 Units V V V V A A A A V V
VIL
Input Low Voltage
IIH
Input High Current
IIL VOH
Input Low Current
Output High Voltage; NOTE 1
Output Low Voltage; NOTE 1 VOL NOTE 1: Outputs terminated with 50 to VDDO/2. In the Parameter Measurement Information section, see "2.5V Output Load Test Circuit" figure.
TABLE 4F. DIFFERENTIAL DC CHARACTERISTICS, VDD = VDDA = VDDO = 2.5V5%, TA = 0C TO 70C
Symbol IIH IIL V PP Parameter Input High Current Input Low Current CLK1 nCLK1 CLK1 nCLK1 Test Conditions VDD = VIN = 2.625V VDD = VIN = 2.625V VDD = 2.625V, VIN = 0V VDD = 2.625V, VIN = 0V -5 -150 1.3 VDD - 0.85 Minimum Typical Maximum 150 5 Units A A A A V V
Peak-to-Peak Input Voltage 0.15 Common Mode Input Voltage; GND + 0.5 VCMR NOTE 1, 2 NOTE 1: Common mode voltage is defined as VIH. NOTE 2: For single ended applications, the maximum input voltage for CLK1, nCLK1 is VDD + 0.3V.
8705BY
www.icst.com/products/hiperclocks.html
6
REV. G JUNE 16, 2004
Integrated Circuit Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
Test Conditions PLL_SEL = 0V, f 250MHz, Qx / 2 PLL_SEL = 0V, f 250MHz, Qx / 2 PLL_SEL = 2.5V, fREF 200MHz, Qx / 1 PLL_SEL = 2.5V, fREF = 133MHz, Qx / 1 PLL_SEL = 2.5V, fREF = 200MHz, Qx / 1 PLL_SEL = 2.5V, fREF = 66MHz, Qx * 2 PLL_SEL = 2.5V, fREF = 66MHz, Qx * 2 PLL_SEL = 0V PLL_SEL = 0V fOUT > 40MHz PLL_SEL = 2.5V, fREF = 66MHz, Qx * 2 400 Minimum 15.625 CLK0 CLK1, nCLK1 CLK0 5 5 -250 -50 -100 -150 0 25 100 +100 -25 150 Typical Maximum 250 7 7.3 200 250 300 100 300 65 55 45 50 1 950 Units MHz ns ns ps ps ps ps ps ps ps ps ps mS ps % %
TABLE 5B. AC CHARACTERISTICS, VDD = VDDA = VDDO = 2.5V5%, TA = 0C TO 70C
Symbol fMAX tpLH Parameter Output Frequency Propagation Delay, Low-to-High; NOTE 1
t(O)
Static Phase Offset; NOTE 2, 4
CLK1, nCLK1
CLK0 CLK1, nCLK1
tsk(o) tjit(cc) t jit()
tL tR / tF odc
Output Skew; NOTE 3, 4
CLK0 CLK1, nCLK1
Cycle-to-Cycle Jitter; NOTE 4 Phase Jitter; NOTE 4, 5 PLL Lock Time Output Rise/Fall Time Output Duty Cycle
43 57 PLL x 4 mode, fin = 45MHz, 45 55 fOUT = 180MHz All parameters measured at fMAX unless noted otherwise. NOTE 1: Measured from the differential input crossing point to the output at VDDO/2. NOTE 2: Defined as the time difference between the input reference clock and the average feedback input signal when the PLL is locked and the input reference frequency is stable. NOTE 3: Defined as skew between outputs at the same supply voltages and with equal load conditions. Measured at VDDO/2. NOTE 4: This parameter is defined in accordance with JEDEC Standard 65. NOTE 5: Phase jitter is dependent on the input source used.
8705BY
www.icst.com/products/hiperclocks.html
7
REV. G JUNE 16, 2004
Integrated Circuit Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
PARAMETER MEASUREMENT INFORMATION
1.65V5% 1.25V5%
VDD, VDDA, VDDO
SCOPE
Qx
VDD, VDDA, VDDO
SCOPE
Qx
LVCMOS
GND
LVCMOS
GND
-1.165V5%
-1.25V5%
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
2.5V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
V DD
V
DDO
nCLK
V
PP
Qx
Cross Points
2
V
CMR
CLK Qy GND
V
DDO
2 tsk(o)
DIFFERENTIAL INPUT LEVEL
OUTPUT SKEW
V
DDO
V
DDO
V
DDO
80% 20% tR
80% 20% tF
Q0:Q7
8705BY
2
2
2
tcycle
n
tjit(cc) = tcycle n -tcycle n+1
1000 Cycles
CYCLE-TO-CYCLE JITTER
tcycle n+1
Clock Outputs
OUTPUT RISE/FALL TIME
www.icst.com/products/hiperclocks.html
8
REV. G JUNE 16, 2004
Integrated Circuit Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
nCLK1 CLK1
VOH VOL VOH VDDO
CLK0 nCLK1 CLK1
VDD 2
FB_IN
t(O)
VOL
2
tjit(O) = t(O) -- t(O) mean = Phase Jitter
t(O) mean = Static Phase Offset
(where t(O) is any random sample, and t(O) mean is the average of the sampled cycles measured on controlled edges)
Q0:Q7
VDDO 2 t
PD
PHASE JITTER & STATIC PHASE OFFSET
PROPAGATION DELAY
VDDO
VDDO 2 t PW t PERIOD
VDDO 2
Q0:Q7
2
odc =
t PW t PERIOD
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
8705BY
www.icst.com/products/hiperclocks.html
9
REV. G JUNE 16, 2004
Integrated Circuit Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR APPLICATION INFORMATION
POWER SUPPLY FILTERING TECHNIQUES
As in any high speed analog circuitry, the power supply pins are vulnerable to random noise. The ICS8705 provides separate power supplies to isolate any high switching noise from the outputs to the internal PLL. VDD, VDDA, and VDDO should be individually connected to the power supply plane through vias, and bypass capacitors should be used for each pin. To achieve optimum jitter performance, power supply isolation is required. Figure 1 illustrates how a 10 resistor along with a 10F and a .01F bypass capacitor should be connected to each VDDA.
3.3V VDD .01F VDDA .01F 10 F 10
FIGURE 1. POWER SUPPLY FILTERING
WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS
Figure 2 shows how the differential input can be wired to accept single ended levels. The reference voltage V_REF = VCC/2 is generated by the bias resistors R1, R2 and C1. This bias circuit should be located as close as possible to the input pin. The ratio
of R1 and R2 might need to be adjusted to position the V_REF in the center of the input voltage swing. For example, if the input clock swing is only 2.5V and VCC = 3.3V, V_REF should be 1.25V and R2/R1 = 0.609.
VDD
R1 1K Single Ended Clock Input CLK V_REF nCLK C1 0.1u
R2 1K
FIGURE 2. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT
8705BY
www.icst.com/products/hiperclocks.html
10
REV. G JUNE 16, 2004
Integrated Circuit Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
here are examples only. Please consult with the vendor of the driver component to confirm the driver termination requirements. For example in Figure 4A, the input termination applies for ICS HiPerClockS LVHSTL drivers. If you are using an LVHSTL driver from another vendor, use their termination recommendation.
DIFFERENTIAL CLOCK INPUT INTERFACE
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL and other differential signals. Both VSWING and VOH must meet the VPP and VCMR input requirements. Figures 3A to 3D show interface examples for the HiPerClockS CLK/nCLK input driven by the most common driver types. The input interfaces suggested
3.3V 3.3V
3.3V 1.8V
Zo = 50 Ohm
Zo = 50 Ohm CLK Zo = 50 Ohm nCLK LVHSTL ICS HiPerClockS LVHSTL Driver R1 50 R2 50
R3 50 LVPECL Zo = 50 Ohm
CLK
nCLK
HiPerClockS Input
HiPerClockS Input
R1 50
R2 50
FIGURE 3A. HIPERCLOCKS CLK/NCLK INPUT DRIVEN ICS HIPERCLOCKS LVHSTL DRIVER
BY
FIGURE 3B. HIPERCLOCKS CLK/NCLK INPUT DRIVEN 3.3V LVPECL DRIVER
BY
3.3V 3.3V 3.3V R3 125 Zo = 50 Ohm CLK Zo = 50 Ohm nCLK LVPECL R1 84 R2 84 HiPerClockS Input R4 125
3.3V
3.3V
LVDS_Driv er
Zo = 50 Ohm
CLK
R1 100
nCLK
Receiv er
Zo = 50 Ohm
FIGURE 3C. HIPERCLOCKS CLK/NCLK INPUT DRIVEN 3.3V LVPECL DRIVER
BY
FIGURE 3D. HIPERCLOCKS CLK/NCLK INPUT DRIVEN 3.3V LVDS DRIVER
BY
8705BY
www.icst.com/products/hiperclocks.html
11
REV. G JUNE 16, 2004
Integrated Circuit Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
depend on the selected component types, the density of the components, the density of the traces, and the stack up of the P.C. board.
LAYOUT GUIDELINE
The schematic of the ICS8705 layout example is shown in Figure 4A. The ICS8705 recommended PCB board layout for this example is shown in Figure 4B. This layout example is used as a general guideline. The layout in the actual system will
VDD
R7 10 - 15
PLL_SEL
VDDA
VDD
C16 10u
VDD
C11 0.01u
U1
Ro ~ 7 Ohm
Zo = 50
SEL0 SEL1
VDD PLL_SEL VDDA SEL3 VDDO Q7 GND Q6
32 31 30 29 28 27 26 25
SEL3
R1
43
Zo = 50
R4
43
Driv er_LVCMOS
1 2 3 4 5 6 7 8
SEL0 SEL1 CLK0 nc CLK1 nCLK1 CLK_SEL MR
VDDO Q5 GND Q4 VDDO Q3 GND Q2
24 23 22 21 20 19 18 17
R5 1K
R4 1K
Logic Input Pin Examples
SEL2
VDD
Set Logic Input to '1'
RU1 1K
VDD
Set Logic Input to '0'
RU2 Not Install
9 10 11 12 13 14 15 16
VDD=3.3V or 2.5V
ICS8705
VDD FB_IN SEL2 VDDO Q0 GND Q1 VDDO
Zo = 50
R2
43
To Logic Input pins
RD1 Not Install
To Logic Input pins
RD2 1K
(U1-9)
VDD
(U1-12)
(U1-16)
(U1-20)
(U1-24)
(U1-28)
(U1-32)
C2 0.1uF
C3 0.1uF
C4 0.1uF
C5 0.1uF
C6 0.1uF
C1 0.1uF
C7 0.1uF
FIGURE 4A. ICS8705 LVCMOS CLOCK GENERATOR SCHEMATIC EXAMPLE
8705BY
www.icst.com/products/hiperclocks.html
12
REV. G JUNE 16, 2004
Integrated Circuit Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
trace delay might be restricted by the available space on the board and the component location. While routing the traces, the clock signal traces should be routed first and should be locked prior to routing other signal traces. * The differential 50 output traces should have same length. * Avoid sharp angles on the clock trace. Sharp angle turns cause the characteristic impedance to change on the transmission lines. * Keep the clock traces on the same layer. Whenever possible, avoid placing vias on the clock traces. Placement of vias on the traces can affect the trace characteristic impedance and hence degrade signal integrity. * To prevent cross talk, avoid routing other signal traces in parallel with the clock traces. If running parallel traces is unavoidable, allow a separation of at least three trace widths between the differential clock trace and the other signal trace. * Make sure no other signal traces are routed between the clock trace pair. * The series termination resistors should be located as close to the driver pins as possible.
The following component footprints are used in this layout example: All the resistors and capacitors are size 0603. POWER AND GROUNDING Place the decoupling capacitors as close as possible to the power pins. If space allows, placement of the decoupling capacitor on the component side is preferred. This can reduce unwanted inductance between the decoupling capacitor and the power pin caused by the via. Maximize the power and ground pad sizes and number of vias capacitors. This can reduce the inductance between the power and ground planes and the component power and ground pins. The RC filter consisting of R7, C11, and C16 should be placed as close to the VDDA pin as possible. CLOCK TRACES AND TERMINATION Poor signal integrity can degrade the system performance or cause system failure. In synchronous high-speed digital systems, the clock signal is less tolerant to poor signal integrity than other signals. Any ringing on the rising or falling edge or excessive ring back can cause system failure. The shape of the trace and the
GND
50 Ohm Trace
R7
VDD
VIA
Other signals
C16
C11
VDDA
C7
C1
R1
Pin 1
C6
C5
U1
C4
C2
C3
R2
50 Ohm Trace
FIGURE 4B. PCB BOARD LAYOUT FOR ICS8705
8705BY
www.icst.com/products/hiperclocks.html
13
REV. G JUNE 16, 2004
Integrated Circuit Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR RELIABILITY INFORMATION
TABLE 6. JAVS. AIR FLOW TABLE FOR 32 LEAD LQFP
JA by Velocity (Linear Feet per Minute)
0
Single-Layer PCB, JEDEC Standard Test Boards Multi-Layer PCB, JEDEC Standard Test Boards 67.8C/W 47.9C/W
200
55.9C/W 42.1C/W
500
50.1C/W 39.4C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TRANSISTOR COUNT
The transistor count for ICS8705 is: 3126
8705BY
www.icst.com/products/hiperclocks.html
14
REV. G JUNE 16, 2004
Integrated Circuit Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
PACKAGE OUTLINE - Y SUFFIX FOR 32 LEAD LQFP
TABLE 7. PACKAGE DIMENSIONS
JEDEC VARIATION ALL DIMENSIONS IN MILLIMETERS BBA SYMBOL N A A1 A2 b c D D1 D2 E E1 E2 e L ccc 0.45 0 --0.05 1.35 0.30 0.09 MINIMUM NOMINAL 32 --1.40 0.37 -9.00 BASIC 7.00 BASIC 5.60 Ref. 9.00 BASIC 7.00 BASIC 5.60 Ref. 0.80 BASIC 0.60 --0.75 7 0.10 1.60 0.15 1.45 0.45 0.20 MAXIMUM
Reference Document: JEDEC Publication 95, MS-026
8705BY
www.icst.com/products/hiperclocks.html
15
REV. G JUNE 16, 2004
Integrated Circuit Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
Package 32 Lead LQFP 32 Lead LQFP on Tape and Reel 32 Lead "Lead Free" LQFP 32 Lead "Lead Free" LQFP on Tape and Reel Count 250 per tray 1000 250 per tray 1000 Temperature 0C to 70C 0C to 70C 0C to 70C 0C to 70C
TABLE 8. ORDERING INFORMATION
Part/Order Number ICS8705BY ICS8705BYT ICS8705BYLF ICS8705BYLFT Marking ICS8705BY ICS8705BY ICS8705BYLF ICS8705BYLF
The aforementioned trademark, HiPerClockSTM is a trademark of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. 8705BY
www.icst.com/products/hiperclocks.html
16
REV. G JUNE 16, 2004
Integrated Circuit Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REVISION HISTORY SHEET Description of Change Updated Block Diagram PLL Enable Function Table - revised the Reference Frequency Range column 3.3V AC Characteristics Table - updated the Output Frequency row from 350MHz Max. to 275MHz Max. Added 2.5V tables. PLL Enable Function Table - revised the Reference Frequency Range column 3.3V AC Characteristics Table - updated the Output Frequency row from 275MHz Max. to 250MHz Max. 2.5V AC Characteristics Table - updated the Output Frequency row from 275MHz Max. to 250MHz Max. Pin Description Table - revised power pin descriptions. Pin Characteristics Table - add 23pF (typical) in CPD row. Pin Description Table - Pin# 10 from description, replaced "Connect to pin 10." with "Connect to one of the outputs." Revised CLK0 description and MR description. Revised Output Rise/Fall Time Diagram. Revised description for VDD to read Core supply from Positive supply. AC Characteristics, added another row to "odc" with different test conditions and values. Updated format. Pin Description table - revised MR description. AC tables - Changed the Static Phase Offset limits for CLK1, nCLK1. AC tables - added Static Phase Offset with "fREF = 66MHz, Qx * 2". 3.3V AC table - corrected typo in SPO parameter to read NOTE 4 from NOTE 7. Throughout datasheet revised title to read "...Differential-to-LVCMOS/LVTTL..." 2.5V AC Characteristics Table - added Phase Jitter spec, and Note 5. Replaced Static Phase Offset Diagram with Phase Jitter & SPO Diagram. Pin Characteristics Table - changed CIN from 4pF max. to 4pF typical. 4/4/02 Date 1/25/02
Rev A
Table T3A
Page 1 3 5 6, 7 3 5 7 2 2 2 2 8 2, 4, 6 5, 7
B
T5A T4D:T4F; T5B T3A T5A
3/14/02
C T5B C C C C T1 T2 T1 T1 T1, T4A, T4D D T5A, T5B
4/10/02 7/15/02 8/1/02 8/21/02
11/22/02
E
1 T5A & T5B T5A & T5B
2 5&7 5&7
1/22/03
F T5B T2 7 9 2
2/13/03
G G G G
3/14/03 5/15/03 6/6/03 6/16/04
11 Added Differential Clock Input Interface section. 12 & 13 Added Layout Guideline T6 14 Ordering Information Table - added "Lead-Free" par t number
8705BY
www.icst.com/products/hiperclocks.html
17
REV. G JUNE 16, 2004


▲Up To Search▲   

 
Price & Availability of ICS8705BYLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X