Part Number Hot Search : 
D64F26 FM305 KBU610 170CA TD62309 SY5PA 1520CC B2100
Product Description
Full Text Search
 

To Download ICS84330-02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS84330-02
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
FEATURES
* * * * * * * * * * * * Fully integrated PLL, no external loop filter requirements 1 differential 3.3V LVPECL output Crystal oscillator interface: 10MHz to 25MHz Output frequency range: 31.25MHz to 700MHz VCO range: 250MHz to 700MHz Parallel or serial interface for programming M and N dividers during power-up RMS Period jitter: 5ps (maximum) Cycle-to-cycle jitter: 40ps (maximum) 3.3V supply voltage 0C to 70C ambient operating temperature Lead-Free package fully RoHS compliant Industrial temperature information available upon request
GENERAL DESCRIPTION
The ICS84330-02 is a general purpose, single output high frequency synthesizer and a HiPerClockSTM member of the HiPerClockSTM family of High Perfor mance Clock Solutions from ICS. The VCO operates at a frequency range of 250MHz to 700MHz. The VCO and output frequency can be programmed using the serial or parallel interfaces to the configuration logic. The output can be configured to divide the VCO frequency by 1, 2, 4, and 8. Output frequency steps from 250kHz to 2MHz can be achieved using a 16MHz crystal depending on the output divider setting.
ICS
BLOCK DIAGRAM
OE XTAL_IN OSC XTAL_OUT FREF_EXT 0 / 16 XTAL_SEL 1
PIN ASSIGNMENT
FOUT VCC
25 24 23 22 21 20 19 S_CLOCK S_DATA S_LOAD VCCA FREF_EXT XTAL_SEL 26 27 28 18 N1 N0 M8 M7 M6 M5 M4
ICS84330-02
16 28-Lead PLCC V Package 1 15 11.6mm x 11.4mm x 4.1mm 14 2 body package 13 3 Top View 4 5 6
OE
nFOUT
TEST
VCC
VEE
VEE
17
PLL
PHASE DETECTOR 1 VCO /M /2 0 /2 /4 /8 /1
XTAL_IN
12 7
nP_LOAD
8
M0
9 10 11
M1 M2 M3
FOUT nFOUT
XTAL_OUT
S_LOAD S_DATA S_CLOCK nP_LOAD M0:M8 N0:N1
CONFIGURATION INTERFACE LOGIC
TEST
84330AV-02
www.icst.com/products/hiperclocks.html
1
REV. A MAY 31, 2005
Integrated Circuit Systems, Inc.
ICS84330-02
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
divider. On the LOW-to-HIGH transition of the nP_LOAD input, the data is latched and the M divider remains loaded until the next LOW transition on nP_LOAD or until a serial event occurs. The TEST output is Mode 000 (shift register out) when operating in the parallel input mode. The relationship between the VCO frequency, the crystal frequency and the M divider is defined as follows: fVCO = fxtal x 2M 16 The M value and the required values of M0 through M8 are shown in Table 3B, Programmable VCO Frequency Function Table. Valid M values for which the PLL will achieve lock are defined as 125 M 350. The frequency out is defined as follows: fout fVCO fxtal x 2M = = N N 16 Serial operation occurs when nP_LOAD is HIGH and S_LOAD is LOW. The shift register is loaded by sampling the S_DATA bits with the rising edge of S_CLOCK. The contents of the shift register are loaded into the M divider when S_LOAD transitions from LOW-to-HIGH. The M divide and N output divide values are latched on the HIGH-to-LOW transition of S_LOAD. If S_LOAD is held HIGH, data at the S_DATA input is passed directly to the M divider on each rising edge of S_CLOCK. The serial mode can be used to program the M and N bits and test bits T2:T0. The internal registers T2:T0 determine the state of the TEST output as follows: fOUT fOUT fOUT fOUT fOUT fOUT fOUT S_CLOCK / N divider fOUT
FUNCTIONAL DESCRIPTION
NOTE: The functional description that follows describes operation using a 16MHz crystal. Valid PLL loop divider values for different crystal or input frequencies are defined in the Input Frequency Characteristics, Table 6, NOTE 1.
The ICS84330-02 features a fully integrated PLL and therefore requires no external components for setting the loop bandwidth. A quartz crystal is used as the input to the on-chip oscillator. The output of the oscillator is divided by 16 prior to the phase detector. With a 16MHz crystal this provides a 1MHz reference frequency. The VCO of the PLL operates over a range of 250MHz to 700MHz. The output of the M divider is also applied to the phase detector. The phase detector and the M divider force the VCO output frequency to be 2M times the reference frequency by adjusting the VCO control voltage. Note that for some values of M (either too high or too low), the PLL will not achieve lock. The output of the VCO is scaled by a divider prior to being sent to each of the LVPECL output buffers. The divider provides a 50% output duty cycle. The programmable features of the ICS84330-02 support two input modes to program the M divider and N output divider. The two input operational modes are parallel and serial. Figure 1 shows the timing diagram for each mode. In parallel mode the nP_LOAD input is LOW. The data on inputs M0 through M8 and N0 through N1 is passed directly to the M divider and N output T2 0 0 0 0 1 1 1 1 T1 0 0 1 1 0 0 1 1 T0 0 1 0 1 0 1 0 1
TEST Output Shift Register Out High PLL Reference Xtal / 16 (VCO / M) /2 (non 50% Duty Cycle M divider) fOUT LVCMOS Output Frequency < 200MHz Low (S_CLOCK / M) /2 (non 50% Duty Cycle M divider) fOUT / 4
SERIAL LOADING
S_CLOCK T2
t t
S_DATA
T1
T0
N1
N0
M8
M7
M6
M5
M4
M3
M2
M1
M0
S_LOAD
S
H
nP_LOAD
t
S
PARALLEL LOADING
M0:M8, N0:N1
M, N
nP_LOAD
t
S
t
H
S_LOAD
Time
FIGURE 1. PARALLEL & SERIAL LOAD OPERATIONS
NOTE: nP_LOAD is designed to eliminate runt pulses when changing M and N bits. 84330AV-02
www.icst.com/products/hiperclocks.html
2
REV. A MAY 31, 2005
Integrated Circuit Systems, Inc.
ICS84330-02
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
Description Analog supply pin. Crystal oscillator interface. XTAL_IN is an oscillator input. XTAL_OUT is an oscillator output. Selects between the crystal oscillator or FREF_EXT inputs as the PLL reference source. Selects XTAL inputs when HIGH. Selects FREF_EXT when LOW. LVCMOS / LVTTL interface levels. Output enable. LVCMOS / LVTTL interface levels. Parallel load input. Determines when data present at M8:M0 is loaded into M divider, and when data present at N1:N0 sets the N output divide value. LVCMOS / LVTTL interface levels. M divider inputs. Data latched on LOW-to-HIGH transition of nP_LOAD input. LVCMOS / LVTTL interface levels. Determines N output divider value as defined in Table 3C Function Table. LVCMOS / LVTTL interface levels. Negative supply pins. Test output which is used in the serial mode of operation. LVCMOS / LVTTL interface levels. Core supply pins.
TABLE 1. PIN DESCRIPTIONS
Name VCCA XTAL_IN, XTALOUT XTAL_SEL OE nP_LOAD M0, M1, M2 M3, M4, M5 M6, M7, M8 N0, N1 VEE TEST VCC nFOUT, FOUT nc FREF_EXT Power Type
Input Input Input
Pullup Pullup Pullup
Input Input Power Output Power Output Unused Input
Pullup Pullup
Differential output for the synthesizer. 3.3V LVPECL interface levels. Do not connect. Pulldown PLL reference input. LVCMOS / LVTTL interface levels. Clocks the serial data present at S_DATA input into the shift register on the S_CLOCK Input Pulldown rising edge of S_CLOCK. LVCMOS / LVTTL interface levels. Shift register serial input. Data sampled on the rising edge of S_CLOCK. S_DATA Input Pulldown LVCMOS / LVTTL interface levels. Controls transition of data from shift register into the M divider. S_LOAD Input Pulldown LVCMOS / LVTTL interface levels. NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
TABLE 2. PIN CHARACTERISTICS
Symbol CIN RPULLUP RPULLDOWN Parameter Input Capacitance Input Pullup Resistor Input Pulldown Resistor Test Conditions Minimum Typical 4 51 51 Maximum Units pF k k
84330AV-02
www.icst.com/products/hiperclocks.html
3
REV. A MAY 31, 2005
Integrated Circuit Systems, Inc.
ICS84330-02
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
TABLE 3A. PARALLEL
nP_LOAD L H H H H M Data Data X X X X
AND
SERIAL MODE FUNCTION TABLE
Inputs S_LOAD X L L L S_CLOCK X X L L X S_DATA X X Data Data Data X Data Conditions Data on M and N inputs passed directly to M divider and N output divider. TEST mode 000. Data is latched into input registers and remains loaded until next LOW transition or until a serial event occurs. Serial input mode. Shift register is loaded with data on S_DATA on each rising edge of S_CLOCK. Contents of the shift register are passed to the M divider and N output divider. M divide and N output divide values are latched. Parallel or serial input do not affect shift registers. S_DATA passed directly to M divider as it is clocked.
N Data Data X X X X
H X X H NOTE: L = LOW H = HIGH X = Don't care = Rising edge transition = Falling edge transition
TABLE 3B. PROGRAMMABLE VCO FREQUENCY FUNCTION TABLE
VCO Frequency (MHz) 250 252 254 256 * * 696 698 700 M Divide 125 126 127 128 * * 348 349 350 256 M8 0 0 0 0 * * 1 1 1 128 M7 0 0 0 1 * * 0 0 0 64 M6 1 1 1 0 * * 1 1 1 32 M5 1 1 1 0 * * 0 0 0 16 M4 1 1 1 0 * * 1 1 1 8 M3 1 1 1 0 * * 1 1 1 4 M2 1 1 1 0 * * 1 1 1 2 M1 0 1 1 0 * * 0 0 1 1 M0 1 0 1 0 * * 0 1 0
NOTE 1: These M divide values and the resulting frequencies correspond to a crystal frequency of 16MHz.
TABLE 3C. PROGRAMMABLE OUTPUT DIVIDER FUNCTION TABLE
Inputs N1 0 0 1 1 N0 0 1 0 1 N Divider Value 2 4 8 1 Output Frequency (MHz) Minimum 12 5 62. 5 31.25 250 Maximum 35 0 175 87.5 700
84330AV-02
www.icst.com/products/hiperclocks.html
4
REV. A MAY 31, 2005
Integrated Circuit Systems, Inc.
ICS84330-02
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
4.6V -0.5V to VCC + 0.5 V 50mA 100mA 37.8C/W (0 lfpm) -65C to 150C NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC Inputs, VI Outputs, IO Continuous Current Surge Current Package Thermal Impedance, JA Storage Temperature, TSTG
TABLE 4A. DC POWER SUPPLY CHARACTERISTICS, VCC = VCCA = 3.3V5%, TA = 0C TO 70C
Symbol VCC VCCA ICC ICCA Parameter Core Supply Voltage Analog Supply Voltage Power Supply Current Analog Supply Current Test Conditions Minimum 3.135 3.135 Typical 3. 3 3.3 Maximum 3.465 3.465 130 15 Units V V mA mA
TABLE 4B. LVCMOS / LVTTL DC CHARACTERISTICS, VCC = VCCA = 3.3V5%, TA = 0C TO 70C
Symbol VIH VIL Parameter Input High Voltage Input Low Voltage M0-M8, N0, N1, OE, nP_LOAD, XTAL_SEL Input High Current S_LOAD, S_CLOCK FREF_EXT, S_DATA M0-M8, N0, N1, OE, nP_LOAD, XTAL_SEL Input Low Current S_LOAD, S_CLOCK FREF_EXT, S_DATA Output High Voltage; NOTE 1 Output Low Voltage; NOTE 1 VCC = VIN = 3.465V VCC = VIN = 3.465V VCC = 3.465V, VIN = 0V VCC = 3.465V, VIN = 0V -150 -5 2.6 0.5 Test Conditions Minimum Typical 2 -0.3 Maximum VCC + 0.3 0.8 5 150 Units V V A A A A V V
IIH
IIL
VOH VOL
NOTE 1: Outputs terminated with 50 to VCC/2.
TABLE 4C. LVPECL DC CHARACTERISTICS, VCC = VCCA = 3.3V5%, TA = 0C TO 70C
Symbol VOH V OL VSWING Parameter Output High Voltage; NOTE 1 Output Low Voltage; NOTE 1 Peak-to-Peak Output Voltage Swing Test Conditions Minimum VCC - 1.4 VCC - 2.0 0.6 Typical Maximum VCC - 0.9 VCC - 1.7 1.0 Units V V V
NOTE 1: Outputs terminated with 50 to VCC - 2V.
84330AV-02
www.icst.com/products/hiperclocks.html
5
REV. A MAY 31, 2005
Integrated Circuit Systems, Inc.
ICS84330-02
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
Test Conditions Minimum 10 Typical Maximum 25 70 7 1 Units MHz pF mW
TABLE 5. CRYSTAL CHARACTERISTICS
Parameter Mode of Oscillation Frequency Equivalent Series Resistance (ESR) Shunt Capacitance Drive Level
Fundamental
TABLE 6. INPUT FREQUENCY CHARACTERISTICS, VCC = VCCA = 3.3V5%, TA = 0C TO 70C
Symbol fIN Parameter XTAL; NOTE 1 Input Frequency S_CLOCK Test Conditions Minimum 10 Typical Maximum 25 50 Units MHz MHz
FREF_EXT; NOTE 2 10 25 MHz NOTE 1: For the cr ystal frequency range the M value must be set to achieve the minimum or maximum VCO frequency range of 250MHz to 700MHz. Using the minimum frequency of 10MHz, valid values of M are 200 M 511. Using the maximum frequency of 25MHz, valid values of M are 80 M 224. NOTE 2: Maximum frequency on FREF_EXT is dependent on the internal M counter limitations. See Application Information Section for recommendations on optimizing the performance using the FREF_EXT input.
TABLE 7. AC CHARACTERISTICS, VCC = VCCA = 3.3V5%, TA = 0C TO 70C
Symbol FOUT Parameter Output Frequency Period Jitter, RMS; NOTE 1, 2 Cycle-to-Cycle Jitter; NOTE 1, 2 Output Rise/Fall Time Input Parallel Data Load Time Rise Time S_DATA to S_CLOCK Setup Time S_CLOCK to S_LOAD M, N to nP_LOAD tH tL odc Hold Time PLL Lock Time N1 Output Duty Cycle N = 1, fOUT 250MHz N = 1, 250MHz < fOUT 500MHz 45 45 40 S_DATA to S_CLOCK M, N to nP_LOAD 20% to 80% 20% to 80% 20 20 20 20 20 10 55 55 60 200 Test Conditions Minimum Typical Maximum 700 5 40 600 50 Units MHz ps ps ps ns ns ns ns ns ns ms % % %
tjit(per) tjit(cc)
tR / tF tnP_LOAD tS
See Parameter Measurement Information section. Characterized using a XTAL input. NOTE 1: This parameter is defined in accordance with JEDEC Standard 65 NOTE 2: See Applications section.
84330AV-02
www.icst.com/products/hiperclocks.html
6
REV. A MAY 31, 2005
Integrated Circuit Systems, Inc.
ICS84330-02
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PARAMETER MEASUREMENT INFORMATION
2V
VOH
VCC, VCCA
Qx
SCOPE
1 contains 68.26% of all measurements 2 contains 95.4% of all measurements 3 contains 99.73% of all measurements 4 contains 99.99366% of all measurements 6 contains (100-1.973x10-7)% of all measurements
VREF VOL
LVPECL
VEE
nQx
Reference Point
(Trigger Edge)
Histogram
Mean Period
(First edge after trigger)
-1.3V 0.165V
3.3V OUTPUT LOAD AC TEST CIRCUIT
PERIOD JITTER
nFOUT
80% 80% V
SW I N G
FOUT
tcycle
n
tcycle n+1
20% Clock Outputs t
R
20% t
F
tjit(cc) = tcycle n -tcycle n+1
1000 Cycles
CYCLE-TO-CYCLE JITTER
nFOUT FOUT
t PW
t
PERIOD
odc =
t PW t PERIOD
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
84330AV-02
OUTPUT RISE/FALL TIME
x 100%
www.icst.com/products/hiperclocks.html
7
REV. A MAY 31, 2005
Integrated Circuit Systems, Inc.
ICS84330-02
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER APPLICATION INFORMATION
POWER SUPPLY FILTERING TECHNIQUES
As in any high speed analog circuitry, the power supply pins are vulnerable to random noise. The ICS84330-02 provides separate power supplies to isolate any high switching noise from the outputs to the internal PLL. VCC and VCCA should be individually connected to the power supply plane through vias, and bypass capacitors should be used for each pin. To achieve optimum jitter performance, power supply isolation is required. Figure 2 illustrates how a 10 resistor along with a 10F and a .01F bypass capacitor should be connected to each VCCA pin.
3.3V VCC .01F V CCA .01F 10F 10
FIGURE 2. POWER SUPPLY FILTERING
TERMINATION
FOR
LVPECL OUTPUTS
drive 50 transmission lines. Matched impedance techniques should be used to maximize operating frequency and minimize signal distortion. Figures 3A and 3B show two different layouts which are recommended only as guidelines. Other suitable clock layouts may exist and it would be recommended that the board designers simulate to guarantee compatibility across all printed circuit and clock component process variations.
The clock layout topology shown below is a typical termination for LVPECL outputs. The two different layouts mentioned are recommended only as guidelines. FOUT and nFOUT are low impedance follower outputs that generate ECL/LVPECL compatible outputs. Therefore, terminating resistors (DC current path to ground) or current sources must be used for functionality. These outputs are designed to
Zo = 50
125
3.3V 125
FOUT
FIN
Zo = 50
Zo = 50
FOUT FIN
50 1 Z ((VOH + VOL) / (VCC - 2)) - 2 o
50 VCC - 2V RTT
84 84 Zo = 50
RTT =
FIGURE 3A. LVPECL OUTPUT TERMINATION
FIGURE 3B. LVPECL OUTPUT TERMINATION
84330AV-02
www.icst.com/products/hiperclocks.html
8
REV. A MAY 31, 2005
Integrated Circuit Systems, Inc.
ICS84330-02
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ance trace may be required. The input can function with half swing amplitude. Reducing amplitude from full swing of 3.3V to half swing of about 1.65V can prevent signal interfere with power rail and may reduce noise. Please refer to the LVCMOS driver data sheet and application note for amplitude reduction and termination approach.
LVCMOS TO XTAL INTERFACE
The XTAL_IN input can accept single ended LVCMOS signal through an AC couple capacitor. A general interface diagram is shown in Figure 4. The XTAL_OUT input can be left floating. The edge rate can be as slow as 10ns. If the incoming signal has sharp edge rate and the signal path is a long trace, proper termination for the driver and controlled characteristic imped-
3.3V
C1 XTAL_IN 0.1uF LVCMOS_Driv er XTAL_OUT
Cry stal Interf ace
Figure 4. GENERAL DIAGRAM
FOR
LVCMOS DRIVER
TO
XTAL INPUT INTERFACE
50
Cycle-to-Cycle Jitter (ps)
40 30 20 10 0 200
Spec Limit N=1
300
400
500
600
700
Output Frequency (MHz)
FIGURE 5. CYCLE-TO-CYCLE JITTER
VS.
fOUT (using a 16MHz XTAL)
84330AV-02
www.icst.com/products/hiperclocks.html
9
REV. A MAY 31, 2005
Integrated Circuit Systems, Inc.
ICS84330-02
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
line. The layout in the actual system will depend on the selected component types, the density of the components, the density of the traces, and the stack up of the P.C. board.
LAYOUT GUIDELINE
The schematic of the ICS84330-02 layout example used in this layout guideline is shown in Figure 6A. The ICS84330-02 recommended PCB board layout for this example is shown in Figure 6B. This layout example is used as a general guide-
SP
C1
X1
C2
16MHz, 18pF SP M3 M2 M1 M0 nPLOAD OE
M3 M2 M1 M0 nP_LOAD OE X_OUT
11 10 9 8 7 6 5
VCC
V CC=3 .3 V S P = S p a ce (i .e . n o t in tsta ll e d ) M [8 :0 ]= 1 1 0 0 1 0 0 0 0 (4 0 0 ) N[1 :0 ] =0 0 (Di vi d e b y 2 )
M4 M5 M6 M7 M8 N2 N1
12 13 14 15 16 17 18
U1 ICS84330-02 VCC
19 20 21 22 23 24 25
VEE TEST VCC VEE nFOUT FOUT VCC
M4 M5 M6 M7 M8 N0 N1
X_IN XTAL_SEL FREF_EXT VCCA S_LOAD S_DATA S_CLOCK
4 3 2 1 28 27 26
R7 10 VCCA
C11 0.01u
C16 10u
C3
VCC
0.1uF Zo = 50 Ohm
RU0 SP M0 M1
RU1 SP M7
RU7 1K M8
RU8 1K N0
RU9 SP N1
RU10 1K nPLoad
RU11 SP
RU12 1K
C4 0.1u Zo = 50 Ohm
Fo u t = 2 0 0 M Hz
+
OE
-
RD0 1K
RD1 1K
RD7 SP
RD8 SP
RD9 1K
RD10 SP
RD6 1K
RD12 SP
R2 50
R1 50
R3 50
FIGURE 6A. SCHEMATIC
OF
RECOMMENDED LAYOUT
84330AV-02
www.icst.com/products/hiperclocks.html
10
REV. A MAY 31, 2005
Integrated Circuit Systems, Inc.
The following component footprints are used in this layout example: All the resistors and capacitors are size 0603.
ICS84330-02
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
* The differential 50 output traces should have the same length. * Avoid sharp angles on the clock trace. Sharp angle turns cause the characteristic impedance to change on the transmission lines. * Keep the clock traces on the same layer. Whenever possible, avoid placing vias on the clock traces. Placement of vias on the traces can affect the trace characteristic impedance and hence degrade signal integrity. * To prevent cross talk, avoid routing other signal traces in parallel with the clock traces. If running parallel traces is unavoidable, allow a separation of at least three trace widths between the differential clock trace and the other signal trace. * Make sure no other signal traces are routed between the clock trace pair. * The matching termination resistors should be located as close to the receiver input pins as possible.
POWER
AND
GROUNDING
Place the decoupling capacitors C3 and C4, as close as possible to the power pins. If space allows, placement of the decoupling capacitor on the component side is preferred. This can reduce unwanted inductance between the decoupling capacitor and the power pin caused by the via. Maximize the power and ground pad sizes and number of vias capacitors. This can reduce the inductance between the power and ground planes and the component power and ground pins. The RC filter consisting of R7, C11, and C16 should be placed as close to the VCCA pin as possible.
CLOCK TRACES
AND
TERMINATION
Poor signal integrity can degrade the system performance or cause system failure. In synchronous high-speed digital systems, the clock signal is less tolerant to poor signal integrity than other signals. Any ringing on the rising or falling edge or excessive ring back can cause system failure. The shape of the trace and the trace delay might be restricted by the available space on the board and the component location. While routing the traces, the clock signal traces should be routed first and should be locked prior to routing other signal traces.
CRYSTAL
The crystal X1 should be located as close as possible to the pins 4 (XTAL_IN) and 5 (XTAL_OUT). The trace length between the X1 and U1 should be kept to a minimum to avoid unwanted parasitic inductance and capacitance. Other signal traces should not be routed near the crystal traces.
X1
C1
C2
U1
GND VCC
PIN 2 PIN 1
C11
C16
VCCA VCCA
R7
VIA
Signals Traces
C3 C4
50 Ohm Traces
FIGURE 6B. PCB BOARD LAYOUT
84330AV-02
FOR
ICS84330-02
REV. A MAY 31, 2005
www.icst.com/products/hiperclocks.html
11
Integrated Circuit Systems, Inc.
ICS84330-02
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
(instead of 0V to 3.3V). Figure 7B shows amplitude reduction approach for a short trace. The circuit shown in Figure 7C reduces amplitude swing and also slows down the edge rate by increasing the resistor value.
JITTER REDUCTION FOR FREF_EXT SINGLE END INPUT
If the FREF_EXT input is driven by a 3.3V LVCMOS driver, the jitter performance can be improved by reducing the amplitude swing and slowing down the edge rate. Figure 7A shows an amplitude reduction approach for a long trace. The swing will be approximately 0.85V for logic low and 2.5V for logic high
VDD VDD Zo = 50 Ohm Td R1 100 VDD
Ro ~ 7 Ohm
RS 43
GND R2 100 TEST_CLK
FREF_EXT
Driver_LVCMOS
FIGURE 7A. AMPLITUDE REDUCTION
FOR A
LONG TRACE
VDD VDD R1 200 Ro ~ 7 Ohm RS 100 Driver_LVCMOS R2 200 VDD
GND TEST_CLK
FREF_EXT
FIGURE 7B. AMPLITUDE REDUCTION
FOR A
SHORT TRACE
VDD VDD R1 400 Ro ~ 7 Ohm RS 200 Driver_LVCMOS R2 400 VDD
GND TEST_CLK FREF_EXT
FIGURE 7C. EDGE RATE REDUCTION
84330AV-02
BY
INCREASING
THE
RESISTOR VALUE
REV. A MAY 31, 2005
www.icst.com/products/hiperclocks.html
12
Integrated Circuit Systems, Inc.
ICS84330-02
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS84330-02. Equations and example calculations are also provided.
1. Power Dissipation. The total power dissipation for the ICS84330-02 is the sum of the core power plus the power dissipated in the load(s). The following is the power dissipation for VCC = 3.3V + 5% = 3.465V, which gives worst case results. NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
* *
Power (core)MAX = VCC_MAX * IEE_MAX = 3.465V * 145mA = 502.4mW Power (outputs)MAX = 30mW/Loaded Output pair
Total Power_MAX (3.465V, with all outputs switching) = 502.4mW + 30mW = 532.4mW
2. Junction Temperature. Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device. The maximum recommended junction temperature for HiPerClockSTM devices is 125C.
The equation for Tj is as follows: Tj = JA * Pd_total + TA Tj = Junction Temperature JA = Junction-to-Ambient Thermal Resistance Pd_total = Total Device Power Dissipation (example calculation is in section 1 above) TA = Ambient Temperature In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance JA must be used. Assuming a moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 31.1C/W per Table 9 below. Therefore, Tj for an ambient temperature of 70C with all outputs switching is: 70C + 0.532W * 31.1C/W = 86.6C. This is well below the limit of 125C. This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow, and the type of board (single layer or multi-layer).
TABLE 9. THERMAL RESISTANCE JA
FOR
28-PIN PLCC, FORCED CONVECTION
JA by Velocity (Linear Feet per Minute)
0
Multi-Layer PCB, JEDEC Standard Test Boards 37.8C/W
200
31.1C/W
500
28.3C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
84330AV-02
www.icst.com/products/hiperclocks.html
13
REV. A MAY 31, 2005
Integrated Circuit Systems, Inc.
3. Calculations and Equations.
ICS84330-02
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
The purpose of this section is to derive the power dissipated into the load. LVPECL output driver circuit and termination are shown in the Figure 8.
VCC
Q1
VOUT RL 50 VCC - 2V
FIGURE 8. LVPECL DRIVER CIRCUIT
AND
TERMINATION
To calculate worst case power dissipation into the load, use the following equations which assume a 50 load, and a termination voltage of V - 2V.
CC
*
For logic high, VOUT = VOH_MAX = VCC_MAX - 0.9V (V
CC_MAX
-V
OH_MAX
) = 0.9V =V - 1.7V
*
For logic low, VOUT = V (V
CC_MAX
OL_MAX
CC_MAX
-V
OL_MAX
) = 1.7V
Pd_H is power dissipation when the output drives high. Pd_L is the power dissipation when the output drives low. Pd_H = [(V - (V - 2V))/R ] * (V
L
OH_MAX
CC_MAX
CC_MAX
-V
OH_MAX
) = [(2V - (V
CC_MAX
-V
OH_MAX
))/R ] * (V
L
CC_MAX
-V
OH_MAX
)=
[(2V - 0.9V)/50] * 0.9V = 19.8mW Pd_L = [(V
OL_MAX
- (V
CC_MAX
- 2V))/R ] * (V
L
CC_MAX
-V
OL_MAX
) = [(2V - (V
CC_MAX
-V
OL_MAX
))/R ] * (V
L
CC_MAX
-V
OL_MAX
)=
[(2V - 1.7V)/50] * 1.7V = 10.2mW Total Power Dissipation per output pair = Pd_H + Pd_L = 30mW
84330AV-02
www.icst.com/products/hiperclocks.html
14
REV. A MAY 31, 2005
Integrated Circuit Systems, Inc.
ICS84330-02
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER RELIABILITY INFORMATION
TABLE 10. JAVS. AIR FLOW PLCC TABLE
FOR
28 LEAD PLCC
JA by Velocity (Linear Feet per Minute)
0
Multi-Layer PCB, JEDEC Standard Test Boards 37.8C/W
200
31.1C/W
500
28.3C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TRANSISTOR COUNT
The transistor count for ICS84330-02 is: 4442 Pin compatible with the MC12430
84330AV-02
www.icst.com/products/hiperclocks.html
15
REV. A MAY 31, 2005
Integrated Circuit Systems, Inc.
ICS84330-02
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PACKAGE OUTLINE - V SUFFIX FOR 28 LEAD PLCC
TABLE 11. PACKAGE DIMENSIONS
JEDEC VARIATION ALL DIMENSIONS IN MILLIMETERS SYMBOL N A A1 A2 b c D D1 D2 E E1 E2 4.19 2.29 1.57 0.33 0.19 12.32 11.43 4.85 12.32 11.43 4.85 MINIMUM 28 4.57 3.05 2.11 0.53 0.32 12.57 11.58 5.56 12.57 11.58 5.56 MAXIMUM
Reference Document: JEDEC Publication 95, MS-018
84330AV-02
www.icst.com/products/hiperclocks.html
16
REV. A MAY 31, 2005
Integrated Circuit Systems, Inc.
ICS84330-02
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
Marking Package 28 Lead PLCC 28 Lead PLCC 28 Lead "Lead-Free" PLCC 28 Lead "Lead-Free" PLCC Shipping Packaging tube 500 tape & reel tube 500 tape & reel Temperature 0C to 70C 0C to 70C 0C to 70C 0C to 70C
TABLE 12. ORDERING INFORMATION
Part/Order Number ICS84330AV-02 ICS84330AV-02T ICS84330AV-02LF ICS84330AV-02LFT ICS84330AV-02 ICS84330AV-02 ICS84330AV02L ICS84330AV02L
NOTE: Parts that are ordered with an "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
The aforementioned trademark, HiPerClockSTM is a trademark of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. 84330AV-02
www.icst.com/products/hiperclocks.html
17
REV. A MAY 31, 2005


▲Up To Search▲   

 
Price & Availability of ICS84330-02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X