Part Number Hot Search : 
FM306 C74HC3 CJF31A S0504F1 61FS3 ELECTRON CR200 5KE11A
Product Description
Full Text Search
 

To Download HEDS-9100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H
Two Channel High Resolution Optical Incremental Encoder Modules Technical Data
HEDS-9000/9100/9200 Extended Resolution Series
Features
* High Resolution: Up to 2048 Cycles per Revolution * Up to 8192 Counts per Revolution with 4X Decoding * Two Channel Quadrature Output * Low Cost * Easy to Mount * No Signal Adjustment Required * Small Size * -40C to 100 C Operating Temperature * TTL Compatible * Single 5 V Supply
codestrip, these modules detect relative linear position. These modules consist of a lensed Light Emitting Diode (LED) source and detector IC enclosed in a small C shaped plastic package. Due to a highly collimated light source and unique photodetector array, these modules provide a highly reliable quadrature output. The HEDS-9000 and HEDS-9100 are designed for use with codewheels which have an optical radius of 23.36 mm and 11 mm respectively. The HEDS-9200 is designed for use with a linear codestrip. These components produce a two channel quadrature output which can be accessed through five 0.025 inch square pins located on 0.1 inch centers. The resolution of the HEDS-9000 Options T and U are 2000 and 2048 counts per revolution respectively. The HEDS-9100 Options B and J are 1000 and 1024 counts per revolution respectively. The HEDS-9200 Option 300 and 360 linear encoder modules have resolutions of 300 and 360 lines per inch. Consult local Hewlett-Packard sales representatives for other resolutions.
Description
The HEDS-9000 Options T and U and the HEDS-9100 Options B and J are high resolution two channel rotary incremental encoder modules. These options are an extension of our popular HEDS-9000 and HEDS-9100 series. When used with a codewheel, these modules detect relative rotary position. The HEDS-9200 Option 300 and 360 are high resolution linear encoder modules. When used with a
Theory of Operation
The diagram shown on the following page is a block diagram of the encoder module. As seen in this block diagram, the module contains a single LED as its light source. The light is collimated into a parallel beam by means of a single polycarbonate lens located directly over the LED. Opposite the emitter is the integrated detector circuit. This IC consists
ESD WARNING: NORMAL HANDLING PRECAUTIONS SHOULD BE TAKEN TO AVOID STATIC DISCHARGE.
5965-5889E 2-63
MOTION SENSING AND CONTROL
Block Diagram
Output Waveforms
of multiple sets of photodetectors and the signal processing circuitry necessary to produce the digital waveforms. The codewheel/codestrip passes between the emitter and detector, causing the light beam to be interrupted by the pattern of spaces and bars on the codewheel. The photodiodes which detect these interruptions are arranged in a pattern that corresponds to the codewheel/ codestrip. These detectors are also spaced such that a light period on one pair of detectors corresponds to a dark period on the adjacent pair of detectors. The photodiode outputs are then fed through the signal processing circuitry resulting in A, A, B, and B. Comparators receive these signals and produce the final outputs for channels A and B. Due to this integrated phasing technique, the digital output of channel A is in quadrature with
that of channel B (90 degrees out of phase).
Definitions
Count (N): The number of bar and window pairs or counts per revolution (CPR) of the codewheel. 1 cycle (C): 360 electrical degrees (e), 1 bar and window pair. 1 Shaft Rotation: 360 mechanical degrees, N cycles. Pulse Width (P): The number of electrical degrees that an output is high during 1 cycle. This value is nominally 180e or 1/2 cycle. Pulse Width Error (P): The deviation, in electrical degrees of the pulse width from its ideal value of 180e. State Width (S): The number of electrical degrees between a transition in the output of channel A and the neighboring transition in the output of channel B. There are 4 states per cycle, each nominally 90e.
State Width Error (S): The deviation, in electrical degrees, of each state width from its ideal value of 90e. Phase (): The number of electrical degrees between the center of the high state of channel A and the center of the high state of channel B. This value is nominally 90e for quadrature output. Phase Error (): The deviation of the phase from its ideal value of 90e. Direction of Rotation: When the codewheel rotates in the direction of the arrow on top of the module, channel A will lead channel B. If the codewheel rotates in the opposite direction, channel B will lead channel A. Optical Radius (Rop ): The distance from the codewheel's center of rotation to the optical center (O.C.) of the encoder module.
2-64
Package Dimensions
2.54 (0.100) TYP. 1.52 (0.060) 1.0 (0.04) DATE CODE 3.73 0.05 (0.147 0.002) 20.8 (0.82) 11.7 (0.46) 2.67 (0.105) DIA. MOUNTING THRU HOLE 2 PLACES 2.44/2.41 X 2.79 (0.096/0.095 X 0.110) 2.16 (0.085) DEEP OPTICAL CENTER OPTICAL CENTER LINE 5.46 0.10 (0.215 0.004) 2.21 (0.087) 2.54 (0.100) 1.8 (0.07) 2.9 (0.11) 6.9 (0.27)
OPTION CODE 5.1 (0.20)
5 4 3 2 1
GND
VCC
0.63 (0.025) SQR. TYP.
CH. B VCC CH. A N.C. GND
26.67 (1.05) 15.2 (0.60)
8.6 (0.34)
11.9 (0.47)
1.02 0.10 (0.040 0.004)
4.75 0.10 (0.187 0.004) ALIGNING RECESS 2.44/2.41 X 2.79 (0.096/0.095 X 0.110) 2.16 (0.085) DEEP OPTICAL CENTER
8.81 5.8 (0.347) 45 (0.23) ALIGNING RECESS 2.44/2.41 DIA. (0.096/0.095) 2.16 (0.085) DEEP 4.11 (0.162) 6.35 (0.250) REF.
ALIGNING RECESS 2.44/2.41 DIA. 1.85 (0.073) (0.096/0.095) 2.16 (0.085) 8.64 (0.340) DEEP REF.
C L 17.27 (0.680) 20.96 (0.825)
1.78 0.10 (0.070 0.004) 2.92 0.10 (0.115 0.004)
10.2 10.16 (0.400) (0.400) TYPICAL DIMENSIONS IN MILLIMETERS AND (INCHES)
SIDE A
SIDE B
Absolute Maximum Ratings
Storage Temperature, TS ..................................................................... -40C to 100C Operating Temperature, TA ................................................................ -40C to 100C Supply Voltage, VCC ...................................................................................... -0.5 V to 7 V Output Voltage, VO ........................................................................................ -0.5 V to VCC Output Current per Channel, Iout ................................................. -1.0 mA to 5 mA
Recommended Operating Conditions
Parameter Temperature Supply Voltage Load Capacitance Count Frequency Shaft Axial Play Symbol TA VCC CL f Min. -40 4.5 5.0 Typ. Max. 100 5.5 100 100 0.125 0.005 Units C Volts pF kHz mm in. Ripple < 100 mVp-p 3.3 k pull-up resistor Velocity (rpm) x N/60 Notes
Note: The module performance is guaranteed to 100 kHz but can operate at higher frequencies. For frequencies above 100 kHz it is recommended that the load capacitance not exceed 25 pF and the pull up resistance not exceed 3.3 k. For typical module performance above 100 kHz please see derating curves.
2-65
MOTION SENSING AND CONTROL
Hp
HEDS-9X00
YYXX X00
Electrical Characteristics
Electrical Characteristics over Recommended Operating Range, typical at 25C. Parameter Supply Current High Level Output Voltage Low Level Output Voltage Rise Time Fall Time Symbol ICC VOH VOL tr tf 180 40 Min. 30 2.4 0.4 Typical 57 Max. 85 Units mA Volts Volts ns ns IOH = -200 A max. IOL = 3.86 mA CL = 25 pF RL = 3.3 k pull-up Notes
Encoding Characteristics
Encoding Characteristics over Recommended Operating Range and Recommended Mounting Tolerances. These Characteristics do not include codewheel/codestrip contribution. The Typical Values are averages over the full rotation of the codewheel. For operation above 100 kHz, see frequency derating curves.
Description Pulse Width Error Logic State Width Error Phase Error
Symbol P S
Typical 5 3 2
Maximum 45 45 15
Units e e e
Note: Module mounted on tolerance circle of 0.13 mm ( 0.005 in.) radius referenced from module Side A aligning recess centers. 3.3 k pull-up resistors used on all encoder module outputs.
Frequency Derating Curves
Typical performance over extended operating range. These curves were derived using a 25 pF load with a 3.3 k pull-up resistor. Greater load capacitances will cause more error than shown in these graphs.
0 15
CHANGE IN STATE WIDTH ERROR (ELECTRICAL DEGREES)
CHANGE IN PULSE WIDTH ERROR (ELECTRICAL DEGREES)
+100 C -5
+25 C
10
-40 C
+25 C 5 +100 C 0
-40 C -10
-15 0 50 100 FREQUENCY (KHz) 150 200
-5 0 50 100 FREQUENCY (KHz) 150 200
2-66
Gap Setting for Rotary and Linear Modules
Gap is the distance between the image side of the codewheel and the detector surface of the module. This gap dimension must always be met and codewheel warp and shaft end play must stay within this range. This dimension is shown in Figure 1.
SIDE B
+0.51 +0.020 6.63 -0.25 0.261 -0.010 NOTE 1
(
)
SIDE A IMAGE SIDE OF CODEWHEEL/CODESTRIP CODEWHEEL/CODESTRIP
+0.25 +0.010 3.56 -0.51 0.140 -0.020 NOTE 1
(
)
MOTION SENSING AND CONTROL
Mounting Considerations for Rotary Modules
Figure 2 shows a mounting tolerance requirement for proper operation of the high resolution rotary encoder modules. The Aligning Recess Centers must be located within a tolerance circle of 0.13 mm (0.005 in.) radius from the nominal locations. This tolerance must be maintained whether the module is mounted with side A as the mounting plane using aligning pins (see Figure 3), or mounted with Side B as the mounting plane using an alignment tool.
NOTES: 1. THESE DIMENSIONS INCLUDE CODEWHEEL/CODESTRIP WARP AND SHAFT END PLAY. 2. DIMENSIONS IN MILLIMETERS AND (INCHES).
Figure 1. Module Gap Setting.
Mounting with Aligning Pins
The high resolution rotary encoder modules can be mounted using aligning pins on the motor base. (HP does not provide aligning pins.) For this configuration, Side A must be used as the mounting plane. The Aligning Recess Centers must be located within the 0.13 mm (0.005 in.) R Tolerance Circle as explained above. Figure 3 shows the necessary dimensions.
Figure 2. Rotary Module Mounting Tolerance.
Mounting with HP Alignment Tools
HP offers alignment tools for mounting HP encoder modules in conjunction with HP codewheels, using side B as the mounting plane. Please refer to the HP codewheel data sheet for more information.
2 PLACES NOTE 1
NOTE 1: RECOMMENDED MOUNTING SCREW TORQUE IS 4 KG-CM (3.5 IN-LBS).
Figure 3. Mounting Plane Side A.
2-67
Mounting Considerations for Linear Modules
Mounting Plane Side A
Mounting Plane Side B
2-68
Recommended Codewheel Characteristics
Parameter Window/Bar Ratio Window Length Absolute Maximum Codewheel Radius
Symbol w/b Lw Rc
Minimum 0.7 1.8 (0.07)
Maximum 1.4
Units
Notes
mm (inch) Rop + 1.9 (0.075) mm (inch) Includes eccentricity errors
Recommended Codestrip Characteristics and Alignment
Codestrip design must take into consideration mounting as referenced to either side A or side B (see Figure 4). Mounting as Referenced to Side A Mounting as Referenced to Side B
Figure 4. Codestrip Design
STATIC CHARGE WARNING: LARGE STATIC CHARGE ON CODESTRIP MAY HARM MODULE. PREVENT ACCUMULATION OF CHARGE.
Parameter Window/Bar Ratio Window Distance Window Edge to Module Opt Center Line Parallelism Module to Codestrip
Symbol Ww /Wb L S
Mounting Ref. Side A 0.7 min., 1.4 max. La 0.51 (0.020) 0.90 (0.035) min. 1.3 max.
Mounting Ref. Side B 0.7 min., 1.4 max. Lb 3.23 (0.127) 0.90 (0.035) min. 1.3 max.
Units
mm (inch) mm (inch) deg.
Note: All parameters and equations must be satisfied over the full length of codestrip travel including maximum codestrip runout.
2-69
MOTION SENSING AND CONTROL
Connectors
Manufacturer AMP DuPont HP Molex Part Number 103686-4 640442-5 65039-032 with 4825X-000 term. HEDS-8902 with 4-wire leads 2695 series with 2759 series term. Mounting Surface Both Side B Both Side B (see Fig. 7) Side B
Figure 7. HEDS-8902 Connector.
2-70
Ordering Information
Two Channel Encoder Modules with a 23.36 mm Optical Radius HEDS-9000 Option 00 *
MOTION SENSING AND CONTROL
2-71
Resolution (Cycles/Rev) T - 2000 CPR U - 2048 CPR
Two Channel Encoder Modules with an 11.00 mm Optical Radius HEDS-9100 Option 00 * Resolution (Cycles/Rev) B - 1000 CPR J - 1024 CPR
Two Channel Linear Encoder Module HEDS-9200 Option
Resolution (Cycles/Rev) 300 - 300 LPI 360 - 360 LPI
Note: For lower resolutions, please refer to HEDS-9000/9100 and HEDS-9200 data sheets for detailed information.
*Codewheel Information
For information on matching codewheels and accessories for use with HP rotary encoder modules, please refer to the HP Codewheel Data sheet HEDS5120/6100, HEDG-5120/6120, HEDM-5120/6120


▲Up To Search▲   

 
Price & Availability of HEDS-9100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X