Part Number Hot Search : 
XXXSE AN001PG CD54AC04 CD5265CS AT82NGSZ 2SB956 79H0006 ICX206
Product Description
Full Text Search
 

To Download CM100DU-12H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI IGBT MODULES
CM100DU-12H
HIGH POWER SWITCHING USE INSULATED TYPE
TC Measured Point
E F G E2 A B H J D C
G1 E1 G2 G2
U C1
3-M5 Nuts O P O Q
CM
C2E1
K
2 - Mounting Holes (6.5 Dia.)
V
L M N TAB#110 t=0.5 P S
R
T
E2 G2
Description: Mitsubishi IGBT Modules are designed for use in switching applications. Each module consists of two IGBTs in a half-bridge configuration with each transistor having a reverse-connected super-fast recovery free-wheel diode. All components and interconnects are isolated from the heat sinking baseplate, offering simplified system assembly and thermal management. Features: Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery Free-Wheel Diode High Frequency Operation Isolated Baseplate for Easy Heat Sinking Applications: AC Motor Control Motion/Servo Control UPS Welding Power Supplies Ordering Information: Example: Select the complete module number you desire from the table - i.e. CM100DU-12H is a 600V (VCES), 100 Ampere Dual IGBT Module.
Type CM Current Rating Amperes 100 VCES Volts (x 50) 12
C2E1
E2
C1
E1 G1
Outline Drawing and Circuit Diagram Dimensions A B C D E F G H J K L Inches 3.7 3.150.01 1.89 0.94 0.28 0.67 0.91 0.91 0.43 0.71 0.16 Millimeters 94.0 80.00.25 48.0 24.0 7.0 17.0 23.0 23.0 11.0 18.0 4.0 Dimensions M N O P Q R S T U V Inches 0.47 0.53 0.1 0.63 0.98 Millimeters 12.0 13.5 2.5 16.0 25.0
1.18 +0.04/-0.02 30.0 +1.0/-0.5 0.3 0.83 0.16 0.51 7.5 21.2 4.0 13.0
Sep.1998
21
MITSUBISHI IGBT MODULES
CM100DU-12H
HIGH POWER SWITCHING USE INSULATED TYPE Absolute Maximum Ratings, Tj = 25 C unless otherwise specified
Ratings Junction Temperature Storage Temperature Collector-Emitter Voltage (G-E SHORT) Gate-Emitter Voltage (C-E SHORT) Collector Current (Tc = 25C) Peak Collector Current Emitter Current** (Tc = 25C) Peak Emitter Current** Maximum Collector Dissipation (Tc = 25C, Tj 150C) Mounting Torque, M5 Main Terminal Mounting Torque, M6 Mounting Weight Isolation Voltage (Main Terminal to Baseplate, AC 1 min.) Symbol Tj Tstg VCES VGES IC ICM IE IEM Pc - - - Viso CM100DU-12H -40 to 150 -40 to 125 600 20 100 200* 100 200* 400 2.5~3.5 3.5~4.5 310 2500 Units C C Volts Volts Amperes Amperes Amperes Amperes Watts N*m N*m Grams Vrms
* Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tj(max) rating. **Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
Static Electrical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Collector-Cutoff Current Gate Leakage Voltage Gate-Emitter Threshold Voltage Collector-Emitter Saturation Voltage Symbol ICES IGES VGE(th) VCE(sat) QG VEC Test Conditions VCE = VCES, VGE = 0V VGE = VGES, VCE = 0V IC = 10mA, VCE = 10V IC = 100A, VGE = 15V, Tj = 25C IC = 100A, VGE = 15V, Tj = 125C Total Gate Charge Emitter-Collector Voltage** VCC = 300V, IC = 100A, VGE = 15V IE = 100A, VGE = 0V Min. - - 4.5 - - - - Typ. - - 6 2.4 2.6 200 - Max. 1 0.5 7.5 3.0 - - 2.6 Units mA A Volts Volts Volts nC Volts
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
Dynamic Electrical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance Resistive Load Switch Times Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Symbol Cies Coes Cres td(on) tr td(off) tf trr Qrr VCC = 300V, IC = 100A, VGE1 = VGE2 = 15V, RG = 6.3, Resistive Load Switching Operation IE = 100A, diE/dt = -200A/s IE = 100A, diE/dt = -200A/s VCE = 10V, VGE = 0V Test Conditions Min. - - - - - - - - - Typ. - - - - - - - - 0.24 Max. 8.8 4.8 1.3 100 250 200 300 160 - Units nF nF nF ns ns ns ns ns C
Diode Reverse Recovery Time** Diode Reverse Recovery Charge**
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
Thermal and Mechanical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Thermal Resistance, Junction to Case Thermal Resistance, Junction to Case Contact Thermal Resistance Symbol Rth(j-c)Q Rth(j-c)D Rth(c-f) Test Conditions Per IGBT 1/2 Module Per FWDi 1/2 Module Per Module, Thermal Grease Applied Min. - - - Typ. - - 0.035 Max. 0.31 0.7 - Units C/W C/W C/W Sep.1998
MITSUBISHI IGBT MODULES
CM100DU-12H
HIGH POWER SWITCHING USE INSULATED TYPE
OUTPUT CHARACTERISTICS (TYPICAL)
TRANSFER CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
200
COLLECTOR CURRENT, IC, (AMPERES)
VGE = 20V
160
15
13
160
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS)
Tj = 25oC
200
14
COLLECTOR CURRENT, IC, (AMPERES)
5
VCE = 10V Tj = 25C Tj = 125C VGE = 15V Tj = 25C Tj = 125C
4 3 2 1
12
120
11
120
80
10
80 40 0
40
9 8
0 0 2 4 6 8 10
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
0 0 4 8 12 16 20 0 40 80 120 160 200
GATE-EMITTER VOLTAGE, VGE, (VOLTS) COLLECTOR-CURRENT, IC, (AMPERES)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
FREE-WHEEL DIODE FORWARD CHARACTERISTICS (TYPICAL)
CAPACITANCE VS. VCE (TYPICAL)
10
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS)
103
Tj = 25C
102
Tj = 25C
CAPACITANCE, Cies, Coes, Cres, (nF)
VGE = 0V
8 6 4 2
IC = 200A
EMITTER CURRENT, IE, (AMPERES)
101
Cies
IC = 100A
102
100
Coes
10-1
Cres
IC = 40A
0 0 4 8 12 16 20
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
101 0.6
1.0
1.4
1.8
2.2
2.6
3.0
10-2 10-1
100
101
102
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
HALF-BRIDGE SWITCHING CHARACTERISTICS (TYPICAL)
REVERSE RECOVERY CHARACTERISTICS (TYPICAL) di/dt = -200A/sec Tj = 25C
REVERSE RECOVERY CURRENT, Irr, (AMPERES)
GATE CHARGE, VGE
103
REVERSE RECOVERY TIME, trr, (ns)
103
VCC = 300V VGE = 15V RG = 6.3 Tj = 125C td(off) tf
102
20
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
IC = 100A
16 12 8 4
SWITCHING TIME, (ns)
VCC = 200V VCC = 300V
102
td(on)
102
trr Irr
101
101
tr
100 100
101
COLLECTOR CURRENT, IC, (AMPERES)
102
101 100
101
EMITTER CURRENT, IE, (AMPERES)
100 102
0 0 50 100 150 200 250 300
GATE CHARGE, QG, (nC)
Sep.1998
MITSUBISHI IGBT MODULES
CM100DU-12H
HIGH POWER SWITCHING USE INSULATED TYPE
NORMALIZED TRANSIENT THERMAL IMPEDANCE, Zth(j-c) Zth = Rth * (NORMALIZED VALUE)
10-3 101
10-2
10-1
100
101
NORMALIZED TRANSIENT THERMAL IMPEDANCE, Zth(j-c) Zth = Rth * (NORMALIZED VALUE)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (IGBT)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (FWDi)
10-3 101
10-2
10-1
100
101
100
Single Pulse TC = 25C Per Unit Base = Rth(j-c) = 0.31C/W
100
Single Pulse TC = 25C Per Unit Base = Rth(j-c) = 0.7C/W
10-1
10-1
10-1
10-1
10-2
10-2
10-2
10-2
10-3 10-5
TIME, (s)
10-4
10-3 10-3
10-3 10-5
TIME, (s)
10-4
10-3 10-3
Sep.1998
24


▲Up To Search▲   

 
Price & Availability of CM100DU-12H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X