Part Number Hot Search : 
BM324 TSI721 CM349 IRG4PC 109332 050V3C KB4339 LA112
Product Description
Full Text Search
 

To Download BCM5325M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5325M
(R)
FIVE-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
FEATURES * The highest level of silicon integration achieved for a five-port
10/100 Ethernet switch device
SUMMARY OF BENEFITS * Enables a new generation of lower cost 10/100 switches in
much smaller form factors
* Fourth generation switch on a chip * The BCM5325M integrates:
* * * * Five transceivers (802.3u compliant) Six media access controllers (802.x compliant) 128-KB packet buffer Non-blocking switch fabric
* Utilizes field-proven industry-standard 10BASE-T/100BASETX Fast Ethernet transceivers--lowering overall system interoperability and reliability risks
* Flexible interfaces support a wider variety of application
needs--fiber for long distances or an additional 100TX port
* Sufficient address range handles all remote office, branch
office and home office needs
* Packet classification 802.1p QoS priority queues * Port-based VLAN * MII or 7-wire interface supports an additional 100FX or 100TX
connection enabling a sixth user connection or uplink
* Port VLAN and 802.1p priority enables the switch to be
designed into a wide variety of applications
* CPUs are not required to initialize and run in cost-sensitive
unmanaged applications--providing true Plug and Play connectivity
* Supports up to 2K MAC addresses * Flow control: full-duplex (802.3x) and half-duplex options
supported
* Internal oscillator circuit simplifies design and reduces
overall system cost
* * * * *
Supports automatic address learning and aging Internal oscillator circuit Typical power consumption: < 1.4W 128-pin PQFP package Management features: * * Low-cost MIB AutocastTM function Hardware support for Simple Network Management Protocol (SNMP), Remote Network Monitoring (RMON) and Spanning Tree
* Ability to gather and support basic management statistics
with only a very low-cost microcontroller
* Low-cost management using the on-chip MIB registers allows
the collection and transmission of statistics for each port and provides an upward migration path for corporate users
* On-chip HP auto-MDI/MDIX feature automatically detects and
corrects for crossover cables and allows direct switch-toswitch connection
Low Cost Managed Five-Port 10/100 Smart Switch
OVERVIEW
A uto MDI/MDIX
10/100 P HY
MA C
MIB R egis ters
A uto MDI/MDIX 10/100 P HY MA C
A uto MDI/MDIX
10/100 P HY
MA C
S witc h F abric and A R L L ogic P riority Mapping R egis ter 802.1p
A uto MDI/MDIX
10/100 P HY
MA C
A uto MDI/MDIX
10/100 P HY
MA C
DMA Interfac e
MII or 7 wire Interfac e MA C
128 K B P ac ket B uffer
C P U or E 2P R OM Interfac e S P I/C P U Interfac e
L E D Interfac e
LED
The Broadcom BCM5325M device is a highly integrated solution. It combines all the functions of a high-speed switch system--including packet buffer, PHY transceivers, media access controllers, address management, and a non-blocking switch fabric--into a single 0.18 CMOS device. It complies with the IEEE 802.3, 802.3, and 802.3x specifications, including the MAC control PAUSE frame and autonegotiation subsections, providing compatibility with all industry-standard Ethernet and Fast Ethernet devices. This device contains five full-duplex 10BASE-T/100BASE-TX Fast Ethernet transceivers, each of which performs all of the physical layer interface functions for 10BASE-T Ethernet on Category 3, 4, or 5 Unshielded Twisted Pair (UTP) cable and 100BASE-TX Fast Ethernet on Category 5 UTP cable. SPI or E2PROM interfaces provide easy programming of the 802.1p QoS queues. This allows switch traffic to be given different classes of priority or service, for example, voice traffic for IP phone applications, video traffic for multimedia applications, or data traffic for e-mail applications.
Even though this device is primarily targeted for the cost-sensitive unmanaged market, very low-cost management can also be provided utilizing the proprietary MIB AutocastTM function. MIB Autocast encapsulates the on-chip MIB statistics and sends them out automatically on a predefined port (or ports) at programmed intervals. This feature eliminates the need for a costly CPU and simplifies the management interface. Using this mode, the BCM5325M periodically transmits a legal Ethernet frame on a designated port. The frames can be intercepted by an external management probe or a dedicated network management application, resident on any node within the network. This function requires only a small, low-cost microcontroller to initialize and configure the device. The BCM5325M provides an on-chip MIB statistics register to collect, receive, and transmit statistics for each port. Additionally it provides direct hardware support for the EtherLike MIB, Bridge MIB, MIB II (interfaces) and the first four groups of the RMON MIB. All nine groups of RMON can be supported by using additional capabilities, such as port mirroring/ snooping, together with an external microcontroller to process some MIB attributes. The MIB registers can be accessed through the serial management port by an external microcontroller.
Broadcom(R), the pulse logo, MIB AutocastTM, and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2004 by BROADCOM CORPORATION. All rights reserved. 5325M-PB05-R 07/13/04
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM5325M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X