Part Number Hot Search : 
3362M104 HCF4046 TD425 35LH011 AP1603 TA123 TLMS3101 ACTS374K
Product Description
Full Text Search
 

To Download AK25GB80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THYRISTOR MODULE
AK25GB40/80
UL;E76102 M Power Thyristor Module AK25GB series are designed for various rectifier circuits and power controls. For your circuit application. following internal connections and wide voltage ratings up to 800V are available, and electrically isolated mounting base make your mechanical design easy. Isolated mounting base IT AV 25A, IT RMS 55A, ITSM 55A di/dt 100 A/ s dv/dt 500V/ s Applications AC/DC motor drives Heater controls Light dimmers Static switches Internal Configurations
Unit A
Maximum Ratings
Symbol VDRM Symbol IT IT
AV RMS
Tj 25 Item Ratings AK25GB40 400 Conditions Single phase, half wave, 180 conduction, Tc 97 Tc 97
1 2cycle, 50Hz/60Hz, peak value, non-reqetitive Value for one cycle of surge current
unless otherwise specified Unit V Unit A A A A2S W W A V V A/ s V 125 125 N fB g
Repetitive Peak Off-State Voltage Item Average On-State Current R.M.S. On-State Current Surge On-State Current It
2
AK25GB80 800 Ratings 25 55 450/500 1000 10 1 3 10 5
ITSM It
2
PGM PG
AV
Peak Gate Power Dissipation Average Gate Power Dissipation Peak Gate Current Peak Gate Voltage Forward Peak Gate Voltage Reverse Critical Rate of Rise of On-State Current Isolation Breakdown Voltage R.M.S. Operating Junction Temperature Storage Temperature Mounting Torque Mass Mounting M6 Terminal M5 Recommended Value 2.5 3.9 25 40 Recommended Value 1.5 2.5 15 25 Typical Value IG 100mA Tj 25 A.C. 1 minute VD
1 2VDRM
IFGM VFGM VRGM di/dt VISO Tj Tstg
dIG/dt 0.1A/ s 40 40
100 2500
4.7 48 2.7 28 170
Electrical Characteristics
Symbol IDRM VTM IGT/VGT VGD tgt dv/dt IH IL Rth j-c Item Repetitive Peak Off-State Current, max. Peak On-State Voltage, max. Gate Trigger Current/Voltage, max. Non-Trigger Gate, Voltage. min. Turn On Time, max. Critical Rate of Rise of Off-State Voltage, min. Holding Current, typ. Lutching Current, typ. Thermal Impedance, max. Conditions at VDRM, Single phase, half wave, Tj 125 On-State Current 75A, Tj 125 Tj 25 Tj 125 Tj 125 Tj 25 Tj 25 Junction to case, per 2 Module Junction to case, per 1 Module
1
Ratings 8 1.50 50/3 0.25 Inst. measurement
Unit mA V mA/V V s V/ s mA mA /W
IT 1A VD 6V VD VD
1 2VDRM
IT 25A IG 100mA Tj 25
2
VD
1
2VDRM
dIG/dt 0.1A/ s
10 500 50 100 0.80 0.40
3VDRM
Exponential wave.
63
AK25GB40/80


▲Up To Search▲   

 
Price & Availability of AK25GB80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X