Part Number Hot Search : 
1C102 2SK101 22P10 UM1015 40113 LD2985 ZM4743A SP6134HV
Product Description
Full Text Search
 

To Download AD8306AR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier AD8306
FUNCTIONAL BLOCK DIAGRAM
SIX STAGES TOTAL GAIN 72dB INHI 12dB INLO LADR ATTEN 4 DET BIAS CTRL I-V TEN DETECTORS SPACED 12dB 12dB 12dB LIM LMLO LMDR TYP GAIN 18dB LMHI
FEATURES Complete, Fully Calibrated Log-Limiting IF Amplifier 100 dB Dynamic Range: -91 dBV to +9 dBV Stable RSSI Scaling Over Temperature and Supplies: 20 mV/dB Slope, -95 dBm Intercept 0.4 dB RSSI Linearity up to 200 MHz Programmable Limiter Gain and Output Current Differential Outputs to 10 mA, 2.4 V p-p Overall Gain 90 dB, Bandwidth 400 MHz Constant Phase (Typical 56 ps Delay Skew) Single Supply of +2.7 V to +6.5 V at 16 mA Typical Fully Differential Inputs, RIN = 1 k , C IN = 2.5 pF 500 ns Power-Up Time, <1 A Sleep Current APPLICATIONS Receivers for Frequency and Phase Modulation Very Wide Range IF and RF Power Measurement Receiver Signal Strength Indication (RSSI) Low Cost Radar and Sonar Signal Processing Instrumentation: Network and Spectrum Analyzers PRODUCT DESCRIPTION
DET
DET
DET
VLOG FLTR
ENBL
GAIN BIAS
BAND-GAP REFERENCE
SLOPE BIAS
INTERCEPT TEMP COMP
The AD8306 is a complete IF limiting amplifier, providing both an accurate logarithmic (decibel) measure of the input signal (the RSSI function) over a dynamic range of 100 dB, and a programmable limiter output, useful from 5 MHz to 400 MHz. It is easy to use, requiring few external components. A single supply voltage of +2.7 V to +6.5 V at 16 mA is needed, corresponding to a power consumption of under 50 mW at 3 V, plus the limiter bias current, determined by the application and typically 2 mA, providing a limiter gain of 90 dB when using 200 loads. A CMOS-compatible control interface can enable the AD8306 within about 500 ns and disable it to a standby current of under 1 A. The six cascaded amplifier/limiter cells in the main path have a small signal gain of 12.04 dB (x4), with a -3 dB bandwidth of 850 MHz, providing a total gain of 72 dB. The programmable output stage provides a further 18 dB of gain. The input is fully differential and presents a moderately high impedance (1 k in parallel with 2.5 pF). The input-referred noise-spectral-density, when driven from a terminated 50 , source is 1.28 nV/Hz, equivalent to a noise figure of 3 dB. The sensitivity of the AD8306 can be raised by using an input matching network. Each of the main gain cells includes a full-wave detector. An additional four detectors, driven by a broadband attenuator, are used to extend the top end of the dynamic range by over 48 dB.
The overall dynamic range for this combination extends from -91 dBV (-78 dBm at the 50 level) to a maximum permissible value of +9 dBV, using a balanced drive of antiphase inputs each of 2 V in amplitude, which would correspond to a sine wave power of +22 dBm if the differential input were terminated in 50 . Through laser trimming, the slope of the RSSI output is closely controlled to 20 mV/dB, while the intercept is set to -108 dBV (-95 dBm re 50 ). These scaling parameters are determined by a band-gap voltage reference and are substantially independent of temperature and supply. The logarithmic law conformance is typically within 0.4 dB over the central 80 dB of this range at any frequency between 10 MHz and 200 MHz, and is degraded only slightly at 400 MHz. The RSSI response time is nominally 73 ns (10%-90%). The averaging time may be increased without limit by the addition of an external capacitor. The full output of 2.34 V at the maximum input of +9 dBV can drive any resistive load down to 50 and this interface remains stable with any value of capacitance on the output. The AD8306 is fabricated on an advanced complementary bipolar process using silicon-on-insulator isolation techniques and is available in the industrial temperature range of -40C to +85C, in a 16-lead narrow body SO package. The AD8306 is also available for the full military temperature range of -55C to +125C, in a 16-lead side-brazed ceramic DIP.
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 1999
AD8306-SPECIFICATIONS (V = +5 V, T = +25 C, f = 10 MHz, unless otherwise noted)
S A
Parameter INPUT STAGE Maximum Input2 Equivalent Power in 50 Noise Floor Equivalent Power in 50 Input Resistance Input Capacitance DC Bias Voltage LIMITING AMPLIFIER Usable Frequency Range At Limiter Output Phase Variation at 100 MHz Limiter Output Current Versus Temperature Input Range3 Maximum Output Voltage Rise/Fall Time (10%-90%) LOGARITHMIC AMPLIFIER 3 dB Error Dynamic Range Transfer Slope4 Over Temperature Intercept (Log Offset)4 Over Temperature Temperature Sensitivity Linearity Error (Ripple) Output Voltage
Conditions (Inputs INHI, INLO) Differential Drive, p-p Terminated in 52.3 RIN Terminated 50 Source 400 MHz Bandwidth From INHI to INLO From INHI to INLO Either Input (Outputs LMHI, LMLO) RLOAD = RLIM = 50 , to -10 dB Point Over Input Range -73 dBV to -3 dBV Nominally 400 mV/RLIM -40C TA +85C At Either LMHI or LMLO, wrt VPS2 RLOAD = 50 , 40 RLIM 400 (Output VLOG) From Noise Floor to Maximum Input f = 10 MHz f = 100 MHz -40C < TA < +85C f = 10 MHz f = 100 MHz -40C TA +85C Input from -80 dBV to +0 dBV Input = -91 dBV, VS = +5 V, +2.7 V Input = +9 dBV, VS = +5 V Input = -3 dBV, VS = +3 V To Ground Large Scale Input, +3 dBV, RL 50 , CL 100 pF Large Scale Input, +3 dBV, RL 50 , CL 100 pF
Min1 3.5
Typ 4 +9 +22 1.28 -78 1000 2.5 1.725
Max1
Units V dBV dBm nV/Hz dBm pF V MHz MHz Degrees mA %/C dBV V ns
800
1200
5 585 2 1 -0.008 1.25 0.6 100 20 19.6 20 -108 -108.4 -108 -0.009 0.4 0.34 2.34 2.10 50 1.0 0.3 3.5 120 73 5 16 16 0.01 2.0 40 1 207
400
0 -78 1
10 +9
19.5 19.3 -109.5 -111
Minimum Load Resistance, RL Maximum Sink Current Output Resistance Small-Signal Bandwidth Output Settling Time to 2% Rise/Fall Time (10%-90%) POWER INTERFACES Supply Voltage, VS Quiescent Current Over Temperature Disable Current Additional Bias for Limiter Logic Level to Enable Power Input Current when HI Logic Level to Disable Power TRANSISTOR COUNT
40 0.75
dB mV/dB mV/dB 20.7 mV/dB -106.5 dBV dBV -105 dBV dB/C dB V 2.75 V V 1.25 mA MHz 220 ns 100 ns 20.5 6.5 20 23 4 2.25 VS 60 207 V mA mA A mA V A V
Zero-Signal, LMDR Open -40C < TA < +85C -40C < TA < +85C RLIM = 400 (See Text) HI Condition, -40C < TA < +85C 3 V at ENBL, -40C < TA < +85C LO Condition, -40C < TA < +85C # of Transistors
2.7 13 11
2.7 -0.5
NOTES 1 Minimum and maximum specified limits on parameters that are guaranteed but not tested are six sigma values. 2 The input level is specified in "dBV" since logarithmic amplifiers respond strictly to voltage, not power. 0 dBV corresponds to a sinusoidal single-frequency input of 1 V rms. A power level of 0 dBm (1 mW) in a 50 termination corresponds to an input of 0.2236 V rms. Hence, in the special case of 50 termination, dBV values can be converted into dBm by adding a fixed offset of +13 to the dBV rms value. 3 Due to the extremely high Gain Bandwidth Product of the AD8306, the output of either LMHI or LMLO will be unstable for levels below -78 dBV (-65 dBm, re 50 ). 4 Standard deviation remains essentially constant over frequency. See Figures 13, 14, 16 and 17. Specifications subject to change without notice.
-2-
REV. A
AD8306
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.5 V Input Level, Differential (re 50 ) . . . . . . . . . . . . . . . +26 dBm Input Level, Single-Ended (re 50 ) . . . . . . . . . . . . . +20 dBm Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . 800 mW JA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125C/W JC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25C/W Maximum Junction Temperature . . . . . . . . . . . . . . . . +125C Operating Temperature Range . . . . . . . . . . . . -40C to +85C
Storage Temperature Range -65C to +150C Lead Temperature Range (Soldering 60 sec) +300C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may effect device reliability.
ORDERING GUIDE
Model AD8306AR AD8306AR-REEL AD8306AR-REEL7 AD8306ACHIPS 5962-9864601QEA AD8306-EVAL
Temperature Range -40C to +85C -40C to +85C -40C to +85C -40C to +85C -55C to +125C
Package Description 16-Lead Narrow Body SO 13" Tape and Reel 7" Tape and Reel Die 16-Lead Side-Brazed Ceramic DIP Evaluation Board
Package Options SO-16 SO-16 SO-16 D-16
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD8306 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN FUNCTION DESCRIPTIONS
PIN CONFIGURATION
Pin 1 2
Name
Function
COM2 1 VPS1 2 PADL 3 INHI 4
16 VLOG 15 VPS2 14 PADL
COM2 Special Common Pin for RSSI Output. VPS1 Supply Pin for First Five Amplifier Stages and the Main Biasing System. 3, 6, 11, 14 PADL Four Tie-Downs to the Paddle on which the IC Is Mounted; Grounded. 4 INHI Signal Input, HI or Plus Polarity. 5 INLO Signal Input, LO or Minus Polarity. 7 COM1 Main Common Connection. 8 ENBL Chip Enable; Active When HI. 9 LMDR Limiter Drive Programming Pin. 10 FLTR RSSI Bandwidth-Reduction Pin. 12 LMLO Limiter Output, LO or Minus Polarity. 13 LMHI Limiter Output, HI or Plus Polarity. 15 VPS2 Supply Pin for Sixth Gain Stage, Limiter and RSSI Output Stage Load Current. 16 VLOG Logarithmic (RSSI) Output.
13 LMHI TOP VIEW INLO 5 (Not to Scale) 12 LMLO
AD8306
PADL 6 COM1 7 ENBL 8
11 PADL 10 FLTR 9
LMDR
REV. A
-3-
AD8306-Typical Performance Characteristics
100 10
SUPPLY CURRENT - mA VLOG 500mV PER VERTICAL DIVISION
1 TA = +25 C 0.1 TA = +85 C 0.01 TA = -40 C
GROUND REFERENCE
INPUT LEVEL SHOWN IS -3dBV
0.001
INPUT 1V PER VERTICAL DIVISION
0.0001 0.00001 0.5
100ns PER HORIZONTAL DIVISION
0.7
0.9
1.1
1.3 1.5 1.7 1.9 ENABLE VOLTAGE - V
2.1
2.3
2.5
Figure 1. Supply Current vs. Enable Voltage @ TA = -40C, +25C and +85C
Figure 4. RSSI Pulse Response for Inputs Stepped from Zero to -83 dBV, -63 dBV, -43 dBV, -23 dBV, -3 dBV
14
12 SUPPLY CURRENT - mA 10 ADDITIONAL SUPPLY CURRENT 8 6
500mV PER VERTICAL DIVISION
VLOG
GROUND REFERENCE INPUT
4 LIMITER OUTPUT CURRENT
100ns PER HORIZONTAL DIVISION
2 0 0
2V PER VERTICAL DIVISION
50
100
150
200 250 RLIM -
300
350
400
450
Figure 2. Additional Supply Current and Limiter Output Current vs. RLIM
Figure 5. Large Signal RSSI Pulse Response with RL = 100 and CL = 33 pF, 100 pF and 330 pF (Overlapping Curves)
27pF
270pF VLOG
500mV PER VERTICAL DIVISION
VLOG
200mV PER VERTICAL DIVISION
3300pF
GROUND REFERENCE INPUT 2V PER VERTICAL DIVISION 100ns PER HORIZONTAL DIVISION
100 s PER HORIZONTAL DIVISION GROUND REFERENCE
Figure 3. Large Signal RSSI Pulse Response with CL = 100 pF and RL = 50 and 75 (Curves Overlap)
Figure 6. Small Signal AC Response of RSSI Output with External Filter Capacitance of 27 pF, 270 pF and 3300 pF
-4-
REV. A
AD8306
2.5
5 4
2
3 2
RSSI OUTPUT - V
ERROR - dB
1.5
1 0 -1 -2 -3
TA = +85 C
1 TA = +85 C 0.5 TA = -40 C -80 -60 -40 -20 0
(+13dBm)
TA = +25 C TA = -40 C
-4 -5 -120
TA = +25 C 0 -120 -100
(-87dBm)
20
-100
(-87dBm)
-80
-60
-40
-20
0
(+13dBm)
20
INPUT LEVEL - dBV
INPUT LEVEL - dBV
Figure 7. RSSI Output vs. Input Level, 100 MHz Sine Input, at TA = -40C, +25C and +85C, Single-Ended Input
Figure 10. Log Linearity of RSSI Output vs. Input Level, 100 MHz Sine Input, at TA = -40C, +25C, and +85C
2.5 100MHz
5 4 DYNAMIC RANGE 10MHz 50MHz 100MHz 1dB 86 90 96 3dB 93 97 100
2 50MHz
3
10MHz
RSSI OUTPUT - V
2
ERROR - dB
1.5
1 100MHz 0 10MHz -1 -2 50MHz
1
0.5
-3 -4
0 -120
-100
(-87dBm)
-80
-60
-40
-20
0
(+13dBm)
20
-5 -120
-100
(-87dBm)
-80
-60
-40
-20
0
(+13dBm)
20
INPUT LEVEL - dBV
INPUT LEVEL - dBV
Figure 8. RSSI Output vs. Input Level, at TA = +25C, for Frequencies of 10 MHz, 50 MHz and 100 MHz
Figure 11. Log Linearity of RSSI Output vs. Input Level, at TA = +25C, for Frequencies of 10 MHz, 50 MHz and 100 MHz
2.5 200MHz
5 4 DYNAMIC RANGE 200MHz 300MHz 400MHz 1dB 96 90 85 3dB 100 100 100
2 400MHz
3 2
RSSI OUTPUT - V
ERROR - dB
1.5
300MHz
1 0 -1 -2 400MHz 300MHz
200MHz
1
0.5
-3 -4
0 -120
-100
(-87dBm)
-80
-60
-40
-20
0
(+13dBm)
20
-5 -120
-100
(-87dBm)
-80
-60
-40
-20
0
(+13dBm)
20
INPUT LEVEL - dBV
INPUT LEVEL - dBV
Figure 9. RSSI Output vs. Input Level, at TA = +25C, for Frequencies of 200 MHz, 300 MHz and 400 MHz
Figure 12. Log Linearity of RSSI Output vs. Input Level, at TA = +25C, for Frequencies of 200 MHz, 300 MHz and 400 MHz
REV. A
-5-
AD8306
21
-106 -107
RSSI INTERCEPT - dBV
20
RSSI SLOPE - mV/dB
-108
19
-109
-110
18
-111
17 0 100 200 FREQUENCY - MHz 300 400
-112 0 100 200 FREQUENCY - MHz 300 400
Figure 13. RSSI Slope vs. Frequency Using Termination of 52.3
Figure 16. RSSI Intercept vs. Frequency Using Termination of 52.3
0.375
RSSI INTERCEPT - STANDARD DEVIATION - dB
0.4
RSSI SLOPE - STANDARD DEVIATION - %
0.40
0.35
0.35
0.30
0.325
0.25
0.3
0.20
0.275
0.15
0.25 0 50 100 150 200 250 300 350 400 FREQUENCY - MHz
0.10 0 50 100 150 200 250 300 350 400 FREQUENCY - MHz
Figure 14. RSSI Slope Standard Deviation vs. Frequency
Figure 17. RSSI Intercept Standard Deviation vs. Frequency
10 NORMALIZED PHASE SHIFT - Degrees 8 6 4 2 0 -2 -4 -6 -8 TA = +25 C TA = -40 C TA = +85 C
LMLO
LMHI LIMITER OUTPUTS: 50mV PER VERTICAL DIVISION
INPUT: 1mV PER VERTICAL DIVISION
12.5ns PER HORIZONTAL DIVISION
-10 -73
-63
(-50dBm)
-53
-43
-33
-23
-13
(0dBm)
-3
INPUT LEVEL - dBV
Figure 15. Limiter Response at LMHI, LMLO with Pulsed Sine Input of -73 dBV (-60 dBm) at 50 MHz; RLOAD = 50 , RLIM = 200
Figure 18. Normalized Limiter Phase Response vs. Input Level. Frequency = 100 MHz; TA = -40C, +25C and +85C
-6-
REV. A
AD8306
PRODUCT OVERVIEW
The AD8306 is built on an advanced dielectrically-isolated complementary bipolar process using thin-film resistor technology for accurate scaling. It follows well-developed foundations proven over a period of some fifteen years, with constant refinement. The backbone of the AD8306 (Figure 19) comprises a chain of six main amplifier/limiter stages, each having a gain of 12.04 dB (x4) and small-signal -3 dB bandwidth of 850 MHz. The input interface at INHI and INLO (Pins 4 and 5) is fully differential. Thus it may be driven from either single-sided or balanced inputs, the latter being required at the very top end of the dynamic range, where the total differential drive may be as large as 4 V in amplitude. The first six stages, also used in developing the logarithmic RSSI output, are followed by a versatile programmable-output, and thus programmable-gain, final limiter section. Its opencollector outputs are also fully differential, at LMHI and LMLO (Pins 12 and 13). This output stage provides a gain of 18 dB when using equal valued load and bias setting resistors and the pin-to-pin output is used. The overall voltage gain is thus 90 dB. When using RLIM = RLOAD = 200 , the additional current consumption in the limiter is approximately 2.8 mA, of which 2 mA goes to the load. The ratio depends on RLIM (for example, when 20 , the efficiency is 90%), and the voltage at the pin LMDR is rather more than 400 mV, but the total load current is accurately (400 mV)/RLIM. The rise and fall times of the hard-limited (essentially squarewave) voltage at the outputs are typically 0.6 ns, when driven by a sine wave input having an amplitude of 316 V or greater, and RLOAD = 50 . The change in time-delay ("phase skew") over the input range -73 dBV (316 V in amplitude, or -60 dBm in 50 ) to -3 dBV (1 V or +10 dBm) is 56 ps (2 at 100 MHz).
SIX STAGES TOTAL GAIN 72dB INHI 12dB INLO LADR ATTEN 4 DET BIAS CTRL I-V TEN DETECTORS SPACED 12dB 12dB 12dB LIM LMLO LMDR TYP GAIN 18dB LMHI
differential current-mode outputs of all ten detectors stages are summed with equal weightings and converted to a single-sided voltage by the output stage, generating the logarithmic (or RSSI) output at VLOG (Pin 16), nominally scaled 20 mV/dB (that is, 400 mV per decade). The junction between the lower and upper regions is seamless, and the logarithmic law-conformance is typically well within 0.4 dB over the 80 dB range from -80 dBV to 0 dBV (-67 dBm to +13 dBm). The full-scale rise time of the RSSI output stage, which operates as a two-pole low-pass filter with a corner frequency of 3.5 MHz, is about 200 ns. A capacitor connected between FLTR (Pin 10) and VLOG can be used to lower the corner frequency (see below). The output has a minimum level of about 0.34 V (corresponding to a noise power of -78 dBm, or 17 dB above the nominal intercept of -95 dBm). This rather high baseline level ensures that the pulse response remains unimpaired at very low inputs. The maximum RSSI output depends on the supply voltage and the load. An output of 2.34 V, that is, 20 mV/dB x (9 + 108) dB, is guaranteed when using a supply voltage of 4.5 V or greater and a load resistance of 50 or higher, for a differential input of 9 dBV (a 4 V sine amplitude, using balanced drives). When using a 3 V supply, the maximum differential input may still be as high as -3 dBV (1 V sine amplitude), and the corresponding RSSI output of 2.1 V, that is, 20 mV/dB x (-3 + 108) dB is also guaranteed. A fully-programmable output interface is provided for the hardlimited signal, permitting the user to establish the optimal output current from its differential current-mode output. Its magnitude is determined by the resistor RLIM placed between LMDR (Pin 9) and ground, across which a nominal bias voltage of ~400 mV appears. Using RLIM = 200 , this dc bias current, which is commutated alternately to the output pins, LMHI and LMLO, by the signal, is 2 mA. (The total supply current is somewhat higher). These currents may readily be converted to voltage form by the inclusion of load resistors, which will typically range from a few tens of ohms at 400 MHz to as high as 2 k in lower frequency applications. Alternatively, a resonant load may be used to extract the fundamental signal and modulation sidebands, minimizing the out-of-band noise. A transformer or impedance matching network may also be used at this output. The peak voltage swing down from the supply voltage may be 1.2 V, before the output transistors go into saturation. (The Applications section provides further information on the use of this interface). The supply current for all sections except the limiter output stage, and with no load attached to the RSSI output, is nominally 16 mA at TA = 27C, substantially independent of supply voltage. It varies in direct proportion to the absolute temperature (PTAT). The RSSI load current is simply the voltage at VLOG divided by the load resistance (e.g., 2.4 mA max in a 1 k load). The limiter supply current is 1.1 times that flowing in RLIM. The AD8306 may be enabled/disabled by a CMOScompatible level at ENBL (Pin 8). In the following simplified interface diagrams, the components denoted with an uppercase "R" are thin-film resistors having a very low temperature-coefficient of resistance and high linearity under large-signal conditions. Their absolute value is typically within 20%. Capacitors denoted using an uppercase "C" have a typical tolerance of 15% and essentially zero temperature or -7-
DET
DET
DET
VLOG FLTR
ENBL
GAIN BIAS
BAND-GAP REFERENCE
SLOPE BIAS
INTERCEPT TEMP COMP
Figure 19. Main Features of the AD8306
The six main cells and their associated full-wave detectors, having a transconductance (gm) form, handle the lower part of the dynamic range. Biasing for these cells is provided by two references, one of which determines their gain, the other being a band-gap cell which determines the logarithmic slope, and stabilizes it against supply and temperature variations. A special dc-offset-sensing cell (not shown in Figure 19) is placed at the end of this main section, and used to null any residual offset at the input, ensuring accurate response down to the noise floor. The first amplifier stage provides a short-circuited voltage-noise spectral-density of 1.07 nV/Hz. The last detector stage includes a modification to temperaturestabilize the log-intercept, which is accurately positioned so as to make optimal use of the full output voltage range. Four further "top end" detectors are placed at 12.04 dB taps along a passive attenuator, to handle the upper part of the range. The REV. A
AD8306
voltage sensitivity. Most interfaces have additional small junction capacitances associated with them, due to active devices or ESD protection; these may be neither accurate nor stable. Component numbering in each of these interface diagrams is local.
Enable Interface
The chip-enable interface is shown in Figure 20. The current in R1 controls the turn-on and turn-off states of the band-gap reference and the bias generator, and is a maximum of 100 A when Pin 8 is taken to 5 V. Left unconnected, or at any voltage below 1 V, the AD8306 will be disabled, when it consumes a sleep current of much less than 1 A (leakage currents only); when tied to the supply, or any voltage above 2 V, it will be fully enabled. The internal bias circuitry requires approximately 300 ns for either OFF or ON, while a delay of some 6 s is required for the supply current to fall below 10 A.
ENBL R1 60k 1.3k TO BIAS ENABLE
handled using a supply of 4.5 V or greater. When using a fullybalanced drive, the +3 dBV level may be achieved for the supplies down to 2.7 V and +9 dBV using >4.5 V. For frequencies in the range 10 MHz to 200 MHz these high drive levels are easily achieved using a matching network. Using such a network, having an inductor at the input, the input transient is eliminated.
Limiter Output Interface
The simplified limiter output stage is shown in Figure 22. The bias for this stage is provided by a temperature-stable reference voltage of nominally 400 mV which is forced across the external resistor RLIM connected from Pin 9 (LMDR, or limiter drive) by a special op amp buffer stage. The biasing scheme also introduces a slight "lift" to this voltage to compensate for the finite current gain of the current source Q3 and the output transistors Q1 and Q2. A maximum current of 10 mA is permissible (RLIM = 40 ). In special applications, it may be desirable to modulate the bias current; an example of this is provided in the Applications section. Note that while the bias currents are temperature stable, the ac gain of this stage will vary with temperature, by -6 dB over a 120C range. A pair of supply and temperature stable complementary currents is generated at the differential output LMHI and LMLO (Pins 12 and 13), having a square wave form with rise and fall times of typically 0.6 ns, when load resistors of 50 are used. The voltage at these output pins may swing to 1.2 V below the supply voltage applied to VPS2 (Pin 15). Because of the very high gain bandwidth product of this amplifier considerable care must be exercised in using the limiter outputs. The minimum necessary bias current and voltage swings should be used. These outputs are best utilized in a fully-differential mode. A flux-coupled transformer, a balun, or an output matching network can be selected to transform these voltages to a single-sided form. Equal load resistors are recommended, even when only one output pin is used, and these should always be returned to the same well decoupled node on the PC board. When the AD8306 is used only to generate an RSSI output, the limiter should be completely disabled by omitting RLIM and strapping LMHI and LMLO to VPS2.
VPS2 LMHI LMLO
50k COMM
4k
Figure 20. Enable Interface
Input Interface
Figure 21 shows the essentials of the signal input interface. The parasitic capacitances to ground are labeled CP; the differential input capacitance, CD, mainly due to the diffusion capacitance of Q1 and Q2. In most applications both input pins are accoupled. The switch S closes when Enable is asserted. When disabled, the inputs float, bias current IE is shut off, and the coupling capacitors remain charged. If the log amp is disabled for long periods, small leakage currents will discharge these capacitors. If they are poorly matched, charging currents at power-up can generate a transient input voltage which may block the lower reaches of the dynamic range until it has become much less than the signal.
VPS1 S 1.78V 3.65k CC SIGNAL INPUT CC INLO INHI 1.725V RIN = 1k 1.725V 2.6k (TOP-END DETECTORS) CP COMM CP 130 GAIN BIAS 1.26V 3.4mA PTAT 3.65k IB = 15mA CD 2.5pF 67 Q1 20e RIN = 3k Q2 20e TO STAGES 1 THRU 5 67 TO 2ND STAGE
1.3k
1.3k Q1
FROM FINAL LIMITER STAGE
4e Q2 4e 400mV Q3 2.6k 1.3k 1.3k COM1 LMDR RLIM OA ZERO-TC
Figure 21. Signal Input Interface
Figure 22. Limiter Output Interface
RSSI Output Interface
In most applications, the input signal will be single-sided, and may be applied to either Pin 4 or 5, with the remaining pin accoupled to ground. Under these conditions, the largest input signal that can be handled is -3 dBV (sine amplitude of 1 V) when operating from a 3 V supply; a +3 dBV input may be -8-
The outputs from the ten detectors are differential currents, having an average value that is dependent on the signal input level, plus a fluctuation at twice the input frequency. The currents are summed at the internal nodes LGP and LGN shown in Figure 23. A further current IT is added to LGP, to position REV. A
AD8306
the intercept to -108 dBV, by raising the RSSI output voltage for zero input, and to provide temperature compensation, resulting in a stable intercept. For zero signal conditions, all the detector output currents are equal. For a finite input, of either polarity, their difference is converted by the output interface to a singlesided voltage nominally scaled 20 mV/dB (400 mV per decade), at the output VLOG (Pin 16). This scaling is controlled by a separate feedback stage, having a tightly controlled transconductance. A small uncertainty in the log slope and intercept remains (see Specifications); the intercept may be adjusted (see Applications).
VPS2 CURRENT MIRROR ISOURCE >50mA ON DEMAND FLTR C1 3.5pF CF VLOG 20mV/dB
range: a 60 Hz hum, picked up due to poor grounding techniques; spurious coupling from digital logic on the same PC board; a strong EMI source; etc. Very careful shielding is essential to guard against such unwanted signals, and also to minimize the likelihood of instability due to HF feedback from the limiter outputs to the input. With this in mind, the minimum possible limiter gain should be used. Where only the logarithmic amplifier (RSSI) function is required, the limiter should be disabled by omitting RLIM and tying the outputs LMHI and LMLO directly to VPS2. A good ground plane should be used to provide a low impedance connection to the common pins, for the decoupling capacitor(s) used at VPS1 and VPS2, and at the output ground. Note that COM2 is a special ground pin serving just the RSSI output. The four pins labeled PADL tie down directly to the metallic lead frame, and are thus connected to the back of the chip. The process on which the AD8306 is fabricated uses a bonded-wafer technique to provide a silicon-on-insulator isolation, and there is no junction or other dc path from the back side to the circuitry on the surface. These paddle pins must be connected directly to the ground plane using the shortest possible lead lengths to minimize inductance. The voltages at the two supply pins should not be allowed to differ greatly; up to 500 mV is permissible. It is desirable to allow VPS1 to be slightly more negative than VPS2. When the primary supply is greater than 2.7 V, the decoupling resistors R1 and R2 (Figure 24) may be increased to improve the isolation and lower the dissipation in the IC. However, since VPS2 supports the RSSI load current, which may be large, the value of R2 should take this into account.
Basic Connections for Log (RSSI) Output
SUMMED 1.3k DETECTOR OUTPUTS LGP LGN IT VLOG
1.3k
3.3k
3.3k
ISINK FIXED 1mA
250 s TRANSCONDUCTANCE DETERMINES SLOPE
125 A COMM
Figure 23. Simplified RSSI Output Interface
The RSSI output bandwidth, fLP, is nominally 3.5 MHz. This is controlled by the compensation capacitor C1, which may be increased by adding an external capacitor, CF, between FLTR (Pin 10) and VLOG (Pin 16). An external 33 pF will reduce fLP to 350 kHz, while 360 pF will set it to 35 kHz, in each case with an essentially one-pole response. In general, the relationships (for fLP in MHz) are: CF = 12.7 x 10-10 - 3.5 pF ; f LP f LP = 12.7 x 10-6 C F + 3.5 pF (1)
Using a load resistance of 50 or greater, and at any temperature, the peak output voltage may be at least 2.4 V when using a supply of 4.5 V, and at least 2.1 V for a 3 V supply, which is consistent with the maximum permissible input levels. The incremental output resistance is approximately 0.3 at low frequencies, rising to 1 at 150 kHz and 18 at very high frequencies. The output is unconditionally stable with load capacitance, but it should be noted that while the peak sourcing current is over 100 mA, and able to rapidly charge even large capacitances, the internally provided sinking current is only 1 mA. Thus, the fall time from the 2 V level will be as long as 2 s for a 1 nF load. This may be reduced by adding a grounded load resistance.
USING THE AD8306
Figure 24 shows the connections required for most applications. The AD8306 is enabled by connecting ENBL to VPS1. The device is put into the sleep mode by grounding this pin. The inputs are ac-coupled by C1 and C2, which normally should have the same value (CC). The input is, in this case, terminated with a 52.3 resistor that combines with the AD8306's input resistance of 1000 to give a broadband input impedance of 50 . Alternatively an input matching network can be used (see Input Matching section).
R1 10 0.1 F 2 VPS1 C1 0.01 F SIGNAL INPUTS C2 0.01 F RT 52.3 3 PADL 4 INHI 5 INLO 6 PADL 7 COM1 ENABLE 8 ENBL VPS2 15 PADL 14 LMHI 13 LMLO 12 PADL 11 FLTR 10 LMDR 9 CF (OPTIONAL SEE TEXT) R2 10 0.1 F VS (2.7V TO 6.5V) RSSI
1 COM2
VLOG 16
AD8306
The AD8306 exhibits very high gain from 1 MHz to over 1 GHz, at which frequency the gain of the main path is still over 65 dB. Consequently, it is susceptible to all signals, within this very broad frequency range, that find their way to the input terminals. It is important to remember that these are quite indistinguishable from the "wanted" signal, and will have the effect of raising the apparent noise floor (that is, lowering the useful dynamic range). Therefore, while the signal of interest may be an IF of, say, 200 MHz, any of the following could easily be larger than this signal at the lower extremities of its dynamic REV. A -9-
Figure 24. Basic Connections for RSSI (Log) Output
The 0.01 F coupling capacitors and the resulting 50 input impedance give a high-pass corner frequency of around 600 kHz. (1/(2 RC)), where C = (C1)/2. In high frequency applications, this corner frequency should be placed as high as possible, to minimize the coupling of unwanted low frequency signals. In
AD8306
low frequency applications, a simple RC network forming a lowpass filter should be added at the input for the same reason. If the limiter output is not required, Pin 9 (LMDR) should be left open and Pins 12 and 13 (LMHI, LMLO) should be tied to VPS2 as shown in Figure 24. Figure 25 shows the output versus the input level in dBV, for sine inputs at 10 MHz, 50 MHz and 100 MHz (add 13 to the dBV number to get dBm Re 50 . Figure 26 shows the typical logarithmic linearity (log conformance) under the same conditions.
2.5 100MHz 2 50MHz
where VOUT is the demodulated and filtered RSSI output, VSLOPE is the logarithmic slope, expressed in V/dB, PIN is the input signal, expressed in decibels relative to some reference level (either dBm or dBV in this case) and PO is the logarithmic intercept, expressed in decibels relative to the same reference level. For example, for an input level of -33 dBV (-20 dBm), the output voltage will be VOUT = 0.02 V/dB x (-33 dBV - (-108 dBV)) = 1.5 V (3) The most widely used convention in RF systems is to specify power in dBm, that is, decibels above 1 mW in 50 . Specification of log amp input level in terms of power is strictly a concession to popular convention; they do not respond to power (tacitly "power absorbed at the input"), but to the input voltage. The use of dBV, defined as decibels with respect to a 1 V rms sine wave, is more precise, although this is still not unambiguous because waveform is also involved in the response of a log amp, which, for a complex input (such as a CDMA signal) will not follow the rms value exactly. Since most users specify RF signals in terms of power--more specifically, in dBm/50 --we use both dBV and dBm in specifying the performance of the AD8306, showing equivalent dBm levels for the special case of a 50 environment. Values in dBV are converted to dBm re 50 by adding 13.
Output Response Time and CF
RSSI OUTPUT - V
10MHz 1.5
1
0.5
0 -120
-100
-80
-60 -40 -20 INPUT LEVEL - dBV
0
20
Figure 25. RSSI Output vs. Input Level at TA = +25C for Frequencies of 10 MHz, 50 MHz and 100 MHz
5 4 3 2 DYNAMIC RANGE 10MHz 50MHz 100MHz 1dB 86 90 96 3dB 93 97 100
The RSSI output has a low-pass corner frequency of 3.5 MHz, which results in a 10% to 90% rise time of 73 ns. For low frequency applications, the corner frequency can be reduced by adding an external capacitor, CF, between FLTR (Pin 10) and VLOG (Pin 16) as shown in Figure 24. For example, an external 33 pF will reduce the corner frequency to 350 kHz, while 360 pF will set it to 35 kHz, in each case with an essentially one-pole response.
Using the Limiter
1 100MHz 0 10MHz -1 -2 -3 -4 -5 -120 50MHz
Figure 27 shows the basic connections for operating the limiter and the log output concurrently. The limiter output is a pair of differential currents of magnitude, IOUT, from high impedance (open-collector) sources. These are converted to equal-amplitude voltages by supply-referenced load resistors, RLOAD. The limiter output current is set by RLIM, the resistor connected between Pin 9 (LMDR) and ground. The limiter output current is set according the equation: IOUT = -400 mV/RLIM (5) and has an absolute accuracy of 5%. The supply referenced voltage on each of the limiter pins will thus be given by: VLIM = VS -400 mV x RLOAD/RLIM (6)
ERROR - dB
-100
-80
-60 -40 -20 INPUT LEVEL - dBV
0
20
Figure 26. Log Linearity vs. Input Level at TA = +25C, for Frequencies of 10 MHz, 50 MHz and 100 MHz
Transfer Function in Terms of Slope and Intercept
The transfer function of the AD8306 is characterized in terms of its Slope and Intercept. The logarithmic slope is defined as the change in the RSSI output voltage for a 1 dB change at the input. For the AD8306 the slope is calibrated to be 20 mV/dB. The intercept is the point at which the extrapolated linear response would intersect the horizontal axis. For the AD8306 the intercept is calibrated to be -108 dBV (-95 dBm). Using the slope and intercept, the output voltage can be calculated for any input level within the specified input range using the equation: VOUT = VSLOPE x (PIN - PO) (2)
-10-
REV. A
AD8306
R1 10 0.1 F 2 VPS1 C1 0.01 F SIGNAL INPUTS C2 0.01 F RT 52.3 3 PADL 4 INHI 5 INLO 6 PADL 7 COM1 ENABLE 8 ENBL VPS2 15 PADL 14 LMHI 13 LMLO 12 PADL 11 FLTR 10 NC RLIM (SEE TEXT) LMDR 9 RLOAD RL 0.01 F 0.01 F 1 COM2 VLOG 16 R2 10 0.1 F VS (2.7V TO 6.5V) RSSI
will be a contribution from the input noise current. Thus, the total noise will be reduced by a smaller factor. The intercept at the primary input will be lowered to -121 dBV (-108 dBm). Impedance matching and drive balancing using a flux-coupled transformer is useful whenever broadband coupling is required. However, this may not always be convenient. At high frequencies, it will often be preferable to use a narrow-band matching network, as shown in Figure 28, which has several advantages. First, the same voltage gain can be achieved, providing increased sensitivity, but now a measure of selectively is simultaneously introduced. Second, the component count is low: two capacitors and an inexpensive chip inductor are needed. Third, the network also serves as a balun. Analysis of this network shows that the amplitude of the voltages at INHI and INLO are quite similar when the impedance ratio is fairly high (i.e., 50 to 1000 ).
VS 10 1 COM2 0.1 F 2 VPS1 C1 = CM ZIN C2 = CM LM 5 INLO 6 PADL 7 COM1 8 ENBL LMLO 12 PADL 11 FLTR 10 NC RLIM LMDR 9 3 PADL 4 INHI VPS2 15 PADL 14 LMHI 13 LIMITER OUTPUT 10 VLOG 16 0.1 F RSSI
AD8306
LIMITER OUTPUT
NC = NO CONNECT
Figure 27. Basic Connections for Operating the Limiter
Depending on the application, the resulting voltage may be used in a fully balanced or unbalanced manner. It is good practice to retain both load resistors, even when only one output pin is used. These should always be returned to the same well decoupled node on the PC board (see layout of evaluation board). The unbalanced, or single-sided mode, is more inclined to result in instabilities caused by the very high gain of the signal path. The limiter current may be set as high as 10 mA (which requires RLIM to be 40 ) and can be optionally increased somewhat beyond this level. It is generally inadvisable, however, to use a high bias current, since the gain of this wide bandwidth signal path is proportional to the bias current, and the risk of instability is elevated as RLIM is reduced (recommended value is 400 ). However, as the size of RLOAD is increased, the bandwidth of the limiter output decreases from 585 MHz for RLOAD = RLIM = 50 to 50 MHz for RLOAD = RLIM = 400 (bandwidth = 210 MHz for RLOAD = RLIM = 100 and 100 MHz for RLOAD = RLIM = 200 ). As a result, the minimum necessary limiter output level should be chosen while maintaining the required limiter bandwidth. For RLIM = RLOAD = 50 , the limiter output is specified for input levels between -78 dBV (-65 dBm) and +9 dBV (+22 dBm). The output of the limiter may be unstable for levels below -78 dBV (-65 dBm). However, keeping RLIM above 100 will make instabilities on the output less likely for input levels below -78 dBV. A transformer or a balun (e.g., MACOM part number ETC1-1-13) can be used to convert the differential limiter output voltages to a single-ended signal.
Input Matching
AD8306
NC = NO CONNECT
Figure 28. High Frequency Input Matching Network
Figure 29 shows the response for a center frequency of 100 MHz. The response is down by 50 dB at one-tenth the center frequency, falling by 40 dB per decade below this. The very high frequency attenuation is relatively small, however, since in the limiting case it is determined simply by the ratio of the AD8306's input capacitance to the coupling capacitors. Table I provides solutions for a variety of center frequencies fC and matching from impedances ZIN of nominally 50 and 100 . Exact values are shown, and some judgment is needed in utilizing the nearest standard values.
14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 -1 60 70 80 90 100 110 120 FREQUENCY - MHz 130 140 150 INPUT AT TERMINATION GAIN
Where either a higher sensitivity or a better high frequency match is required, an input matching network is valuable. Using a flux-coupled transformer to achieve the impedance transformation also eliminates the need for coupling capacitors, lowers any dc offset voltages generated directly at the input, and usefully balances the drives to INHI and INLO, permitting full utilization of the unusually large input voltage capacity of the AD8306. The choice of turns ratio will depend somewhat on the frequency. At frequencies below 30 MHz, the reactance of the input capacitance is much higher than the real part of the input impedance. In this frequency range, a turns ratio of 2:9 will lower the effective input impedance to 50 while raising the input voltage by 13 dB. However, this does not lower the effect of the short circuit noise voltage by the same factor, since there
Figure 29. Response of 100 MHz Matching Network
REV. A
-11-
DECIBELS
AD8306
Table I. Step 2: Calculate CO and LO
fC MHz 10 10.7 15 20 21.4 25 30 35 40 45 50 60 80 100 120 150 200 250 300 350 400 450 500
Match to 50 (Gain = 13 dB) CM LM pF nH 140 133 95.0 71.0 66.5 57.0 47.5 40.7 35.6 31.6 28.5 23.7 17.8 14.2 11.9 9.5 7.1 5.7 4.75 4.07 3.57 3.16 2.85 3500 3200 2250 1660 1550 1310 1070 904 779 682 604 489 346 262 208 155 104 75.3 57.4 45.3 36.7 30.4 25.6
Match to 100 (Gain = 10 dB) CM LM pF nH 100.7 94.1 67.1 50.3 47.0 40.3 33.5 28.8 25.2 22.4 20.1 16.8 12.6 10.1 8.4 6.7 5.03 4.03 3.36 2.87 2.52 2.24 2.01 4790 4460 3120 2290 2120 1790 1460 1220 1047 912 804 644 448 335 261 191 125 89.1 66.8 52.1 41.8 34.3 28.6
Now having a purely resistive input impedance, we can calculate the nominal coupling elements CO and LO, using
CO = 1 ; LO =
2 fC
(R
IN RM
)
(R
IN RM
)
(8)
2 fC
For the AD8306, RIN is 1 k. Thus, if a match to 50 is needed, at fC = 100 MHz, CO must be 7.12 pF and LO must be 356 nH.
Step 3: Split CO Into Two Parts
Since we wish to provide the fully-balanced form of network shown in Figure 28, two capacitors C1 = C2 each of nominally twice CO, shown as CM in the figure, can be used. This requires a value of 14.24 pF in this example. Under these conditions, the voltage amplitudes at INHI and INLO will be similar. A somewhat better balance in the two drives may be achieved when C1 is made slightly larger than C2, which also allows a wider range of choices in selecting from standard values. For example, capacitors of C1 = 15 pF and C2 = 13 pF may be used (making CO = 6.96 pF).
Step 4: Calculate LM
The matching inductor required to provide both LIN and LO is just the parallel combination of these: LM = LINLO/(LIN + LO) (9) With LIN = 1 H and LO = 356 nH, the value of LM to complete this example of a match of 50 at 100 MHz is 262.5 nH. The nearest standard value of 270 nH may be used with only a slight loss of matching accuracy. The voltage gain at resonance depends only on the ratio of impedances, as is given by
R R GAIN = 20 log IN = 10 log IN R RS S
Altering the Logarithmic Slope
General Matching Procedure
For other center frequencies and source impedances, the following method can be used to calculate the basic matching parameters.
Step 1: Tune Out CIN
At a center frequency fC, the shunt impedance of the input capacitance CIN can be made to disappear by resonating with a temporary inductor LIN, whose value is given by LIN = 1/{(2 fC)2CIN} = 1010/fC2 (7) when CIN = 2.5 pF. For example, at fC = 100 MHz, LIN = 1 H.
(10)
Simple schemes can be used to increase and decrease the logarithmic slope as shown in Figure 30. For the AD8306, only power, ground and logarithmic output connections are shown; refer to Figure 24 for complete circuitry. In Figure 30(a), the op amp's gain of +2 increases the slope to 40 mV/dB. In Figure 30(b), the AD8031 buffers a resistive divider to give a slope of
+5V 0.1 F 10 10 0.1 F
+5V 0.1 F 10 10 0.1 F 10 0.1 F VPS1 VPS2 VLOG AD8031 40mV/dB VPS1 VPS2 VLOG 10 0.1 F 5k AD8031
AD8306
PADL, COM1, COM2
AD8306
PADL, COM1, COM2
5k 5k
5k
10mV/dB
(a) Figure 30. Altering the Logarithmic Slope
(b)
-12-
REV. A
AD8306
10 mV/dB The AD8031 rail-to-rail op amp, used in both examples, can swing from 50 mV to 4.95 mV on a single +5 V supply. If high output current is required (> 10 mA), the AD8051, which also has rail-to-rail capability but can deliver up to 45 mA of output current, can be used.
APPLICATIONS
VS 10 1 COM2 0.1 F 2 VPS1 3 PADL 4 INHI 5 INLO 6 PADL 7 COM1 8 ENBL VPS2 15 0.1 F PADL 14 LMHI 13 LMLO 12 PADL 11 FLTR 10 LMDR 9 0mA TO 10mA 18 VARIABLE OUTPUT 2N3904 0V TO +1V 0.1 F 8.2k 10 VLOG 16 RSSI
AD8306
The AD8306 is a versatile and easily applied log-limiting amplifier. Being complete, it can be used with very few external components, and most applications can be accommodated using the simple connections shown in the preceding section. A few examples of more specialized applications are provided here.
High Output Limiter Loading
AD8031 1.8k
The AD8306 can generate a fairly large output power at its differential limiter output interface. This may be coupled into a 50 grounded load using the narrow-band coupling network following similar lines to those provided for input matching. Alternatively, a flux-linked transformer, having a center-tapped primary, may be used. Even higher output powers can be obtained using emitter-followers. In Figure 31, the supply voltage to the AD8306 is dropped from 5 V to about 4.2 V, by the diode. This increases the available swing at each output to about 2 V. Taking both outputs differentially, a square wave output of 4 V p-p can be generated.
IN914 APPROX. 4.2V 10 1 COM2 0.1 F 2 VPS1 3 PADL 4 INHI 5 INLO 6 PADL 7 COM1 8 ENBL VPS2 15 PADL 14 LMHI 13 LMLO 12 PADL 11 FLTR 10 LMDR 9 RLIM 3V TO 5V 5V TO 3V DIFFERENTIAL OUTPUT = 4V pk-pk 10 VLOG 16 0.1 F RLOAD RSSI SET RL = 5*RLIM +5V RLOAD
Figure 32. Variable Limiter Output Programming
Effect of Waveform Type on Intercept
The AD8306 fundamentally responds to voltage and not to power. A direct consequence of this characteristic is that input signals of equal rms power, but differing crest factors, will produce different results at the log amp's output. The effect of differing signal waveforms is to shift the effective value of the log amp's intercept. Graphically, this looks like a vertical shift in the log amp's transfer function. The device's logarithmic slope however is not affected. For example, consider the case of the AD8306 being alternately fed by an unmodulated sine wave and by a single CDMA channel of the same rms power. The AD8306's output voltage will differ by the equivalent of 3.55 dB (71 mV) over the complete dynamic range of the device (the output for a CDMA input being lower). Table II shows the correction factors that should be applied to measure the rms signal strength of a various signal types. A sine wave input is used as a reference. To measure the rms power of a square wave, for example, the mV equivalent of the dB value given in the table (20 mV/dB times 3.01 dB) should be subtracted from the output voltage of the AD8306.
Table II. Shift in AD8306 Output for Signals with Differing Crest Factors
AD8306
Figure 31. Increasing Limiter Output Voltage
When operating at high output power levels and high frequencies, very careful attention must be paid to the issue of stability. Oscillation is likely to be observed when the input signal level is low, due to the extremely high gain-bandwidth product of the AD8306 under such conditions. These oscillations will be less evident when signal-balancing networks are used, operating at frequencies below 200 MHz, and they will generally be fully quenched by the signal at input levels of a few dB above the noise floor.
Modulated Limiter Output
Signal Type Sine Wave Square Wave or DC Triangular Wave GSM Channel (All Time Slots On) CDMA Channel (Forward Link, 9 Channels On) CDMA Channel (Reverse Link) PDC Channel (All Time Slots On) Gaussian Noise
Evaluation Board
Correction Factor (Add to Output Reading) 0 dB -3.01 dB +0.9 dB +0.55 dB +3.55 dB +0.5 dB +0.58 dB +2.51 dB
The limiter output stage of the AD8306 also provides an analog multiplication capability: the amplitude of the output square wave can be controlled by the current withdrawn from LMDR (Pin 9). An analog control input of 0 V to +1 V is used to generate an exactly-proportional current of 0 mA to 10 mA in the npn transistor, whose collector is held at a fixed voltage of 400 mV by the internal bias in the AD8306. When the input signal is above the limiting threshold, the output will then be a squarewave whose amplitude is proportional to the control bias.
An evaluation board, carefully laid out and tested to demonstrate the specified high speed performance of the AD8306 is available. Figure 33 shows the schematic of the evaluation board, which fairly closely follows the basic connections schematic shown in Figure 27. For ordering information, please refer to the Ordering Guide. Links, switches and component settings for different setups are described in Table III.
REV. A
-13-
AD8306
R3 0 1 COM2 2 VPS1 C3 0.1 F 3 PADL 4 INHI 5 INLO 6 PADL 7 COM1 A EXT ENABLE B SW1 8 ENBL VLOG 16 VPS2 15 PADL 14 LMHI 13 C7 (OPEN) LMLO 12 PADL 11 FLTR 10 LK1 LMDR 9 R8 402 L1 (OPEN) C6 0.01 F R11 0 R9 (OPEN) R6 50 C4 0.1 F R7 50 C5 0.01 F R12 0 R4 (OPEN) VRSSI
+VS SIG INHI
R2 10
R5 10
+VS
C1 0.01 F
AD8306
R10 52.3
SIG INLO
R1 0
C2 0.01 F
Figure 33. Evaluation Board Schematic
Table III. Evaluation Board Setup Options
Component SW1
Function Device Enable. When in Position A, the ENBL pin is connected to +VS and the AD8306 is in normal operating mode. In Position B, the ENBL pin is connected to an SMA connector labeled Ext Enable. A signal can be applied to this connector to enable/disable the AD8306. This pad is used to ac-couple INLO to ground for single-ended input drive. To drive the AD8306 differentially, R1 should be removed. Input Interface. The 52.3 resistor in position R10, along with C1 and C2, create a high-pass input filter whose corner frequency (640 kHz) is equal to 1/(2RC), where C = (C1)/2 and R is the parallel combination of 52.3 and the AD8306's input impedance of 1000 . Alternatively, the 52.3 resistor can be replaced by an inductor to form an input matching network. See Input Matching Network section for more details. Slope Adjust. A simple slope adjustment can be implemented by adding a resistive divider at the VLOG output. R3 and R4, whose sum should be about 1 k, and never less than 40 (see specs), set the slope according to the equation: Slope = 20 mV/dB x R4/(R3 + R4). Limiter Output Coupling. C5 and C6 ac-couple the limiter's differential outputs. By adjusting these values and installing an inductor in L1, an output matching network can be implemented. To convert the limiter's differential output to singleended, R11 and R12 (nominally 0 ) can be replaced with a surface mount balun such as the ETC1-1-13 (Macom). The balun can be grounded by soldering a 0 into Position R9 (nominally open). Limiter Output Current. With LK1 installed, R8 enables and sets the limiter output current. The limiter's output current is set according to the equation (IOUT = 400 mV/R8). The limiter current can be as high as 10 mA (R8 = 40 ). To disable the limiter (recommended if the limiter is not being used), LK1 should be removed.
Default Condition SW1 = A
R1 R/L, C1, C2
R1 = 0 R10 = 52.3 C1 = C2 = 0.01 F
R3/R4
R3 = 0 R4 =
L1, C5, C6
L1 = Open C5 = 0.01 F C6 = 0.01 F R9 = Open R10 = R11 = 0 LK1 Installed. R8 = 402 R6, R7 (Limited Load Resistors) = 50
R8, LK1
C7
RSSI Bandwidth Adjust. The addition of C7 (farads) will lower the RSSI bandwidth of C7 = Open the VLOG output according to the equation: fCORNER (Hz) = 12.7 x 10-6/(C7 + 3.5 x 10-12).
-14-
REV. A
AD8306
Figure 34. Layout of Signal Layer
Figure 36. Signal Layer Silkscreen
Figure 35. Layout of Power Layer
Figure 37. Power Layer Silkscreen
REV. A
-15-
AD8306
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Lead Narrow Body SO (SO-16)
0.3937 (10.00) 0.3859 (9.80) 0.1574 (4.00) 0.1497 (3.80)
16 1 9 8
0.2440 (6.20) 0.2284 (5.80)
PIN 1
0.050 (1.27) BSC
0.0688 (1.75) 0.0532 (1.35)
0.0196 (0.50) 0.0099 (0.25)
45
0.0098 (0.25) 0.0040 (0.10)
8 0.0192 (0.49) SEATING 0.0099 (0.25) 0 0.0138 (0.35) PLANE 0.0075 (0.19)
0.0500 (1.27) 0.0160 (0.41)
-16-
REV. A
PRINTED IN U.S.A.
C3592a-9-8/99
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of AD8306AR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X