Part Number Hot Search : 
CDT3205 MBT3904 1N5261 T74FC SF104 MT9M012 BR3050 K2740
Product Description
Full Text Search
 

To Download AD5324ARM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead MSOP AD5304/AD5314/AD5324*
FEATURES AD5304: 4 Buffered 8-Bit DACs in 10-Lead MSOP A Version: 1 LSB INL, B Version: 0.625 LSB INL AD5314: 4 Buffered 10-Bit DACs in 10-Lead MSOP A Version: 4 LSB INL, B Version: 2.5 LSB INL AD5324: 4 Buffered 12-Bit DACs in 10-Lead MSOP A Version: 16 LSB INL, B Version: 10 LSB INL Low Power Operation: 500 A @ 3 V, 600 A @ 5 V 2.5 V to 5.5 V Power Supply Guaranteed Monotonic by Design over All Codes Power-Down to 80 nA @ 3 V, 200 nA @ 5 V Double-Buffered Input Logic Output Range: 0 V to V REF Power-On Reset to 0 V Simultaneous Update of Outputs (LDAC Function) Low Power, SPI(R), QSPITM, MICROWIRETM, and DSP Compatible 3-Wire Serial Interface On-Chip Rail-to-Rail Output Buffer Amplifiers Temperature Range -40 C to +105 C APPLICATIONS Portable Battery-Powered Instruments Digital Gain and Offset Adjustment Programmable Voltage and Current Sources Programmable Attenuators Industrial Process Control GENERAL DESCRIPTION
The AD5304/AD5314/AD5324 are quad 8-, 10-, and 12-bit buffered voltage output DACs in a 10-lead MSOP that operate from a single 2.5 V to 5.5 V supply, consuming 500 mA at 3 V. Their on-chip output amplifiers allow rail-to-rail output swing to be achieved with a slew rate of 0.7 V/ms. A 3-wire serial interface is used, which operates at clock rates up to 30 MHz and is compatible with standard SPI, QSPI, MICROWIRE, and DSP interface standards. The references for the four DACs are derived from one reference pin. The outputs of all DACs may be updated simultaneously using the software LDAC function. The parts incorporate a power-on reset circuit, which ensures that the DAC outputs power up to 0 V and remain there until a valid write takes place to the device. The parts contain a power-down feature that reduces the current consumption of the device to 200 nA @ 5 V (80 nA @ 3 V). The low power consumption of these parts in normal operation makes them ideally suited to portable battery-operated equipment. The power consumption is 3 mW at 5 V, 1.5 mW at 3 V, reducing to 1 mW in power-down mode.
FUNCTIONAL BLOCK DIAGRAM
VDD LDAC REFIN
INPUT REGISTER
DAC REGISTER
STRING DAC A
BUFFER
VOUTA
SCLK SYNC INTERFACE LOGIC
INPUT REGISTER
DAC REGISTER
STRING DAC B
BUFFER
VOUTB
DIN
INPUT REGISTER
DAC REGISTER
STRING DAC C
BUFFER
VOUTC
INPUT REGISTER
DAC REGISTER
STRING DAC D
BUFFER
VOUTD
POWER-ON RESET
AD5304/AD5314/AD5324
GND
POWER-DOWN LOGIC
*Protected by U.S. Patent No. 5,969,657; other patents pending.
REV. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) 2003 Analog Devices, Inc. All rights reserved.
AD5304/AD5314/AD5324-SPECIFICATIONS
GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted.)
Parameter1 DC PERFORMANCE AD5304 Resolution Relative Accuracy Differential Nonlinearity AD5314 Resolution Relative Accuracy Differential Nonlinearity AD5324 Resolution Relative Accuracy Differential Nonlinearity Offset Error Gain Error Lower Deadband Offset Error Drift 5 Gain Error Drift 5 DC Power Supply Rejection Ratio 5 DC Crosstalk5 DAC REFERENCE INPUTS 5 VREF Input Range VREF Input Impedance Reference Feedthrough OUTPUT CHARACTERISTICS 5 Minimum Output Voltage 6 Maximum Output Voltage 6 DC Output Impedance Short Circuit Current Power-Up Time LOGIC INPUTS 5 Input Current VIL, Input Low Voltage 0.25 37
3, 4
(VDD = 2.5 V to 5.5 V; VREF = 2 V; RL = 2 k
to
Min
A Version2 Typ Max
Min
B Version2 Typ
Max
Unit
Conditions/Comments
8 0.15 0.02 10 0.5 0.05 12 2 0.2 0.4 0.15 20 -12 -5 -60 200
1 0.25 4 0.5 16 1 3 1 60
8 0.15 0.02 10 0.5 0.05 12 2 0.2 0.4 0.15 20 -12 -5 -60 200
0.625 0.25 2.5 0.5 10 1 3 1 60
Bits LSB LSB Bits LSB LSB Bits LSB LSB % of FSR % of FSR mV ppm of FSR/C ppm of FSR/C dB mV
Guaranteed Monotonic by Design over All Codes
Guaranteed Monotonic by Design over All Codes
Guaranteed Monotonic by Design over All Codes See Figures 2 and 3 See Figures 2 and 3 Lower deadband exists only if offset error is negative. VDD = 10% RL = 2 kW to GND or VDD
VDD 45 >10 -90 0.001 VDD - 0.001 0.5 25 16 2.5 5 1 0.8 0.6 0.5
0.25 37
VDD 45 >10 -90 0.001 VDD - 0.001 0.5 25 16 2.5 5 1 0.8 0.6 0.5
V kW MW dB V V W mA mA ms ms mA V V V V V V pF V mA mA mA mA
Normal Operation Power-Down Mode Frequency = 10 kHz This is a measure of the minimum and maximum drive capability of the output amplifier. VDD = 5 V VDD = 3 V Coming out of Power-Down Mode. V DD = 5 V Coming out of Power-Down Mode. V DD = 3 V
VIH, Input High Voltage
2.4 2.1 2.0 3 2.5 600 500 0.2 0.08 5.5 900 700 1 1
2.4 2.1 2.0 3 2.5 600 500 .02 0.08 5.5 900 700 1 1
VDD = 5 V VDD = 3 V VDD = 2.5 V VDD = 5 V VDD = 3 V VDD = 2.5 V
10% 10% 10% 10%
Pin Capacitance POWER REQUIREMENTS VDD IDD (Normal Mode) 7 VDD = 4.5 V to 5.5 V VDD = 2.5 V to 3.6 V IDD (Power-Down Mode) VDD = 4.5 V to 5.5 V VDD = 2.5 V to 3.6 V
VIH = VDD and VIL = GND VIH = VDD and VIL = GND VIH = VDD and VIL = GND VIH = VDD and VIL = GND
NOTES 1 See the Terminology section. 2 Temperature range (A, B Version): -40C to +105C; typical at +25C. 3 DC specifications tested with the outputs unloaded. 4 Linearity is tested using a reduced code range: AD5304 (Code 8 to 248); AD5314 (Code 28 to 995); AD5324 (Code 115 to 3981). 5 Guaranteed by design and characterization, not production tested. 6 For the amplifier output to reach its minimum voltage, offset error must be negative. For the amplifier output to reach its maximum voltage, V REF = VDD and offset plus gain error must be positive. 7 IDD specification is valid for all DAC codes. Interface inactive. All DACs active. Load currents excluded. Specifications subject to change without notice.
-2-
REV. D
AD5304/AD5314/AD5324 AC CHARACTERISTICS1
Parameter
2
(VDD = 2.5 V to 5.5 V; RL = 2 k otherwise noted.)
to GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless
A, B Version3 Min Typ Max 6 7 8 0.7 12 1 1 3 200 -70 8 9 10
Unit ms ms ms V/ms nV-s nV-s nV-s nV-s kHz dB
Conditions/Comments VREF = VDD = 5 V 1/4 Scale to 3/4 Scale Change (0x40 to 0xC0) 1/4 Scale to 3/4 Scale Change (0x100 to 0x300) 1/4 Scale to 3/4 Scale Change (0x400 to 0xC00) 1 LSB Change around Major Carry
Output Voltage Settling Time AD5304 AD5314 AD5324 Slew Rate Major-Code Transition Glitch Energy Digital Feedthrough Digital Crosstalk DAC-to-DAC Crosstalk Multiplying Bandwidth Total Harmonic Distortion
VREF = 2 V 0.1 V p-p VREF = 2.5 V 0.1 V p-p. Frequency = 10 kHz
NOTES 1 Guaranteed by design and characterization, not production tested. 2 See the Terminology section. 3 Temperature range (A, B Version): -40C to +105C; typical at +25C. Specifications subject to change without notice.
TIMING CHARACTERISTICS1, 2, 3
Parameter t1 t2 t3 t4 t5 t6 t7 t8 VDD = 2.5 V to 3.6 V 40 16 16 16 5 4.5 0 80
(VDD = 2.5 V to 5.5 V. All specifications TMIN to TMAX, unless otherwise noted.)
Unit ns min ns min ns min ns min ns min ns min ns min ns min Conditions/Comments SCLK Cycle Time SCLK High Time SCLK Low Time SYNC to SCLK Falling Edge Setup Time Data Setup Time Data Hold Time SCLK Falling Edge to SYNC Rising Edge Minimum SYNC High Time
Limit at TMIN, TMAX VDD = 3.6 V to 5.5 V 33 13 13 13 5 4.5 0 33
NOTES 1 Guaranteed by design and characterization, not production tested. 2 All input signals are specified with tr = tf = 5 ns (10% to 90% of V DD) and timed from a voltage level of (V IL + VIH)/2. 3 See Figure 1. Specifications subject to change without notice.
t1 SCLK t8 SYNC t6 t5 DIN DB15 DB0 t3 t4 t2 t7
Figure 1. Serial Interface Timing Diagram
REV. D
-3-
AD5304/AD5314/AD5324
ABSOLUTE MAXIMUM RATINGS 1, 2
(TA = 25C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V Digital Input Voltage to GND . . . . . . . -0.3 V to VDD + 0.3 V Reference Input Voltage to GND . . . . -0.3 V to VDD + 0.3 V VOUTA-D to GND . . . . . . . . . . . . . . . -0.3 V to VDD + 0.3 V Operating Temperature Range Industrial (A, B Version) . . . . . . . . . . . . . -40C to +105C Storage Temperature Range . . . . . . . . . . . -65C to +150C Junction Temperature (TJ max) . . . . . . . . . . . . . . . . . 150C
10-Lead MSOP Power Dissipation . . . . . . . . . . . . . . . . . . (TJ max - TA)/ JA JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 206C/W JC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 44C/W Reflow Soldering Peak Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . 220C Time at Peak Temperature . . . . . . . . . . . . . 10 sec to 40 sec
NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 Transient currents of up to 100 mA will not cause SCR latch-up.
ORDERING GUIDE
Model AD5304ARM AD5304ARM-REEL7 AD5314ARM AD5314ARM-REEL7 AD5324ARM AD5324ARM-REEL7 AD5304BRM AD5304BRM-REEL AD5304BRM-REEL7 AD5304BRMZ-REEL* AD5314BRM AD5314BRM-REEL AD5314BRM-REEL7 AD5324BRM AD5324BRM-REEL AD5324BRM-REEL7
*A pb (lead) free product
Temperature Range -40C to +105C -40C to +105C -40C to +105C -40C to +105C -40C to +105C -40C to +105C -40C to +105C -40C to +105C -40C to +105C -40C to +105C -40C to +105C -40C to +105C -40C to +105C -40C to +105C -40C to +105C -40C to +105C
Package Description 10-Lead MSOP 10-Lead MSOP 10-Lead MSOP 10-Lead MSOP 10-Lead MSOP 10-Lead MSOP 10-Lead MSOP 10-Lead MSOP 10-Lead MSOP 10-Lead MSOP 10-Lead MSOP 10-Lead MSOP 10-Lead MSOP 10-Lead MSOP 10-Lead MSOP 10-Lead MSOP
Package Option RM-10 RM-10 RM-10 RM-10 RM-10 RM-10 RM-10 RM-10 RM-10 RM-10 RM-10 RM-10 RM-10 RM-10 RM-10 RM-10
Branding DBA DBA DCA DCA DDA DDA DBB DBB DBB DBB DCB DCB DCB DDB DDB DDB
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD5304/AD5314/AD5324 feature proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
-4-
REV. D
AD5304/AD5314/AD5324
PIN CONFIGURATION
VDD 1 VOUTA 2 VOUTB 3 VOUTC 4 REFIN 5 SYNC SCLK DIN GND VOUTD
10
AD5304/ AD5314/ AD5324
TOP VIEW (Not to Scale)
9 8 7 6
PIN FUNCTION DESCRIPTIONS
Pin No. 1 2 3 4 5 6 7 8 9
Mnemonic VDD VOUTA VOUTB VOUTC REFIN VOUTD GND DIN SCLK SYNC
Function Power Supply Input. These parts can be operated from 2.5 V to 5.5 V and the supply should be decoupled to GND. Buffered Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation. Buffered Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation. Buffered Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation. Reference Input Pin for All Four DACs. It has an input range from 0.25 V to VDD. Buffered Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation. Ground Reference Point for All Circuitry on the Part. Serial Data Input. This device has a 16-bit shift register. Data is clocked into the register on the falling edge of the serial clock input. The DIN input buffer is powered down after each write cycle. Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input. Data can be transferred at clock speeds up to 30 MHz. The SCLK input buffer is powered down after each write cycle. Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC goes low, it enables the input shift register and data is transferred in on the falling edges of the following 16 clocks. If SYNC is taken high before the 16th falling edge of SCLK, the rising edge of SYNC acts as an interrupt and the write sequence is ignored by the device.
10
REV. D
-5-
AD5304/AD5314/AD5324
TERMINOLOGY Relative Accuracy DAC-to-DAC Crosstalk
For the DAC, relative accuracy or integral nonlinearity (INL) is a measure of the maximum deviation, in LSB, from a straight line passing through the endpoints of the DAC transfer function. Typical INL versus code plots can be seen in TPCs 1, 2, and 3.
Differential Nonlinearity
Differential nonlinearity (DNL) is the difference between the measured change and the ideal 1 LSB change between any two adjacent codes. A specified differential nonlinearity of 1 LSB maximum ensures monotonicity. This DAC is guaranteed monotonic by design. Typical DNL versus code plots can be seen in TPCs 4, 5, and 6.
Offset Error
This is the glitch impulse transferred to the output of one DAC due to a digital code change and subsequent output change of another DAC. This includes both digital and analog crosstalk. It is measured by loading one of the DACs with a full-scale code change (all 0s to all 1s and vice versa) with the LDAC bit set low and monitoring the output of another DAC. The energy of the glitch is expressed in nV-s.
Multiplying Bandwidth
The amplifiers within the DAC have a finite bandwidth. The multiplying bandwidth is a measure of this. A sine wave on the reference (with full-scale code loaded to the DAC) appears on the output. The multiplying bandwidth is the frequency at which the output amplitude falls to 3 dB below the input.
Total Harmonic Distortion
This is a measure of the offset error of the DAC and the output amplifier. It is expressed as a percentage of the full-scale range.
Gain Error
This is a measure of the span error of the DAC. It is the deviation in slope of the actual DAC transfer characteristic from the ideal expressed as a percentage of the full-scale range.
Offset Error Drift
This is the difference between an ideal sine wave and its attenuated version using the DAC. The sine wave is used as the reference for the DAC and the THD is a measure of the harmonics present on the DAC output. It is measured in dB.
GAIN ERROR PLUS OFFSET ERROR
This is a measure of the change in offset error with changes in temperature. It is expressed in (ppm of full-scale range)/C.
Gain Error Drift
OUTPUT VOLTAGE
IDEAL
ACTUAL
This is a measure of the change in gain error with changes in temperature. It is expressed in (ppm of full-scale range)/C.
Power Supply Rejection Ratio (PSRR)
This indicates how the output of the DAC is affected by changes in the supply voltage. PSRR is the ratio of the change in VOUT to a change in VDD for full-scale output of the DAC. It is measured in dB. VREF is held at 2 V and VDD is varied 10%.
DC Crosstalk
NEGATIVE OFFSET ERROR
DAC CODE
DEAD BAND CODES AMPLIFIER FOOTROOM (1mV) NEGATIVE OFFSET ERROR
This is the dc change in the output level of one DAC at midscale in response to a full-scale code change (all 0s to all 1s and vice versa) and output change of another DAC. It is expressed in V.
Reference Feedthrough
This is the ratio of the amplitude of the signal at the DAC output to the reference input when the DAC output is not being updated. It is expressed in dB.
Major-Code Transition Glitch Energy
Figure 2. Transfer Function with Negative Offset
Major-code transition glitch energy is the energy of the impulse injected into the analog output when the code in the DAC register changes state. It is normally specified as the area of the glitch in nV-s and is measured when the digital code is changed by 1 LSB at the major carry transition (011 . . . 11 to 100 . . . 00 or 100 . . . 00 to 011 . . . 11).
Digital Feedthrough
ACTUAL OUTPUT VOLTAGE
GAIN ERROR PLUS OFFSET ERROR
IDEAL POSITIVE OFFSET DAC CODE
Digital feedthrough is a measure of the impulse injected into the analog output of the DAC from the digital input pins of the device when the DAC output is not being written to (SYNC held high). It is specified in nV-s and is measured with a worst-case change on the digital input pins, e.g., from all 0s to all 1s or vice versa.
Digital Crosstalk
Figure 3. Transfer Function with Positive Offset
This is the glitch impulse transferred to the output of one DAC at midscale in response to a full-scale code change (all 0s to all 1s and vice versa) in the input register of another DAC. It is expressed in nV-s. -6- REV. D
Typical Performance Characteristics-AD5304/AD5314/AD5324
1.0 TA = 25 C VDD = 5V 0.5
3 TA = 25 C VDD = 5V 2
INL ERROR (LSB)
12 TA = 25 C VDD = 5V
8 INL ERROR (LSB)
INL ERROR (LSB)
1
4 0
0
0 -1
-4
-0.5
-2
-1.0
-8 -12
0
50
100
150 CODE
200
250
-3
0
200
400 600 CODE
800
1000
0
1000
2000 CODE
3000
4000
TPC 1. AD5304 Typical INL Plot
TPC 2. AD5314 Typical INL Plot
TPC 3. AD5324 Typical INL Plot
0.3
TA = 25 C VDD = 5V
0.6
0.2
DNL ERROR (LSB) DNL ERROR (LSB)
TA = 25 C VDD = 5V
1.0
TA = 25 C VDD = 5V
0.4
0.5
0.1
0.2
0
DNL ERROR (LSB)
200 400 600 CODE 800 1000
0
0
-0.1
-0.2 -0.4 -0.6 0
-0.5
-0.2
-0.3
0
50
100 150 CODE
200
250
-1.0 0
1000
2000 CODE
3000
4000
TPC 4. AD5304 Typical DNL Plot
TPC 5. AD5314 Typical DNL Plot
TPC 6. AD5324 Typical DNL Plot
0.50
VDD = 5V TA = 25 C
0.5 0.4
MAX INL
1.0
VDD = 5V VREF = 3V
VDD = 5V VREF = 2V
0.3
ERROR (LSB)
MAX DNL
MAX INL
0.25
0.5
ERROR (%)
MAX DNL
0.2 0.1 0 -0.1
MIN DNL
GAIN ERROR
ERROR (LSB)
0
MIN DNL
0
OFFSET ERROR
-0.2
-0.25
MIN INL
-0.5
MIN INL
-0.3 -0.4
-0.50
0
1
2 3 VREF (V)
4
5
-0.5
-1.0
40
0
80 40 TEMPERATURE ( C)
120
40
0
80 40 TEMPERATURE ( C)
120
TPC 7. AD5304 INL and DNL Error vs. VREF
TPC 8. AD5304 INL Error and DNL Error vs. Temperature
TPC 9. AD5304 Offset Error and Gain Error vs. Temperature
REV. D
-7-
AD5304/AD5314/AD5324
0.2 0.1 0 ERROR (%) -0.1 VOUT (V) -0.2 -0.3 -0.4 -0.5 -0.6 0
OFFSET ERROR TA = 25 C VREF = 2V GAIN ERROR 3V SOURCE
5
5V SOURCE
600 500
4
TA = 25 C VDD = 5V VREF = 2V
400
IDD ( A)
3V SINK 5V SINK
3
300
2
200 1
100
0
1
2
3 VDD (V)
4
5
6
0
1 3 4 2 5 SINK/SOURCE CURRENT (mA)
6
0
ZERO SCALE CODE
FULL SCALE
TPC 10. Offset Error and Gain Error vs. VDD
TPC 11. VOUT Source and Sink Current Capability
TPC 12. Supply Current vs. DAC Code
600
40 C
0.5
1000 TA = 25 C
500
+25 C
0.4
+105 C
900 800
400
IDD ( A)
IDD ( A)
IDD ( A)
0.3
40 C
300
700 VDD = 5V 600
0.2
25 C
200 0.1
100
500
105 C
VDD = 3V 400 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 VLOGIC (V)
0 2.5
3.0
3.5
4.0 VDD (V)
4.5
5.0
5.5
0 2.5
3.0
3.5
4.0 VDD (V)
4.5
5.0
5.5
TPC 13. Supply Current vs. Supply Voltage
TPC 14. Power-Down Current vs. Supply Voltage
TPC 15. Supply Current vs. Logic Input Voltage
CH1
TA = 25 C 5s VDD = 5V VREF = 5V VOUTA
CH1
TA = 25 C VDD = 5V VREF = 2V VDD
CH1
TA = 25 C VDD = 5V VREF = 2V VOUTA
SCLK
CH2
VOUTA
CH2
CH2
SCLK
CH1 1V, CH2 5V, TIME BASE= 1 s/DIV
CH1 2V, CH2 200mV, TIME BASE = 200 s/DIV
CH1 500mV, CH2 5V, TIME BASE= 1 s/DIV
TPC 16. Half-Scale Settling (1/4 to 3/4 Scale Code Change)
TPC 17. Power-On Reset to 0 V
TPC 18. Exiting Power-Down to Midscale
-8-
REV. D
AD5304/AD5314/AD5324
2.50
10 0 -10 -20
dB
FREQUENCY
VDD = 3V
VDD = 5V
VOUT (V)
2.49
-30
2.48
-40 -50
2.47 300 350 400 450 500 IDD ( A) 550 600 1 s/DIV
-60 10
100
1k 10k 100k FREQUENCY (Hz)
1M
10M
TPC 19. IDD Histogram with VDD = 3 V and VDD = 5 V
TPC 20. AD5324 Major-Code Transition Glitch Energy
TPC 21. Multiplying Bandwidth (Small-Signal Frequency Response)
0.02
VDD = 5V TA = 25 C
FULL-SCALE ERROR (V)
0.01
0
-0.01
-0.02
0
1
2
3 VREF (V)
4
5
6
1mV/DIV
150ns/DIV
TPC 22. Full-Scale Error vs. VREF
TPC 23. DAC-to-DAC Crosstalk
REV. D
-9-
AD5304/AD5314/AD5324
FUNCTIONAL DESCRIPTION DAC Reference Inputs
The AD5304/AD5314/AD5324 are quad resistor-string DACs fabricated on a CMOS process with resolutions of 8, 10, and 12 bits, respectively. Each contains four output buffer amplifiers and is written to via a 3-wire serial interface. They operate from single supplies of 2.5 V to 5.5 V, and the output buffer amplifiers provide rail-to-rail output swing with a slew rate of 0.7 V/ms. The four DACs share a single reference input pin. The devices have programmable power-down modes, in which all DACs may be turned off completely with a high impedance output.
Digital-to-Analog Section
There is a single reference input pin for the four DACs. The reference input is unbuffered. The user can have a reference voltage as low as 0.25 V and as high as VDD since there is no restriction due to headroom and footroom of any reference amplifier. It is recommended to use a buffered reference in the external circuit (e.g., REF192). The input impedance is typically 45 kW.
Output Amplifier
The architecture of one DAC channel consists of a resistor-string DAC followed by an output buffer amplifier. The voltage at the REFIN pin provides the reference voltage for the DAC. Figure 4 shows a block diagram of the DAC architecture. Since the input coding to the DAC is straight binary, the ideal output voltage is given by
VOUT = VREF D 2N
The output buffer amplifier is capable of generating rail-to-rail voltages on its output, which gives an output range of 0 V to VDD when the reference is VDD. It is capable of driving a load of 2 kW to GND or VDD, in parallel with 500 pF to GND or VDD. The source and sink capabilities of the output amplifier can be seen in the plot in TPC 11. The slew rate is 0.7 V/ms with a half-scale settling time to 0.5 LSB (at eight bits) of 6 ms.
POWER-ON RESET
where D = decimal equivalent of the binary code, which is loaded to the DAC register: 0-255 for AD5304 (8 bits) 0-1023 for AD5314 (10 bits) 0-4095 for AD5324 (12 bits) N = DAC resolution
REFIN
The AD5304/AD5314/AD5324 are provided with a power-on reset function, so that they power up in a defined state. The power-on state is Normal operation Output voltage set to 0 V Both input and DAC registers are filled with zeros and remain so until a valid write sequence is made to the device. This is particularly useful in applications where it is important to know the state of the DAC outputs while the device is powering up.
SERIAL INTERFACE
INPUT REGISTER
DAC REGISTER
RESISTOR STRING
VOUTA
The AD5304/AD5314/AD5324 are controlled over a versatile, 3-wire serial interface, which operates at clock rates up to 30 MHz and is compatible with SPI, QSPI, MICROWIRE, and DSP interface standards.
Input Shift Register
OUTPUT BUFFER AMPLIFIER
Figure 4. DAC Channel Architecture
Resistor String
The resistor string section is shown in Figure 5. It is simply a string of resistors, each of value R. The digital code loaded to the DAC register determines at which node on the string the voltage is tapped off to be fed into the output amplifier. The voltage is tapped off by closing one of the switches connecting the string to the amplifier. Because it is a string of resistors, it is guaranteed monotonic.
R
The input shift register is 16 bits wide. Data is loaded into the device as a 16-bit word under the control of a serial clock input, SCLK. The timing diagram for this operation is shown in Figure 1. The 16-bit word consists of four control bits followed by 8, 10, or 12 bits of DAC data, depending on the device type. Data is loaded MSB first (Bit 15) and the first two bits determine whether the data is for DAC A, DAC B, DAC C, or DAC D. Bits 13 and 12 control the operating mode of the DAC. Bit 13 is PD, which determines whether the part is in normal or power-down mode. Bit 12 is LDAC, which controls when DAC registers and outputs are updated.
Table I. Address Bits
R
A1
R TO OUTPUT AMPLIFIER
A0 0 1 0 1
DAC Addressed DAC A DAC B DAC C DAC D
0 0 1 1
R R
Figure 5. Resistor String
-10-
REV. D
AD5304/AD5314/AD5324
BIT15 (MSB) A1 A0 PD LDAC D7 D6 D5 D4 D3 D2 D1 D0 0 0 X BIT0 (LSB) X
DATA BITS
Figure 6. AD5304 Input Shift Register Contents
BIT15 (MSB) A1 A0 PD LDAC D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 X BIT0 (LSB) X
DATA BITS
Figure 7. AD5314 Input Shift Register Contents
BIT15 (MSB) A1 A0 PD LDAC D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 BIT0 (LSB) D0
DATA BITS
Figure 8. AD5324 Input Shift Register Contents
Address and Control Bits Low Power Serial Interface
PD
LDAC
0: All four DACs go into power-down mode, consuming only 200 nA @ 5 V. The DAC outputs enter a high impedance state. 1: Normal operation. 0: All four DAC registers and, therefore, all DAC outputs updated simultaneously on completion of the write sequence. 1: Only addressed input register is updated. There is no change in the content of the DAC registers.
To reduce the power consumption of the device even further, the interface powers up fully only when the device is being written to, i.e., on the falling edge of SYNC. As soon as the 16-bit control word has been written to the part, the SCLK and DIN input buffers are powered down. They power up again only following a falling edge of SYNC.
Double-Buffered Interface
The AD5324 uses all 12 bits of DAC data; the AD5314 uses 10 bits and ignores the 2 LSB. The AD5304 uses eight bits and ignores the last four bits. The data format is straight binary, with all 0s corresponding to 0 V output and all 1s corresponding to full-scale output (VREF - 1 LSB). The SYNC input is a level-triggered input that acts as a frame synchronization signal and chip enable. Data can be transferred into the device only while SYNC is low. To start the serial data transfer, SYNC should be taken low, observing the minimum SYNC to SCLK falling edge setup time, t4. After SYNC goes low, serial data will be shifted into the device's input shift register on the falling edges of SCLK for 16 clock pulses. Any data and clock pulses after the 16th falling edge of SCLK will be ignored because the SCLK and DIN input buffers are powered down. No further serial data transfer will occur until SYNC is taken high and low again. SYNC may be taken high after the falling edge of the 16th SCLK pulse, observing the minimum SCLK falling edge to SYNC rising edge time, t7. After the end of serial data transfer, data will automatically be transferred from the input shift register to the input register of the selected DAC. If SYNC is taken high before the 16th falling edge of SCLK, the data transfer will be aborted and the DAC input registers will not be updated. When data has been transferred into three of the DAC input registers, all DAC registers and all DAC outputs may simultaneously be updated by setting LDAC low when writing to the remaining DAC input register. REV. D
The AD5304/AD5314/AD5324 DACs have double-buffered interfaces consisting of two banks of registers--input registers and DAC registers. The input register is directly connected to the input shift register and the digital code is transferred to the relevant input register on completion of a valid write sequence. The DAC register contains the digital code used by the resistor string. Access to the DAC register is controlled by the LDAC bit. When the LDAC bit is set high, the DAC register is latched and hence the input register may change state without affecting the contents of the DAC register. However, when the LDAC bit is set low, all DAC registers are updated after a complete write sequence. This is useful if the user requires simultaneous updating of all DAC outputs. The user may write to three of the input registers individually and then, by setting the LDAC bit low when writing to the remaining DAC input register, all outputs will update simultaneously. These parts contain an extra feature whereby the DAC register is not updated unless its input register has been updated since the last time that LDAC was brought low. Normally, when LDAC is brought low, the DAC registers are filled with the contents of the input registers. In the case of the AD5304/AD5314/ AD5324, the part will update the DAC register only if the input register has been changed since the last time the DAC register was updated, thereby removing unnecessary digital crosstalk.
POWER-DOWN MODE
The AD5304/AD5314/AD5324 have low power consumption, dissipating only 1.5 mW with a 3 V supply and 3 mW with a 5 V supply. Power consumption can be further reduced when the DACs are not in use by putting them into power-down mode, which is selected by a 0 on Bit 13 (PD) of the control word. -11-
AD5304/AD5314/AD5324
When the PD bit is set to 1, all DACs work normally with a typical power consumption of 600 mA at 5 V (500 mA at 3 V). However, in power-down mode, the supply current falls to 200 nA at 5 V (80 nA at 3 V) when all DACs are powered down. Not only does the supply current drop, but the output stage is also internally switched from the output of the amplifier, making it open-circuit. This has the advantage that the output is threestated while the part is in power-down mode, and provides a defined input condition for whatever is connected to the output of the DAC amplifier. The output stage is illustrated in Figure 9. The bias generator, the output amplifier, the resistor string, and all other associated linear circuitry are shut down when the power-down mode is activated. However, the contents of the registers are unaffected when in power-down. The time to exit power-down is typically 2.5 ms for VDD = 5 V and 5 ms when VDD = 3 V. This is the time from the falling edge of the 16th SCLK pulse to when the output voltage deviates from its powerdown voltage. See TPC 18 for a plot.
AD5304/AD5314/AD5324 to 68HC11/68L11 Interface
Figure 11 shows a serial interface between the AD5304/AD5314/ AD5324 and the 68HC11/68L11 microcontroller. SCK of the 68HC11/68L11 drives the SCLK of the AD5304/AD5314/ AD5324, while the MOSI output drives the serial data line (DIN) of the DAC. The SYNC signal is derived from a port line (PC7). The setup conditions for correct operation of this interface are as follows: the 68HC11/68L11 should be configured so that its CPOL bit is a 0 and its CPHA bit is a 1. When data is being transmitted to the DAC, the SYNC line is taken low (PC7). When the 68HC11/68L11 is configured as above, data appearing on the MOSI output is valid on the falling edge of SCK. Serial data from the 68HC11/68L11 is transmitted in 8-bit bytes with only eight falling clock edges occurring in the transmit cycle. Data is transmitted MSB first. To load data to the AD5304/AD5314/ AD5324, PC7 is left low after the first eight bits are transferred, a second serial write operation is performed to the DAC, and PC7 is taken high at the end of this procedure.
68HC11/68L11*
RESISTOR STRING DAC
AMPLIFIER
VOUT
AD5304/ AD5314/ AD5324*
SYNC SCLK DIN
PC7 SCK MOSI
POWER-DOWN CIRCUITRY
*ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 9. Output Stage during Power-Down
MICROPROCESSOR INTERFACING AD5304/AD5314/AD5324 to ADSP-2101/ADSP-2103 Interface
Figure 11. AD5304/AD5314/AD5324 to 68HC11/ 68L11 Interface
AD5304/AD5314/AD5324 to 80C51/80L51 Interface
Figure 10 shows a serial interface between the AD5304/AD5314/ AD5324 and the ADSP-2101/ADSP-2103. The ADSP-2101/ ADSP-2103 should be set up to operate in the SPORT transmit alternate framing mode. The ADSP-2101/ADSP-2103 sport is programmed through the SPORT control register and should be configured as follows: internal clock operation, active-low framing, 16-bit word length. Transmission is initiated by writing a word to the Tx register after the SPORT has been enabled. The data is clocked out on each rising edge of the DSP's serial clock and clocked into the AD5304/AD5314/AD5324 on the falling edge of the DAC's SCLK.
ADSP-2101/ ADSP-2103*
AD5304/ AD5314/ AD5324*
SYNC DIN SCLK
TFS DT SCLK
Figure 12 shows a serial interface between the AD5304/AD5314/ AD5324 and the 80C51/80L51 microcontroller. The setup for the interface is as follows: TxD of the 80C51/80L51 drives SCLK of the AD5304/AD5314/AD5324, while RxD drives the serial data line of the part. The SYNC signal is again derived from a bit-programmable pin on the port. In this case, port line P3.3 is used. When data is to be transmitted to the AD5304/ AD5314/AD5324, P3.3 is taken low. The 80C51/80L51 transmits data only in 8-bit bytes; thus only eight falling clock edges occur in the transmit cycle. To load data to the DAC, P3.3 is left low after the first eight bits are transmitted, and a second write cycle is initiated to transmit the second byte of data. P3.3 is taken high following the completion of this cycle. The 80C51/ 80L51 outputs the serial data in a format that has the LSB first. The AD5304/AD5314/AD5324 requires its data with the MSB as the first bit received. The 80C51/80L51 transmit routine should take this into account.
80C51/80L51*
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD5304/ AD5314/ AD5324*
SYNC SCLK DIN
Figure 10. AD5304/AD5314/AD5324 to ADSP-2101/ ADSP-2103 Interface
P3.3 TxD RxD
*ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 12. AD5304/AD5314/AD5324 to 80C51/ 80L51 Interface
-12-
REV. D
AD5304/AD5314/AD5324
AD5304/AD5314/AD5324 to MICROWIRE Interface
Figure 13 shows an interface between the AD5304/AD5314/ AD5324 and any MICROWIRE compatible device. Serial data is shifted out on the falling edge of the serial clock, SK, and is clocked into the AD5304/AD5314/AD5324 on the rising edge of SK, which corresponds to the falling edge of the DAC's SCLK.
MICROWIRE*
The load regulation of the REF195 is typically 2 ppm/mA, which results in an error of 5.4 ppm (27 mV) for the 2.7 mA current drawn from it. This corresponds to a 0.0014 LSB error at eight bits and 0.022 LSB error at 12 bits.
Bipolar Operation Using the AD5304/AD5314/AD5324
AD5304/ AD5314/ AD5324*
SYNC SCLK DIN
CS SK SO
The AD5304/AD5314/AD5324 have been designed for singlesupply operation, but a bipolar output range is also possible using the circuit in Figure 15. This circuit will give an output voltage range of 5 V. Rail-to-rail operation at the amplifier output is achievable using an AD820 or an OP295 as the output amplifier.
R2 = 10k
*ADDITIONAL PINS OMITTED FOR CLARITY.
+5V 6V TO 16V 10 F 0.1 F 5V VDD VOUTA R1 = 10k AD820/ OP295 5V
Figure 13. AD5304/AD5314/AD5324 to MICROWIRE Interface
APPLICATIONS Typical Application Circuit
REF195
VIN VOUT GND 1F
AD5304
REFIN VOUTB VOUTC VOUTD GND DIN SCLK SYNC
-5V
The AD5304/AD5314/AD5324 can be used with a wide range of reference voltages where the devices offer full, one-quadrant multiplying capability over a reference range of 0 V to VDD. More typically, these devices are used with a fixed, precision reference voltage. Suitable references for 5 V operation are the AD780 and REF192 (2.5 V references). For 2.5 V operation, a suitable external reference would be the AD589, a 1.23 V band gap reference. Figure 14 shows a typical setup for the AD5304/AD5314/ AD5324 when using an external reference.
VDD = 2.5V TO 5.5V
SERIAL INTERFACE
Figure 15. Bipolar Operation with the AD5304
The output voltage for any input code can be calculated as follows:
0.1 F
10 F
AD5304/ AD5314/ AD5324
VOUTA
VOUT
where
E REFIN D 2N ( R1 + R2) =I I R1 - REFIN ( R2 / R1) I
(
)
VIN EXT REF VOUT 1F SCLK AD780/REF192 WITH VDD = 5V OR AD589 WITH VDD = 2.5V DIN SYNC A0 GND REFIN
VOUTB VOUTC VOUTD
D is the decimal equivalent of the code loaded to the DAC. N is the DAC resolution. REFIN is the reference voltage input. with REFIN = 5 V, R1 = R2 = 10 kW:
SERIAL INTERFACE
VOUT = 10 D / 2N - 5V
Opto-Isolated Interface for Process Control Applications
(
)
Figure 14. AD5304/AD5314/AD5324 Using External Reference
If an output range of 0 V to VDD is required, the simplest solution is to connect the reference input to VDD. As this supply may not be very accurate and may be noisy, the AD5304/AD5314/ AD5324 may be powered from the reference voltage; for example, using a 5 V reference such as the REF195. The REF195 will output a steady supply voltage for the AD5304/AD5314/AD5324. The current required from the REF195 is 600 mA supply current and approximately 112 mA into the reference input. This is with no load on the DAC outputs. When the DAC outputs are loaded, the REF195 also needs to supply the current to the loads. The total current required (with a 10 kW load on each output) is 712 mA + 4(5V / 10 kW) = 2.70 mA REV. D
The AD5304/AD5314/AD5324 have a versatile 3-wire serial interface, making them ideal for generating accurate voltages in process control and industrial applications. Due to noise, safety requirements, or distance, it may be necessary to isolate the AD5304/AD5314/AD5324 from the controller. This can easily be achieved by using opto-isolators, which will provide isolation in excess of 3 kV. The actual data rate achieved may be limited by the type of optocouplers chosen. The serial loading structure of the AD5304/AD5314/AD5324 makes them ideally suited for use in opto-isolated applications. Figure 16 shows an opto-isolated interface to the AD5304 where DIN, SCLK, and SYNC are driven from optocouplers. The power supply to the part also needs to be isolated. This is done by using a transformer. On the DAC side of the transformer, a 5 V regulator provides the 5 V supply required for the AD5304.
-13-
AD5304/AD5314/AD5324
POWER 5V REGULATOR 10 F 0.1 F
AD5304/AD5314/AD5324 as a Digitally Programmable Window Detector
VDD 10k SCLK SCLK REFIN VDD 10k SYNC SYNC VDD
AD5304
VOUTA VOUTB VOUTC VOUTD
A digitally programmable upper/lower limit detector using two of the DACs in the AD5304/AD5314/AD5324 is shown in Figure 18. The upper and lower limits for the test are loaded to DACs A and B, which, in turn, set the limits on the CMP04. If the signal at the VIN input is not within the programmed window, an LED will indicate the fail condition. Similarly, DACs C and D can be used for window detection on a second VIN signal.
5V 0.1 F 10 F VIN 1k FAIL VREF REFIN VDD VOUTA 1k PASS
VDD 10k DIN DIN GND
SYNC DIN SCLK
SYNC DIN SCLK
1/2 AD5304/ AD5314/ AD5324*
VOUTB GND
1/2 CMP04
PASS/FAIL
1/6 74HC05
Figure 16. AD5304 in an Opto-Isolated Interface
Decoding Multiple AD5304/AD5314/AD5324s
*ADDITIONAL PINS OMITTED FOR CLARITY
The SYNC pin on the AD5304/AD5314/AD5324 can be used in applications to decode a number of DACs. In this application, all the DACs in the system receive the same serial clock and serial data, but the SYNC to only one of the devices will be active at any one time, allowing access to four channels in this 16-channel system. The 74HC139 is used as a 2-to-4-line decoder to address any of the DACs in the system. To prevent timing errors, the enable input should be brought to its inactive state while the coded address inputs are changing state. Figure 17 shows a diagram of a typical setup for decoding multiple AD5304 devices in a system.
Figure 18. Window Detection
POWER SUPPLY BYPASSING AND GROUNDING
SCLK DIN VDD VCC ENABLE CODED ADDRESS 1G 1A 1B 1Y0 1Y1 74HC139 1Y2 1Y3 DGND
AD5304
SYNC DIN SCLK VOUTA VOUTB VOUTC VOUTD
AD5304
SYNC DIN SCLK VOUTA VOUTB VOUTC VOUTD
In any circuit where accuracy is important, careful consideration of the power supply and ground return layout helps to ensure the rated performance. The printed circuit board on which the AD5304/AD5314/AD5324 is mounted should be designed so that the analog and digital sections are separated and confined to certain areas of the board. If the AD5304/AD5314/AD5324 is in a system where multiple devices require an AGND-to-DGND connection, the connection should be made at one point only. The star ground point should be established as close as possible to the device. The AD5304/AD5314/AD5324 should have ample supply bypassing of 10 mF in parallel with 0.1 mF on the supply located as close to the package as possible, ideally right up against the device. The 10 mF capacitors are the tantalum bead type. The 0.1 mF capacitor should have low effective series resistance (ESR) and effective series inductance (ESI), like the common ceramic types that provide a low impedance path to ground at high frequencies, to handle transient currents due to internal logic switching. The power supply lines of the AD5304/AD5314/AD5324 should use as large a trace as possible to provide low impedance paths and reduce the effects of glitches on the power supply line. Fast switching signals such as clocks should be shielded with digital ground to avoid radiating noise to other parts of the board, and should never be run near the reference inputs. Avoid crossover of digital and analog signals. Traces on opposite sides of the board should run at right angles to each other. This reduces the effects of feedthrough through the board. A microstrip technique is by far the best, but is not always possible with a double-sided board. In this technique, the component side of the board is dedicated to ground plane while signal traces are placed on the solder side.
AD5304
SYNC DIN SCLK VOUTA VOUTB VOUTC VOUTD
AD5304
SYNC DIN SCLK VOUTA VOUTB VOUTC VOUTD
Figure 17. Decoding Multiple AD5304 Devices in a System
-14-
REV. D
AD5304/AD5314/AD5324
Table II. Overview of AD53xx Serial Devices
Part No. SINGLES AD5300 AD5310 AD5320 AD5301 AD5311 AD5321 DUALS AD5302 AD5312 AD5322 AD5303 AD5313 AD5323 QUADS AD5304 AD5314 AD5324 AD5305 AD5315 AD5325 AD5306 AD5316 AD5326 AD5307 AD5317 AD5327 OCTALS AD5308 AD5318 AD5328
Resolution 8 10 12 8 10 12 8 10 12 8 10 12 8 10 12 8 10 12 8 10 12 8 10 12 8 10 12
No. of DACs 1 1 1 1 1 1 2 2 2 2 2 2 4 4 4 4 4 4 4 4 4 4 4 4 8 8 8
DNL 0.25 0.5 1.0 0.25 0.5 1.0 0.25 0.5 1.0 0.25 0.5 1.0 0.25 0.5 1.0 0.25 0.5 1.0 0.25 0.5 1.0 0.25 0.5 1.0 0.25 0.5 1.0
Interface SPI SPI SPI 2-Wire 2-Wire 2-Wire SPI SPI SPI SPI SPI SPI SPI SPI SPI 2-Wire 2-Wire 2-Wire 2-Wire 2-Wire 2-Wire SPI SPI SPI SPI SPI SPI
Settling Time ( s) 4 6 8 6 7 8 6 7 8 6 7 8 6 7 8 6 7 8 6 7 8 6 7 8 6 7 8
Package SOT-23, MSOP SOT-23, MSOP SOT-23, MSOP SOT-23, MSOP SOT-23, MSOP SOT-23, MSOP MSOP MSOP MSOP TSSOP TSSOP TSSOP MSOP MSOP MSOP MSOP MSOP MSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP
Pins 6, 8 6, 8 6, 8 6, 8 6, 8 6, 8 8 8 8 16 16 16 10 10 10 10 10 10 16 16 16 16 16 16 16 16 16
Visit www.analog.com/support/standard_linear/selection_guides/AD53xx.html for more information.
Table III. Overview of AD53xx Parallel Devices
Part No. SINGLES AD5330 AD5331 AD5340 AD5341 DUALS AD5332 AD5333 AD5342 AD5343 QUADS AD5334 AD5335 AD5336 AD5344 REV. D
Resolution 8 10 12 12 8 10 12 12 8 10 10 12
DNL 0.25 0.5 1.0 1.0 0.25 0.5 1.0 1.0 0.25 0.5 0.5 1.0
VREF Pins 1 1 1 1 2 2 2 1 2 2 4 4
Settling Time ( s) 6 7 8 8 6 7 8 8 6 7 7 8 -15-
Additional Pin Functions BUF GAIN HBEN CLR
Package TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP
Pins 20 20 24 20 20 24 28 20 24 24 28 28



AD5304/AD5314/AD5324
OUTLINE DIMENSIONS 10-Lead Mini Small Outline Package [MSOP] (RM-10)
Dimensions shown in millimeters
3.00 BSC
10
6
3.00 BSC
1 5
4.90 BSC
PIN 1 0.50 BSC 0.95 0.85 0.75 0.15 0.00 0.27 0.17 1.10 MAX 8 0 0.80 0.60 0.40
SEATING PLANE
0.23 0.08
COPLANARITY 0.10 COMPLIANT TO JEDEC STANDARDS MO-187BA
Revision History
Location 8/03--Data Sheet changed from REV. C to REV. D. Page
Added A Version . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Universal Changes to FEATURES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Changes to SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Changes to ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Changes to ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Changes to Figure 6 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Added OCTALS section to Table II . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Updated OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
-16-
REV. D
C00929-0-8/03(D)
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of AD5324ARM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X