Part Number Hot Search : 
LTC1859 UPD64083 ML4812IQ 2N5167 SB607G 62T10LD3 CTDD1 NLAS6234
Product Description
Full Text Search
 

To Download AD2S80ATD883B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Monolithic (BiMOS ll) Tracking R/D Converter 40-Pin DIP Package 44-Pin LCC Package 10-,12-,14- and 16-Bit Resolution Set by User Ratiometric Conversion Low Power Consumption: 300 mW typ Dynamic Performance Set by User High Max Tracking Rate 1040 RPS (10 Bits) Velocity Output Industrial Temperature Range Versions Military Temperature Range Versions ESD Class 2 Protection (2,000 V min) /883 B Parts Available APPLICATIONS DC Brushless and AC Motor Control Process Control Numerical Control of Machine Tools Robotics Axis Control Military Servo Control GENERAL DESCRIPTION
Variable Resolution, Monolithic Resolver-to-Digital Converter AD2S80A
FUNCTIONAL BLOCK DIAGRAM
DEMOD O/P INTEGRATOR I/P AC ERROR O/P DEMOD I/P
AD2S80A
SIN I/P SIG GND COS I/P ANALOG GND RIPPLE CLK +12V -12V DATA LOAD
SC1 BYTE SELECT +5V DIG GND BUSY SC2 DIR ENABLE
A1 SEGMENT SWITCHING A2 R-2R DAC
A3 PHASE SENSITIVE DETECTOR INTEGRATOR O/P
16-BIT UP/DOWN COUNTER
VCO DATA TRANSFER LOGIC
VCO I/P
OUTPUT DATA LATCH
16 DATA BITS
PRODUCT HIGHLIGHTS
Monolithic. A one chip solution reduces the package size required and increases the reliability. Resolution Set by User. Two control pins are used to select the resolution of the AD2S80A to be 10, 12, 14 or 16 bits allowing the user to use the AD2S80A with the optimum resolution for each application. Ratiometric Tracking Conversion. Conversion technique provides continuous output position data without conversion delay and is insensitive to absolute signal levels. It also provides good noise immunity and tolerance to harmonic distortion on the reference and input signals. Dynamic Performance Set by the User. By selecting external resistor and capacitor values the user can determine bandwidth, maximum tracking rate and velocity scaling of the converter to match the system requirements. The external components required are all low cost preferred value resistors and capacitors, and the component values are easy to select using the simple instructions given. Velocity Output. An analog signal proportional to velocity is available and is linear to typically one percent. This can be used in place of a velocity transducer in many applications to provide loop stabilization in servo controls and velocity feedback data. Low Power Consumption. Typically only 300 mW. Military Product. The AD2S80A is available processed in accordance with MIL-STD-883B, Class B. MODELS AVAILABLE Information on the models available is given in the section "Ordering Information."
The AD2S80A is a monolithic 10-, 12-, 14- or 16-bit tracking resolver-to-digital converter contained in a 40-pin DIP or 44pin LCC ceramic package. It is manufactured on a BiMOS II process that combines the advantages of CMOS logic and bipolar high accuracy linear circuits on the same chip. The converter allows users to select their own resolution and dynamic performance with external components. This allows the users great flexibility in defining the converter that best suits their system requirements. The converter allows users to select the resolution to he 10, 12, 14 or 16 bits and to track resolver signals rotating at up to 1040 revs per second (62,400 rpm) when set to 10-bit resolution. The AD2S80A converts resolver format input signals into a parallel natural binary digital word using a ratiometric tracking conversion method. This ensures high-noise immunity and tolerance of lead length when the converter is remote from the resolver. The 10-, 12-, 14- or 16-bit output word is in a three-state digital logic available in 2 bytes on the 16 output data lines. BYTE SELECT, ENABLE and INHIBIT pins ensure easy data transfer to 8- and 16-bit data buses, and outputs are provided to allow for cycle or pitch counting in external counters. An analog signal proportional to velocity is also available and can be used to replace a tachogenerator. The AD2S80A operates over 50 Hz to 20,000 Hz reference frequency. REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 Fax: 617/326-8703
INHIBIT
AD2S80A-SPECIFICATIONS (typical at +25 C unless otherwise noted)
Parameter SIGNAL INPUTS Frequency Voltage Level Input Bias Current Input Impedance Maximum Voltage REFERENCE INPUT Frequency Voltage Level Input Bias Current Input Impedance CONTROL DYNAMICS Repeatability Allowable Phase Shift Tracking Rate Conditions Min 50 1.8 1.0 8 50 1.0 60 1.0 1 +10 1040 260 65 16.25 20,000 8.0 150 AD2S80A Typ Max 20,000 2.2 150 Units Hz V rms nA M V pk Hz V pk nA M LSB Degrees rps rps rps rps 2.0 60
Bandwidth1 ACCURACY Angular Accuracy Monotonicity Missing Codes (16-Bit Resolution) VELOCITY SIGNAL Linearity Reversion Error DC Zero Offset2 DC Zero Offset Tempco Gain Scaling Accuracy Output Voltage Dynamic Ripple Output Load INPUT/OUTPUT PROTECTION Analog Inputs Analog Outputs DIGITAL POSITION Resolution Output Format Load INHIBIT3 Sense Time to Stable Data ENABLE
3
(Signals to Reference) 10 Bits 12 Bits 14 Bits 16 Bits User Selectable A, J, S B, K, T L, U Guaranteed Monotonic A, B, J, K, S, T L, U Over Full Range
-10
8 +1 LSB 4 +1 LSB 2 +1 LSB 4 1 1 1 -22 3 2 6 10 10.5 1.5 1.0
arc min arc min arc min Codes Code % FSD % FSD mV V/C % FSD V % rms O/P k V mA
1 mA Load Mean Value
8
9
Overvoltage Protection Short Circuit O/P Protection 10, 12, 14, and 16 Bidirectional Natural Binary
5.6
8 8
10.4
3 Logic LO to Inhibit 600 Logic LO Enables Position Output. Logic HI Outputs in High Impedance State MS Byte DB1-DB8, LS Byte DB9-DB16 LS Byte DB1-DB8, LS Byte DB9-DB16 60 Internally Pulled High (100 k) to +VS 10 Bit 12 Bit 14 Bit 16 Bit 140
LSTTL
ns
ENABLE Time BYTE SELECT Sense LOGIC LO Time to Data Available SHORT CYCLE INPUTS SC1 SC2 0 0 0 1 1 0 1 1
3
35
110
ns
ns
-2-
REV. A
AD2S80A
Parameter DATA LOAD Sense Conditions Internally Pulled High (100 k) to +VS. Logic LO Allows Data to be Loaded into the Counters from the Data Lines Logic HI When Position O/P Changing 200 Use Additional Pull-Up Logic HI Counting Up Logic LO Counting Down 3
3
Min
AD2S80A Typ Max 150 300
Units ns
BUSY3 Sense Width Load DIRECTION3 Sense Max Load RIPPLE CLOCK Sense Width Reset Load DIGITAL INPUTS High Voltage, VIH Low Voltage, VIL
600 1
ns LSTTL
LSTTL
Logic HI All 1s to All 0s All 0s to All 1s Dependent on Input Velocity Before Next Busy
300 3 LSTTL V 0.8 V
INHIBIT, ENABLE DB1-DB16, Byte Select VS = 10.8 V, VL = 5.0 V INHIBIT, ENABLE DB1-DB16, Byte Select VS = 13.2 V, VL = 5.0 V INHIBIT, ENABLE DB1-DB16 VS = 13.2 V , VL = 5.5 V INHIBIT, ENABLE DB1-DB16, Byte Select VS = 13.2 V, VL = 5.5 V ENABLE = HI SC1, SC2, Data Load VS = 12.0 V, VL = 5.0 V ENABLE = HI SC1, SC2, Data Load VS = 12.0 V, VL = 5.0 V DB1-DB16 RIPPLE CLK, DIR VS = 12.0 V, VL = 4.5 V IOH = 100 A DB1-DB16 RIPPLE CLK, DIR VS = 12.0 V, VL = 5.5 V IOL = 1.2 mA DB1-DB16 Only VS = 12.0 V, VL = 5.5 V VOL = 0 V VS = 12.0 V, VL = 5.5 V VOH = 5.0 V
2.0
DIGITAL INPUTS High Current, IIH Low Current, IIL
100 100
A A
DIGITAL INPUTS Low Voltage, VIL Low Current, IIL
1.0 -400
V A
DIGITAL OUTPUTS High Voltage, VOH
2.4
V
Low Voltage, VOL
0.4
V
THREE-STATE LEAKAGE Current IL
100 100
A A
NOTES 1 Refer to small signal bandwidth. 2 Output offset dependent on value for R6. 3 Refer to timing diagram. Specifications subject to change without notice. All min and max specifications are guaranteed. Specifications in boldface are tested on all production units at final electrical test.
REV. A
-3-
AD2S80A-SPECIFICATIONS (typical at +25 C unless otherwise noted)
Parameter RATIO MULTIPLIER AC Error Output Scaling Conditions 10 Bit 12 Bit 14 Bit 16 Bit Min AD2S80A Typ Max 177.6 44.4 11.1 2.775 12 w.r.t. REF w.r.t. REF -0.882 1 -0.9 60 -0.918 0.02 150 8 63 100 1 60 5 150 Units mV/Bit mV/Bit mV/Bit mV/Bit mV V rms/V dc V rms/V dc nA M V dB nA/LSB mV nA V
PHASE SENSITIVE DETECTOR Output Offset Voltage Gain In Phase In Quadrature Input Bias Current Input Impedance Input Voltage INTEGRATOR Open-Loop Gain Dead Zone Current (Hysteresis) Input Offset Voltage Input Bias Current Output Voltage Range VCO Maximum Rate VCO Rate VCO Power Supply Sensitivity Increase Decrease Input Offset Voltage Input Bias Current Input Bias Current Tempco Input Voltage Range Linearity of Absolute Rate Full Range Over 0% to 50% of Full Range Reversion Error Sensitivity of Reversion Error to Symmetry of Power Supplies POWER SUPPLIES Voltage Levels +VS -VS +VL Current IS IS IL
At 10 kHz
57
VS = 10.8 V dc VS = 12 V dc Positive Direction Negative Direction +VS -VS +VS -VS
7
7.1 7.1
7.9 7.9 +0.5 -8.0 -8.0 +2.0 1 70 -1.22
1.1 8.7 8.7
MHz kHz/A kHz/A %/V %/V %/V %/V mV nA nA/C V % FSD % FSD % FSD %/V of Asymmetry
5 380 8 <2 <1 1.5
8
+10.8 -10.8 +5 VS @ 12 V VS @ 13.2 V +VL @ 5.0 V 12 19 0.5
+13.2 -13.2 +13.2 23 30 1.5
V V V mA mA mA
Specification subject to change without notice. All min and max specifications are guaranteed. Specifications in boldface are tested on all production units at final electrical test.
ESD SENSITIVITY The AD2S80A features an input protection circuit consisting of large "distributed" diodes and polysilicon series resistors to dissipate both high energy discharges (Human Body Model) and fast, low energy pulses (Charges Device Model). The AD2S80A is ESD protection Class II (2000 V min). Proper ESD precautions are strongly recommended to avoid functional damage or performance degradation. For further information on ESD precautions, refer to Analog Devices ESD Prevention Manual.
WARNING!
ESD SENSITIVE DEVICE
-4-
REV. A
AD2S80A
Power Supply Voltage (+VS, -VS) . . . . . . . . . 12 V dc 10% Power Supply Voltage VL . . . . . . . . . . . . . . . . . +5 V dc 10% Analog Input Voltage (SIN and COS) . . . . . . . 2 V rms 10% Analog Input Voltage (REF) . . . . . . . . . . . . . . 1 V to 8 V peak Signal and Reference Harmonic Distortion . . . . . . . 10% (max) Phase Shift Between Signal and Reference . . . 10 Degrees (max) Ambient Operating Temperature Range Commercial (JD, KD, LD) . . . . . . . . . . . . . . 0C to +70C Industrial (AD, BD) . . . . . . . . . . . . . . . . . . . -40C to +85C Extended (SD, SE, TD, TE, UD, UE) . . . -55C to +125C
ABSOLUTE MAXIMUM RATINGS l (with respect to GND) RECOMMENDED OPERATING CONDITIONS PIN CONFIGURATIONS
REFERENCE I/P 1 DEMOD I/P 2 40 DEMOD O/P 39 INTEGRATOR O/P 38 INTEGRATOR I/P 37 VCO I/P 36 -VS 35 RIPPLE CLK 34 DIRECTION 33 BUSY 32 DATA LOAD
DIP (D) Package
AC ERROR O/P 3 COS 4 ANALOG GND 5 SIGNAL GND 6 SIN 7
+VS 8 MSB DB1 9 DB2 10
31 SC2 TOP VIEW DB3 11 (Not to Scale) 30 SC1 DB4 12 DB5 13 DB6 14 DB7 15 DB8 16 DB9 17 DB10 18 DB11 19 DB12 20 29 DIGITAL GND 28 INHIBIT 27 BYTE SELECT 26 ENABLE 25 VL 24 DB16 LSB 23 DB15 22 DB14 21 DB13
AD2S80A
+VS2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +14 V dc -VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -14 V dc +VL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +VS Reference . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +14 V to -VS SIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +14 V to -VS COS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +14 V to -VS Any Logical Input .. . . . . . . . . . . . . . . . . . . -0.4 V dc to +VL dc Demodulator Input . . . . . . . . . . . . . . . . . . . . . . . +14 V to -VS Integrator Input . . . . . . . . . . . . . . . . . . . . . . . . . . +14 V to -VS VCO Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +14 V to -VS Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 860 mW Operating Temperature Commercial (JD, KD, LD) . . . . . . . . . . . . . . 0C to +70C Industrial (AD, BD) . . . . . . . . . . . . . . . . . . . -40C to +85C Extended (SD, SE, TD, TE, UD, UE) . . . -55C to +125C JC3 (40-Pin DIP 883 Parts Only) . . . . . . . . . . . . . . . . 11C/W JC3 (44-Pin LCC 883 Parts Only) . . . . . . . . . . . . . . . . 10C/W Storage Temperature (All Grades) . . . . . . . . . -65C to +150C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300C
CAUTION: 1. Absolute Maximum Ratings are those values beyond which damage to the device may occur. 2. Correct polarity voltages must be maintained on the +V S and -VS pins. 3. With reference to Appendix C of MIL-M-38510.
INTEGRATOR O/P
INTEGRATOR I/P
REFERENCE I/P
AC ERROR O/P
ANALOG GND
SIGNAL GND
DEMOD O/P
DEMOD I/P
VCO I/P
COS
65 SIN 7 +VS 8 NC 9 MSB DB1 10 DB2 11 DB3 12 DB4 13 DB5 14 DB6 15 DB7 16 DB8 17
4
3
2
1 44 43 42 41 40 39 -VS 38 RIPPLE CLOCK 37 DIRECTION 36 BUSY
NC
LCC (E) Package
AD2S80A
TOP VIEW (Not to Scale)
35 DATA LOAD 34 NC 33 SC2 32 SC1 31 DIGITAL GND 30 INHIBIT 29 NC
18 19 20 21 22 23 24 25 26 27 28
DB9 LSB DB16 BYTE SELECT DB11 ENABLE DB10 DB12 DB13 DB14 DB15 +VL
NC = NO CONNECT
Bit Weight Table
Binary Bits (N) 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Resolution (2N) 1 2 4 8 16 32 64 128 256 512 1024 2048 4096 8192 116384 32768 65536 131072 262144 Degrees /Bit 360.0 180.0 90.0 45.0 22.5 11.25 5.625 2.8125 1.40625 0.703125 0.3515625 0.1757813 0.0878906 0.0439453 0.0219727 0.0109836 0.0054932 0.0027466 0.0013733 Minutes /Bit 21600.0 10800.0 5400.0 2700.0 1350.0 675.0 337.5 168.75 84.375 42.1875 21.09375 10.546875 5.273438 2.636719 1.318359 0.659180 0.329590 0.164795 0.082397 Seconds /Bit 1296000.0 648000.0 324000.0 162000.0 81000.0 40500.0 20250.0 10125.0 5062.5 2531.25 1265.625 632.8125 316.40625 158.20313 79.10156 39.55078 19.77539 9.88770 4.94385
PIN DESIGNATIONS
MNEMONIC REFERENCE I/P DEMOD I/P AC ERROR O/P COS ANALOG GROUND SIGNAL GROUND SIN +VS DB1-DB16 VL ENABLE DESCRIPTION REFERENCE SIGNAL INPUT DEMODULATOR INPUT RATIO MULTIPLIER OUTPUT COSINE INPUT POWER GROUND RESOLVER SIGNAL GROUND SINE INPUT POSITIVE POWER SUPPLY PARALLEL OUTPUT DATA LOGIC POWER SUPPLY LOGIC Hl-OUTPUT DATA IN HIGH IMPEDANCE STATE, LOGIC LO PRESENTS DATA TO THE OUTPUT LATCHES LOGIC Hl-MOST SIGNIFICANT BYTE TO DB1-DB8 LOGIC LO-LEAST SlGNlFlCANT BYTE TO DB1-DB8 LOGIC LO INHIBITS DATA TRANSFER TO OUTPUT LATCHES DlGITAL GROUND SELECT CONVERTER RESOLUTION LOGIC LO DB1-DB16 INPUTS LOGIC Hl DB1-D16 OUTPUTS CONVERTER BUSY, DATA NOT VALID WHILE BUSY Hl LOGIC STATE DEFINES DIRECTION OF INPUT SIGNAL ROTATION POSITIVE PULSE WHEN CONVERTER OUTPUT CHANGES FROM 1S TO ALL 0S OR VICE VERSA NEGATIVE POWER SUPPLY VCO INPUT INTEGRATOR INPUT INTEGRATOR OUTPUT DEMODULATOR OUTPUT
BYTE SELECT INHIBIT DIGITAL GROUND SC1-SC2 DATA LOAD BUSY DIRECTION RIPPLE CLOCK -VS VCO I/P INTEGRATOR I/P INTEGRATOR O/P DEMOD O/P
REV. A
-5-
AD2S80A
CONNECTING THE CONVERTER
The power supply voltages connected to +VS and -VS pins should be +12 V dc and -12 V dc and must not be reversed. The voltage applied to VL can be +5 V dc to +VS. It is recommended that the decoupling capacitors are connected in parallel between the power lines +VS, -VS and ANALOG GROUND adjacent to the converter. Recommended values are 100 nF (ceramic) and 10 F (tantalum). Also capacitors of 100 nF and 10 F should be connected between +VL and DIGITAL GROUND adjacent to the converter. When more than one converter is used on a card, then separate decoupling capacitors should be used for each converter. The resolver connections should be made to the SIN and COS inputs, REFERENCE INPUT and SIGNAL GROUND as shown in Figure 7 and described in section "CONNECTING THE RESOLVER." The two signal ground wires from the resolver should be joined at the SIGNAL GROUND pin of the converter to minimize the coupling between the sine and cosine signals. For this reason it is also recommended that the resolver is connected using individually screened twisted pair cables with the sine, cosine and reference signals twisted separately.
SIGNAL GROUND and ANALOG GROUND are connected internally. ANALOG GROUND and DIGITAL GROUND must be connected externally. The external components required should be connected as shown in Figure 1.
CONVERTER RESOLUTION
Two major areas of the AD2S80A specification can be selected by the user to optimize the total system performance. The resolution of the digital output is set by the logic state of the inputs SC1 and SC2 to be 10, 12, 14 or 16 bits; and the dynamic characteristics of bandwidth and tracking rate are selected by the choice of external components. The choice of the resolution will affect the values of R4 and R6 which scale the inputs to the integrator and the VCO respectively (see section COMPONENT SELECTION). If the resolution is changed, then new values of R4 and R6 must be switched into the circuit. Note: When changing resolution under dynamic conditions, do it when the BUSY is low, i.e., when Data is not changing.
REFERENCE I/P
HF FILTER R2 C2 R1
OFFSET ADJUST R9 +12V -12V R8
C3 R3
C1
R4
INTEGRATOR I/P DEMOD I/P DEMOD O/P PHASE SENSITIVE DETECTOR
BANDWIDTH SELECTION
C5 C4 R5
AC ERROR O/P
SIN SIG GND COS GND RIPPLE CLK +12V -12V
A1 SEGMENT SWITCHING A2 R-2R DAC A3
AD2S80A
16-BIT UP/DOWN COUNTER
INTEGRATOR O/P R6 VCO + DATA TRANSFER LOGIC
VELOCITY SIGNAL TRACKING RATE SELECTION
OUTPUT DATA LATCH
VCO I/P
R7 C6
DATA SC1 SC2 LOAD ENABLE
16 DATA BITS
BYTE +5V SELECT
DIG GND
BUSY
DIRN INHIBIT
Figure 1. AD2S80A Connection Diagram
-6-
REV. A
AD2S80A
CONVERTER OPERATION POSITION OUTPUT
When connected in a circuit such as shown in Figure 1 the AD2S80A operates as a tracking resolver-to-digital converter and forms a Type 2 closed-loop system. The output will automatically follow the input for speeds up to the selected maximum tracking rate. No convert command is necessary as the conversion is automatically initiated by each LSB increment, or decrement, of the input. Each LSB change of the converter initiates a BUSY pulse. The AD2S80A is remarkably tolerant of input amplitude and frequency variation because the conversion depends only on the ratio of the input signals. Consequently there is no need for accurate, stable oscillator to produce the reference signal. The inclusion of the phase sensitive detector in the conversion loop ensures a high immunity to signals that are not coherent or are in quadrature with the reference signal.
SIGNAL CONDITIONING
The resolver shaft position is represented at the converter output by a natural binary parallel digital word. As the digital position output of the converter passes through the major carries, i.e., all "1s" to all "0s" or the converse, a RIPPLE CLOCK (RC) logic output is initiated indicating that a revolution or a pitch of the input has been completed. The direction of input rotation is indicated by the DIRECTION (DIR) logic output. This direction data is always valid in advance of a RIPPLE CLOCK pulse and, as it is internally latched, only changing state (1 LSB min change) with a corresponding change in direction. Both the RIPPLE CLOCK pulse and the DIRECTION data are unaffected by the application of the INHIBIT. The static positional accuracy quoted is the worst case error that can occur over the full operating temperature excluding the effects of offset signals at the INTEGRATOR INPUT (which can be trimmed out--see Figure 1), and with the following conditions: input signal amplitudes are within 10% of the nominal; phase shift between signal and reference is less than 10 degrees. These operating conditions are selected primarily to establish a repeatable acceptance test procedure which can be traced to national standards. In practice, the AD2S80A can be used well outside these operating conditions providing the above points are observed.
VELOCITY SIGNAL
The amplitude of the SINE and COSINE signal inputs should be maintained within 10% of the nominal values if full performance is required from the velocity signal. The digital position output is relatively insensitive to amplitude variation. Increasing the input signal levels by more than 10% will result in a loss in accuracy due to internal overload. Reducing levels will result in a steady decline in accuracy. With the signal levels at 50% of the correct value, the angular error will increase to an amount equivalent to 1.3 LSB. At this level the repeatability will also degrade to 2 LSB and the dynamic response will also change, since the dynamic characteristics are proportional to the signal level. The AD2S80A will not be damaged if the signal inputs are applied to the converter without the power supplies and/or the reference.
REFERENCE INPUT
The tracking converter technique generates an internal signal at the output of the integrator (the INTEGRATOR OUTPUT pin) that is proportional to the rate of change of the input angle. This is a dc analog output referred to as the VELOCITY signal. In many applications it is possible to use the velocity signal of the AD2S80A to replace a conventional tachogenerator.
DC ERROR SIGNAL
The amplitude of the reference signal applied to the converter's input is not critical, but care should be taken to ensure it is kept within the recommended operating limits. The AD2S80A will not be damaged if the reference is supplied to the converter without the power supplies and/or the signal inputs.
HARMONIC DISTORTION
The amount of harmonic distortion allowable on the signal and reference lines is 10%. Square waveforms can be used but the input levels should be adjusted so that the average value is 1.9 V rms. (For example, a square wave should be 1.9 V peak.) Triangular and sawtooth waveforms should have a amplitude of 2 V rms. Note: The figure specified of 10% harmonic distortion is for calibration convenience only.
The signal at the output of the phase sensitive detector (DEMODULATOR OUTPUT) is the signal to be nulled by the tracking loop and is, therefore, proportional to the error between the input angle and the output digital angle. This is the dc error of the converter; and as the converter is a Type 2 servo loop, it will increase if the output fails to track the input for any reason. It is an indication that the input has exceeded the maximum tracking rate of the converter or, due to some internal malfunction, the converter is unable to reach a null. By connecting two external comparators, this voltage can be used as a "built-in-test."
REV. A
-7-
AD2S80A
COMPONENT SELECTION
The following instructions describe how to select the external components for the converter in order to achieve the required bandwidth and tracking rate. In all cases the nearest "preferred value" component should be used, and a 5% tolerance will not degrade the overall performance of the converter. Care should be taken that the resistors and capacitors will function over the required operating temperature range. The components should be connected as shown in Figure 1. PG compatible software is available to help users select the optimum component values for the AD2S80A, and display the transfer gain, phase and small step response. For more detailed information and explanation, see section "CIRCUIT FUNCTIONS AND DYNAMIC PERFORMANCE." 1. HF Filter (R1, R2, C1, C2) The function of the HF filter is to remove any dc offset and to reduce the amount of noise present on the signal inputs to the AD2S80A, reaching the Phase Sensitive Detector and affecting the outputs. R1 and C2 may be omitted--in which case R2 = R3 and C1 = C3, calculated below--but their use is particularly recommended if noise from switch mode power supplies and brushless motor drive is present. Values should be chosen so that
4. Maximum Tracking Rate (R6) The VCO input resistor R6 sets the maximum tracking rate of the converter and hence the velocity scaling as at the max tracking rate, the velocity output will be 8 V. Decide on your maximum tracking rate, "T," in revolutions per second. Note that "T" must not exceed the maximum tracking rate or 1/16 of the reference frequency. R6 = 6. 32 x 10 T xn
10
where n = bits per revolution = 1,024 for 10 bits resolution = 4,096 for 12 bits = 16,384 for 14 bits = 65,536 for 16 bits 5. Closed-Loop Bandwidth Selection (C4, C5, R5) a. Choose the closed-loop bandwidth (fBW) required ensuring that the ratio of reference frequency to bandwidth does not exceed the following guidelines: Resolution 10 12 14 16 Ratio of Reference Frequency/Bandwidth 2.5 : 1 4 :1 6 :1 7.5 : 1
15 k R1 = R2 56 k C1 = C2 1 2 R1 fREF
(Hz)
Typical values may be 100 Hz for a 400 Hz reference frequency and 500 Hz to 1000 Hz for a 5 kHz reference frequency. b. Select C4 so that C4 = 21 F R6 x fBW 2
and fREF = Reference frequency
This filter gives an attenuation of three times at the input to the phase sensitive detector. 2. Gain Scaling Resistor (R4) If R1, C2 arc fitted then: E DC 1 R4 = x -9 100 x10 3 where 100 x 10-9 = current/LSB If R1, C2 are not fitted then: R4 =
-3
with R6 in and fBW, in Hz selected above. c. C5 is given by d. R5 is given by R5 = C5 = 5 x C4 4 2 x x f BW x C5
EDC 100 x 10
-9
6. VCO Phase Compensation The following values of C6 and R7 should be fitted. C6 = 470 pF, R7 = 68 7. Offset Adjust Offsets and bias currents at the integrator input can cause an additional positional offset at the output of the converter of 1 arc minute typical, 5.3 arc minutes maximum. If this can be tolerated, then R8 and R9 can be omitted from the circuit. If fitted, the following values of R8 and R9 should be used: R8 = 4.7 M, R9 = 1 M potentiometer To adjust the zero offset, ensure the resolver is disconnected and all the external components are fitted. Connect the COS pin to the REFERENCE INPUT and the SIN pin to the SIGNAL GROUND and with the power and reference applied, adjust the potentiometer to give all "0s" on the digital output bits. The potentiometer may be replaced with select on test resistors if preferred. -8- REV. A
where EDC = 160 x 10 for 10 bits resolution = 40 x 10-3 for 12 bits = 10 x 10-3 for 14 bits = 2.5 x 10-3 for 16 bits = Scaling of the DC ERROR in volts 3. AC Coupling of Reference Input (R3, C3) Select R3 and C3 so that there is no significant phase shift at the reference frequency. That is,
R3 = 100 k C3 > 1 R3 x fREF F
with R3 in .
AD2S80A
DATA TRANSFER
+5V 10k RIPPLE CLOCK IN4148 2N3904 +5V 0V 5k1 BUSY NOTE: DO NOT USE ABOVE CCT WHEN INHIBIT IS "LO." IN4148 1k TO COUNTER (CLOCK)
To transfer data the INHIBIT input should be used. The data will be valid 600 ns after the application of a logic "LO" to the INHIBIT. This is regardless of the time when the INHIBIT is applied and allows time for an active BUSY to clear. By using the ENABLE input the two bytes of data can be transferred after which the INHIBIT should be returned to a logic "HI" state to enable the output latches to be updated.
BUSY Output
Figure 2. Diode Transistor Logic Nand Gate
DIRECTION Output
The validity of the output data is indicated by the state of the BUSY output. When the input to the converter is changing, the signal appearing on the BUSY output is a series of pulses at TTL level. A BUSY pulse is initiated each time the input moves by the analog equivalent of one LSB and the internal counter is incremented or decremented.
INHIBIT Input
The INHIBIT logic input only inhibits the data transfer from the up-down counter to the output latches and, therefore, does not interrupt the operation of the tracking loop. Releasing the INHIBIT automatically generates a BUSY pulse to refresh the output data.
ENABLE Input
The DIRECTION (DIR) logic output indicates the direction of the input rotation. Any change in the state of DIR precedes the corresponding BUSY, DATA and RIPPLE CLOCK updates. DIR can be considered as an asynchronous output and can make multiple changes in state between two consecutive LSB update cycles. This corresponds to a change in input rotation direction but less than 1 LSB.
DIGITAL TIMING
BUSY RIPPLE CLOCK VH
t1
VL
The ENABLE input determines the state of the output data. A logic "HI" maintains the output data pins in the high impedance condition, and the application of a logic "LO" presents the data in the latches to the output pins. The operation of the ENABLE has no effect on the conversion process.
BYTE SELECT Input
t2
DATA
VH
t4 t5
VH
t3
VL
INHIBIT
VH VH
The BYTE SELECT input selects the byte of the position data to be presented at the data output DB1 to DB8. The least significant byte will be presented on data output DB9 to DB16 (with the ENABLE input taken to a logic "LO") regardless of the state of the BYTE SELECT pin. Note that when the AD2S80A is used with a resolution less than 16 bits the unused data lines are pulled to a logic "LO." A logic "HI" on the BYTE SELECT input will present the eight most significant data bits on data output DB1 and DB8. A logic "LO" will present the least significant byte on data outputs 1 to 8, i.e., data outputs 1 to 8 will duplicate data outputs 9 to 16. The operation of the BYTE SELECT has no effect on the conversion process of the converter.
RIPPLE CLOCK
t6 t7
VL
DIR
t8
INHIBIT ENABLE VZ VL VL
t9
VH
t 10 t11
DATA
VL VH VH
BYTE SELECT
VL
DATA
As the output of the converter passes through the major carry, i.e., all "1s" to all "0s" or the converse, a positive going edge on the RIPPLE CLOCK (RC) output is initiated indicating that a revolution, or a pitch, of the input has been completed. The minimum pulse width of the ripple clock is 300 ns. RIPPLE CLOCK is normally set high before a BUSY pulse and resets before the next positive going edge of the next consecutive pulse. The only exception to this is when DIR changes whist the RIPPLE CLOCK is high. Resetting of the RIPPLE clock will only occur if the DIR remains stable for two consecutive positive BUSY pulse edges. If the AD2S80A is being used in a pitch and revolution counting application, the ripple and busy will need to be gated to prevent false decrement or increment (see Figure 2). RIPPLE CLOCK is unaffected by INHIBIT. REV. A -9-
PARAMETER t1 t2 t3 t4 t5 t6 t7 t8 t9 t10 t11 t12 t13 TMIN 200 10 470 16 3 70 485 515 - 40 35 60 60 TMAX 600 25 580 45 25 140 625 670 600 110 110 140 125
t12
t13
VL
CONDITION BUSY WIDTH VH-VH RIPPLE CLOCK VH TO BUSY VH RIPPLE CLOCK VL TO NEXT BUSY VH BUSY VH TO DATA VH BUSY VH TO DATA VL INHIBIT VH TO BUSY VH MIN DIR VH TO BUSY VH MIN DIR VH TO BUSY VH INHIBIT VL TO DATA STABLE ENABLE VL TO DATA VH ENABLE VL TO DATA VL BYTE SELECT VL TO DATA STABLE BYTE SELECT VH TO DATA STABLE
AD2S80A
CIRCUIT FUNCTIONS AND DYNAMIC PERFORMANCE
The AD2S80A allows the user greater flexibility in choosing the dynamic characteristics of the resolver-to-digital conversion to ensure the optimum system performance. The characteristics are set by the external components shown in Figure 1, and the section "COMPONENT SELECTION" explains how to select desired maximum tracking rate and bandwidth values. The following paragraphs explain in greater detail the circuit of the AD2S80A and the variations in the dynamic performance available to the user.
Loop Compensation
Additional compensation in the form of a pole/zero pair is required to stabilize any Type 2 loop to avoid the loop gain characteristic crossing the 0 dB axis with 180 of additional phase lag, as shown in Figure 5. This compensation is implemented by the integrator components (R4, C4, R5, C5). The overall response of such a system is that of a unity gain second order low pass filter, with the angle of the resolver as the input and the digital position data as the output. The AD2S80A does not have to be connected as tracking converter, parts of the circuit can be used independently. This is particularly true of the Ratio Multiplier which can be used as a control transformer (see Application Note). A block diagram of the AD2S80A is given in Figure 3.
R5 C5
The AD2S80A (connected as shown in Figure 1) operates as a Type 2 tracking servo loop where the VCO/counter combination and Integrator perform the two integration functions inherent in a Type 2 loop.
AC ERROR
C4
sin sin t cos sin t
RATIO MULTIPLIER
A1 sin ( - ) sin t CLOCK DIRECTION
PHASE SENSITIVE DEMODULATOR
R4
INTEGRATOR R6 VCO VELOCITY
DIGITAL
Figure 3. Functional Diagram
Ratio Multiplier
The ratio multiplier is the input section of the AD2S80A and compares the signal from the resolver input angle, , to the digital angle, , held in the counter. Any difference between these two angles results in an analog voltage at the AC ERROR OUTPUT. This circuit function has historically been called a "Control Transformer" as it was originally performed by an electromechanical device known by that name. The AC ERROR signal is given by A1 sin (-) sin t where = 2 fREF fREF = reference frequency A1, the gain of the ratio multiplier stage is 14.5. So for 2 V rms inputs signals AC ERROR output in volts/(bit of error)
The ratio multiplier will work in exactly the same way whether the AD2S80A is connected as a tracking converter or as a control transformer, where data is preset into the counters using the DATA LOAD pin.
HF Filter
The AC ERROR OUTPUT may be fed to the PSD via a simple ac coupling network (R2, C1) to remove any dc offset at this point. Note, however, that the PSD of the AD2S80A is a wideband demodulator and is capable of aliasing HF noise down to within the loop bandwidth. This is most likely to happen where the resolver is situated in particularly noisy environments, and the user is advised to fit a simple HF filter R1, C2 prior to the phase sensitive demodulator. The attenuation and frequency response of a filter will affect the loop gain and must be taken into account in deriving the loop transfer function. The suggested filter (R1, C1, R2, C2) is shown in Figure 1 and gives an attenuation at the reference frequency (fREF) of 3 times at the input to the phase sensitive demodulator . Values of components used in the filter must be chosen to ensure that the phase shift at fREF is within the allowable signal to reference phase shift of the converter.
Phase Sensitive Demodulator
360 = 2 x sin n x A1
where n = bits per rev = 1,024 for 10 bits resolution = 4,096 for 12 bits = 16,384 for 14 bits = 65,536 for 16 bits giving an AC ERROR output = 178 mV/bit @ 10 bits resolution = 44.5 mV/bit @ 12 bits = 11.125 mV/bit @ 14 bits = 2.78 mV/bit @ 16 bits
The phase sensitive demodulator is effectively ideal and develops a mean dc output at the DEMODULATOR OUTPUT pin of 2 2 x (DEMODULATOR INPUT rms voltage ) -10- REV. A
AD2S80A
for sinusoidal signals in phase or antiphase with the reference (for a square wave the DEMODULATOR OUTPUT voltage will equal the DEMODULATOR INPUT). This provides a signal at the DEMODULATOR OUTPUT which is a dc level proportional to the positional error of the converter. DC Error Scaling = 160 mV/bit (10 bits resolution) = 40 mV/bit (12 bits resolution) = 10 mV/bit (14 bits resolution) = 2.5 mV/bit (16 bits resolution) When the tracking loop is closed, this error is nulled to zero unless the converter input angle is accelerating.
Integrator
The tracking rate in rps per A of VCO input current can be found by dividing the VCO scaling factor by the number of LSB changes per rev (i.e., 4096 for 12-bit resolution). The input resistor R6 determines the scaling between the converter velocity signal voltage at the INTEGRATOR OUTPUT pin and the VCO input current. Thus to achieve a 5 V output at 100 rps (6000 rpm) and 12-bit resolution the VCO input current must be: (100 x 4096)/(7900) = 51.8 A Thus, R6 would be set to: 5/(51.8 x 10-6) = 96 k The velocity offset voltage depends on the VCO input resistor, R6, and the VCO bias current and is given by Velocity Offset Voltage = R6 x (VCO bias current) The temperature coefficient of this offset is given by Velocity Offset Tempco = R6 x (VCO bias current tempco) where the VCO bias current tempco is typically -1.22 nA/C. The maximum recommended rate for the VCO is 1.1 MHz which sets the maximum possible tracking rate. Since the minimum voltage swing available at the integrator output is 8 V, this implies that the minimum value for R6 is 57 k. As
1.1 x 10
6 3
The integrator components (R4, C4, R5, C5) are external to the AD2S80A to allow the user to determine the optimum dynamic characteristics for any given application. The section "COMPONENT SELECTION" explains how to select components for a chosen bandwidth. Since the output from the integrator is fed to the VCO INPUT, it is proportional to velocity (rate of change of output angle) and can be scaled by selection of R6, the VCO input resistor. This is explained in the section "VOLTAGE CONTROLLED OSCILLATOR (VCO)" below. To prevent the converter from "flickering" (i.e., continually toggling by 1 bit when the quantized digital angle, , is not an exact representation of the input angle, ) feedback is internally applied from the VCO to the integrator input to ensure that the VCO will only update the counter when the error is greater than or equal to 1 LSB. In order to ensure that this feedback "hysteresis" is set to 1 LSB the input current to the integrator must be scaled to be 100 nA/bit. Therefore,
R4 = DC Error Scaling (mV /bit ) 100 (nA /bit )
Max Current = MinValue R6
Transfer Function
7.9 x 10 8
= 139 A = 57 k
139 x 10
-6
Any offset at the input of the integrator will affect the accuracy of the conversion as it will be treated as an error signal and offset the digital output. One LSB of extra error will be added for each 100 nA of input bias current. The method of adjusting out this offset is given in the section "COMPONENT SELECTION."
Voltage Controlled Oscillator (VCO)
By selecting components using the method outlined in the section "Component Selection," the converter will have a critically damped time response and maximum phase margin. The Closed-Loop Transfer Function is given by:
OUT 14 (1+ sN ) = 2 IN (sN + 2.4)(sN + 3.4 sN + 5.8)
where, sN, the normalized frequency variable is:
The VCO is essentially a simple integrator feeding a pair of dc level comparators. Whenever the integrator output reaches one of the comparator threshold voltages, a fixed charge is injected into the integrator input to balance the input current. At the same time the counter is clocking either up or down, dependent on the polarity of the input current. In this way the counter is clocked at a rate proportional to the magnitude of the input current of the VCO. During the reset period the input continues to be integrated, the reset period is constant at 400 ns. The VCO rate is fixed for a given input current by the VCO scaling factor: = 7.9 kHz/A
2s sN = f BW
and fBW is the closed-loop 3 dB bandwidth (selected by the choice of external components). The acceleration KA, is given approximately by
K A = 6 x ( f BW ) sec
2 -2
The normalized gain and phase diagrams are given in Figures 4 and 5.
REV. A
-11-
AD2S80A
12 9 6 3 0 -3 -6 -9 -12 0.02fBW
The small signal step response is shown in Figure 6. The time from the step to the first peak is t1 and the t2 is the time from the step until the converter is settled to 1 LSB. The times t1 and t2 are given approximately by
GAIN PLOT
t1 = t2 =
1 f BW 5 R x f BW 12
where R = resolution, i.e., 10, 12, 14 or 16.
0.04fBW 0.1fBW 0.2fBW FREQUENCY 0.4fBW fBW 2fBW
The large signal step response (for steps greater than 5 degrees) applies when the error voltage exceeds the linear range of the converter. Typically the converter will take 3 times longer to reach the first peak for a 179 degrees step. In response to a velocity step, the velocity output will exhibit the same time response characteristics as outlined above for the position output.
ACCELERATION ERROR
Figure 4. AD2S80A Gain Plot
180 135 90
PHASE PLOT
45 0 -45 -90 -135 -180 0.02fBW
A tracking converter employing a Type 2 servo loop does not suffer any velocity lag, however, there is an additional error due to acceleration. This additional error can be defined using the acceleration constant KA of the converter.
KA =
Input Acceleration Error in Output Angle
0.04fBW
0.1fBW
0.2fBW FREQUENCY
0.4fBW
fBW
2fBW
Figure 5. AD2S80A Phase Plot
OUTPUT POSITION
t2
The numerator and denominator must have consistent angular units. For example if KA is in sec-2, then the input acceleration may be specified in degrees/sec2 and the error output in degrees. Angular measurement may also be specified using radians, minutes of arc, LSBs, etc. KA does not define maximum input acceleration, only the error due to it's acceleration. The maximum acceleration allowable before the converter loses track is dependent on the angular accuracy requirements of the system. Angular Accuracy x KA = Degrees/sec2 KA can be used to predict the output position error for a given input acceleration. For example for an acceleration of 100 revs/sec2, KA = 2.7 x 106 sec-2 and 12-bit resolution.
Error in LSBs = =
Input acceleration [LSB/sec 2 ] K A[sec -2 ]
TIME
t1
100 [rev/sec 2 ] x 212 = 0.15 LSBs or 47.5 seconds of arc 2.7x10 6 To determine the value of KA based on the passive components used to define the dynamics of the converter the following should be used.
KA = 2n 4.04 x1011 * R6* R4 *(C4 + C5)
Figure 6. AD2S80A Small Step Response
Where n = resolution of the converter. R4, R6 in ohms C5, C4 in farads
-12-
REV. A
AD2S80A
SOURCES OF ERRORS Integrator Offset VELOCITY ERRORS
Additional inaccuracies in the conversion of the resolver signals will result from an offset at the input to the integrator as it will be treated as an error signal. This error will typically be 1 arc minute over the operating temperature range. A description of how to adjust from zero offset is given in the section "COMPONENT SELECTION" and the circuit required is shown in Figure 1.
Differential Phase Shift
The signal at the INTEGRATOR OUTPUT pin relative to the ANALOG GROUND pin is an analog voltage proportional to the rate of change of the input angle. This signal can be used to stabilize servo loops or in the place of a velocity transducer. Although the conversion loop of the AD2S80A includes a digital section there is an additional analog feedback loop around the velocity signal. This ensures against flicker in the digital positional output in both dynamic and static states. A better quality velocity signal will be achieved if the following points are considered: 1. Protection. The velocity signal should be buffered before use. 2. Reversion error.1 The reversion error can be nulled by varying one supply rail relative to the other. 3. Ripple and Noise. Noise on the input signals to the converter is the major cause of noise on the velocity signal. This can be reduced to a minimum if the following precautions are taken: The resolver is connected to the converter using separate twisted pair cable for the sine, cosine and reference signals. Care is taken to reduce the external noise wherever possible. An HF filter is fltted before the Phase Sensitive Demodulator (as described in the section HF FILTER). A resolver is chosen that has low residual voltage, i.e., a small signal in quadrature with the reference. Components are selected to operate the AD2S80A with the lowest acceptable bandwidth. Feedthrough of the reference frequency should be removed by a filter on the velocity signal. Maintenance of the input signal voltages at 2 V rms will prevent LSB flicker at the positional output. The analog feedback or hysteresis employed around the VCO and the intergrator is a function of the input signal levels (see section "INTEGRATOR") . Following the preceding precautions will allow the user to use the velocity signal in very noisy environments, for example, PWM motor drive applications. Resolver/converter error curves may exhibit apparent acceleration/deceleration at a constant velocity. This results in ripple on the velocity signal of frequency twice the input rotation.
Phase shift between the sine and cosine signals from the resolver is known as differential phase shift and can cause static error. Some differential phase shift will be present on all resolvers as a result of coupling. A small resolver residual voltage (quadrature voltage) indicates a small differential phase shift. Additional phase shift can be introduced if the sine channel wires and the cosine channel wires are treated differently. For instance, different cable lengths or different loads could cause differential phase shift . The additional error caused by differential phase shift on the input signals approximates to Error = 0.53 a x b arc minutes where a = differential phase shift (degrees). b = signal to reference phase shift (degrees). This error can be minimized by choosing a resolver with a small residual voltage, ensuring that the sine and cosine signals are handled identically and removing the reference phase shift (see section "CONNECTING THE RESOLVER"). By taking these precautions the extra error can be made insignificant. Under static operating conditions phase shift between the reference and the signal lines alone will not theoretically affect the converter's static accuracy. However, most resolvers exhibit a phase shift between the signal and the reference. This phase shift will give rise under dynamic conditions to an additional error defined by:
Shaft Speed (rps) x Phase Shift (Degrees ) Reference Frequency
For example, for a phase shift of 20 degrees, a shaft rotation of 22 rps and a reference frequency of 5 kHz, the converter will exhibit an additional error of: 22 x 20 5000 This effect can be eliminated by placing a phase shift in the reference to the converter equivalent to the phase shift in the resolver (see section "CONNECTING THE RESOLVER"). Note: Capacitive and inductive crosstalk in the signal and reference leads and wiring can cause similar problems. 0.088 Degrees
1
Reversion error, or side-to-side nonlinearity, is a result of differences in the up and down rates of the VCO.
REV. A
-13-
AD2S80A
CONNECTING THE RESOLVER TYPICAL CIRCUIT CONFIGURATION
The recommended connection circuit is shown in Figure 7. In cases where the reference phase relative to the input signals from the resolver requires adjustment, this can be easily achieved by varying the value of the resistor R2 of the HF filter (see Figure 1). Assuming that R1 = R2 = R and C1 = C2 = C
1 and Reference Frequency = 2 RC
by altering the value of R2, the phase of the reference relative to the input signals will change in an approximately linear manner for phase shifts of up to 10 degrees. Increasing R2 by 10% introduces a phase lag of 2 degrees. Decreasing R2 by 10% introduces a phase lead of 2 degrees.
PHASE LEAD = ARC TAN 1 2fRC PHASE LAG = ARC TAN 2fRC
Figure 8 shows a typical circuit configuration for the AD2S80A in a 12-bit resolution mode. Values of the external components have been chosen for a reference frequency of 5 kHz and a maximum tracking rate of 260 rps with a bandwidth of 520 Hz. Placing the values for R4, R6, C4 and C5 in the equation for KA gives a value of 2.7 x 106. The resistors are 0.125 W, 5% tolerance preferred values. The capacitors are 100 V ceramic, 10% tolerance components. For signal and reference voltages greater than 2 V rms a simple voltage divider circuit of resistors can be used to generate the correct signal level at the converter. Care should be taken to ensure that the ratios of the resistors between the sine signal line and ground and the cosine signal line and ground are the same. Any difference will result in an additional position error. For more information on resistive scaling of SIN, COS and REFERENCE converter inputs refer to the application note, "Circuit Applications of the 2S81 and 2S81 Resolver-to-Digital Converters."
RELIABILITY
C
R R
C
Phase Shift Circuits
The AD2S80A Mean Time Between Failures (MTBF) has been calculated according to MIL-HDBK-217E, Figure 10 shows the MTBF in hours in naval sheltered conditions for AD2S80A/ 883B only.
OSCILLATOR (e.g., OSC1758) C3 1 R3 REF I/P
2
AD2S80A
TWISTED PAIR SCREENED CABLE 3
4
COS I/P ANALOG GND SIGNAL GND SIN I/P DIGITAL GND
5 S2 R1 R2 RESOLVER POWER RETURN S4 S3 7 S1
31
6
Figure 7. Connecting the AD2S80A to a Resolver
-14-
REV. A
AD2S80A
1M 4.7M
100k 100nF REFERENCE INPUT 100nF
2.2nF
15k 39 k 1.5 nF 180k 470pF 68 100nF 6.8 nF
VELOCITY O/P
1 2.2nF 15k 2 3
PIN 1
40 39 38 37 36
110 k
COS HIGH RESOLVER SIGNALS
4 5
-12V
REF LOW COS LOW SIN LOW SIN HIGH +12V MSB
6 7 8 9 10
35 RIPPLE CLOCK 34 DIRECTION 33 BUSY 32 DATA/LOAD
AD2S80A
31 SC2 30 29 28 INHIBIT 27 BYTE SELECT 26 25 24 23 22 21 ENABLE +5V 100nF 0V
TOP VIEW 11 (Not to Scale) 12 13 14 15 DATA OUTPUT 16 17 18 19 20
LSB
Figure 8. Typical Circuit Configuration
360 315 270 ANGLE - Degrees 225 180 135 90 45 0 4 8 12 TIME - ms 16 20 24
MTBF - Hours
10M
1M
100k
10k -40 -20 0 20 40 60 TEMPERATURE - C 80 100 120
Figure 9. Large Step Response Curves for Typical Circuit Shown in Figure 8
Figure 10. AD2S80A MTBF Curve
REV. A
-15-
AD2S80A
APPLICATIONS Control Transformer
Dynamic Switching
In applications where the user requires wide band response from the converter, for example 100 rpm to 6000 rpm, superior performance is achieved if the converters control characteristics are
The AD2S81A is a low cost, monolithic, 12-bit resolver-to digital converter in a 28-pin ceramic DIP package.
ORDERING GUIDE
Model AD2S80AJD AD2S80AKD AD2S80ALD AD2S80AAD AD2S80ABD AD2S80ASD AD2S80ATD AD2S80AUD AD2S80ASE AD2S80ATE AD2S80AUE AD2S80ASD/883B AD2S80ATD/883B AD2S80ASE/883B AD2S80ATE/883B
Operating Temperature Range 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -55C to +125C -55C to +125C -55C to +125C -55C to +125C -55C to +125C -55C to +125C -55C to +125C -55C to +125C -55C to +125C -55C to +125C
Accuracy 8 arc min 4 arc min 2 arc min 8 arc min 4 arc min 8 arc min 4 arc min 2 arc min 8 arc min 4 arc min 2 arc min 8 arc min 4 arc min 8 arc min 4 arc min
Package Option* D-40 D-40 D-40 D-40 D-40 D-40 D-40 D-40 E-40A E-40A E-40A D-40 D-40 E-40A E-40A
*D = Ceramic DIP Package; E = Leadless Ceramic Chip Carrier Package.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
40-Pin Ceramic DIP (D) Package
44-Terminal LCC (E) Package
-16-
REV. A
PRINTED IN U.S.A.
C1437-24-1/91
The ratio multiplier of the AD2S80A can be used independently of the loop integrators as a control transformer. In this mode the resolver inputs are multiplied by a digital angle any difference between and will be represented by the AC ERROR output as SIN t sin (-) or the DEMOD output as sin (-). To use the AD2S80A in this mode refer to the "Control Transformer" application note.
switched dynamically. This reduces velocity offset levels at low tracking rates. For more information on the technique refer to "Dynamic Resolution Switching Using the Variable Resolution Monolithic Resolver-to-Digital Converters."
OTHER PRODUCTS
The AD2S82A is a monolithic, variable resolution 10-, 12-, 14and 16-bit resolver-to-digital converter in a 44-pin J-leaded PLCC package. In addition to the AD2S80A functions it has a VCO OUTPUT which is a measure of position within a LSB, and a COMPLEMENT Data Output.
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of AD2S80ATD883B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X