Part Number Hot Search : 
ATA5278 SR4050PT 88MS05 SI1125HD VSSR1647 1A101 H85TBXX MAX4644
Product Description
Full Text Search
 

To Download 74LVX244M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVX244 Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
February 1993 Revised April 2005
74LVX244 Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
General Description
The LVX244 is an octal non-inverting buffer and line driver designed to be employed as a memory address driver, clock driver and bus oriented transmitter or receiver which provides improved PC board density. The inputs tolerate up to 7V allowing interface of 5V systems to 3V systems.
Features
s Input voltage translation from 5V to 3V s Ideal for low power/low noise 3.3V applications s Guaranteed simultaneous switching noise level and dynamic threshold performance
Ordering Code:
Order Number 74LVX244M 74LVX244SJ 74LVX244MTC Package Number M20B M20D MTC20 Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Devices also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code. Pb-Free package per JEDEC J-STD-020B.
Logic Symbol
IEEE/IEC
Pin Descriptions
Pin Names OE1, OE2 I0-I7 O0-O7 Description 3-STATE Output Enable Inputs Inputs Outputs
Truth Tables
Inputs OE1 L In L H X Inputs OE2 L L H
H X HIGH Voltage Level Immaterial
Outputs (Pins 12, 14, 16, 18) L H Z Outputs In L H X (Pins 3, 5, 7, 9) L H Z
L LOW Voltage Level Z High Impedance
Connection Diagram
L H
(c) 2005 Fairchild Semiconductor Corporation
DS011552
www.fairchildsemi.com
74LVX244
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) DC Input Diode Current (IIK) VI
0.5V to 7.0V 20 mA 0.5V to 7V 20 mA 20 mA 0.5V to VCC 0.5V r25 mA r75 mA 65qC to 150qC
180 mW
Recommended Operating Conditions (Note 2)
Supply Voltage (VCC) Input Voltage (VI) Output Voltage (Vo) Operating Temperature (TA) Input Rise and Fall Time ('t/'V) 2.0V to 3.6V 0V to 5.5V 0V to VCC
0.5V
DC Input Voltage (VI) DC Output Diode Current (IOK) VO VO
40qC to 85qC
0 ns/V to 100 ns/V
0.5V VCC 0.5V
DC Output Voltage (VO) DC Output Source or Sink Current (IO) DC VCC or Ground Current (ICC or IGND) Storage Temperature (TSTG) Power Dissipation
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH Parameter HIGH Level Input Voltage VIL LOW Level Input Voltage VOH HIGH Level Output Voltage VOL LOW Level Output Voltage IOZ IIN ICC 3-STATE Output Off-State Current Input Leakage Current Quiescent Supply Current 3.6 3.6 VCC 2.0 3.0 3.6 2.0 3.0 3.6 2.0 3.0 3.0 2.0 3.0 3.0 3.6 1.9 2.9 2.58 0.0 0.0 0.1 0.1 0.36 2.0 3.0 TA Min 1.5 2.0 2.4 0.5 0.8 0.8 1.9 2.9 2.48 0.1 0.1 0.44 V VIN V
25qC
Typ Max
TA
40qC to 85qC
Min 1.5 2.0 2.4 0.5 0.8 0.8 Max
Units
Conditions
V
V VIN VIH or VIL IOH IOH IOH VIH or VIL IOL IOL IOL VIN VOUT VIN VIN VIH or VIL VCC or GND 5.5V or GND VCC or GND
50 PA 50 PA 4 mA
50 PA 50 PA 4 mA
r0.25 r0.1
4.0
r2.5 r1.0
40.0
PA PA PA
Noise Characteristics
Symbol VOLP VOLV VIHD VILD
(Note 3)
VCC (V) 3.3 3.3 3.3 3.3 TA Typ 0.5 25qC Limit 0.8 V V V V Units CL (pF) 50 50 50 50
Parameter Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum HIGH Level Dynamic Input Voltage Maximum LOW Level Dynamic Input Voltage
tf 3 ns
0.5
0.8
2.0 0.8
Note 3: Input tr
www.fairchildsemi.com
2
74LVX244
AC Electrical Characteristics
Symbol tPLH tPHL Parameter Propagation Delay Time 3.3 r 0.3 tPZL tPZH 3-STATE Output Enable Time 9.6 3.3 r 0.3 5.5 8.0 tPLZ tPHZ tOSLH tOSHL 3-STATE Output Disable Time Output to Output Skew (Note 4) 2.7 3.3 r 0.3 2.7 3.3
|tPLHm tPLHn|, tOSHL
VCC (V) 2.7 Min
TA
25qC
Typ 6.1 8.6 4.7 7.2 7.1 Max 11.4 14.9 7.1 10.6 13.8 17.3 8.8 12.3 16.0 11.4 1.5 1.5
|t PHLm t PHLn|
TA
40qC to 85qC
Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max 13.5 17.0 8.5 12.0 16.5 20.0 10.5 14.0 19.0 13.0 1.5 1.5
Units CL ns CL CL CL CL RL CL ns RL CL RL CL RL CL RL CL
Conditions 15 pF 50 pF 15 pF 50 pF 15 pF, 1 k: 50 pF, 1 k: 15 pF, 1 k: 50 pF, 1 k: 50 pF, 1 k: 50 pF
2.7
11.6 9.7
ns ns
Note 4: Parameter guaranteed by design. tOSLH
Capacitance
Symbol CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance (Note 5) Parameter TA Min
25qC
Typ 4 6 19 Max 10
TA 40qC to 85qC Min Max 10
Units pF pF pF
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
3
www.fairchildsemi.com
74LVX244
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M20B
www.fairchildsemi.com
4
74LVX244
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M20D
5
www.fairchildsemi.com
74LVX244 Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC20
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LVX244M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X