|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
74AC157 * 74ACT157 Quad 2-Input Multiplexer November 1988 Revised November 1999 74AC157 * 74ACT157 Quad 2-Input Multiplexer General Description The AC/ACT157 is a high-speed quad 2-input multiplexer. Four bits of data from two sources can be selected using the common Select and Enable inputs. The four outputs present the selected data in the true (noninverted) form. The AC/ACT157 can also be used as a function generator. Features s ICC and IOZ reduced by 50% s Outputs source/sink 24 mA s ACT157 has TTL-compatible inputs Ordering Code: Order Number 74AC157SC 74AC157SJ 74AC157MTC 74AC157PC 74ACT157SC 74ACT157SJ 74ACT157MTC 74ACT157PC Package Number M16A M16D MTC16 N16E M16A M16D MTC16 N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Body 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16 -Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Body 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16 -Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Device also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code. Logic Symbols Connection Diagram IEEE/IEC Pin Descriptions Pin Names I0a-I0d I1a-I1d E S Za-Zd Description Source 0 Data Inputs Source 1 Data Inputs Enable Input Select Input Outputs FACT is a trademark of Fairchild Semiconductor Corporation. (c) 1999 Fairchild Semiconductor Corporation DS009929 www.fairchildsemi.com 74AC157 * 74ACT157 Functional Description The AC/ACT157 is a quad 2-input multiplexer. It selects four bits of data from two sources under the control of a common Select input (S). The Enable input (E) is activeLOW. When E is HIGH, all of the outputs (Z) are forced LOW regardless of all other inputs. The AC/ACT157 is the logic implementation of a 4-pole, 2-position switch where the position of the switch is determined by the logic levels supplied to the Select input. The logic equations for the outputs are shown below: Za = E * (I1a * S + I0a * S) Zb = E * (I1b * S + I0b * S) Zc = E * (I1c * S + I0c * S) Zd = E * (I1d * S + I0d * S) A common use of the AC/ACT157 is the moving of data from two groups of registers to four common output busses. The particular register from which the data comes is determined by the state of the Select input. A less obvious use is as a function generator. The AC/ACT157 can generate any four of the sixteen different functions of two variables with one variable common. This is useful for implementing gating functions. Truth Table Inputs E H L L L L S X H H L L I0 X X X L H I1 X L H X X Outputs Z L L H L H H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Logic Diagram Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays. www.fairchildsemi.com 2 74AC157 * 74ACT157 Absolute Maximum Ratings(Note 1) Supply Voltage (VCC) DC Input Diode Current (IIK) VI = -0.5V VI = VCC + 0.5V DC Input Voltage (VI) DC Output Diode Current (IOK) VO = -0.5V VO = VCC + 0.5V DC Output Voltage (VO) DC Output Source or Sink Current (IO) DC VCC or Ground Current per Output Pin (ICC or IGND) Storage Temperature (TSTG) Junction Temperature (TJ) PDIP 140C 50 mA -65C to +150C 50 mA -20 mA +20 mA -0.5V to VCC + 0.5V -20 mA +20 mA -0.5V to VCC + 0.5V -0.5V to +7.0V Recommended Operating Conditions Supply Voltage (VCC) AC ACT Input Voltage (VI) Output Voltage (VO) Operating Temperature (TA) Minimum Input Edge Rate (V/t) AC Devices VIN from 30% to 70% of VCC VCC @ 3.3V, 4.5V, 5.5V Minimum Input Edge Rate (V/t) ACT Devices VIN from 0.8V to 2.0V VCC @ 4.5V, 5.5V 125 mV/ns Note 1: Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation of FACT circuits outside databook specifications. 2.0V to 6.0V 4.5V to 5.5V 0V to VCC 0V to VCC -40C to +85C 125 mV/ns DC Electrical Characteristics for AC Symbol VIH Parameter Minimum HIGH Level Input Voltage VIL Maximum LOW Level Input Voltage VOH Minimum HIGH Level Output Voltage VCC (V) 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 VOL Maximum LOW Level Output Voltage 3.0 4.5 5.5 3.0 4.5 5.5 IIN (Note 4) IOLD IOHD ICC (Note 4) Maximum Input Leakage Current Minimum Dynamic Output Current (Note 3) Maximum Quiescent Supply Current 5.5 5.5 5.5 5.5 4.0 0.002 0.001 0.001 TA = +25C Typ 1.5 2.25 2.75 1.5 2.25 2.75 2.99 4.49 5.49 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 2.56 3.86 4.86 0.1 0.1 0.1 0.36 0.36 0.36 0.1 TA = -40C to +85C Guaranteed Limits 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 VIN = VIL or VIH 2.46 3.76 4.76 0.1 0.1 0.1 VIN = VIL or VIH 0.44 0.44 0.44 1.0 75 -75 40.0 A mA mA A V IOL = 12 mA IOL = 24 mA IOL = 24 mA (Note 2) V I = VCC, GND V OLD = 1.65V Max V OHD = 3.85V Min V IN = VCC or GND V IOUT = 50 A V IOH = -12 mA IOH = -24 mA IOH = -24 mA (Note 2) V IOUT = -50 A V V OUT = 0.1V or VCC - 0.1V V Units Conditions VOUT = 0.1V or VCC - 0.1V Note 2: All outputs loaded; thresholds on input associated with output under test. Note 3: Maximum test duration 2.0 ms, one output loaded at a time. Note 4: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC. 3 www.fairchildsemi.com 74AC157 * 74ACT157 DC Characteristics for ACT Symbol VIH VIL VOH Parameter Minimum HIGH Level Input Voltage Maximum LOW Level Input Voltage Minimum HIGH Level Output Voltage VCC (V) 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 VOL Maximum LOW Level Output Voltage 4.5 5.5 4.5 5.5 IIN ICCT IOLD IOHD ICC Maximum Input Leakage Current Maximum ICC/Input Minimum Dynamic Output Current (Note 6) Maximum Quiescent Supply Current 5.5 5.5 5.5 5.5 5.5 4.0 0.6 0.001 0.001 TA = +25C Typ 1.5 1.5 1.5 1.5 4.49 5.49 2.0 2.0 0.8 0.8 4.4 5.4 3.86 4.86 0.1 0.1 0.36 0.36 0.1 TA = -40C to +85C Guaranteed Limits 2.0 2.0 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.44 0.44 1.0 1.5 75 -75 40.0 A mA mA mA A V Units V V V Conditions VOUT = 0.1V or VCC - 0.1V VOUT = 0.1V or VCC - 0.1V IOUT = -50 A VIN = VIL or VIH V IOH = -24 mA IOH = -24 mA (Note 5) IOUT = 50 A VIN = VIL or VIH V IOL = 24 mA IOL = 24 mA (Note 5) VI = VCC, GND VI = VCC - 2.1V VOLD = 1.65V Max VOHD = 3.85V Min VIN = V CC or GND Note 5: All outputs loaded; thresholds on input associated with output under test. Note 6: Maximum test duration 2.0 ms, one output loaded at a time. AC Electrical Characteristics for AC VCC Symbol Parameter (V) (Note 7) tPLH tPHL tPLH tPHL tPLH tPHL Propagation Delay S to Zn Propagation Delay S to Zn Propagation Delay E to Zn Propagation Delay E to Zn Propagation Delay In to Zn Propagation Delay In to Zn Note 7: Voltage Range 3.3 is 3.3V 0.3V Voltage Range 5.0 is 5.0V 0.5V TA = +25C CL = 50 pF Min 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 Typ 7.0 5.5 6.5 5.0 7.0 5.5 6.5 5.5 5.0 4.0 5.0 4.0 Max 11.5 9.0 11.0 8.5 11.5 9.0 11.0 9.0 8.5 6.5 8.0 6.5 TA = -40C to +85C CL = 50 pF Min 1.5 1.5 1.5 1.0 1.5 1.5 1.5 1.0 1.0 1.0 1.0 1.0 Max 13.0 10.0 12.0 9.5 13.0 10.0 12.0 9.5 9.0 7.0 9.0 7.0 ns ns ns Units 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 ns ns ns www.fairchildsemi.com 4 74AC157 * 74ACT157 AC Electrical Characteristics for ACT VCC Symbol tPLH tPHL tPLH tPHL tPLH tPHL Parameter Propagation Delay S to Zn Propagation Delay S to Zn Propagation Delay E to Zn Propagation Delay E to Zn Propagation Delay In to Zn Propagation Delay In to Zn Note 8: Voltage Range 5.0 is 5.0V 0.5V TA = +25C CL = 50 pF Min 2.0 2.0 1.5 Typ 5.5 5.5 6.0 Max 9.0 9.5 10.0 TA = -40C to +85C CL = 50 pF Min 1.5 2.0 1.5 Max 10.0 10.5 11.5 ns ns ns Units (V) (Note 8) 5.0 5.0 5.0 5.0 5.0 5.0 1.5 1.5 1.5 5.0 4.0 4.5 8.5 7.0 7.5 1.0 1.0 1.0 9.0 8.5 8.5 ns ns ns Capacitance Symbol CIN CPD Parameter Input Capacitance Power Dissipation Capacitance Typ 4.5 50.0 Units pF pF V CC = OPEN V CC = 5.0V Conditions 5 www.fairchildsemi.com 74AC157 * 74ACT157 Physical Dimensions inches (millimeters) unless otherwise noted 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Body Package Number M16A www.fairchildsemi.com 6 74AC157 * 74ACT157 Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M16D 7 www.fairchildsemi.com 74AC157 * 74ACT157 Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 16- Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC16 www.fairchildsemi.com 8 74AC157 * 74ACT157 Quad 2-Input Multiplexer Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N16E Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 9 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com www.fairchildsemi.com This datasheet has been download from: www..com Datasheets for electronics components. |
Price & Availability of 74ACT157SCX |