Part Number Hot Search : 
CM3627 L1040 18608137 143EC MH61FAG R60J4 18110 BZX84A10
Product Description
Full Text Search
 

To Download 403CMQ100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20726 rev. B 08/01
403CMQ... Series
SCHOTTKY RECTIFIER 400 Amp
TO-244AB Isolated
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM Range IFSM @ tp = 5 s sine VF TJ @ 200Apk, TJ=125C (per leg) range
Description/Features
The 403CMQ high current Schottky rectifier module series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175C junction temperature. Typical applications are in high current switching power supplies, plating power supplies, UPS systems, converters, free-wheeling diodes, welding, and reverse battery protection. 175 C TJ operation Center tap module - Isolated Base High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
403CMQ... Units
400 80 to 100 25,500 0.69 A V A V
- 55 to 175
C
LUG TERMINAL ANODE 1
COMMON CATHODE
LUG TERMINAL ANODE 3
2
ISOLATED BASE
Modified JEDEC Outline TO-244AB Isolated Dimensions in millimeters and (inches)
www.irf.com
1
403CMQ... Series
Bulletin PD-20726 rev. B 08/01
Voltage Ratings
Parameters
V R Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
403CMQ080
80
403CMQ100
100
Absolute Maximum Ratings
Parameters
IF(AV) Max.AverageForwardCurrent(PerLeg) ( Per Device) IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
403CMQ Units
200 400 25500 3300 15 1 A mJ A A
Conditions
50% duty cycle @ TC = 85 C, rectangular wave form Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied 5s Sine or 3s Rect. pulse TJ = 25 C, IAS = 1 Amps, L = 30 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) (1)
403CMQ Units
0.83 0.97 0.69 0.82 6 140 5500 5.0 10000 1000 V V V V mA mA pF nH @ 200A @ 400A @ 200A @ 400A
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (Per Leg) Typical Series Inductance (1) (Per Leg) Max. Junction Capacitance (Per Leg)
TJ = 25 C TJ = 125 C
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C From top of terminal hole to mounting plane
dv/dt Max. Voltage Rate of Change VRMS Insulation Voltage
V/ s (Rated VR) V
(1) Pulse Width < 300s, Duty Cycle <2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
403CMQ Units
-55 to 175 -55 to 175 0.40 0.20 0.10 79 (2.80) 24 (20) 35 (30) 13.5 (12) 35(30) 46 (40) TO-244AB C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt Approximate Weight T Mounting Torque Base Min. Max. Mounting Torque Center Hole Typ. Terminal Torque Min. Max. Case Style
C/W DC operation C/W DC operation C/W Mounting surface , smooth and greased g (oz.) Kg-cm (Ibf-in)
Isolated Modified JEDEC
2
www.irf.com
403CMQ... Series
Bulletin PD-20726 rev. B 08/01
1000
1000 100 10
125C T J = 175C 150C
Reverse Current - I R (mA)
1 0.1 0.01
100C 75C 50C 25C
100
Instantaneous Forward Current - I F (A)
TJ = 175C TJ = 125C TJ = 25C
0.001 0 20 40 60 80 Reverse Voltage - V R (V) 100
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage
10000
10
Junction Capacitance - C T (pF)
T = 25C J
1 0 0.3 0.6 0.9 Forward Voltage Drop - V FM (V) 1.2
1000 0 40 60 80 100 120 Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage 20
Fig. 1 - Max. Forward Voltage Drop Characteristics
1
Thermal Impedance Z thJC (C/W)
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
0.1
PDM
t1
0.01
Notes:
t2
Single Pulse (Thermal Resistance)
1. Duty factor D = 1 / t t2 2. Peak TJ = PDM x Z thJC + T C
0.001 0.00001
0.0001
0.001 0.01 0.1 1 10 t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance ZthJC Characteristics
100
www.irf.com
3
403CMQ... Series
Bulletin PD-20726 rev. B 08/01
200
Allowable Case Temperature (C) Average Power Loss (Watts)
200
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMS Limit DC
160
DC
150
120
100
80
Square wave (D = 0.50) Rated V applied R
40
see note (2)
50
0 0 100 200 300
Average Forward Current - I F(AV)(A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current
Non-Repetitive Surge Current - I FSM (A)
0 0 50 100 150 200 250 300
Average Forward Current - I F(AV) (A) Fig. 6 - Forward Power Loss Characteristics
100000
At Any Rated Load Condition And With Rated VRRM Applied Following Surge
10000
1000 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec) Fig. 7 - Max. Non-Repetitive Surge Current
L H IG H -SPE ED SW ITC H FREE-W HE EL D IO D E 40H FL40S02 V d = 25 V olt
D UT
IRFP460 Rg = 25 ohm
+
C UR RE N T M O N ITO R
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
403CMQ... Series
Bulletin PD-20726 rev. B 08/01
Ordering Information Table
Device Code
403
1
C
2
M
3
Q
4
100
5
1 2 3 4 5
-
Current Rating: 400A Common Cathode Module Schottky Q Series Voltage Rating: 080 = 80V 100 = 100V
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 08/01
www.irf.com
5


▲Up To Search▲   

 
Price & Availability of 403CMQ100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X